Part Number Hot Search : 
250101B 2J224 27T104C F1603 1SS174 04597 EL2041D 1N5376B
Product Description
Full Text Search
 

To Download 2SD961 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD961
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 80V(Min) *Good Linearity of hFE *Low Collector Saturation Voltage : VCE(sat)= 0.5V(Max)@IC= 4A *Complement to Type 2SB869
APPLICATIONS *Designed for power switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w
ww
scs .i
VALUE 130 80 7 5 10
UNIT
V
.cn mi e
V
V
IC
Collector Current-Continuous
A
ICM
Collector Current-Peak Collector Power Dissipation @ TC=25 Junction Temperature
A
PC
40
W
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
2SD961
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA; IB= 0
80
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4A; IB= 0.2A
B
0.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4A; IB= 0.2A
B
1.5
V
ICBO
Collector Cutoff Current
VCB= 100V; IE= 0
10
A
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
50
A
hFE-1
DC Current Gain
IC= 0.1A; VCE= 2V
hFE-2
DC Current Gain
fT
Current-Gain--Bandwidth Product
Switching Times
ton
Turn-On Time
w w
P 130-260
scs .i w
IC= 0.5A; VCE= 2V
IC= 0.5A; VCE= 10V
.cn mi e
45 60
260
30
MHz
0.5
s
ts
Storage Time
IC= 2A; IB1= -IB2= 0.2A
1.5
s
tf
Fall Time
0.15
s
hFE-2 Classifications R 60-120 Q 90-180
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SD961

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X