Part Number Hot Search : 
5KP110A PC28F128 4425B 00BGXI LTC14 M29F10 S17055G SP312EEA
Product Description
Full Text Search
 

To Download 12D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA125
ISSUE 2 - FEBRUARY 1997 DEVICE DESCRIPTION
Typical TC 30ppm/C Typical slope resistance 0.65 3%,2% and 1% tolerance Industrial temperature range Operating current 50A to 5mA Transient response, stable in less than 10s Optional extended current range Battery powered and portable equipment. Metering and measurement systems. Instrumentation. Data acquisition systems. Precision power supplies. Test equipment. The ZRA125 uses a bandgap circuit design to achieve a precision micropower voltage reference of 1.25 volts. The device is available in small outline surface mount packages, ideal for applications where space saving is important, as well as packages for through hole requirements.
* * * * * * *
APPLICATIONS
The ZRA125 design provides a stable voltage without an external capacitor and is stable with capacitive loads. The ZRA125 is recommended for operation between 50A and 5mA and so is ideally suited to low power and battery powered applications. Excellent performance is maintained to a suggested absolute maximum of 25mA, however the rugged design and 20 volt processing allows the reference to withstand transient effects and currents up to 200mA. Superior switching capability allows the device to reach stable operating conditions in only a few microseconds.
* * * * * *
FEATURES
* *
Small outline SOT23, SO8 and TO92 style packages No stabilising capacitor required
SCHEMATIC DIAGRAM
V
R
G nd
1 - 24
ZRA125
TYPICAL CHARACTERISTICS
1.4 1.26 1.27 IR=150A to 5mA
ZRA125
ABSOLUTE MAXIMUM RATING
Reverse Current Forward Current Operating Temperature Storage Temperature
1.2 1.25
25mA 25mA -40 to 85C -55 to 125C
Power Dissipation (Tamb=25C) SOT23 330mW E-Line, 3 pin (TO92) 500mW E-Line, 2 pin (TO92) 500mW SO8 625mW
1.0 1.24
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated) Tamb=25C
0.8 1.23
SYMBOL PARAMETER
0.6 1.22 0.4
Forward Voltage (V)
Reference voltage (V)
1.21 0.1 1 10 100 1000 -40 -20
CONDITIONS TYP MAX
0.2
LIMITS
TOL. %
UNITS
MIN V
Forward Current (mA)
VR
Reverse Breakdown Voltage IR=150A
Forward Characteristics
0
20
40
60
80
1.228 1.225 1.21 30 5 30
1.0
1.24 1.252 1.25 1.275 1.25 1.29 50 mA A
1 2 3
Temperature (C)
IMIN
Minimum Operating Current
Temperature Drift
1000
IR 90 ppm/C
Recommended Operating Current
0.05
TC
100
Average Reverse Breakdown Voltage Temp. Co. 0.65 2
0.5
IR(min) to IR(max)
TA=-40C
I4=150A
10 TA=25C
RS 0.5 1
Slope Resistance
I4=1mA
Slope resistance ()
Reverse Dynamic Impedance IR = 1mA f = 100Hz IAC= 0.1 IR 40 V(rms)
0 0.1
Slope resistance ()
ZR
TA=85C
1
I4=5mA
0.1 0.01 1 10 0.1 1 10 100
EN
Wideband Noise Voltage
IR = 150A f = 100Hz to 10kHZ
Reference Current (mA)
Frequency (kHz)
Slope Resistance v Current
Slope Resistance v Frequency
1.5
1.5
60
1.0
VR Change x 1000000 VR x Temperature Change
C 5
)=
T 2 0 -4 C 5 C
40
0.5
58K
VR - (V)
INPUT O UTPUT
0
TC =
VR - (V)
50
1.0
INPUT
0.5
1 K8 O UTPUT
0
30
Reverse Current (A)
VR Change (IR (min) to IR (max)) RS = IR (max) - IR (min)
=8 T)
T
- (V)
10
VI
0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0
1
2
3
4
VI
)=
N
0
- (V)
N
20
10
10
0
0
2
4
6
8
Reverse Voltage (V)
Time (s)
Time (s)
Reverse Characteristics
Transient Response (I4=150A)
Transient Response (I4=5mA)
1 - 45
1 - 26
ZRA125
TYPICAL CHARACTERISTICS
1.4 1.26 1.27 IR=150A to 5mA
ZRA125
ABSOLUTE MAXIMUM RATING
Reverse Current Forward Current Operating Temperature Storage Temperature
1.2 1.25
25mA 25mA -40 to 85C -55 to 125C
Power Dissipation (Tamb=25C) SOT23 330mW E-Line, 3 pin (TO92) 500mW E-Line, 2 pin (TO92) 500mW SO8 625mW
1.0 1.24
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated) Tamb=25C
0.8 1.23
SYMBOL PARAMETER
0.6 1.22 0.4
Forward Voltage (V)
Reference voltage (V)
1.21 0.1 1 10 100 1000 -40 -20
CONDITIONS TYP MAX
0.2
LIMITS
TOL. %
UNITS
MIN V
Forward Current (mA)
VR
Reverse Breakdown Voltage IR=150A
Forward Characteristics
0
20
40
60
80
1.228 1.225 1.21 30 5 30
1.0
1.24 1.252 1.25 1.275 1.25 1.29 50 mA A
1 2 3
Temperature (C)
IMIN
Minimum Operating Current
Temperature Drift
1000
IR 90 ppm/C
Recommended Operating Current
0.05
TC
100
Average Reverse Breakdown Voltage Temp. Co. 0.65 2
0.5
IR(min) to IR(max)
TA=-40C
I4=150A
10 TA=25C
RS 0.5 1
Slope Resistance
I4=1mA
Slope resistance ()
Reverse Dynamic Impedance IR = 1mA f = 100Hz IAC= 0.1 IR 40 V(rms)
0 0.1
Slope resistance ()
ZR
TA=85C
1
I4=5mA
0.1 0.01 1 10 0.1 1 10 100
EN
Wideband Noise Voltage
IR = 150A f = 100Hz to 10kHZ
Reference Current (mA)
Frequency (kHz)
Slope Resistance v Current
Slope Resistance v Frequency
1.5
1.5
60
1.0
VR Change x 1000000 VR x Temperature Change
C 5
)=
T 2 0 -4 C 5 C
40
0.5
58K
VR - (V)
INPUT O UTPUT
0
TC =
VR - (V)
50
1.0
INPUT
0.5
1 K8 O UTPUT
0
30
Reverse Current (A)
VR Change (IR (min) to IR (max)) RS = IR (max) - IR (min)
=8 T)
T
- (V)
10
VI
0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0
1
2
3
4
VI
)=
N
0
- (V)
N
20
10
10
0
0
2
4
6
8
Reverse Voltage (V)
Time (s)
Time (s)
Reverse Characteristics
Transient Response (I4=150A)
Transient Response (I4=5mA)
1 - 45
1 - 26
ZRA125
ORDERING INFORMATION
Part No ZRA125A03 ZRA125A02 ZRA125A01 ZRA125F03 ZRA125F02 ZRA125F01 ZRA125N803 ZRA125N802 ZRA125N801 1 SO8 2 SO8 3 SO8 ZRA12503 ZRA12502 ZRA12501 1 SOT23 12D 2 SOT23 12B 3 SOT23 12A ZRA125Y03 ZRA125Y02 ZRA125Y01 1 E-Line * ZRA12501 ZRA125R01 1 3 2 1 2 E-Line * ZRA12502 ZRA125R02 2 3 E-Line * ZRA12503 ZRA125R03 3 Tol% Package Partmark Part No Tol% Package E-Line * E-Line * E-Line * E-Line E-Line E-Line * E-Line 3 pin Reversed E-Line 2 pin * E-Line 3 pin Partmark
ZRA125
CONNECTION DIAGRAMS
E-Line, 2 pin Package Suffix Y
E-Line, 3 pin,Rev Package Suffix R
ZRA125R3 ZRA125R2 ZRA125R1 ZRA12503 ZRA12502 ZRA12501
Bottom View
Bottom View Pin 3 floating or connected to pin 1
E-Line, 3 pin Package Suffix A
SO8 Package Suffix N8
Bottom View Pin 1 floating or connected to pin 3
Top View
SOT23 Package Suffix F
Top View Pin 1 floating or connected to pin 2
ZRA125
ORDERING INFORMATION
Part No ZRA125A03 ZRA125A02 ZRA125A01 ZRA125F03 ZRA125F02 ZRA125F01 ZRA125N803 ZRA125N802 ZRA125N801 1 SO8 2 SO8 3 SO8 ZRA12503 ZRA12502 ZRA12501 1 SOT23 12D 2 SOT23 12B 3 SOT23 12A ZRA125Y03 ZRA125Y02 ZRA125Y01 1 E-Line * ZRA12501 ZRA125R01 1 3 2 1 2 E-Line * ZRA12502 ZRA125R02 2 3 E-Line * ZRA12503 ZRA125R03 3 Tol% Package Partmark Part No Tol% Package E-Line * E-Line * E-Line * E-Line E-Line E-Line * E-Line 3 pin Reversed E-Line 2 pin * E-Line 3 pin Partmark
ZRA125
CONNECTION DIAGRAMS
E-Line, 2 pin Package Suffix Y
E-Line, 3 pin,Rev Package Suffix R
ZRA125R3 ZRA125R2 ZRA125R1 ZRA12503 ZRA12502 ZRA12501
Bottom View
Bottom View Pin 3 floating or connected to pin 1
E-Line, 3 pin Package Suffix A
SO8 Package Suffix N8
Bottom View Pin 1 floating or connected to pin 3
Top View
SOT23 Package Suffix F
Top View Pin 1 floating or connected to pin 2


▲Up To Search▲   

 
Price & Availability of 12D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X