Part Number Hot Search : 
VCS1610 T110026 IA8X44 1117C XXAB3 BUL68A LV010 TLP67
Product Description
Full Text Search
 

To Download 1091M5-12V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1091M Series Non-Relampable LED Indicator Lights
DESCRIPTION AND FEATURES
All dimensions in inches. O.630
Solid-state indicator lights complete with built-in current-limiting resistor and rectifier diode. Mounting: Will snap-fit into O.500/.505 hole in panels .020/.100 thick. Push-on speednut SN0461 also available. Mounting hole pattern on page SP2. Wire Leads: No.22 AWG (105C),lead color: red and white, 4.40/4.80 long, stripped .430/.570
1.130
.380
Lens: Polycarbonate Anode(+): Red lead Bezel: Polished stainless steel. For black finish add "X" after the series letter(s). Housing: White Nylon
O.500 MAX.
Lens C olor R ed G reen Y ellow Internal R es is tor (ohms )
Model No. (6V ) 1091M1-6V 1091M5-6V 1091M7-6V 150
LE D Solid S tate Model No. (12V ) 1091M1-12V 1091M5-12V 1091M7-12V 390
Indicator Model No. (24V ) 1091M1-24V 1091M5-24V 1091M7-24V 1000
Model No. (105-125 V AC *) 1091M1-125V AC 1091M5-125V AC 1091M7-125V AC (2) 3.9K1/ W* 2 (One Internal)
Notes: Also incorporates IN4004 (400 P.I.V.) rectifier diode. *125 VAC supplied with 6" white wire, stripped 1/2" with external 3.9K 1/2 watt resistor attached to one lead, covered with shrink tubing insulation. * Also incorporates 1N4004 (400 P.I.V.) rectifier diode.
V oltage T able Nominal 6V 12V 24V 125 V AC V AC 5 to 11 10 to 20 22 to 32 105 to 125 VDC 3.5 to 6.5 6 to 13.5 12 to 24 -
Lens C olor R ed G reen Y ellow
Incorporates LE D* 4304H1 4304H5 4304H7
To use 24V model: Beyond 32VAC add 30 ohms per volt; beyond 24 VDC add 50 ohms per volt. Use 1/2W resistor up to 50V; 1W resistor for 50V to 70V; 2W resistor for 75V to 125V. Do not use beyond 125V.
America: CML Innovative Technologies,Inc. 147 Central Avenue Hackensack, NJ 07601 -USA Tel:1-201-489 -8989 Fax:1-201-489 -6911 e-mail:americas@cml-it.com
Europe: CML Technologies GmbH &Co.KG Robert-Bunsen-Str.1 67098 Bad Durkheim -GERMANY Tel:+49 (0)6322 9567-0 Fax:+49 (0)6322 9567-88 e-mail:europe@cml-it.com
Asia: CML Innovative Technologies,Inc. 61 Aida Street Singapore 459975 Tel:(65)9630 -5003 e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product
1091M Series Non-Relampable LED Indicator Lights


▲Up To Search▲   

 
Price & Availability of 1091M5-12V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X