|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/04/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0877159103 Active 1.00mm (.039") Pitch, PCI Express* Connector, 64 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, Gold (Au) Flash, with Plastic Pegs, 3.00mm (.118") Soldertail, Lead Free Agency Certification CSA UL LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Comments Component Type Overview Product Name Edge Card Connectors 87715 PCI 4 lanes Edgecard to PCB pci_express_card_edge_connector PCI Express* Physical Circuits (Loaded) Circuits (maximum) Circuits Detail Durability (mating cycles max) Entry Angle Flammability Keying to Mating Part Material - Plating Mating Material - Plating Termination PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Temperature Range - Operating Termination Interface: Style 64 64 All Signal 50 Vertical (Top Entry) 94V-0 Yes Gold Tin 0.118 In 3.00 mm Yes Yes 0.093 In 2.40 mm Tray 0.039 In 1.00 mm 0.039 In 1.00 mm Yes -55C to +85C Through Hole Search Parts in this Series 87715Series Mates With PCI Express Card Electrical Current - Maximum per Contact Voltage - Maximum 1.1A 50V AC (RMS)/DC Solder Process Data Lead-free Process Capability Process Temperature max. C Wave Capable (TH only) 245 Material Info Reference - Drawing Numbers Packaging Specification Product Specification PK-87715-207 PS-87715-200 Sales Drawing Test Summary * PCI Express is a registered trademark of PCI-SIG(R) SD-87715-207 TS-87715-207 This document was generated on 06/04/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0877159103 |