|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Approve Sheet Part Number: UF1600FCT~UF1608FCT DATA SHEET UF1600FCT~UF1608FCT ISOLATION ULTRAFST SWITCHING RECTIFIER VOLTAGE- 50 to 800 Volts CURRENT - 16.0 Amperes FEATURES * Plastic package has Underwriters Laboratory Flammability Classification 94V-O . Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228. * Low power loss,high efficiency. * Low forward voltage, high current capability. * High surge capacity. * Ultra fast recovery times, high voltage. .112(2.85) .100(2.55) Unit: inch ( mm ) ITO-220AB .406(10.3) MAX .134(3.4) .118(3.0) .189(4.8)MAX .272(6.9) .248(6.3) .123(3.1)MAX MECHANICAL DATA Case:ITO-220AB molded plastic Terminals:Solder plated, solderable per MIL-STD-202, Method 208 Polarity: As marked. Standard packaging: Any Weight: 0.08 ounce, 2.24 grams. .071(1.8) MAX .114(2.9) .098(2.5) .161(4.1) MAX .055(1.4) MAX .035(.9) MAX .543(13.8) .512(13.0) .606(15.4) .583(14.8) .032(.8) MAX .1 (2.55) .1 (2.55) AC Positive CT AC MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Single phase , half wave ,60Hz, resistive or inductive load. For capacitive load , derate current by 20%. + UF1600FCT UF1601FCT UF1602FCT UF1603FCT UF1604FCT UF1606FCT UF1608FCT UNITS V V V A Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at T C =100C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 8.0A per element Maximum DC Reverse Current (Note 1) Ta= 25C at Rated DC Blocking Voltage Ta=100C 50 35 50 100 70 100 200 140 200 300 210 300 400 280 400 600 420 600 800 560 800 16.0 125 1.00 10 500 50 170 30.0 -65 to +150 100 130 1.30 1.70 A V A ns pF C/W C Maximnm Reverse Recovery Time (Note 1) Typical Junction Capacitance(Note 2) Typical thermal Resistance (Note 3) RJA Operating and Storage Temperature Range T J, T STG NOTES:1. Reverse Recovery Test Conditions: I F =.5A, I R =1A, I rr =.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted PAGE . 1 Approve Sheet Part Number: UF1600FCT~UF1608FCT RATING AND CHARACTERISTIC CURVES +0.5A t rr 50 Noninductive 10 Noninductive 0 -0.25 (-) (+) 25Vdc (approx) (-) PULSE GENERATOR NOTE 2 1 Non inductive (+) OSCILLOSCCOPE NOTE 1 NOTES: 1.Rise Time=7ns max Input Impedance=1 megohm. 22pF 2. Rise Time=10ns max. Source Impedance = 50 Ohms -1.0 SET TIME BASE FOR10ns/cm 1cm Fig.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM 20.0 UF1603FCT~UF1604FCT UF1600FCT~UF1602FCT AVERAGE FORWARD CURRENT 100 16.0 12.0 8.0 4.0 0 0 50 100 150 INSTANEOUS FORWARD CURRENT,(A) 10 UF1606FCT~UF1608FCT 1 CASE TEMPERATURE, OC 0.1 TJ=25 C O Fig.3- FORWARD CURRENT DERATING CURVE FORWARD SURGE CURRENT, AMPERES 175 150 125 100 75 50 25 0.01 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 FORWARD VOLTAGE , VOLTS Fig. 2- FORWARD CHARACTERISTICS 1000 IR-REVERSE LEAKAGE CURRENT. MICROAMPERES 100 T J =125 C O 1 10 100 NUMBER OF CYCLES AT 60Hz Fig.4- PEAK FORWARD SURGE CURRENT 300 10 250 CAPACITANCE, pF 200 UF1600CT~UF1604CT 150 TJ = 25OC 100 50 UF1606CT~UF1608CT 1.0 T J =25 C O 0 0.1 20 40 60 80 100 120 140 1 2 5 10 20 50 100 200 500 REVERSE VOLTAGE, VOLTS %of PIV. VOLTS Fig.5- TYPICAL REVERSE CHARACTERISTICS Fig.6- TYPICAL JUNCTION CAPACITANCE PAGE . 2 |
Price & Availability of UF1600FCT |