|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ALUMINUM ELECTROLYTIC CAPACITORS EP Bi-Polarized, Wide Temperature Range series 1 ~ 2 ranks smaller than ET series. Adapted to the RoHS directive (2002/95/EC). ET Smaller EP Specifications Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics - 55 ~ +105C 6.3 ~ 100V 0.47 ~ 6800F 20% at 120Hz, 20C After 5 minutes' application of rated voltage, leakage current is not more than 0.03CV or 3 (A), whichever is greater. Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.) 6.3 0.24 10 0.24 16 0.20 6.3 4 10 10 3 8 25 0.20 16 2 6 35 0.16 25 2 4 50 0.14 35 2 3 50 2 3 63 0.12 63 2 3 100 0.10 100 2 3 Measurement frequency : 120Hz Stability at Low Temperature Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C Endurance After 1000 hours' application of rated voltage at 105C, with the polarity inverted every 250 hours, capacitors meet the characteristic requirements listed at right. Capacitance change tan Leakage current Within 25% of initial value (6.3~16V) Within 20% of initial value (25~100V) 150% or less of initial specified value Initial specified value or less Shelf Life Marking After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve. Radial Lead Type Type numbering system (Example : 10V 47F) fd Sleeve (P.E.T.) +0.5 MAX UEP 1 A 4 7 0 MDD P 0.5 1 2 3 4 5 6 7 8 9 10 11 Configuration Capacitance tolerance (20%) Rated Capacitance (47mF) Rated voltage (10V) Series name Type fD (f6.3up) Pressure reliefvent L+ MAX 15MIN fD fd 4MIN (L < 20) 1.5 (L 20) 2.0 P 5 6.3 8 10 12.5 16 18 2.0 2.5 3.5 5.0 5.0 7.5 7.5 0.5 0.5 0.6 0.6 0.6 0.8 0.8 (mm) * Please refer to page 21 about the end seal configulation. Configuration Pb-free leadwire fD Pb-free PET sleeve 5 DD 6.3 ED 8 a 10 PD 12.5 ~ 18 HD 25 1E 35 1V 50 1H 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 12.5 x 25 16 x 25 16 x 31.5 63 1J 7 10 15 18 22 37 63 77 105 190 340 460 590 Dimensions Cap. (F) V Code 6.3 0J 10 1A 16 1C 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 R47 010 2R2 3R3 5 x 11 4R7 5 x 11 5 x 11 5 x 11 100 27 27 5 x 11 220 46 6.3 x 11 37 40 6.3 x 11 5 x 11 5 x 11 5 x 11 8 x 11.5 330 56 45 45 49 6.3 x 11 5 x 11 5 x 11 8 x 11.5 470 67 54 6.3 x 11 54 67 6.3 x 11 5 x 11 8 x 11.5 110 8 x 11.5 110 10 x 16 101 6.3 x 11 90 90 6.3 x 11 8 x 11.5 150 221 215 12.5 x 20 8 x 11.5 150 10 x 12.5 195 10 x 16 8 x 11.5 185 10 x 16 331 320 12.5 x 20 240 10 x 16 265 12.5 x 20 10 x 12.5 260 10 x 16 471 380 12.5 x 25 290 10 x 20 345 12.5 x 20 10 x 20 102 670 16 x 31.5 510 12.5 x 25 460 12.5 x 20 605 16 x 25 222 12.5 x 25 910 16 x 31.5 1070 18 x 35.5 1140 820 16 x 25 16 x 25 332 1110 16 x 31.5 1200 18 x 35.5 1400 16 x 31.5 1430 18 x 35.5 1520 472 18 x 35.5 1830 682 21 30 51 72 86 160 290 350 465 805 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 12.5 x 20 16 x 25 16 x 31.5 18 x 35.5 20 24 40 68 98 130 225 405 535 680 100 2A 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 16 12.5 x 20 12.5 x 20 16 x 25 18 x 35.5 8 12 20 25 30 50 97 140 170 300 510 Case size Rated D x L (mm) ripple Rated Ripple (mArms) at 105C 120Hz Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity. CAT.8100V |
Price & Availability of UEP2A222MDD |