Part Number Hot Search : 
BAS16L 30AE3 KBPC3501 NQ03LT 27C256 HMC329 2N4232A SR160
Product Description
Full Text Search
 

To Download TE158R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TE150R THRU TE158R
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes
FEATURES l Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound l l l l 1.5 ampere operation at TA=55 with no thermal runaway Exceeds environmental standards of MIL-S-19500/228 Fast switching for high efficiency Glass passivated junction in DO-15 package DO-15
MECHANICAL DATA Case: Molded plastic, DO-15 Terminals: axial leads, solderable per MIL-STD-202, Method 208 Polarity: denotes cathode Mounting Position: Any Weight: 0.015 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
TE150R TE151R TE152R TE154R TE156R TE158R UNITS
Peak Reverse Voltage, Repetitive; VRM Maximum RMS Voltage DC Reverse Voltage; VR Average Forward Current, IO @ TA=55 3.8"lead length 60 Hz, resistive or inductive load Peak Forward Surge Current, IFM (surge) 8.3msec. single half sine wave superimposed on rated load(JECEC method) Maximum Forward Voltage VF @1.5A, 25 Maximum Reverse Current, @Rated Ta=25 Reverse Voltage Ta=100 Typical Junction capacitance (Note 1) CJ Typical Thermal Resistance (Note 2) R JA Reverse Recovery Time IF=.5A, IR=1A, Irr=.25A Operating and Storage Temperature Range NOTES:
50 35 50
100 70 100
200 140 200 1.5 50
400 280 400
600 420 600
800 560 800
V V V A A
1.3 5.0 150 25 45 150 150 150 150 250 500
V A
PF
/W ns
-55 to +150
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 2. Thermal resistance from junction to ambient at 0.375"(9.5mm) lead length P.C.B. mounted
RATING AND CHARACTERISTIC CURVES TE150R THRU TE158R
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
Fig. 2- FORWARD CHARACTERISTICS
Fig. 3-FORWARD CURRENT DERATING CURVE
Fig. 4-TYPICAL JUNCTION CAPACITANCE vs. REVERSE VOLTAGE
Fig. 5-PEAK FORWARD SURGE CURRENT


▲Up To Search▲   

 
Price & Availability of TE158R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X