Part Number Hot Search : 
P6KE500A AOD11S60 C1473 P6KE75CA MB85R BAYP18 WP710 S1A120D0
Product Description
Full Text Search
 

To Download T63 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T63
Vishay Sfernice
1/4" Multiturn Sealed Container Cermet Trimmers
FEATURES
* 0.25 Watt at 85C * Industrial grade * CECC 41 100 * MIL-R-22097 Due to their square shape and small size (6.8 x 6.8 x 5 mm), the multiturn trimmers of the T63 series are ideally suited for PCB use, enabling high density board mounting with reduced space requirement between cards. Four versions are available differing by the top or side position of the adjustment screw and by PC pins configuration. The use of cermet for the resistive track ensures an excellent stability of nominal specifications throughout life. * Multiturn operation * A low contact resistance variation * Tight tolerancing * Low end contact resistance
DIMENSIONS in millimeters
T63XA
O 0.45 2.54 2.54 screwdriver slot 0.5 x 0.5 2.3 0.2 6.8 0.2 4 min.
5 max. a b c
TERMINAL SPACING ON A 2,54 PCB a b c
6.8 0.2
0.25 0.7 O 1.8 5.7 0.1
1 0.1
T63XB
1.2 0,3 2.54 6.8 0.2 4 min.
5 max. a b c a b c
2.54 2.54 screwdriver slot 0.5 x 0.5
6.8 0.2
0.25 0,7 O 1.8 5.7 0.1
1 0.1
T63YA
O 0.45 2.54 2.54 2.3 0.2 7,8 max. 6.8 0.2 4 min.
5 max.
1 0.1 1.3 0.1
a b c
O 1.8 6.8 0.2
a b c 0.25
T63YB
1.2 0.3 2.54 2.54 2.54 6.8 0.2 4 min.
5 max.
1 0.1 1.3 0.1
a b c
O 1.8 6.8 0.2
a b c 0.25
T63ZA
6.8 0.2 O 1.8
6.8 0.2
c b a
3.7 6.8 0.2
2.54 2.54
1.3 0.1
c b a
1 0.1
c b a
2.54 2.54
T63ZB
6.8 0.2 O 1.8 2.54 3.7
5 max. 4 min.
c b a
CIRCUIT DIAGRAM
a (1) b (2)
cw
c (3)
www.vishay.com 58
For technical questions, contact sfer@vishay.com
Document Number: 51024 Revision 01-Mar-02
T63
1/4" Multiturn Sealed Container Cermet Trimmers
ELECTRICAL SPECIFICATIONS
Resistive Element Electrical Travel Resistance Range Standard Series and on Request Series E3 Tolerance Power Rating Temperature Coefficient Limiting Element Voltage (Linear Law) Contact Resistance Variation End Resistance (Typical) Dielectric Strength (RMS) Standard On request Linear cermet 13 turns 2 10 to 2M 1 - 2 - 5. (1 - 2.2 - 4.7).... 10% 5% 0.25W at + 85C See Standard Resistance Element Data 250V 2% Rn or 2 1 1000V
Vishay Sfernice
Insulation Resistance (500 VDC)
106M
MECHANICAL SPECIFICATIONS
Mechanical Travel Operating Torque (max. Ncm) End Stop Torque Unit Weight (max. g) 15 turns 5 1 clutch action 0.5
POWER RATING CHART
0.25
RATED POWER IN WATT
ENVIRONMENTAL SPECIFICATIONS
Temperature Range Climatic Category Sealing - 55C + 155C 55/125/56 fully sealed container IP67
0 0 50 85 100 155 175 AMBIENT TEMPERATURE IN DEGREES CELSIUS
PERFORMANCE
TESTS Load Life CONDITIONS 1000 hours at rated power 90'/30' - ambient temperature 85C Phase A dry heat 125C - 30% Pr Phase B damp heat Phase C cold -55C Phase D damp heat 5 cycles 56 days 5 cycles - 55C at + 125C 50 g 11 ms 3 successive shocks in 3 directions 10 - 55 Hz 0.75 mm or 10 g during 6 hours 200 cycles TYPICAL VALUES AND DRIFTS RT R1-2 (%) (%) RT R1-2 1% 2% Contact resistance variation : < 1% Rn 0.5%
0.5% Dielectric strength : 1000 V RMS Insulation resistance : > 104 M
Climatic Sequence
1%
1%
Long Term Damp Heat Rapid Temperature Change Shock
0.5 %
V1-2 1% V1-3
0.2%
0.1%
Vibration
0.1% 2% Contact resistance variation : < 1% Rn
V1-2 0.2% V1-3
Rotational Life
Document Number: 51024 Revision 01-Mar-02
For technical questions, contact sfer@vishay.com
www.vishay.com 59
T63
Vishay Sfernice
1/4" Multiturn Sealed Container Cermet Trimmers
MARKING
STANDARD RESISTANCE ELEMENT DATA
STANDARD RESISTANCE VALUES 10 20 50 100 200 500 1k 2k 5k 10k 20k 25k 50k 100k 200k 250k 500k 1M 2.2M MAX. POWER AT 85C W 0.25 LINEAR LAW MAX. MAX. CUR. WORKING THROUGH VOLTAGE ELEMENT V 1.58 2.23 3.53 5 7.07 11.2 15.8 22.3 35.3 50 70.7 79 112 158 224 250 250 250 250 mA 158 112 77 50 35 22 15.8 11.2 7.1 5 3.5 3.2 2.2 1.6 1.1 1.1 0.50 0.25 0.125 T.C. - 55C + 125C ppm/C 0 + 200
Printed : VISHAY trademark, series, style, ohmic value (in , k, M), tolerance (in %), only if nonstandard,manufacturing date, marking of terminal 3.
100
0.25 0.25 0.13 0.06 0.03
PACKAGING
- In magazine pack (tube) by 50 pieces code "TU50".
ORDERING INFORMATION
T63 SERIES XA VERSION 100k OHMIC VALUE 10 % TOLERANCE TU50 PACKAGING TU50 : Tube
N.B.: On delivery the wiper is positioned at mid-travel.
www.vishay.com 60
For technical questions, contact sfer@vishay.com
Document Number: 51024 Revision 01-Mar-02


▲Up To Search▲   

 
Price & Availability of T63

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X