Part Number Hot Search : 
N82S123 G30N60 BY1800 00218 BPC1010 C5VDC CT1623 BC548C
Product Description
Full Text Search
 

To Download STI30NM60ND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP/F30NM60ND-STW30NM60ND STB30NM60ND-STI30NM60ND
N-channel 600V - 0.11 - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmeshTM II Power MOSFET (with fast diode)
Preliminary Data
Features
Type
www..com
VDSS 600V 600V 600V 600V 600V
RDS(on) Max < 0.13 < 0.13 < 0.13 < 0.13 < 0.13
ID 25A 25A 25A(1) 25A 25A
3
3 1 2
STB30NM60ND STI30NM60ND STF30NM60ND STP30NM60ND STW30NM60ND
3 1 2
1
TO-220
D2PAK
TO-220FP
1. Limited only by maximum temperature allowed
The world's best RDS(on)*in TO-220 amongst the fast recovery diode devices 100% avalanche tested Low input capacitance and gate charge Low gate input resistance Extremely high dv/dt and avalanche capabilities Figure 1.
3 12
2 1
3
I2PAK
TO-247
Internal schematic diagram
Application
Switching applications
Description
The FDmeshTM II series belongs to the second generation of MDmeshTM technology. This revolutionary Power MOSFET associates a new vertical structure to the company's strip layout and associates all advantages of reduced onresistance and fast switching with an intrinsic fastrecovery body diode.It is therefore strongly recommended for bridge topologies, in particular ZVS phase-shift converters. Table 1. Device summary
Order codes STB30NM60ND STI30NM60ND STF30NM60ND STP30NM60ND STW30NM60ND November 2007 Marking 30NM60ND 30NM60ND 30NM60ND 30NM60ND 30NM60ND Rev 1 Package DPAK IPAK TO-220FP TO-220 TO-247 Packaging Tape & reel Tube Tube Tube Tube 1/15
www.st.com 15
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Contents
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
Contents
1 2 3
www..com
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Test circuit ................................................ 6
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Packing mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
5 6
2/15
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
Electrical ratings
1
Electrical ratings
Table 2.
Symbol
Absolute maximum ratings
Value Parameter TO-220/D2PAK I2PAK / TO-247 600 30 25 15.75 100 190 1.51 40 --55 to 150 150 2500 25
(1)
Unit TO-220FP V V A A A W W/C V/ns V
VDS
www..com
Drain-source voltage (VGS = 0) Gate- source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor
VGS ID ID IDM
(2)
15.75(1) 100(1) 40 0.24
PTOT dv/dt(3) Viso Tstg TJ
Peak diode recovery voltage slope Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1s;TC=25C) Storage temperature Max. operating junction temperature
C
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD 25A, di/dt 600A/s, VDD = 80% V(BR)DSS
Table 3.
Symbol
Thermal data
Parameter TO-220 TO-247 TO-220FP DPAK/IPAK 0.66 62.5 50 300 3.1 62.5 Unit C/W C/W C
Rthj-case Thermal resistance junction-case max Rthj-amb Thermal resistance junction-ambient max Tl Maximum lead temperature for soldering purpose
Table 4.
Symbol IAS EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or notrepetitive (pulse width limited by TJ max) Single pulse avalanche energy (starting TJ = 25 C, ID = IAS, VDD = 50 V) Max value TBD TBD Unit A mJ
3/15
Electrical characteristics
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 5.
Symbol
On/off states
Value Parameter Drain-source breakdown voltage Drain source voltage slope Zero gate voltage drain current (VGS = 0) Gate-body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions Min. Typ. Max. V 48 1 10 100 3 4 0.11 5 0.13 V/ns A A nA V Unit
www..com
V(BR)DSS dv/dt(1) IDSS IGSS VGS(th) RDS(on)
ID = 1mA, VGS = 0 VDD= 480V, ID= 25A, VGS= 10V VDS = Max rating VDS = Max rating @125C VGS = 20V VDS = VGS, ID = 250 A VGS = 10V, ID = 12.5 A
600
1. Characteristic value at turn off on inductive load
Table 6.
Symbol gfs
(1)
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Equivalent output capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge Gate input resistance Test conditions VDS = 15 V, ID = 12.5 A VDS = 25V, f = 1 MHz, VGS = 0 VGS = 0V, VDS = 0V to 480V VDD =300 V, ID = 12.5A RG = 4.7 VGS = 10V (see Figure 7), (see Figure 2) VDD = 480V, ID = 25A, VGS = 10V, (see Figure 3) f=1MHz Gate DC Bias=0 Test signal level=20mV Open drain Min. Typ. TBD 3000 600 90 TBD TBD TBD TBD TBD 100 TBD TBD 1.6 Max. Unit S pF pF pF
Ciss Coss Crss Coss eq.(2) td(on) tr td(off) tf Qg Qgs Qgd Rg
pF ns ns ns ns nC nC nC
1. Pulsed: pulse duration=300s, duty cycle 1.5% 2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
4/15
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
Electrical characteristics
Table 7.
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM
www..com
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 25A, VGS = 0 ISD = 25A, VDD = 60V di/dt=100A/s (see Figure 4) ISD = 25A,VDD = 60V di/dt=100A/s, TJ = 150C (see Figure 4) TBD TBD TBD TBD TBD TBD Test conditions Min. Typ. Max. 25 100 1.6 Unit A A V ns C A ns C A
trr Qrr IRRM
1. Pulse width limited by safe operating area 2. Pulsed: Pulse duration = 300 s, duty cycle 1.5%.
5/15
Test circuit
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
3
Figure 2.
Test circuit
Switching times test circuit for resistive load Figure 3. Gate charge test circuit
www..com
Figure 4.
Test circuit for inductive load Figure 5. switching and diode recovery times
Unclamped Inductive load test circuit
Figure 6.
Unclamped inductive waveform
Figure 7.
Switching time waveform
6/15
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
www..com
7/15
Package mechanical data
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.49 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
www..com
8/15
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
Package mechanical data
TO-220FP mechanical data
mm. Min. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 Typ. Max. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 Min. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch Typ. Max. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
www..com
A
B
L3 L6 L7
F1 F
D
G1
E H
F2
L2 L5
123
L4
G
9/15
Package mechanical data
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
TO-262 (I2PAK) mechanical data
mm. DIM. Min. A A1 b 4.40 2.40 0.61 1.14 0.49 1.23 8.95 2.40 4.95 10 13 3.50 1.27 Typ. Max. 4.60 2.72 0.88 1.70 0.70 1.32 9.35 2.70 5.15 10.40 14 3.93 1.40 Min. 0.173 0.094 0.024 0.044 0.019 0.048 0.352 0.094 0.194 0.393 0.511 0.137 0.050 Typ. Max. 0.181 0.107 0.034 0.066 0.027 0.052 0.368 0.106 0.202 0.410 0.551 0.154 0.055 inch
www..com
b1 c c2 D e e1 E L L1 L2
10/15
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
Package mechanical data
DPAK mechanical data
mm Dim Min A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10 8.5 4.88 15 1.27 1.4 2.4 0.4 0 4 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.50 0.055 0.094 10.4 0.393 Typ Max 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 Min 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352
inch Typ Max 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 0.315 0.409 0.334 0.208 0.625 0.55 0.68 0.126 0.015
www..com
11/15
Package mechanical data
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 0.140 0.177 0.216 14.80 4.30 0.560 0.14 0.728 0.143 0.216 TYP MAX. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75 MIN. 0.19 0.086 0.039 0.079 0.118 0.015 0.781 0.608 0.214 0.582 0.17 inch TYP. MAX. 0.20 0.102 0.055 0.094 0.134 0.03 0.793 0.620
DIM. A A1 b
www..com
b1 b2 c D E e L L1 L2 oP oR S
12/15
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
Packing mechanical data
5
Packing mechanical data
D2PAK FOOTPRINT
www..com
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
13/15
Revision history
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
6
Revision history
Table 8.
Date 06-Nov-2007
Document revision history
Revision 1 initial release. Changes
www..com
14/15
STP/F30NM60ND - STB30NM60ND - STI30NM60ND - STW30NM60ND
www..com
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
15/15


▲Up To Search▲   

 
Price & Availability of STI30NM60ND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X