![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features: MPEG-4/MJPEG Compression Format RS-485 control interface (PTZ) SD card backup 2-way Audio Support cell phone/PDA/3GPP Dual Streaming Motion Detection Wireless (Optional) Video Server & Video Decoder SDK for Software Integration Free Bundle 36-Channel Recording Software Milestone Compatible SIP4100 Series 1 Ch Transceiver Specification Hardware CPU RAM ROM Video in / Video Server Video out / Video Decoder Audio in/ out I/O RS 485 Power Consumption Operating Temperature Dimensions(WxHxD) Weight ARM 9 ,32 bit RISC 64MB 8MB 1-ch BNC type, (CBVS Camera input) 1-ch BNC type (CBVS Monitor output) 1 in/ 1 out (RCA type) 2 in/ 4 out 1, for PTZ control LAN: DC 12V, 300mA WLAN: DC 12V, 400mA -10C~50C 133x42x107mm 400 g System Video Resolution Dual Streaming Image snapshot Full scree monitoring Compression format Video bitrate adjust Motion Detection Triggered action Pre/Post alarm Remote PTZ Control NTSC: 720x480, 704x480, 352x240, 176x120 PAL: 720x576, 704x576, 352x288, 176x144 Yes Yes Yes MPEG-4, MJPEG CBR, VBR Yes, 3 different areas Mail, FTP, Save to SD card, Alarm Yes, configurable Yes Video Decoding Video Output Resolution Decompression Format TV Out Output OSD Stream Server D1/ VGA/ CIF/ QCIF MPEG4/ MJPEG Yes Yes IP Camera, Video Server, DVR Network Ethernet Wireless Security Network Protocol 10/ 100 Base-T 802.11b/g WEP, WPA-PSK, WPA2-PSK HTTP, TCP/IP, SMTP, FTP, PPPoE, DHCP, DDNS, NTP, 3GPP, UPnP Client system requirements OS Hardware Suggested Minimum Intel-C 2.0G, RAM: 512MB, Graphic card: 64MB Intel-C 1.6G, RAM: 256MB, Graphic card: 32MB Windows 2000/2003, XP, Vista, IE 6 or above www..com Security Firmware Upgrade Simultaneous Connection System Password protection HTTP mode, can be upgraded remotely Up to 10 SD card management Recording Trigger Video Format Video Playback Delete File Motion Detection, IP check, Network status(Wire connection only), Alarm AVI, JPEG Yes Yes, can be deleted or overwrite System Configuration Unit:mm Ordering Information * * SV4100 SV4102 1Ch Transceiver (digital-to-analog), MPEG4/MJPEG 1Ch Wireless Transceiver (digital-to-analog), MPEG4/MJPEG Securex reserves the right to change specifications,modify design and discontinue items without incurring obligation and whilst every effort is made to ensure that descript ion,specifications and other information in this catalogue are correct,no warrant is given in respect thereof and the company shall not be liable for any error therein. * For detailed lens option please refer to "Lens Option" in latest price book. SIP4100 Page 1/1 http://www.securex.hk/ Email: sales@securex.hk |
Price & Availability of SIP4100
![]() |