Part Number Hot Search : 
SF2N4931 ADN4600 2SC3865 R2010 GXP6H VIT3080S SP8M4 M4001
Product Description
Full Text Search
 

To Download PHI214-30EL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 an
AMP
company
Radar Pulsed Power Transistor, 3OW, 1 .Oms Pulse, 10% Duty PHI 214-30EL . 1.2 - 1.4 GHz
v2.00
Features_-.-- NPN Silicon Microwave Power Transistor Common Base Configuration Broadband Class C Operation Matrix Geometry Diffused Emitter Ballasting Resistors Gold Metalization System Internal Input Impedance Matching Hermetic`MetalKeramic Package
=..*
C23.83)
.820
37kC13 (9 53E.25)
I
Absolute Maximum Ratings at 25C
Parameter Collector-EmitterVoltage ( Emitter-BaseVoltage Collector Current (Peak) Total Power Dissipation JunctionTemperature Storage Temperature 1 Symbol V ES V,,, `t P TOT TJ T sic 1 Rating 56 3.0 3.0 50 200 -65 to +200 ( Unita V V A w "C "C
UNLESS K'IERWISE NJTED, TDLER4N:ES CARE INCHES :H!LLIMETRS :.DDY -.!3MM) .375i.OlO :9.53=.2s
1
Electrical Characteristics
Parameter Collector-Emitter Breakdown Voltage
at 25C
Symbol BV,,, ICES R nwC) P IN G,
%
Min 56
Max 3.0 1.5 4.9
Units V mA "C/W w dB % dB I,=60 mA V,,=28 V,,=28 V,,=28 V,,=28 .~ I',,=28 V,,=28 V,,=28 v
Test Conditions
Collector-EmitterLeakageCurrent Thermal Resistance Input Power Power Gain Collector Efficiency Input Return Loss Load Mismatch Tolerance Load Mismatch Stablility
V, PO,=30 W, F=l.20,1.30,1.40
GHz
V, P,,,.=30 W, F=1.20, 1.30. 1.40 GHz V, P-=30 W, F=1.20, 1.30,1.40 GHz GHz GHz \ W, F=1.20, 1.30, 1.40 GHz 1.30,1.40 GHz
7.8 50 10 -
3:1 1.5:1
V. PO,,=30 W, F=l.20,1.30,1.40 V, PO,=30 W, F=l.20,1.30,1.40 V, PO,,.=30
RL VSWR-T VSWR-S
VcC=28 V, P,,,-r=30 W, F-1.20,
Broadband Test Fixture impedances
Specifications
Subject to Change Without Notice.
9-l 32
North America: Tel. Fax (800) (800) 366-2266 618-8883 m Asia/Pacific: Tel. Fax +81 (03) +81 (03) 3226-1671 3226-1451 = Europe: Tel. Fax +44 +44
M/A-COM,
(1344) (1344)
Inc.
869 595 300 020
Radar Pulsed Power Transistor,
30W
PI-l1 214-30EL
v2.00
RF Test Fixture
INFUT SO OHMS
OUTPUT
50 OHMS
ARTWORK
DIMENSIUNS IN MILS
Cl c2 c3
Ll L2 Sl Ql
100 pF ATC SIZE A 50 UF 50 VOLTS 4 TURNS OF ND, 18 AWG ON e15" Nil, 18 AWG THRU FERRITE BEAD
ID
SPDT SWITCH
PH1214-30EL ROGERS 5870 ,015" THICK, ER = 2035
BOARD TYPE:
Specihcations
Subject to Change Without Notice.
M/A-COM,
Inc.
Tel. (800) 366-2266 Fax (800) 618-8883
n
9-133
Tel. +81 (03) 3226-1671 Fax +81 (03) 3226-1451 Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
North America:
Asia/Pacific:


▲Up To Search▲   

 
Price & Availability of PHI214-30EL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X