Part Number Hot Search : 
2SC3267 SR30150 TEA6320 6KE12 SPX1581U LM144 LM1100BG NPO1210
Product Description
Full Text Search
 

To Download LTC2170-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTM9011-14/ LTM9010-14/LTM9009-14 14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs FeaTures
n n n n n n n n n n n
Electrical Specifications Subject to Change
DescripTion
The LTM(R)9011-14/LTM9010-14/LTM9009-14 are 8-channel, simultaneous sampling 14-bit A/D converters designed for digitizing high frequency, wide dynamic range signals. AC performance includes 73.1dB SNR and 88dB spurious free dynamic range (SFDR). Low power consumption per channel reduces heat in high channel count applications. Integrated bypass capacitance and flow-through pinout reduces overall board space requirements. DC specs include 1LSB INL (typ), 0.3LSB DNL (typ) and no missing codes over temperature. The transition noise is a low 1.2LSBRMS. The digital outputs are serial LVDS to minimize the number of data lines. Each channel outputs two bits at a time (2-lane mode). At lower sampling rates there is a one bit per channel option (1-lane mode). The ENC+ and ENC- inputs may be driven differentially or single-ended with a sine wave, PECL, LVDS, TTL, or CMOS inputs. An internal clock duty cycle stabilizer allows high performance at full speed for a wide range of clock duty cycles.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners.
n
8-Channel Simultaneous Sampling ADC 73.1dB SNR 88dB SFDR Low Power: 140mW/113mW/94mW per Channel Single 1.8V Supply Serial LVDS Outputs: 1 or 2 Bits per Channel Selectable Input Ranges: 1VP-P to 2VP-P 800MHz Full Power Bandwidth S/H Shutdown and Nap Modes Serial SPI Port for Configuration Internal Bypass Capacitance, No External Components 140-Pin (9mm x 11.25mm) BGA Package
applicaTions
n n n n n n
Communications Cellular Base Stations Software Defined Radios Portable Medical Imaging Multichannel Data Acquisition Nondestructive Testing
Typical applicaTion
1.8V VDD CHANNEL 1 ANALOG INPUT CHANNEL 2 ANALOG INPUT S/H 14-BIT ADC CORE 14-BIT ADC CORE 1.8V OVDD OUT1A OUT1B OUT2A DATA SERIALIZER 14-BIT ADC CORE OUT2B SERIALIZED LVDS OUTPUTS
LTM9011-14, 125Msps, 2-Tone FFT, fIN = 70MHz and 75MHz
0 -10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80
S/H
***
***
***
CHANNEL 8 ANALOG INPUT ENCODE INPUT
S/H
OUT8A OUT8B DATA CLOCK OUT FRAME
***
-90 -100 -110 -120
PLL
0
10
GND
OGND
9009101114 TA01
20 30 40 FREQUENCY (MHz)
50
60
9009101114 TA01b
9009101114p
1
LTM9011-14/ LTM9010-14/LTM9009-14 absoluTe MaxiMuM raTings
(Notes 1, 2)
pin conFiguraTion
TOP VIEW
Supply Voltages VDD, OVDD................................................ -0.3V to 2V Analog Input Voltage (AIN+, AIN-, PAR/SER, SENSE) (Note 3) ...........-0.3V to (VDD + 0.2V) Digital Input Voltage (ENC+, ENC-, CS, SDI, SCK) (Note 4) .................................... -0.3V to 3.9V SDO (Note 4) ............................................ -0.3V to 3.9V Digital Output Voltage ................ -0.3V to (OVDD + 0.3V) Operating Temperature Range LTM9011C, 9010C, 9009C ....................... 0C to 70C LTM9011I, 9010I, 9009I ...................... -40C to 85C Storage Temperature Range................... -65C to 150C
A B C D E F G H J K L M N P 1 2 3 4 5 6 7 8 9 10
BGA PACKAGE 140-LEAD (11.25mm x 9.00mm x 2.72mm) TJMAX = 150C, JA = 28C/W
orDer inForMaTion
LEAD FREE FINISH LTM9011CY-14#PBF LTM9011IY-14#PBF LTM9010CY-14#PBF LTM9010IY-14#PBF LTM9009CY-14#PBF LTM9009IY-14#PBF TRAY LTM9011CY-14#PBF LTM9011IY-14#PBF LTM9010CY-14#PBF LTM9010IY-14#PBF LTM9009CY-14#PBF LTM9009IY-14#PBF PART MARKING* LTM9011Y14 LTM9011Y14 LTM9010Y14 LTM9010Y14 LTM9009Y14 LTM9009Y14 PACKAGE DESCRIPTION TEMPERATURE RANGE 140-Lead (11.25mm x 9mm x 2.72mm) BGA 0C to 70C 140-Lead (11.25mm x 9mm x 2.72mm) BGA -40C to 85C 140-Lead (11.25mm x 9mm x 2.72mm) BGA 0C to 70C 140-Lead (11.25mm x 9mm x 2.72mm) BGA -40C to 85C 140-Lead (11.25mm x 9mm x 2.72mm) BGA 0C to 70C 140-Lead (11.25mm x 9mm x 2.72mm) BGA -40C to 85C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
9009101114p
2
LTM9011-14/ LTM9010-14/LTM9009-14 converTer characTerisTics The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25C. (Note 5)
CONDITIONS
l
LTM9011-14 PARAMETER Resolution (No Missing Codes) Integral Linearity Error Differential Linearity Error Offset Error Gain Error Offset Drift Full-Scale Drift Gain Matching Offset Matching Transition Noise External Reference Internal Reference External Reference External Reference Differential Analog Input (Note 7) Internal Reference External Reference MIN 14 -4.1 -0.9 -12 -2.6 1.2 0.3 3 -1.3 -1.3 20 35 25 0.2 3 1.2 4.1 0.9 12 0 TYP MAX 14
LTM9010-14 MIN -3.25 -0.8 -12 -2.6 TYP 1 0.3 3 -1.3 -1.3 20 35 25 0.2 3 1.2 MAX 3.25 0.8 12 0 14
LTM9009-14 MIN -2.75 -0.8 -12 -2.6 TYP 1 0.3 3 -1.3 -1.3 20 35 25 0.2 3 1.2 MAX 2.75 0.8 12 0 UNITS Bits LSB LSB mV %FS %FS V/C ppm/C ppm/C %FS mV LSBRMS
Differential Analog Input (Note 6) l
l l l
analog inpuT
SYMBOL PARAMETER VIN VIN(CM) VSENSE IINCM IIN1 IIN2 IIN3 tAP tJITTER CMRR BW-3B
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
CONDITIONS 1.7V < VDD < 1.9V Differential Analog Input (Note 8) Per Pin, 125Msps Per Pin, 105Msps Per Pin, 80Msps 0 < AIN+, AIN- < VDD, 0 < PAR/SER < VDD 0.625 < SENSE < 1.3V
l l l l l l
MIN VCM - 100mV 0.625
TYP 1 to 2 VCM 1.250 155 130 100
MAX VCM + 100mV 1.300
UNITS VP-P V V A A A
Analog Input Range (AIN+ - AIN-) Analog Input Common Mode (AIN+ + AIN-)/2 Analog Input Common Mode Current
External Voltage Reference Applied to SENSE External Reference Mode
Analog Input Leakage Current No Encode PAR/SER Input Leakage Current SENSE Input Leakage Current Sample-and-Hold Acquisition Delay Time Sample-and-Hold Acquisition Delay Jitter Analog Input Common Mode Rejection Ratio Full-Power Bandwidth
-1 -3 -6 0 0.15 80
1 3 6
A A A ns psRMS dB MHz
Figure 6 Test Circuit
800
9009101114p
3
LTM9011-14/ LTM9010-14/LTM9009-14
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. AIN = -1dBFS. (Note 5)
LTM9011-14 SYMBOL SNR PARAMETER Signal-to-Noise Ratio CONDITIONS 5MHz Input 70MHz Input 140MHz Input
l
DynaMic accuracy
LTM9010-14 MIN 70.7 TYP 73 72.9 72.6 88 85 82 90 90 90 73 72.6 72 -90 -105 MAX
LTM9009-14 MIN 70.9 TYP 73 72.9 72.5 88 85 82 90 90 90 72.9 72.6 72 -90 -105 MAX UNITS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBc dBc
MIN 71.1
TYP 73.1 73 72.6 88 85 82 90 90 90 73 72.6 72 -90 -105
MAX
SFDR
Spurious Free Dynamic Range 5MHz Input 2nd or 3rd Harmonic 70MHz Input 140MHz Input Spurious Free Dynamic Range 5MHz Input 4th Harmonic or Higher 70MHz Input 140MHz Input
l
75
75
77
l
84
84
85
S/(N+D)
Signal-to-Noise Plus Distortion Ratio Crosstalk, Near Channel Crosstalk, Far Channel
5MHz Input 70MHz Input 140MHz Input 10MHz Input (Note 12) 10MHz Input (Note 12)
l
69.6
70.2
70.4
inTernal reFerence characTerisTics
PARAMETER VCM Output Voltage VCM Output Temperature Drift VCM Output Resistance VREF Output Voltage VREF Output Temperature Drift VREF Output Resistance VREF Line Regulation -400A < IOUT < 1mA 1.7V < VDD < 1.9V -600A < IOUT < 1mA IOUT = 0 CONDITIONS IOUT = 0
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. AIN = -1dBFS. (Note 5)
MIN 0.5 * VDD - 25mV TYP 0.5 * VDD 25 4 1.225 1.250 25 7 0.6 1.275 MAX 0.5 * VDD + 25mV UNITS V ppm/C V ppm/C mV/V
9009101114p
4
LTM9011-14/ LTM9010-14/LTM9009-14 DigiTal inpuTs anD ouTpuTs
SYMBOL PARAMETER ENCODE INPUTS (ENC+, ENC- ) Differential Encode Mode (ENC- Not Tied to GND) VID VICM VIN RIN CIN VIH VIL VIN RIN CIN VIH VIL IIN CIN ROL IOH COUT VOD VOS RTERM Differential Input Voltage Common Mode Input Voltage Input Voltage Range Input Resistance Input Capacitance High Level Input Voltage Low Level Input Voltage Input Voltage Range Input Resistance Input Capacitance High Level Input Voltage Low Level Input Voltage Input Current Input Capacitance Logic Low Output Resistance to GND Logic High Output Leakage Current Output Capacitance Differential Output Voltage Common Mode Output Voltage On-Chip Termination Resistance 100 Differential Load, 3.5mA Mode 100 Differential Load, 1.75mA Mode 100 Differential Load, 3.5mA Mode 100 Differential Load, 1.75mA Mode Termination Enabled, OVDD = 1.8V
l l l l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
CONDITIONS MIN TYP MAX UNITS
(Note 8) Internally Set Externally Set (Note 8) ENC+, ENC- to GND (See Figure 10)
l l l
0.2 1.1 0.2 10 3.5 1.2 1.6 3.6
V V V V k pF V 0.6 V V k pF V 0.6 V A pF 10 3 A pF 454 250 1.375 1.375 mV mV V V 10 3 3.6 30 3.5
Single-Ended Encode Mode (ENC- Tied to GND) VDD = 1.8V VDD = 1.8V ENC+ to GND (See Figure 11)
l l l
1.2 0
DIGITAL INPUTS (CS, SDI, SCK in Serial or Parallel Programming Mode. SDO in Parallel Programming Mode) VDD = 1.8V VDD = 1.8V VIN = 0V to 3.6V
l l l
1.3 -10
SDO OUTPUT (Serial Programming Mode. Open-Drain Output. Requires 2k Pull-Up Resistor if SDO Is Used) VDD = 1.8V, SDO = 0V SDO = 0V to 3.6V
l
200 -10
DIGITAL DATA OUTPUTS 247 125 1.125 1.125 350 175 1.250 1.250 100
9009101114p
5
LTM9011-14/ LTM9010-14/LTM9009-14 power requireMenTs
SYMBOL PARAMETER VDD OVDD IVDD IOVDD PDISS PSLEEP PNAP PDIFFCLK Analog Supply Voltage Output Supply Voltage Analog Supply Current Digital Supply Current Power Dissipation Sleep Mode Power Nap Mode Power Power Increase With Differential Encode Mode Enabled (No Increase for Sleep Mode) CONDITIONS (Note 10) (Note 10) Sine Wave Input 2-Lane Mode, 1.75mA Mode 2-Lane Mode, 3.5mA Mode 2-Lane Mode, 1.75mA Mode 2-Lane Mode, 3.5mA Mode
l l l l l l l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 9)
LTM9011-14 MIN 1.7 1.7 TYP 1.8 1.8 566 54 98 1116 1196 2 170 40 MAX 1.9 1.9 610 62 108 1210 1292 1.7 1.7 LTM9010-14 MIN TYP 1.8 1.8 448 52 96 900 980 2 170 40 MAX 1.9 1.9 486 62 106 986 1066 LTM9009-14 MIN 1.7 1.7 TYP 1.8 1.8 368 50 94 752 832 2 170 40 MAX UNITS 1.9 1.9 400 58 104 824 908 V V mA mA mA mW mW mW mW mW
TiMing characTerisTics
SYMBOL fS tENCL tENCH tAP PARAMETER Sampling Frequency ENC Low Time (Note 8) ENC High Time (Note 8) Sample-and-Hold Acquisition Delay Time PARAMETER Serial Data Bit Period CONDITIONS (Notes 10,11)
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
LTM9011-14 MIN
l l l l l
LTM9010-14 MIN 5 4.52 2 4.52 2 4.76 4.76 4.76 4.76 0 TYP MAX 105 100 100 100 100 125 5
LTM9009-14 MIN 5.93 2 5.93 2 TYP 6.25 6.25 6.25 6.25 0 MAX 80 100 100 100 100 UNITS MHz ns ns ns ns ns
TYP 4 4 4 4 0
MAX 100 100 100 100
5 3.8 2 3.8 2
Duty Cycle Stabilizer Off Duty Cycle Stabilizer On Duty Cycle Stabilizer Off Duty Cycle Stabilizer On
SYMBOL tSER
CONDITIONS 2-Lanes, 16-Bit Serialization 2-Lanes, 14-Bit Serialization 2-Lanes, 12-Bit Serialization 1-Lane, 16-Bit Serialization 1-Lane, 14-Bit Serialization 1-Lane, 12-Bit Serialization (Note 8) (Note 8) (Note 8) Data, DCO, FR, 20% to 80% Data, DCO, FR, 20% to 80% tSER = 1ns
l l l
MIN
TYP 1/(8 * fS) 1/(7 * fS) 1/(6 * fS) 1/(16 * fS) 1/(14 * fS) 1/(12 * fS)
MAX
UNITS s s s s s s
Digital Data Outputs (RTERM = 100 Differential, CL = 2pF to GND on Each Output)
tFRAME tDATA tPD tR tF
FR to DCO Delay DATA to DCO Delay Propagation Delay Output Rise Time Output Fall Time DCO Cycle-Cycle Jitter Pipeline Latency
0.35 * tSER 0.35 * tSER
0.5 * tSER 0.5 * tSER 0.17 0.17 60 6
0.65 * tSER 0.65 * tSER
s s s ns ns psP-P Cycles
0.7n + 2 * tSER 1.1n + 2 * tSER 1.5n + 2 * tSER
9009101114p
6
LTM9011-14/ LTM9010-14/LTM9009-14 TiMing characTerisTics
SYMBOL tSCK tS tH tDS tDH tDO PARAMETER SCK Period SPI Port Timing (Note 8) Write Mode Read Back Mode, CSDO = 20pF , RPULLUP = 2k
l l l l l l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
CONDITIONS MIN 40 250 5 5 5 5 125 TYP MAX UNITS ns ns ns ns ns ns ns
CS to SCK Setup Time SCK to CS Setup Time SDI Setup Time SDI Hold Time SCK Falling to SDO Valid Read Back Mode, CSDO = 20pF , RPULLUP = 2k
l
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: All voltage values are with respect to GND with GND and OGND shorted (unless otherwise noted). Note 3: When these pin voltages are taken below GND or above VDD, they will be clamped by internal diodes. This product can handle input currents of greater than 100mA below GND or above VDD without latchup. Note 4: When these pin voltages are taken below GND they will be clamped by internal diodes. When these pin voltages are taken above VDD they will not be clamped by internal diodes. This product can handle input currents of greater than 100mA below GND without latchup. Note 5: VDD = OVDD = 1.8V, fSAMPLE = 125MHz (LTM9011), 105MHz (LTM9010), or 80MHz (LTM9009), 2-lane output mode, differential ENC+/ ENC- = 2VP-P sine wave, input range = 2VP-P with differential drive, unless otherwise noted. Note 6: Integral nonlinearity is defined as the deviation of a code from a best fit straight line to the transfer curve. The deviation is measured from the center of the quantization band.
Note 7: Offset error is the offset voltage measured from -0.5 LSB when the output code flickers between 00 0000 0000 0000 and 11 1111 1111 1111 in 2's complement output mode. Note 8: Guaranteed by design, not subject to test. Note 9: VDD = OVDD = 1.8V, fSAMPLE = 125MHz (LTM9011), 105MHz (LTM9010), or 80MHz (LTM9009), 2-lane output mode, ENC+ = singleended 1.8V square wave, ENC- = 0V, input range = 2VP-P with differential drive, unless otherwise noted. The supply current and power dissipation specifications are totals for the entire chip, not per channel. Note 10: Recommended operating conditions. Note 11: The maximum sampling frequency depends on the speed grade of the part and also which serialization mode is used. The maximum serial data rate is 1000Mbps so tSER must be greater than or equal to 1ns. Note 12: Near-channel crosstalk refers to Ch. 1 to Ch.2, and Ch.7 to Ch.8. Far-channel crosstalk refers to Ch.1 to Ch.7, Ch.1 to Ch.8, Ch.2 to Ch.7, and Ch.2 to Ch.8.
9009101114p
7
LTM9011-14/ LTM9010-14/LTM9009-14 TiMing DiagraMs
2-Lane Output Mode, 16-Bit Serialization*
tAP ANALOG INPUT ENC- ENC+ DCO- DCO+ FR- FR+ OUT#A- OUT#A+ OUT#B+ OUT#B- D5 D3 tFRAME tDATA tSER N tENCH tENCL tSER N+1
tPD D1 0 D13 D11 D9 D7 D5
tSER D3 D1 0 D13 D11 D9
D4
D2
D0
0
D12 D10 D8 SAMPLE N-5
D6
D4
D2
D0
0
D12 D10 D8 SAMPLE N-4
9009101114 TD01
SAMPLE N-6
*SEE THE DIGITAL OUTPUTS SECTION
2-Lane Output Mode, 14-Bit Serialization
tAP ANALOG INPUT ENC- ENC+ DCO- DCO+ FR- FR+ OUT#A- OUT#A+ OUT#B+ OUT#B- D7 D5 tFRAME tDATA tSER N tENCH tENCL N+1
N+2
tSER
tPD D3 D1 D13 D11 D9 D7 D5
tSER D3 D1 D13 D11 D9 D7 D5 D3 D1 D13 D11 D9
D6
D4
D2
D0 D12 D10 D8 SAMPLE N-5
D6
D4
D2
D0 D12 D10 D8 SAMPLE N-4
D6
D4
D2
D0 D12 D10 D8 SAMPLE N-3
9009101114 TD02
SAMPLE N-6
NOTE THAT IN THIS MODE FR+/FR- HAS TWO TIMES THE PERIOD OF ENC+/ENC-
9009101114p
8
LTM9011-14/ LTM9010-14/LTM9009-14 TiMing DiagraMs
2-Lane Output Mode, 12-Bit Serialization
tAP ANALOG INPUT ENC- ENC+ DCO- DCO+ FR+ FR- OUT#A- OUT#A+ OUT#B+ OUT#B- D9 D7 tFRAME tDATA tSER N tENCH tENCL tSER N+1
tPD D5 D3 D13 D11 D9
tSER D7 D5 D3 D13 D11 D9
D8
D6
D4
D2 D12 D10 D8 SAMPLE N-5
D6
D4
D2 D12 D10 D8 SAMPLE N-4
9009101114 TD03
SAMPLE N-6
1-Lane Output Mode, 16-Bit Serialization
tAP ANALOG INPUT ENC- ENC+ DCO- DCO+ FR- FR+ OUT#A- OUT#A+ D1 D0 tPD 0 0 D13 D12 D11 D10 D9 SAMPLE N-5 D8 D7 D6 D5 tFRAME tDATA tSER N tENCH tENCL tSER
N+1
tSER D4 D3 D2 D1 D0 0 0 D13 D12 D11 D10 SAMPLE N-4
9009101114 TD04
SAMPLE N-6
OUT#B+, OUT#B- ARE DISABLED
9009101114p
9
LTM9011-14/ LTM9010-14/LTM9009-14 TiMing DiagraMs
One-Lane Output Mode, 14-Bit Serialization
tAP ANALOG INPUT ENC- ENC+ DCO- DCO+ FR- FR+ OUT#A- OUT#A+ D3 D2 tPD D1 D0 D13 D12 D11 D10 D9 SAMPLE N-5 D8 D7 D6 D5 tFRAME tDATA tSER N tENCH tENCL tSER
N+1
tSER D4 D3 D2 D1 D0 D13 D12 D11 D10 SAMPLE N-4
9009101114 TD06
SAMPLE N-6
OUT#B+, OUT#B- ARE DISABLED
One-Lane Output Mode, 12-Bit Serialization
tAP ANALOG INPUT ENC- ENC+ DCO- DCO+ FR- FR+ OUT#A- OUT#A+ D5 D4 tPD D3 D2 D13 D12 D11 D10 D9 SAMPLE N-5 D8 D7 D6 D5 tFRAME tDATA tSER N tENCH tENCL
N+1
tSER
tSER D4 D3 D2 D13 D12 D11 SAMPLE N-4
9009101114 TD07
SAMPLE N-6
OUT#B+, OUT#B- ARE DISABLED
9009101114p
10
LTM9011-14/ LTM9010-14/LTM9009-14 TiMing DiagraMs
SPI Port Timing (Readback Mode)
tS CS SCK
tDS
tDH
tSCK
tH
tDO SDI SDO R/W A6 A5 A4 A3 A2 A1 A0 XX D7 XX D6 XX D5 XX D4 XX D3 XX D2 XX D1 XX D0
HIGH IMPEDANCE
SPI Port Timing (Write Mode)
CS SCK
SDI SDO
R/W
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
HIGH IMPEDANCE
9009101114 TD08
9009101114p
11
LTM9011-14/ LTM9010-14/LTM9009-14 Typical perForMance characTerisTics
LTM9011-14: Integral Nonlinearity (INL)
2.0 1.5 1.0 DNL ERROR (LSB) INL ERROR (LSB) 0.5 0 -0.5 -1.0 -1.5 -2.0 0 4096 8192 12288 OUTPUT CODE 16384
217514 G01
LTM9011-14: Differential Nonlinearity (DNL)
1.0 0.8 0.6 0 -10 -20 -30
LTM9011-14: 8k Point FFT, fIN = 5MHz -1dBFS, 125Msps
PL
ER HOLD A CE
0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0
PL
ER HOLD A CE
AMPLITUDE (dBFS)
0.4
-40 -50 -60 -70 -80
PL
ER HOLD A CE
-90 -100 -110 -120
4096
8192 12288 OUTPUT CODE
16384
217514 G02
0
10
20 30 40 FREQUENCY (MHz)
50
60
217514 G03
LTM9011-14: 8k Point FFT, fIN = 30MHz -1dBFS, 125Msps
0 -10 -20 AMPLITUDE (dBFS) -30 AMPLITUDE (dBFS) -40 -50 -60 -70 -80 0 -10 -20 -30
LTM9011-14: 8k Point FFT, fIN = 70MHz -1dBFS, 125Msps
0 -10 -20 -30
LTM9011-14: 8k Point FFT, fIN = 140MHz -1dBFS, 125Msps
P
L A CE
ER HOLD
-40 -50 -60 -70 -80
P
L A CE
ER HOLD
AMPLITUDE (dBFS)
-40 -50 -60 -70 -80
P
DER EHOL L AC
-90 -100 -110 -120
-90 -100 -110 -120
-90 -100 -110 -120
0
10
20 30 40 FREQUENCY (MHz)
50
60
217514 G04
0
10
20 30 40 FREQUENCY (MHz)
50
60
217514 G05
0
10
20 30 40 FREQUENCY (MHz)
50
60
217514 G06
LTM9011-14: 8k Point 2-Tone FFT, fIN = 70MHz, 75MHz, -1dBFS, 125Msps
0 -10 -20 -30 AMPLITUDE (dBFS) -40 -50 -60 -70 -80 5000 6000
LTM9011-14: Shorted Input Histogram
74 73
LTM9011-14: SNR vs Input Frequency, -1dB, 2V Range, 125Msps
PL
3000 2000 1000 0 8178
PL
SNR (dBFS)
ER HOLD A CE
4000 COUNT
ER HOLD A CE
72 71 70 69 68 67
PL
ER HOLD A CE
-90 -100 -110 -120
0
10
20 30 40 FREQUENCY (MHz)
50
60
217514 G07
8180
8182 8184 OUTPUT CODE
8186
217514 G08
66
0
50
100 150 200 250 300 INPUT FREQUENCY (MHz)
350
217514 G09
9009101114p
12
LTM9011-14/ LTM9010-14/LTM9009-14 Typical perForMance characTerisTics
LTM9011-14: SFDR vs Input Frequency, -1dB, 2V Range, 125Msps
95 90 SFDR (dBc AND dBFS) 85 80 75 70 65 110 100 90 80 70 60 50 40 30 20 10 0 50 100 150 200 250 300 INPUT FREQUENCY (MHz) 350 0 -80 -70 -60 -50 -40 -30 -20 -10 INPUT LEVEL (dBFS) 0
LTM9011-14: SFDR vs Input Level, fIN = 70MHz, 2V Range, 125Msps
dBFS 80 70
LTM9011-14: SNR vs Input Level, fIN = 70MHz, 2V Range, 125Msps
dBFS
SFDR (dBFS)
PL
ER HOLD A CE
PL
ER HOLD A CE
dBc
SNR (dBc AND dBFS)
60 50 40 30 20 10 0 -60 -50
PL
ER HOLD A CE
dBc
-40 -30 -20 INPUT LEVEL (dBFS)
-10
0
217514 G10
217514 G11
217514 G50
LTM9011-14: IVDD vs Sample Rate, 5MHz Sine Wave Input, -1dB
290 280 270 IVDD (mA) 260 250 240 230 220 210 0 25 50 75 100 SAMPLE RATE (Msps) 125
217514 G53
IOVDD vs Sample Rate, 5MHz Sine Wave Input, -1dB
50 2-LANE, 3.5mA 40 74 73 72 SNR (dBFS) 71 70 69 68 67 0 0 25 50 75 100 SAMPLE RATE (Msps) 125
217514 G51
LTM9011-14: SNR vs SENSE, fIN = 5MHz, -1dB
PL
IOVDD (mA)
DER EHOL AC
30
1-LANE, 3.5mA
20 10
PL
DER EHOL AC
2-LANE, 1.75mA
P
DER EHOL L AC
1-LANE, 1.75mA
66
0.6
0.7
0.8
0.9 1 1.1 SENSE PIN (V)
1.2
1.3
217514 G12
LTM9010-14: Integral Nonlinearity (INL)
2.0 1.5 1.0 DNL ERROR (LSB) INL ERROR (LSB) 0.5 0 -0.5 -1.0 -1.5 -2.0 0 4096 8192 12288 OUTPUT CODE 16384
217514 G14
LTM9010-14: Differential Nonlinearity (DNL)
1.0 0.8 0.6 AMPLITUDE (dBFS) 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 4096 8192 12288 OUTPUT CODE 16384
217514 G15
LTM9010-14: 8k Point FFT, fIN = 5MHz -1dBFS, 105Msps
0 -10 -20 -30 -40 -50 -60 -70 -80
PL
ER HOLD A CE
PL
ER HOLD A CE
PL
0 10
ER HOLD A CE
-90 -100 -110 -120
20 30 40 FREQUENCY (MHz)
50
217514 G16
9009101114p
13
LTM9011-14/ LTM9010-14/LTM9009-14 Typical perForMance characTerisTics
LTM9010-14: 8k Point FFT, fIN = 30MHz -1dBFS, 105Msps
0 -10 -20 -30 AMPLITUDE (dBFS) -40 -50 -60 -70 -80 0 -10 -20 -30 AMPLITUDE (dBFS) -40 -50 -60 -70 -80
LTM9010-14: 8k Point FFT, fIN = 70MHz -1dBFS, 105Msps
0 -10 -20 -30 AMPLITUDE (dBFS) -40 -50 -60 -70 -80
LTM9010-14: 8k Point FFT, fIN = 140MHz -1dBFS, 105Msps
PL
ER HOLD A CE
PL
ER HOLD A CE
PL
ER HOLD A CE
-90 -100 -110 -120
-90 -100 -110 -120
-90 -100 -110 -120
0
10
20 30 40 FREQUENCY (MHz)
50
217514 G17
0
10
20 30 40 FREQUENCY (MHz)
50
217514 G18
0
10
20 30 40 FREQUENCY (MHz)
50
217514 G19
LTM9010-14: 8k Point 2-Tone FFT, fIN = 70MHz, 75MHz, -1dBFS, 105Msps
0 -10 -20 -30 AMPLITUDE (dBFS) -40 -50 -60 -70 -80 5000 6000
LTM9010-14: Shorted Input Histogram
74 73
LTM9010-14: SNR vs Input Frequency, -1dB, 2V Range, 105Msps
COUNT
P
3000 2000 1000 0 8195
P
SNR (dBFS)
L A CE
ER HOLD
4000
L A CE
ER HOLD
72 71 70 69 68 67
P
DER EHOL L AC
-90 -100 -110 -120
0
10
20 30 40 FREQUENCY (MHz)
50
217514 G20
8197
8199 8201 OUTPUT CODE
8203
217514 G21
66
0
50
100 150 200 250 300 INPUT FREQUENCY (MHz)
350
217514 G22
LTM9010-14: SFDR vs Input Frequency, -1dB, 2V Range, 105Msps
95 90 85 80 75 70 65 SFDR (dBc AND dBFS) 110 100 90
LTM9010-14: SFDR vs Input Level, fIN = 70MHz, 2V Range, 105Msps
dBFS 230 220
LTM9010-14: IVDD vs Sample Rate, 5MHz Sine Wave Input, -1dB
SFDR (dBFS)
IVDD (mA)
PL
ER HOLD A CE
80 70 60 50 40 30 20 10
PL
ER HOLD A CE
dBc
210 200 190 180 170 0 160 0 25
PL
ER HOLD A CE
0
50
100 150 200 250 300 INPUT FREQUENCY (MHz)
350
0 -80 -70 -60 -50 -40 -30 -20 -10 INPUT LEVEL (dBFS)
50 75 SAMPLE RATE (Msps)
100
217514 G54
217514 G23
217514 G24
9009101114p
14
LTM9011-14/ LTM9010-14/LTM9009-14 Typical perForMance characTerisTics
LTM9010-14: SNR vs SENSE, fIN = 5MHz, -1dB
74 73 72 SNR (dBFS) 71 70 69 68 67 66 0.6 0.7 0.8 0.9 1 1.1 SENSE PIN (V) 1.2 1.3 2.0 1.5
LTM9009-14: Integral Nonlinearity (INL)
1.0 0.8 0.6 DNL ERROR (LSB)
LTM9009-14: Differential Nonlinearity (DNL)
INL ERROR (LSB)
PL
DER EHOL AC
1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 0
PL
DER EHOL AC
0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0
P
DER EHOL L AC
4096
8192 12288 OUTPUT CODE
16384
217514 G26
0
4096
8192 12288 OUTPUT CODE
16384
217514 G27
217514 G25
LTM9009-14: 8k Point FFT, fIN = 5MHz -1dBFS, 80Msps
0 -10 -20 -30 AMPLITUDE (dBFS) -40 -50 -60 -70 -80 AMPLITUDE (dBFS) 0 -10 -20 -40 -50 -60 -70 -80 -30
LTM9009-14: 8k Point FFT, fIN = 30MHz -1dBFS, 80Msps
0 -10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80
LTM9009-14: 8k Point FFT, fIN = 70MHz -1dBFS, 80Msps
PL A
ER HOLD CE
PL A
ER HOLD CE
PL
ER HOLD A CE
-90 -100 -110 -120
-90 -100 -110 -120
-90 -100 -110 -120
0
10
20 30 FREQUENCY (MHz)
40
217514 G28
0
10
20 30 FREQUENCY (MHz)
40
217514 G29
0
10
20 30 FREQUENCY (MHz)
40
217514 G30
LTM9009-14: 8k Point FFT, fIN = 140MHz -1dBFS, 80Msps
0 -10 -20 AMPLITUDE (dBFS) AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 0 -10 -20 -30
LTM9009-14: 8k Point 2-Tone FFT, fIN = 70MHz, 75MHz, -1dBFS, 80Msps
6000 5000
LTM9009-14: Shorted Input Histogram
PL
DER EHOL AC
-40 -50 -60 -70 -80
PL
DER EHOL AC
4000 COUNT 3000 2000 1000 0 8184
P
DER EHOL L AC
-90 -100 -110 -120
-90 -100 -110 -120
0
10
20 30 FREQUENCY (MHz)
40
217514 G31
0
10
20 30 FREQUENCY (MHz)
40
217514 G32
8186
8188 8190 OUTPUT CODE
8192
217514 G33
9009101114p
15
LTM9011-14/ LTM9010-14/LTM9009-14 Typical perForMance characTerisTics
LTM9009-14: SNR vs Input Frequency, -1dB, 2V Range, 80Msps
74 73 72 SNR (dBFS) 71 70 69 68 67 66 0 50 100 150 200 250 300 INPUT FREQUENCY (MHz) 350 70 65 95 90 85 80 75 SFDR (dBc AND dBFS)
LTM9009-14: SFDR vs Input Frequency, -1dB, 2V Range, 80Msps
110 100 90
LTM9009-14: SFDR vs Input Level, fIN = 70MHz, 2V Range, 80Msps
dBFS
SFDR (dBFS)
PL
DER EHOL AC
PL
DER EHOL AC
80 70 60 50 40 30 20 10
P
DER EHOL L AC
dBc
0
50
100 150 200 250 300 INPUT FREQUENCY (MHz)
350
0 -80 -70 -60 -50 -40 -30 -20 -10 INPUT LEVEL (dBFS)
0
217514 G34
217514 G35
217514 G36
LTM9009-14: IVDD vs Sample Rate, 5MHz Sine Wave Input, -1dB
190 74 73 72 SNR (dBFS) 71 70 69 68 67 140 0 20 40 60 SAMPLE RATE (Msps) 80
217514 G55
LTM9009-14: SNR vs SENSE, fIN = 5MHz, -1dB
350 300 PEAK-TO-PEAK JITTER (ps)
DCO Cycle-Cycle Jitter vs Serial Data Rate
180
IVDD (mA)
170
PL A
ER HOLD CE
PL A
ER HOLD CE
250 200 150 100 50
PL
ER HOLD A CE
160
150
66
0.6
0.7
0.8
0.9 1 1.1 SENSE PIN (V)
1.2
1.3
0
0
200 400 600 800 SERIAL DATA RATE (Mbps)
1000
217514 G52
217514 G37
9009101114p
16
LTM9011-14/ LTM9010-14/LTM9009-14 pin FuncTions
AIN1+ (B2): Channel 1 Positive Differential Analog Input. AIN1- (B1): Channel 1 Negative Differential Analog Input. VCM12 (B3): Common Mode Bias Output, Nominally Equal to VDD/2. VCM should be used to bias the common mode of the analog inputs of channels 1 and 2. VCM is internally bypassed to ground with a 0.1F ceramic capacitor. No external capacitance is required. AIN2+ (C2): Channel 2 Positive Differential Analog Input. AIN2- (C1): Channel 2 Negative Differential Analog Input. AIN3+ (E2): Channel 3 Positive Differential Analog Input. AIN3 - (E1): Channel 3 Negative Differential Analog Input. VCM34 (F3): Common Mode Bias Output, Nominally Equal to VDD/2. VCM should be used to bias the common mode of the analog inputs of channels 3 and 4. VCM is internally bypassed to ground with a 0.1F ceramic capacitor. No external capacitance is required. AIN4 + (G2): Channel 4 Positive Differential Analog Input. AIN4 - (G1): Channel 4 Negative Differential Analog Input. AIN5+ (H1): Channel 5 Positive Differential Analog Input. AIN5 - (H2): Channel 5 Negative Differential Analog Input. VCM56 (J3): Common Mode Bias Output, Nominally Equal to VDD/2. VCM should be used to bias the common mode of the analog inputs of channels 5 and 6. VCM is internally bypassed to ground with a 0.1F ceramic capacitor. No external capacitance is required. AIN6+ (K1): Channel 6 Positive Differential Analog Input. AIN6 - (K2): Channel 6 Negative Differential Analog Input. AIN7+ (M1): Channel 7 Positive Differential Analog Input. AIN7- (M2): Channel 7 Negative Differential Analog Input. VCM78 (N3): Common Mode Bias Output, Nominally Equal to VDD/2. VCM should be used to bias the common mode of the analog inputs of channels 7 and 8. VCM is internally bypassed to ground with a 0.1F ceramic capacitor. No external capacitance is required. AIN8+ (N1): Channel 8 Positive Differential Analog Input. AIN8 - (N2): Channel 8 Negative Differential Analog Input VDD (D3, D4, E3, E4, K3, K4, L3, L4): 1.8V Analog Power Supply. VDD is internally bypassed to ground with 0.1F ceramic capacitors. ENC+ (P5): Encode Input. Conversion starts on the rising edge. ENC - (P6): Encode Complement Input. Conversion starts on the falling edge. CSA (L5): In serial programming mode, (PAR/SER = 0V), CSA is the serial interface chip select input for registers controlling channels 1, 4, 5 and 8. When CS is low, SCK is enabled for shifting data on SDI into the mode control registers. In parallel programming mode (PAR/SER = VDD), CS selects 2-lane or 1-lane output mode. CS can be driven with 1.8V to 3.3V logic. CSB (M5): In serial programming mode, (PAR/SER = 0V), CSB is the serial interface chip select input for registers controlling channels 2, 3, 6 and 7. When CS is low, SCK is enabled for shifting data on SDI into the mode control registers. In parallel programming mode (PAR/SER = VDD), CS selects 2-lane or 1-lane output mode. CS can be driven with 1.8V to 3.3V logic. SCK (L6): In serial programming mode, (PAR/SER = 0V), SCK is the serial interface clock input. In parallel programming mode (PAR/SER = VDD), SCK selects 3.5mA or 1.75mA LVDS output currents. SCK can be driven with 1.8V to 3.3V logic. SDI (M6): In serial programming mode, (PAR/SER = 0V), SDI is the serial interface data Input. Data on SDI is clocked into the mode control registers on the rising edge of SCK. In parallel programming mode (PAR/SER = VDD), SDI can be used to power down the part. SDI can be driven with 1.8V to 3.3V logic. GND (See Pin Configuration Table): ADC Power Ground. Use multiple vias close to pins.
9009101114p
17
LTM9011-14/ LTM9010-14/LTM9009-14 pin FuncTions
OVDD (G9, G10): Output Driver Supply. OVDD is internally bypassed to ground with a 0.1F ceramic capacitor. SDOA (E6): In serial programming mode, (PAR/SER = 0V), SDOA is the optional serial interface data output for registers controlling channels 1 through 4. Data on SDO is read back from the mode control registers and can be latched on the falling edge of SCK. SDO is an open-drain N-channel MOSFET output that requires an external 2k pull-up resistor from 1.8V to 3.3V. If read back from the mode control registers is not needed, the pull-up resistor is not necessary and SDO can be left unconnected. In parallel programming mode (PAR/SER = VDD), SDOA is an input that enables internal 100 termination resistors on the digital outputs of channels 1, 4, 5 and 8. When used as an input, SDO can be driven with 1.8V to 3.3V logic through a 1k series resistor. SDOB (D6): Serial Data Output Pin for Channels 2, 3, 6 and 7. See description for SDOA. PAR/SER (A7): Programming Mode Selection Pin. Connect to ground to enable the serial programming mode. CSA, CSB, SCK, SDI, SDOA and SDOB become a serial interface that control the A/D operating modes. Connect to VDD to enable parallel programming mode where CSA, CSB, SCK, SDI, SDOA and SDOB become parallel logic inputs that control a reduced set of the A/D operating modes. PAR/ SER should be connected directly to ground or the VDD of the part and not be driven by a logic signal. VREF (B6): Reference Voltage Output. VREF is internally bypassed to ground with a 1F ceramic capacitor, nominally 1.25V. SENSE (C5): Reference Programming Pin. Connecting SENSE to VDD selects the internal reference and a 1V input range. Connecting SENSE to ground selects the internal reference and a 0.5V input range. An external reference between 0.625V and 1.3V applied to SENSE selects an input range of 0.8 * VSENSE. SENSE is internally bypassed to ground with a 0.1F ceramic capacitor. LVDS Outputs All pins in this section are differential LVDS outputs. The output current level is programmable. There is an optional internal 100 termination resistor between the pins of each LVDS output pair. OUT1A-/OUT1A+, OUT1B-/OUT1B+ (E7/E8, C8/D8): Serial Data Outputs for Channel 1. In 1-lane output mode only OUT1A-/OUT1A+ are used. OUT2A - /OUT2A +, OUT2B - /OUT2B + (B8/A8, D7/C7): Serial Data Outputs for Channel 2. In 1-lane output mode only OUT2A-/OUT2A+ are used. OUT3A-/OUT3A+, OUT3B -/OUT3B+ (D10/D9, E10/E9): Serial Data Outputs for Channel 3. In 1-lane output mode only OUT3A-/OUT3A+ are used. OUT4A -/OUT4A +, OUT4B -/OUT4B + (C9/C10, F7/F8): Serial Data Outputs for Channel 4. In 1-lane output mode only OUT4A-/OUT4A+ are used. OUT5A-/OUT5A+, OUT5B-/OUT5B+ (J8/J7, K8/K7): Serial Data Outputs for Channel 5. In 1-lane output mode only OUT5A-/OUT5A+ are used. OUT6A-/OUT6A+, OUT6B -/OUT6B+ (K9/K10, L9/L10): Serial Data Outputs for Channel 6. In 1-lane output mode only OUT6A-/OUT6A+ are used. OUT7A - /OUT7A +, OUT7B - /OUT7B + (M7/L7, P8/N8): Serial Data Outputs for Channel 7. In 1-lane output mode only OUT7A-/OUT7A+ are used. OUT8A-/OUT8A+, OUT8B -/OUT8B+ (L8/M8, M10/M9): Serial Data Outputs for Channel 8. In 1-lane output mode only OUT8A-/OUT8A+ are used. FRA-/FRA+ (H7/H8): Frame Start Outputs for Channels 1, 4, 5 and 8. FRB -/FRB+ (J9/J10): Frame Start Outputs for Channels 2, 3, 6 and 7. DCOA-/DCOA+ (G8/G7): Data Clock Outputs for Channels 1, 4, 5 and 8. DCOB -/DCOB+ (F10, F9): Data Clock Outputs for Channels 2, 3, 6 and 7.
9009101114p
18
LTM9011-14/ LTM9010-14/LTM9009-14 pin conFiguraTion Table
1 A B C D E F G H J K L M N P GND AIN1- AIN2
-
2 GND AIN1+ AIN2
+
3 GND VCM12 GND VDD VDD VCM34 GND GND VCM56 VDD VDD GND VCM78 GND
4 GND GND GND VDD VDD GND GND GND GND VDD VDD GND GND GND
5 GND GND SENSE GND GND GND GND GND GND GND CSA CSB GND CLK+
6 GND VREF GND SDOB SDOA GND GND GND GND GND SCK SDI GND CLK-
7 PAR/SER GND O2B+ O2B- O1A- O4B- DCOA+ FRA- O5A+ O5B+ O7A+ O7A- GND GND
8 O2A+ O2A- O1B- O1B+ O1A+ O4B+ DCOA- FRA+ O5A- O5B- O8A- O8A+ O7B+ O7B-
9 OGND OGND O4A- O3A+ O3B+ DCOB+ OVDD OGND FRB- O6A- O6B- O8B+ OGND OGND
10 OGND OGND O4A+ O3A- O3B- DCOB- OVDD OGND FRB+ O6A+ O6B+ O8B- OGND OGND
GND AIN3- GND AIN4- AIN5
+
GND AIN3+ GND AIN4+ AIN5
-
GND AIN6+ GND AIN7+ AIN8
+
GND AIN6- GND AIN7- AIN8
-
GND
GND
Top View of BGA Package (Looking Through Component).
9009101114p
19
LTM9011-14/ LTM9010-14/LTM9009-14 FuncTional block DiagraM
VDD = 1.8V OVDD = 1.8V CH 1 ANALOG INPUT OUT1A+ OUT1A- OUT1B+ OUT1B-
S/H
14-BIT ADC CORE
CH 2 ANALOG INPUT
S/H
14-BIT ADC CORE
OUT1A+ OUT1A- OUT1B+ OUT1B-
CH 3 ANALOG INPUT
S/H
14-BIT ADC CORE
OUT1A+ OUT1A- OUT1B+ OUT1B-
CH 4 ANALOG INPUT
S/H
14-BIT ADC CORE DATA SERIALIZER
OUT1A+ OUT1A- OUT1B+ OUT1B-
CH 5 ANALOG INPUT
S/H
14-BIT ADC CORE
OUT1A+ OUT1A- OUT1B+ OUT1B-
CH 6 ANALOG INPUT
S/H
14-BIT ADC CORE
OUT1A+ OUT1A- OUT1B+ OUT1B-
CH 7 ANALOG INPUT
S/H
14-BIT ADC CORE
OUT1A+ OUT1A- OUT1B+ OUT1B-
CH 8 ANALOG INPUT
S/H
14-BIT ADC CORE
OUT1A+ OUT1A- OUT1B+ OUT1B-
ENC+ PLL ENC- 1.25V REFERENCE REFH REFL MODE CONTROL REGISTERS
DCOA DCOB FRA FRB SDOA SDOB SDI SCK CSA CSB PAR/SER
VREF RANGE SELECT
REF BUFFER DIFF REF AMP
VDD/2
GND SENSE VCM12 VCM34 VCM56 VCM78
9009101114 F01
Figure 1. Functional Block Diagram
9009101114p
20
LTM9011-14/ LTM9010-14/LTM9009-14 applicaTions inForMaTion
CONVERTER OPERATION The LTM9011-14/LTM9010-14/LTM9009-14 are low power, 8-channel, 14-bit, 125Msps/105Msps/80Msps A/D converters that are powered by a single 1.8V supply. The analog inputs should be driven differentially. The encode input can be driven differentially for optimal jitter performance, or single-ended for lower power consumption. The digital outputs are serial LVDS to minimize the number of data lines. Each channel outputs two bits at a time (2-lane mode). At lower sampling rates there is a one bit per channel option (1-lane mode). Many additional features can be chosen by programming the mode control registers through a serial SPI port. ANALOG INPUT The analog inputs are differential CMOS sample-and-hold circuits (Figure 2). The inputs should be driven differentially around a common mode voltage set by the appropriate VCM output pins, which are nominally VDD/2. For the 2V input range, the inputs should swing from VCM - 0.5V to VCM + 0.5V. There should be 180 phase difference between the inputs. The eight channels are simultaneously sampled by a shared encode circuit (Figure 2).
LTM9011-14 10 CPARASITIC 1.8pF RON 25 VDD CPARASITIC 1.8pF CSAMPLE 3.5pF VDD RON 25 CSAMPLE 3.5pF
INPUT DRIVE CIRCUITS Input Filtering If possible, there should be an RC low pass filter right at the analog inputs. This lowpass filter isolates the drive circuitry from the A/D sample-and-hold switching, and also limits wideband noise from the drive circuitry. Figure 3 shows an example of an input RC filter. The RC component values should be chosen based on the application's input frequency. Transformer Coupled Circuits Figure 3 shows the analog input being driven by an RF transformer with a center-tapped secondary. The center tap is biased with VCM, setting the A/D input at its optimal DC level. At higher input frequencies a transmission line balun transformer (Figures 4 to 6) has better balance, resulting in lower A/D distortion.
50 VCM 0.1F 0.1F ANALOG INPUT T1 1:1 25 25 25 0.1F 12pF 25 AIN-
9009101114 F03
AIN+ LTM9011-14
AIN+
T1: MA/COM MABAES0060 RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
VDD AIN- 10
Figure 3. Analog Input Circuit Using a Transformer. Recommended for Input Frequencies from 5MHz to 70MHz
1.2V 10k ENC+ ENC- 10k 1.2V
9009101114 F02
Figure 2. Equivalent Input Circuit. Only One of the Eight Analog Channels Is Shown
9009101114p
21
LTM9011-14/ LTM9010-14/LTM9009-14 applicaTions inForMaTion
Amplifier Circuits Figure 7 shows the analog input being driven by a high speed differential amplifier. The output of the amplifier is AC-coupled to the A/D so the amplifier's output common mode voltage can be optimally set to minimize distortion. At very high frequencies an RF gain block will often have lower distortion than a differential amplifier. If the gain block is single-ended, then a transformer circuit (Figures 4 to 6) should convert the signal to differential before driving the A/D. Reference The LTM9011-14/LTM9010-14/LTM9009-14 has an internal 1.25V voltage reference. For a 2V input range using the internal reference, connect SENSE to VDD. For a 1V input range using the internal reference, connect SENSE to ground. For a 2V input range with an external reference,
50
VCM 0.1F
50
VCM 0.1F
0.1F ANALOG INPUT T2 T1 25 25 0.1F
AIN+ LTM9011-14 4.7pF
0.1F ANALOG INPUT T2 T1 25 25 0.1F
AIN+ LTM9011-14 1.8pF
0.1F
AIN-
9009101114 F04
0.1F
AIN-
9009101114 F05
T1: MA/COM MABA-007159-000000 T2: MA/COM MABAES0060 RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
T1: MA/COM MABA-007159-000000 T2: COILCRAFT WBC1-1LB RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
Figure 4. Recommended Front End Circuit for Input Frequencies from 70MHz to 170MHz
Figure 5. Recommended Front End Circuit for Input Frequencies from 170MHz to 300MHz
50
VCM 0.1F HIGH SPEED DIFFERENTIAL 0.1F AMPLIFIER LTM9011-14 ANALOG INPUT 200 200 25
VCM 0.1F AIN+ LTM9011-14 12pF 0.1F 25 AIN-
9009101114 F07
0.1F ANALOG INPUT T1 0.1F 25
2.7nH 25 0.1F
AIN+
+ -
+ -
2.7nH
AIN-
9009101114 F06
T1: MA/COM ETC1-1-13 RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
Figure 6. Recommended Front End Circuit for Input Frequencies Above 300MHz
Figure 7. Front End Circuit Using a High Speed Differential Amplifier
9009101114p
22
LTM9011-14/ LTM9010-14/LTM9009-14 applicaTions inForMaTion
apply a 1.25V reference voltage to SENSE (Figure 9). The input range can be adjusted by applying a voltage to SENSE that is between 0.625V and 1.30V. The input range will then be 1.6 * VSENSE. The reference is shared by all eight ADC channels, so it is not possible to independently adjust the input range of individual channels. The VREF , REFH and REFL pins are internally bypassed, as shown in Figure 8. Encode Input The signal quality of the encode inputs strongly affects the A/D noise performance. The encode inputs should be treated as analog signals--do not route them next to digital traces on the circuit board. There are two modes of operation for the encode inputs: the differential encode mode (Figure 10), and the single-ended encode mode (Figure 11).
VREF 1.25V
LTM9011-14 1F
5
1.25V BANDGAP REFERENCE 0.625V
TIE TO VDD FOR 2V RANGE; TIE TO GND FOR 1V RANGE; RANGE = 1.6 * VSENSE FOR 0.65V < VSENSE < 1.300V
RANGE DETECT AND CONTROL SENSE 0.1F INTERNAL ADC BUFFER HIGH REFERENCE REFH
2.2F 0.1F
0.1F
0.8x DIFF AMP
REFL INTERNAL ADC LOW REFERENCE
9009101114 F08
Figure 8. Reference Circuit
1.25V EXTERNAL REFERENCE
LTM9011-14 SENSE 1F
LTM9011-14
VDD DIFFERENTIAL COMPARATOR
LTM9011-14 1.8V TO 3.3V 0V ENC+ ENC- 30k CMOS LOGIC BUFFER
9009101114 F11
VDD 15k ENC+
9009101114 F09
Figure 9. Using an External 1.25V Reference
ENC- 30k
Figure 11. Equivalent Encode Input Circuit for Single-Ended Encode Mode
9009101114 F10
Figure 10. Equivalent Encode Input Circuit for Differential Encode Mode
9009101114p
23
LTM9011-14/ LTM9010-14/LTM9009-14 applicaTions inForMaTion
The differential encode mode is recommended for sinusoidal, PECL, or LVDS encode inputs (Figures 12 and 13). The encode inputs are internally biased to 1.2V through 10k equivalent resistance. The encode inputs can be taken above VDD (up to 3.6V), and the common mode range is from 1.1V to 1.6V. In the differential encode mode, ENC - should stay at least 200mV above ground to avoid falsely triggering the single-ended encode mode. For good jitter performance ENC+ should have fast rise and fall times. The single-ended encode mode should be used with CMOS encode inputs. To select this mode, ENC- is connected to ground and ENC+ is driven with a square wave encode input. ENC+ can be taken above VDD (up to 3.6V) so 1.8V to 3.3V CMOS logic levels can be used. The ENC+ threshold is 0.9V. For good jitter performance ENC+ should have fast rise and fall times. Clock PLL and Duty Cycle Stabilizer The encode clock is multiplied by an internal phase-locked loop (PLL) to generate the serial digital output data. If the encode signal changes frequency or is turned off, the PLL requires 25s to lock onto the input clock. A clock duty cycle stabilizer circuit allows the duty cycle of the applied encode signal to vary from 30% to 70%. In the serial programming mode it is possible to disable the duty cycle stabilizer, but this is not recommended. In the parallel programming mode the duty cycle stabilizer is always enabled.
0.1F 0.1F T1 50 ENC+ LTM9011-14 PECL OR LVDS CLOCK
ENC+
LTM9011-14 0.1F ENC-
9009101114 F13
100
0.1F
50 0.1F ENC-
9009101114 F12
Figure 13. PECL or LVDS Encode Drive
T1 = MA/COM ETC1-1-13 RESISTORS AND CAPACITORS ARE 0402 PACKAGE SIZE
Figure 12. Sinusoidal Encode Drive
9009101114p
24
LTM9011-14/ LTM9010-14/LTM9009-14 applicaTions inForMaTion
DIGITAL OUTPUTS The digital outputs of the LTM9011-14/LTM9010-14/ LTM9009-14 are serialized LVDS signals. Each channel outputs two bits at a time (2-lane mode). At lower sampling rates there is a one bit per channel option (1-lane mode). The data can be serialized with 16, 14, or 12-bit serialization (see timing diagrams for details). Note that with 12-bit serialization the two LSBs are not available--this mode is included for compatibility with the 12-bit versions of these parts. The output data should be latched on the rising and falling edges of the data clock out (DCO). A data frame output (FR) can be used to determine when the data from a new conversion result begins. In the 2-lane, 14-bit serialization mode, the frequency of the FR output is halved. The maximum serial data rate for the data outputs is 1Gbps, so the maximum sample rate of the ADC will depend on the serialization mode as well as the speed grade of the ADC (see Table 1). The minimum sample rate for all serialization modes is 5Msps. By default the outputs are standard LVDS levels: 3.5mA output current and a 1.25V output common mode voltage. An external 100 differential termination resistor is required for each LVDS output pair. The termination resistors should be located as close as possible to the LVDS receiver. The outputs are powered by OVDD and OGND which are isolated from the A/D core power and ground. Programmable LVDS Output Current The default output driver current is 3.5mA. This current can be adjusted by control register A2 in the serial programming mode. Available current levels are 1.75mA, 2.1mA, 2.5mA, 3mA, 3.5mA, 4mA and 4.5mA. In the parallel programming mode the SCK pin can select either 3.5mA or 1.75mA. Optional LVDS Driver Internal Termination In most cases using just an external 100 termination resistor will give excellent LVDS signal integrity. In addition, an optional internal 100 termination resistor can be enabled by serially programming mode control register A2. The internal termination helps absorb any reflections caused by imperfect termination at the receiver. When the internal termination is enabled, the output driver current is doubled to maintain the same output voltage swing. In the parallel programming mode the SDO pin enables internal termination. Internal termination should only be used with 1.75mA, 2.1mA or 2.5mA LVDS output current modes.
Table 1. Maximum Sampling Frequency for All Serialization Modes. Note That These Limits Are for the LTM9011-14. The Sampling Frequency for the Slower Speed Grades Cannot Exceed 105MHz (LTM9010-14) or 80MHz (LTM9009-14).
SERIALIZATION MODE 2-Lane 2-Lane 2-Lane 1-Lane 1-Lane 1-Lane 16-Bit Serialization 14-Bit Serialization 12-Bit Serialization 16-Bit Serialization 14-Bit Serialization 12-Bit Serialization MAXIMUM SAMPLING FREQUENCY fS (MHz) , 125 125 125 62.5 71.4 83.3 DCO FREQUENCY 4 * fS 3.5 * fS 3 * fS 8 * fS 7 * fS 6 * fS FR FREQUENCY fS 0.5 * fS fS fS fS fS SERIAL DATA RATE 8 * fS 7 * fS 6 * fS 16 * fS 14 * fS 12 * fS
9009101114p
25
LTM9011-14/ LTM9010-14/LTM9009-14 applicaTions inForMaTion
DATA FORMAT Table 2 shows the relationship between the analog input voltage and the digital data output bits. By default the output data format is offset binary. The 2's complement format can be selected by serially programming mode control register A1.
Table 2. Output Codes vs Input Voltage
AIN+ - AIN- (2V RANGE) >1.000000V +0.999878V +0.999756V +0.000122V +0.000000V -0.000122V -0.000244V -0.999878V -1.000000V <-1.000000V D13-D0 (OFFSET BINARY) 11 1111 1111 1111 11 1111 1111 1111 11 1111 1111 1110 10 0000 0000 0001 10 0000 0000 0000 01 1111 1111 1111 01 1111 1111 1110 00 0000 0000 0001 00 0000 0000 0000 00 0000 0000 0000 D13-D0 (2's COMPLEMENT) 01 1111 1111 1111 01 1111 1111 1111 01 1111 1111 1110 00 0000 0000 0001 00 0000 0000 0000 11 1111 1111 1111 11 1111 1111 1110 10 0000 0000 0001 10 0000 0000 0000 10 0000 0000 0000
Digital Output Test Pattern To allow in-circuit testing of the digital interface to the A/D, there is a test mode that forces the A/D data outputs (D13-D0) of all channels to known values. The digital output test patterns are enabled by serially programming mode control registers A3 and A4. When enabled, the test patterns override all other formatting modes: 2's complement and randomizer. Output Disable The digital outputs may be disabled by serially programming mode control register A2. The current drive for all digital outputs including DCO and FR are disabled to save power or enable in-circuit testing. When disabled the common mode of each output pair becomes high impedance, but the differential impedance may remain low. Sleep and Nap Modes The A/D may be placed in sleep or nap modes to conserve power. In sleep mode the entire device is powered down, resulting in 2mW power consumption. Sleep mode is enabled by mode control register A1 (serial programming mode), or by SDI (parallel programming mode). The time required to recover from sleep mode is about 2ms. In nap mode any combination of A/D channels can be powered down while the internal reference circuits and the PLL stay active, allowing faster wakeup than from sleep mode. Recovering from nap mode requires at least 100 clock cycles. If the application demands very accurate DC settling then an additional 50s should be allowed so the on-chip references can settle from the slight temperature shift caused by the change in supply current as the A/D leaves nap mode. Nap mode is enabled by mode control register A1 in the serial programming mode.
Digital Output Randomizer Interference from the A/D digital outputs is sometimes unavoidable. Digital interference may be from capacitive or inductive coupling or coupling through the ground plane. Even a tiny coupling factor can cause unwanted tones in the ADC output spectrum. By randomizing the digital output before it is transmitted off chip, these unwanted tones can be randomized which reduces the unwanted tone amplitude. The digital output is randomized by applying an exclusiveOR logic operation between the LSB and all other data output bits. To decode, the reverse operation is applied --an exclusive-OR operation is applied between the LSB and all other bits. The FR and DCO outputs are not affected. The output randomizer is enabled by serially programming mode control register A1.
9009101114p
26
LTM9011-14/ LTM9010-14/LTM9009-14 applicaTions inForMaTion
DEVICE PROGRAMMING MODES The operating modes of the LTM9011-14/LTM9010-14/ LTM9009-14 can be programmed by either a parallel interface or a simple serial interface. The serial interface has more flexibility and can program all available modes. The parallel interface is more limited and can only program some of the more commonly used modes. Parallel Programming Mode To use the parallel programming mode, PAR/SER should be tied to VDD. The CS, SCK, SDI and SDO pins are binary logic inputs that set certain operating modes. These pins can be tied to VDD or ground, or driven by 1.8V, 2.5V, or 3.3V CMOS logic. When used as an input, SDO should be driven through a 1k series resistor. Table 3 shows the modes set by CS, SCK, SDI and SDO.
Table 3. Parallel Programming Mode Control Bits (PAR/SER = VDD)
Pin CS DESCRIPTION 2-Lane / 1-Lane Selection Bit 0 = 2-Lane, 16-Bit Serialization Output Mode 1 = 1-Lane, 14-Bit Serialization Output Mode SCK LVDS Current Selection Bit 0 = 3.5mA LVDS Current Mode 1 = 1.75mA LVDS Current Mode SDI Power Down Control Bit 0 = Normal Operation 1 = Sleep Mode SDO Internal Termination Selection Bit 0 = Internal Termination Disabled 1 = Internal Termination Enabled
Serial Programming Mode To use the serial programming mode, PAR/SER should be tied to ground. The CS, SCK, SDI and SDO pins become a serial interface that program the A/D mode control registers. Data is written to a register with a 16-bit serial word. Data can also be read back from a register to verify its contents. Serial data transfer starts when CS is taken low. The data on the SDI pin is latched at the first 16 rising edges of SCK. Any SCK rising edges after the first 16 are ignored. The data transfer ends when CS is taken high again. The first bit of the 16-bit input word is the R/W bit. The next seven bits are the address of the register (A6:A0). The final eight bits are the register data (D7:D0). If the R/W bit is low, the serial data (D7:D0) will be written to the register set by the address bits (A6:A0). If the R/W bit is high, data in the register set by the address bits (A6:A0) will be read back on the SDO pin (see the Timing Diagrams sections). During a read back command the register is not updated and data on SDI is ignored. The SDO pin is an open-drain output that pulls to ground with a 200 impedance. If register data is read back through SDO, an external 2k pull-up resistor is required. If serial data is only written and read back is not needed, then SDO can be left floating and no pull-up resistor is needed. Table 4 shows a map of the mode control registers. Software Reset If serial programming is used, the mode control registers should be programmed as soon as possible after the power supplies turn on and are stable. The first serial command must be a software reset which will reset all register data bits to logic 0. To perform a software reset, bit D7 in the reset register is written with a logic 1. After the reset is complete, bit D7 is automatically set back to zero.
9009101114p
27
LTM9011-14/ LTM9010-14/LTM9009-14 applicaTions inForMaTion
Table 4. Serial Programming Mode Register Map (PAR/SER = GND)
REGISTER A0: RESET REGISTER (ADDRESS 00h) D7 RESET Bit 7 RESET D6 X D5 X Software Reset Bit D4 X D3 X D2 X D1 X D0 X
Note That CSA Controls Channels 1, 4, 5 and 8, CSB Controls Channels 2, 3, 6 and 7. 0 = Not Used 1 = Software Reset. All Mode Control Registers Are Reset to 00h. The ADC Is Momentarily Placed in SLEEP Mode. This Bit Is Automatically Set Back to Zero After the Reset Is Complete Bits 6-0 Unused, Don't Care Bits.
REGISTER A1 (CSA): FORMAT AND POWER-DOWN REGISTER (ADDRESS 01h with CSA = GND) D7 DCSOFF Bit 7 D6 RAND D5 TWOSCOMP D4 SLEEP D3 NAP_8 D2 NAP_5 D1 NAP_4 D0 NAP_1
Note That CSA Controls Channels 1, 4, 5 and 8, CSB Controls Channels 2, 3, 6 and 7. DCSOFF Clock Duty Cycle Stabilizer Bit 0 = Clock Duty Cycle Stabilizer On 1 = Clock Duty Cycle Stabilizer Off. This Is Not Recommended. RAND Data Output Randomizer Mode Control Bit 0 = Data Output Randomizer Mode Off 1 = Data Output Randomizer Mode On TWOSCOMP Two's Complement Mode Control Bit 0 = Offset Binary Data Format 1 = Two's Complement Data Format SLEEP: NAP_X Sleep/Nap Mode Control Bits 00000 = Normal Operation 0XXX1 = Channel 1 in Nap Mode 0XX1X = Channel 4 in Nap Mode 0X1XX = Channel 5 in Nap Mode 01XXX = Channel 8 in Nap Mode 1XXXX = Sleep Mode. Channels 1, 4, 5 and 8 Are Disabled Note: Any Combination of Channels Can Be Placed in Nap Mode.
Bit 6
Bit 5
Bits 4-0
REGISTER A1 (CSB): FORMAT AND POWER-DOWN REGISTER (ADDRESS 01h with CSB = GND) D7 DCSOFF Bit 7 D6 RAND D5 TWOSCOMP D4 SLEEP D3 NAP_7 D2 NAP_6 D1 NAP_3 D0 NAP_2
Note That CSA Controls Channels 1, 4, 5 and 8, CSB Controls Channels 2, 3, 6 and 7. DCSOFF Clock Duty Cycle Stabilizer Bit 0 = Clock Duty Cycle Stabilizer On 1 = Clock Duty Cycle Stabilizer Off. This Is Not Recommended. RAND Data Output Randomizer Mode Control Bit 0 = Data Output Randomizer Mode Off 1 = Data Output Randomizer Mode On TWOSCOMP Two's Complement Mode Control Bit 0 = Offset Binary Data Format 1 = Two's Complement Data Format
Bit 6
Bit 5
9009101114p
28
LTM9011-14/ LTM9010-14/LTM9009-14 applicaTions inForMaTion
Bits 4-0 SLEEP: NAP_4:NAP_1 Sleep/Nap Mode Control Bits 00000 = Normal Operation 0XXX1 = Channel 2 in Nap Mode 0XX1X = Channel 3 in Nap Mode 0X1XX = Channel 6 in Nap Mode 01XXX = Channel 7 in Nap Mode 1XXXX = Sleep Mode. Channels 2, 3, 6 and 7 Are Disabled Note: Any Combination of Channels Can Be Placed in Nap Mode. D6 ILVDS1 D5 ILVDS0 D4 TERMON D3 OUTOFF D2 OUTMODE2 D1 OUTMODE1 D0 OUTMODE0
REGISTER A2: OUTPUT MODE REGISTER (ADDRESS 02h) D7 ILVDS2 Bits 7-5
Note That CSA Controls Channels 1, 4, 5 and 8, CSB Controls Channels 2, 3, 6 and 7. ILVDS2:ILVDS0 LVDS Output Current Bits 000 = 3.5mA LVDS Output Driver Current 001 = 4.0mA LVDS Output Driver Current 010 = 4.5mA LVDS Output Driver Current 011 = Not Used 100 = 3.0mA LVDS Output Driver Current 101 = 2.5mA LVDS Output Driver Current 110 = 2.1mA LVDS Output Driver Current 111 = 1.75mA LVDS Output Driver Current TERMON LVDS Internal Termination Bit 0 = Internal Termination Off 1 = Internal Termination On. LVDS Output Driver Current Is 2x the Current Set by ILVDS2:ILVDS0. Internal Termination Should Only Be Used with 1.75mA, 2.1mA or 2.5mA LVDS Output Current Modes. OUTOFF Output Disable Bit 0 = Digital Outputs Are Enabled. 1 = Digital Outputs Are Disabled. OUTMODE2:OUTMODE0 Digital Output Mode Control Bits 000 = 2-Lanes, 16-Bit Serialization 001 = 2-Lanes, 14-Bit Serialization 010 = 2-Lanes, 12-Bit Serialization 011 = Not Used 100 = Not Used 101 = 1-Lane, 14-Bit Serialization 110 = 1-Lane, 12-Bit Serialization 111 = 1-Lane, 16-Bit Serialization
Bit 4
Bit 3 Bits 2-0
REGISTER A3: TEST PATTERN MSB REGISTER (ADDRESS 03h) D7 OUTTEST Bit 7 D6 X D5 TP13 D4 TP12 D3 TP11 D2 TP10 D1 TP9 D0 TP8
Note That CSA Controls Channels 1, 4, 5 and 8, CSB Controls Channels 2, 3, 6 and 7. OUTTEST Digital Output Test Pattern Control Bit 0 = Digital Output Test Pattern Off 1 = Digital Output Test Pattern On Unused, Don't Care Bit. TP13:TP8 Test Pattern Data Bits (MSB) TP13:TP8 Set the Test Pattern for Data Bit 13 (MSB) Through Data Bit 8.
Bit 6 Bit 5-0
REGISTER A4: TEST PATTERN LSB REGISTER (ADDRESS 04h) D7 TP7 Bit 7-0 D6 TP6 D5 TP5 D4 TP4 D3 TP3 D2 TP2 D1 TP1 D0 TP0
Note That CSA Controls Channels 1, 4, 5 and 8, CSB Controls Channels 2, 3, 6 and 7. TP7:TP0 Test Pattern Data Bits (LSB) TP7:TP0 Set the Test Pattern for Data Bit 7 Through Data Bit 0 (LSB).
9009101114p
29
LTM9011-14/ LTM9010-14/LTM9009-14 applicaTions inForMaTion
GROUNDING AND BYPASSING The LTM9011-14/LTM9010-14/LTM9009-14 requires a printed circuit board with a clean unbroken ground plane. A multilayer board with an internal ground plane in the first layer beneath the ADC is recommended. Layout for the printed circuit board should ensure that digital and analog signal lines are separated as much as possible. In particular, care should be taken not to run any digital track alongside an analog signal track or underneath the ADC. Bypass capacitors are integrated inside the package; additional capacitance is optional. The analog inputs, encode signals, and digital outputs should not be routed next to each other. Ground fill and grounded vias should be used as barriers to isolate these signals from each other. The pin assignments of the LTM9011-14/LTM9010-14/ LTM9009-14 allow a flow-through layout that makes it possible to use multiple parts in a small area when a large number of ADC channels are required. The LTM9011
Table 5. Internal Trace Lengths
PIN E7 E8 C8 D8 B8 A8 D7 C7 D10 D9 E10 E9 C9 C10 F7 F8 J8 J7 NAME 01A- 01A+ 01B- 01B+ 02A- 02A+ 02B- 02B+ 03A- 03A+ 03B- 03B+ 04A- 04A+ 04B- 04B+ 05A- 05A+ LENGTH (mm) 1.775 1.947 1.847 1.850 3.233 3.246 0.179 1.127 2.126 2.177 1.811 1.812 3.199 3.196 0.706 0.639 0.392 0.436 PIN K8 K7 K9 K10 L9 L10 M7 L7 P8 N8 L8 M8 M10 M9 B1 B2 C1 C2 NAME 05B- 05B+ 06A- 06A+ 06B- 06B+ 07A- 07A+ 07B- 07B+ 08A- 08A+ 08B- 08B+ AIN1- AIN1 AIN2
+
module has similar layout rules to other BGA packages. The layout can be implemented with 6mil blind vias and 5mil traces. The pinout has been designed to minimize the space required to route the analog and digital traces. The analog and digital traces can essentially be routed within the width of the package. This allows multiple packages to be located close together for high channel count applications. Trace lengths for the analog inputs and digital outputs should be matched as well as possible. Table 5 lists the trace lengths for the analog inputs and digital outputs inside the package from the die pad to the package pad. These should be added to the PCB trace lengths for best matching. HEAT TRANSFER Most of the heat generated by the LTM9011-14/LTM9010-14/ LTM9009-14 is transferred from the die through the bottom of the package onto the printed circuit board. The ground pins should be connected to the internal ground planes by multiple vias.
LENGTH (mm) 0.379 0.528 1.866 1.865 2.268 2.267 1.089 0.179 3.281 3.149 1.862 1.847 4.021 4.016 4.689 4.709 4.724 4.769
PIN E1 E2 G1 G2 H2 H1 K2 K1 M2 M1 N2 N1 P6 P5 L5 M5 G8 G7
NAME AIN3- AIN3 AIN4 AIN5 AIN5
+ -
LENGTH (mm) 2.491 2.505 3.376 3.372 3.301 3.346 2.506 2.533 3.198 3.214 4.726 4.691 4.106 4.106 0.919 1.162 1.157 1.088
PIN F10 F9 H7 H8 J9 J10 A7 L6 E6 D6 M6 B3 F3 J3 N3
NAME DCOB- DCOB+ FRA- FRA+ FRB- FRB+ PAR/SER SCK SDOA SDOB SDI VCM12 VCM34 VCM56 VCM78
LENGTH (mm) 1.811 1.812 1.117 1.038 1.644 1.643 3.838 0.240 0.453 0.274 1.069 3.914 0.123 0.079 3.915
AIN4+
- +
AIN6- AIN6+ AIN7 AIN8
-
AIN7+
-
AIN8+ CLK- CLK+ CSA CSB DCOA- DCOA+
AIN2-
+
9009101114p
30
LTM9011-14/ LTM9010-14/LTM9009-14 Typical applicaTions
Silkscreen Top Top Side
HIC GRAP NG I PEND
HIC GRAP NG I PEND
9009101114p
31
LTM9011-14/ LTM9010-14/LTM9009-14 Typical applicaTions
Inner Layer 2 GND Inner Layer 3
IC R A PH G G IN PEND
IC R A PH G G IN PEND
Inner Layer 4
Inner Layer 5 Power
HIC GRAP NG I PEND
HIC GRAP NG I PEND
9009101114p
32
LTM9011-14/ LTM9010-14/LTM9009-14 Typical applicaTions
Bottom Side
HIC GRAP NG I PEND
Silkscreen Bottom
IC R A PH G G IN PEND
9009101114p
33
LTM9011-14/ LTM9010-14/LTM9009-14 Typical applicaTions
LTM9009-14 Schematic
HIC GRAP NG I PEND
9009101114p
34
BGA Package 140-Lead (11.25mm x 9.00mm x 2.72mm)
(Reference LTC DWG # 05-08-1849 Rev O)
E1 e b PIN 1 Z
aaa Z
E aaa Z A2
Y
A
DETAIL A
A B
A1 ccc Z b
PIN "A1" CORNER
4
C D E F
b1 D1
D SUBSTRATE 0.27 - 0.37 1.90 - 2.10 // bbb Z
package DescripTion
G H J K
MOLD CAP
DETAIL B
L M
e
N P
Ob (140 PLACES) X ddd M Z X Y eee M Z SEE NOTES
10
9
8
7
6
5
4
3
2
1
PACKAGE TOP VIEW DETAIL B PACKAGE SIDE VIEW
3
PACKAGE BOTTOM VIEW
0.000
3.600
2.800
2.000
1.200
0.400
0.400
1.200
2.000
2.800
3.600
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994
DETAIL A
5.200 4.400 3.600 2.800 2.000 1.200 0.400 0.000 0.400 1.200 2.000 2.800 3.600 4.400 5.200
2. ALL DIMENSIONS ARE IN MILLIMETERS 3 DIMENSIONS NOTES 4 BALL DESIGNATION PER JESD MS-028 AND JEP95 DETAILS OF PIN #1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE ZONE INDICATED. THE PIN #1 IDENTIFIER MAY BE EITHER A MOLD OR MARKED FEATURE 5. PRIMARY DATUM -Z- IS SEATING PLANE
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
MIN 2.47 0.30 2.17 0.45 0.45 NOM 2.72 0.40 2.32 0.50 0.50 11.25 9.0 0.80 10.40 7.2 MAX 2.97 0.50 2.47 0.55 0.55
LTMXXXXXX Module
COMPONENT PIN "A1"
0.4 O 140x
SYMBOL A A1 A2 b b1 D E e D1 E1 aaa bbb ccc ddd eee 0.15 0.10 0.12 0.15 0.08
TRAY PIN 1 BEVEL
LTM9011-14/ LTM9010-14/LTM9009-14
9009101114p
35
SUGGESTED PCB LAYOUT TOP VIEW
TOTAL NUMBER OF BALLS: 140
PACKAGE IN TRAY LOADING ORIENTATION
BGA 140 0709 REV O
LTM9011-14/ LTM9010-14/LTM9009-14 Typical applicaTion
Single-Ended to Differential Conversion Using LTC6409 and 50MHz Lowpass Filter (Only One Channel Shown)
3.3V 0.1F 150 66.9 IN+ IN- V+ 474 C5 SENSE VDD 37.4 OUT - 180nH 68pF 180nH 150pF 33pF 75
+ B2 AIN1
0.8pF 1.8V 1.8V B6 VREF OVDD O1A+ E8 O1A- E7 DCO+ G7 B3 C2 0.8pF C1 F2 DCO- G8 VCM12 AIN2
+
+ -
OUT+ 474 VOCM
68pF 37.4 180nH
150pF 180nH
B1 AIN1 75
-
150 46.9 66.9
SHDN
FR+ H8 LTM9011-14 FR- H7
AIN2- AIN3+ AIN3- VCM34 AIN4+ AIN4- AIN8+ CLK+
GND
F1 F3 G2 G1
***
N1 N2
9009101114 TA02
P5 P6
relaTeD parTs
PART NUMBER ADCs LTC2170-14/LTC2171-14/ LTC2172-14 LTC2170-12/LTC2171-12/ LTC2172-12 LTC2173-12/LTC2174-12/ LTC2175-12 LTC2173-14/LTC2174-14/ LTC2175-14 Amplifiers/Filters LTC6412 LTC6420-20 LTC6421-20 LTC6605-7/ LTC6605-10/ LTC6605-14 LTM9002 DESCRIPTION 14-Bit, 25Msps/40Msps/65Msps 1.8V Quad ADCs, Ultralow Power 12-Bit, 25Msps/40Msps/65Msps 1.8V Quad ADCs, Ultralow Power 12-Bit, 80Msps/105Msps/125Msps 1.8V Quad ADCs, Ultralow Power 14-Bit, 80Msps/105Msps/125Msps 1.8V Quad ADCs, Ultralow Power 800MHz, 31dB Range, Analog-Controlled Variable Gain Amplifier 1.8GHz Dual Low Noise, Low Distortion Differential ADC Drivers for 300MHz IF 1.3GHz Dual Low Noise, Low Distortion Differential ADC Drivers Dual Matched 7MHz/10MHz/14MHz Filters with ADC Drivers 14-Bit Dual Channel IF/Baseband Receiver Subsystem COMMENTS 178mW/234mW/360mW, 73.4dB SNR, 85dB SFDR, Serial LVDS Outputs, 7mm x 8mm QFN-52 178mW/234mW/360mW, 70.5dB SNR, 85dB SFDR, Serial LVDS Outputs, 7mm x 8mm QFN-52 412mW/481mW/567mW, 70.5dB SNR, 85dB SFDR, Serial LVDS Outputs, 7mm x 8mm QFN-52 412mW/481mW/567mW, 73.4dB SNR, 85dB SFDR, Serial LVDS Outputs, 7mm x 8mm QFN-52 Continuously Adjustable Gain Control, 35dBm OIP3 at 240MHz, 10dB Noise Figure, 4mm x 4mm QFN-24 Fixed Gain 10V/V, 1nV/Hz Total Input Noise, 80mA Supply Current per Amplifier, 3mm x 4mm QFN-20 Fixed Gain 10V/V, 1nV/Hz Total Input Noise, 40mA Supply Current per Amplifier, 3mm x 4mm QFN-20 Dual Matched 2nd Order Lowpass Filters with Differential Drivers, Pin-Programmable Gain, 6mm x 3mm DFN-22 Integrated High Speed ADC, Passive Filters and Fixed Gain Differential Amplifiers
9009101114p
36 Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507
LT 0410 * PRINTED IN USA
www.linear.com
LINEAR TECHNOLOGY CORPORATION 2010
CLK-
AIN8-


▲Up To Search▲   

 
Price & Availability of LTC2170-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X