Part Number Hot Search : 
2N4026 Y7C14 18030 IL300 18030 M5000 6229BBEJ AQV216AX
Product Description
Full Text Search
 

To Download JQC-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 26.8x21.5x22.3 Features
24x19x20
Small size, heavy contact load, capable of standing strong current of 40A at 14VDC. PC board mounting. Suitable for automatic control facilities and automobile application etc. Both European 11mm footprint and American 8mm footprint available.
Ordering Information
JQC-4 C S 30 DC12V 1.6
1 2 3 4 5 1 Part numberJQC-44120 2 Contact arrangementA:1AB:1BC:1C 3 EnclosureS: Sealed typeZ: Dust cover O: open type 6 4 Contact Current15:15A30:30A40:40A 5 Coil rated Voltage(V)DC:6,9,12,18,24 6 Coil power consumption1.6:1.6W1.9:1.9W
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 1A SPSTNO f1B SPSTNC f1C SPDT(B-M) AgNi Ag SnO2 Ag CdO Ag SnO2 In2O3 NO: 40A/14VDC; NC: 30A/14VDC, 20A/120VAC, 15A/28VDC 460W 2400VA 75VDC 380VAC Max. Switching Current:40A 30m Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7
Coil Parameter
Coil voltage VDC Pickup voltage VDC(max) (70%of rated voltage ) 4.20 6.30 8.40 12.6 16.8 release voltage VDC(min) (10% of rated voltage) 0.6 0.9 1.2 1.8 2.4 1.6
Dash numbers
Coil resistance 10%
Coil power consumption W
Operate Time ms
Release Time ms
Rated 006-1900 009-1900 012-1600 018-1600 024-1600 6 9 12 18 24
Max. 7.8 11.7 15.6 23.4 31.2 19 42.6 90 202.5 360
1.9 5 3
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
113
Solderability Ambient Temperature Relative Humidity Mass
235x2 3x0.5s -40~110 85% (at 40) 19g (Open type) 21g
IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm) mm 0.4
0.8 1.0 1.3 1.4 2.0 2.1 2.2 2.28 2.5 2.6 3.3 3.5 3.78 4.0 4.5 5.35 5.9 9.09 10.1 12.2 13.2 14.8 15.9 19 20 21.5 22.3 24 26.8 >acCa 0.016 0.031 0.039 0.051 0.055 0.079 0.083 0.087 0.090 0.098 0.106 0.130 0.138 0.149 0.157 0.173 0.210 0.232 0.358 0.398 0.480 0.520 0.583 0.626 0.748 0.787 0.846 0.878 0.945 1.055
USA
European Mounting (Bottom views)
Dimensions
Wiring diagram(Bottom views)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Reference Data


▲Up To Search▲   

 
Price & Availability of JQC-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X