Part Number Hot Search : 
FM203 MHW8242 AX195 71MELC 5RF26 C720006 001456 SNC11605
Product Description
Full Text Search
 

To Download GS880F18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary GS880F18/36T-11/11.5/12/14/18 100-Pin TQFP Commercial Temp Industrial Temp
Features
* Flow Through mode operation * 3.3 V +10%/-5% core power supply * 2.5 V or 3.3 V I/O supply * LBO pin for Linear or Interleaved Burst mode * Internal input resistors on mode pins allow floating mode pins * Default to Interleaved Pipeline mode * Byte Write (BW) and/or Global Write (GW) operation * Common data inputs and data outputs * Clock Control, registered, address, data, and control * Internal self-timed write cycle * Automatic power-down for portable applications * 100-lead TQFP package -11 -11.5 -12 -14 -18 11 ns 11.5 ns 12 ns 14 ns 18 ns Flow tKQ 15 ns 15 ns 15 ns 20 ns Through tCycle 15 ns 180 mA 180 mA 180 mA 175 mA 165 mA 2-1-1-1 IDD
512K x 18, 256K x 36 8Mb Sync Burst SRAMs
11 ns-18 ns 3.3 V VDD 3.3 V and 2.5 V I/O
RAMS should be designed with V SS connected to the FT pin location to ensure the broadest access to multiple vendor sources. Boards designed with FT pin pads tied low may be stuffed with GSI's Pipeline/Flow Through-configurable Burst RAMS or any vendor's Flow Through or configurable Burst SRAM. Bumps designed with the FT pin location tied high or floating must employ a non-configurable Flow Through Burst RAM, like this RAM, to achieve flow through functionality.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable (BW) input combined with one or more individual byte write signals (Bx). In addition, Global Write (GW) is available for writing all bytes at one time, regardless of the byte write control inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion (high) of the ZZ signal, or by stopping the clock (CK). Memory data is retained during Sleep mode.
Core and Interface Voltages
Functional Description
Applications
The GS880F18/36T is a 9,437,184-bit high performance synchronous SRAM with a 2-bit burst address counter. Although of a type originally developed for Level 2 Cache applications supporting high performance CPUs, the device now finds application in synchronous SRAM applications, ranging from DSP main store to networking chip set support.
The GS880F18/36T operates on a 3.3 V power supply, and all inputs/outputs are 3.3 V- and 2.5 V-compatible. Separate output power (VDDQ) pins are used to decouple output noise from the internal circuit.
Controls
Addresses, data I/Os, chip enables (E1, E2, E3), address burst control inputs (ADSP, ADSC, ADV) and write control inputs (Bx, BW, GW) are synchronous and are controlled by a positive-edge-triggered clock input (CK). Output enable (G) and power down control (ZZ) are asynchronous inputs. Burst cycles can be initiated with either ADSP or ADSC inputs. In Burst mode, subsequent burst addresses are generated internally and are controlled by ADV. The burst address counter may be configured to count in either linear or interleave order with the Linear Burst Order (LBO) input. The Burst function need not be used. New addresses can be loaded on every cycle with no degradation of chip performance.
Designing For Compatibility
The JEDEC Standard for Burst RAMS calls for a FT mode pin option (pin 14 on TQFP). Board sites for flow through Burst Rev: 1.06 9/2000 1/22 (c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18
GS880F18 100-Pin TQFP Pinout
NC NC NC VDDQ VSS NC NC DQB1 DQB2 VSS VDDQ DQB3 DQB4 NC VDD NC VSS DQB5 DQB6 VDDQ VSS DQB7 DQB8 DQB9 NC VSS VDDQ NC NC NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 1 80 2 79 3 78 4 77 5 76 6 75 7 74 8 73 9 72 512K x 18 10 71 Top View 11 70 12 69 13 68 14 67 15 66 16 65 17 64 18 63 19 62 20 61 21 60 22 59 23 58 24 57 25 56 26 55 27 54 28 53 29 52 30 51 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
CK GW BW G ADSC ADSP ADV A8 A9
A6 A7 E1 E2 NC NC BB BA E3 VDD VSS
A18 NC NC VDDQ VSS NC DQA9 DQA8 DQA7 VSS VDDQ DQA6 DQA5 VSS NC VDD ZZ DQA4 DQA3 VDDQ VSS DQA2 DQA1 NC NC VSS VDDQ NC NC NC
LBO A5 A4
A3 A2 A1 A0 NC NC VSS VDD NC A17 A10 A11 A12 A13 A14 A15 2/22
Rev: 1.06 9/2000
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
A16 (c) 2000, Giga Semiconductor, Inc.
Preliminary GS880F18/36T-11/11.5/12/14/18
GS880F36 100-Pin TQFP Pinout
DQC9 DQC8 DQC7 VDDQ VSS DQC6 DQC5 DQC4 DQC3 VSS VDDQ DQC2 DQC1 NC VDD NC VSS DQD1 DQD2 VDDQ VSS DQD3 DQD4 DQD5 DQD6 VSS VDDQ DQD7 DQD8 DQD9
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 1 80 2 79 3 78 4 77 5 76 6 75 7 74 8 73 9 72 256K x 36 10 71 Top View 11 70 12 69 13 68 14 67 15 66 16 65 17 64 18 63 19 62 20 61 21 60 22 59 23 58 24 57 25 56 26 55 27 54 28 53 29 52 30 51 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
CK GW BW G ADSC ADSP ADV A8 A9
A6 A7 E1 E2 BD BC BB BA E3 VDD VSS
DQB9 DQB8 DQB7 VDDQ VSS DQB6 DQB5 DQB4 DQB3 VSS VDDQ DQB2 DQB1 VSS NC VDD ZZ DQA1 DQA2 VDDQ VSS DQA3 DQA4 DQA5 DQA6 VSS VDDQ DQA7 DQA8 DQA9
LBO A5 A4
A3 A2 A1 A0 NC NC VSS VDD NC A17 A10 A11 A12 A13 A14 A15 3/22
Rev: 1.06 9/2000
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
A16 (c) 2000, Giga Semiconductor, Inc.
Preliminary GS880F18/36T-11/11.5/12/14/18
TQFP Pin Description Pin Location
37, 36 35, 34, 33, 32, 100, 99, 82, 81, 44, 45, 46, 47, 48, 49, 50, 43 80 63, 62, 59, 58, 57, 56, 53, 52 68, 69, 72, 73, 74, 75, 78, 79 13, 12, 9, 8, 7, 6, 3, 2 18, 19, 22, 23, 24, 25, 28, 29 51, 80, 1, 30 58, 59, 62, 63, 68, 69, 72, 73, 74 8, 9, 12, 13, 18, 19, 22, 23, 24 51, 52, 53, 56, 57 75, 78, 79, 1, 2, 3, 6, 7 25, 28, 29, 30 87 93, 94 95, 96 95, 96 89 88 98, 92 97 86 83 84, 85 64 31 15, 41, 65, 91 5,10,17, 21, 26, 40, 55, 60, 67, 71, 76, 90 4, 11, 20, 27, 54, 61, 70, 77 14, 16, 38, 39, 42, 66
Symbol
A0, A1 A2-A17 A18 DQA1-DQA8 DQB1-DQB8 DQC1-DQC8 DQD1-DQD8 DQA9, DQB9, DQC9, DQD9 DQA1-DQA9 DQB1-DQB9 NC BW BA, BB BC, BD NC CK GW E1, E3 E2 G ADV ADSP, ADSC ZZ LBO VDD VSS VDDQ NC
Typ e
I I I I/O
Description
Address field LSBs and Address Counter preset Inputs Address Inputs Address Inputs Data Input and Output pins (x36 Version)
I/O I/O
Data Input and Output pins Data Input and Output pins
-- I I I -- I I I I I I I I I I I I --
No Connect Byte Write--Writes all enabled bytes; active low Byte Write Enable for DQA, DQB Data I/Os; active low Byte Write Enable for DQC, DQD Data I/Os; active low (x36 Version) No Connect (x18 Version) Clock Input Signal; active high Global Write Enable--Writes all bytes; active low Chip Enable; active low Chip Enable; active high Output Enable; active low Burst address counter advance enable; active low Address Strobe (Processor, Cache Controller); active low Sleep mode control; active high Linear Burst Order mode; active low Core power supply I/O and Core Ground Output driver power supply No Connect.
Rev: 1.06 9/2000
4/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18
GS880F18/36 Block Diagram
Register
A0-An
D
Q A0 D0 A1 D1 Q1 Counter Load A Q0 A0 A1
LBO ADV CK ADSC ADSP GW BW BA
Register
Memory Array
Q D Q D
Register
36
4
36
D BB
Q
Register
D BC
Q Q
Register
D
Register
Q
Register
D
D BD
Q
Register
D
Q
Register
E1 E2 E3
D
Q
Register
D
Q
0 G Power Down Control
1
ZZ
DQx0-DQx9
Note: Only x36 version shown for simplicity.
Rev: 1.06 9/2000
5/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18
Mode Pin Functions Mode Name
Burst Order Control Power Down Control
Pin Name
LBO ZZ
State
L H or NC L or NC H
Function
Linear Burst Interleaved Burst Active Standby, IDD = ISB
Note: There is a pull-up device on the LBO pin and a pull down device on the ZZ pin, so those input pins can be unconnected and the chip will operate in the default states as specified in the above table.
Burst Counter Sequences
Linear Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0] 1st address 2nd address 3rd address 4th address 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10 1st address 2nd address 3rd address 4th address
Interleaved Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0] 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00
BPR 1999.05.18
Note: The burst counter wraps to initial state on the 5th clock.
Note: The burst counter wraps to initial state on the 5th clock.
Byte Write Truth Table Function
Read Read Write byte a Write byte b Write byte c Write byte d Write all bytes Write all bytes
GW
H H H H H H H L
BW
H L L L L L L X
BA
X H L H H H L X
BB
X H H L H H L X
BC
X H H H L H L X
BD
X H H H H L L X
Notes
1 1 2, 3 2, 3 2, 3, 4 2, 3, 4 2, 3, 4
Notes: 1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs. 2. Byte Write Enable inputs BA, BB, BC, and/or BD may be used in any combination with BW to write single or multiple bytes. 3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs. 4. Bytes "C" and "D" are only available on the and x36 version.
Rev: 1.06 9/2000
6/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18
Synchronous Truth Table Operation
Deselect Cycle, Power Down Deselect Cycle, Power Down Deselect Cycle, Power Down Read Cycle, Begin Burst Read Cycle, Begin Burst Write Cycle, Begin Burst Read Cycle, Continue Burst Read Cycle, Continue Burst Write Cycle, Continue Burst Write Cycle, Continue Burst Read Cycle, Suspend Burst Read Cycle, Suspend Burst Write Cycle, Suspend Burst Write Cycle, Suspend Burst
Address Used
None None None External External External Next Next Next Next Current Current Current Current
State Diagram Key5
X X X R R W CR CR CW CW
E1
H L L L L L X H X H X H X H
E22
(x36only)
ADSP ADSC
X L H L H H H X H X H X H X L X L X L L H H H H H H H H
ADV
X X X X X X L L L L H H H H
W3
X X X X F T F F T T F F T T
DQ4
High-Z High-Z High-Z Q Q D Q Q D D Q Q D D
X F F T T T X X X X X X X X
Notes: 1. X = Don't Care, H = High, L = Low. 2. For x36 Version, E = T (True) if E2 = 1 and E3 = 0; E = F (False) if E2 = 0 or E3 = 1. 3. W = T (True) and F (False) is defined in the Byte Write Truth Table preceding. 4. G is an asynchronous input. G can be driven high at any time to disable active output drivers. G low can only enable active drivers (shown as "Q" in the Truth Table above). 5. 6. 7. All input combinations shown above are tested and supported. Input combinations shown in gray boxes need not be used to accomplish basic synchronous or synchronous burst operations and may be avoided for simplicity. Tying ADSP high and ADSC low allows simple non-burst synchronous operations. See BOLD items above. Tying ADSP high and ADV low while using ADSC to load new addresses allows simple burst operations. See ITALIC items above.
Rev: 1.06 9/2000
7/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18 Simplified State Diagram
X
Deselect W W Simple Synchronous Operation R R
X CW
First Write
R CR
First Read
X CR
Simple Burst Synchronous Operation
W R X Burst Write CR CW
R
Burst Read
X
CR
Notes: 1. The diagram shows only supported (tested) synchronous state transitions. The diagram presumes G is tied low. 2. The upper portion of the diagram assumes active use of only the Enable (E1E2) and Write (BA, BB, BC, BD, BW, and GW) control inputs, and that ADSP is tied high and ADSC is tied low. 3. The upper and lower portions of the diagram together assume active use of only the Enable, Write, and ADSC control inputs, and assumes ADSP is tied high and ADV is tied low.
Rev: 1.06 9/2000
8/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18 Simplified State Diagram with G
X
Deselect W W X W CW R R
First Write
R CR
First Read
X CR
CW
W X Burst Write R CR W CW
R X
Burst Read
CW
CR
Notes: 1. The diagram shows supported (tested) synchronous state transitions plus supported transitions that depend upon the use of G. 2. Use of "Dummy Reads" (Read Cycles with G High) may be used to make the transition from Read cycles to Write cycles without passing through a Deselect cycle. Dummy Read cycles increment the address counter just like normal Read cycles. 3. Transitions shown in grey tone assume G has been pulsed high long enough to turn the RAM's drivers off and for incoming data to meet Data Input Set Up Time.
Rev: 1.06 9/2000
9/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
VDD VDDQ VCK VI/O VIN IIN IOUT PD TSTG TBIAS
Description
Voltage on VDD Pins Voltage in VDDQ Pins Voltage on Clock Input Pin Voltage on I/O Pins Voltage on Other Input Pins Input Current on Any Pin Output Current on Any I/O Pin Package Power Dissipation Storage Temperature Temperature Under Bias
Value
-0.5 to 4.6 -0.5 to VDD -0.5 to 6 -0.5 to VDDQ +0.5 ( 4.6 V max.) -0.5 to VDD +0.5 ( 4.6 V max.) +/-20 +/-20 1.5 -55 to 125 -55 to 125
Unit
V V V V V mA mA W
oC oC
Note: Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended Operating Conditions. Exposure to conditions exceeding the Absolute Maximum Ratings, for an extended period of time, may affect reliability of this component.
Recommended Operating Conditions Parameter
Supply Voltage I/O Supply Voltage Input High Voltage Input Low Voltage Ambient Temperature (Commercial Range Versions) Ambient Temperature (Industrial Range Versions)
Symbol
VDD VDDQ VIH VIL TA TA
Min.
3.135 2.375 1.7 -0.3 0 -40
Typ.
3.3 2.5 -- -- 25 25
Max.
3.6 VDD VDD +0.3 0.8 70 85
Unit
V V V V C C
Notes
1 2 2 3 3
Notes: 1. Unless otherwise noted, all performance specifications quoted are evaluated for worst case at both 2.75 V VDDQ 2.375 V (i.e., 2.5 V I/O) and 3.6 V VDDQ 3.135 V (i.e., 3.3 V I/O), and quoted at whichever condition is worst case. 2. This device features input buffers compatible with both 3.3 V and 2.5 V I/O drivers. 3. Most speed grades and configurations of this device are offered in both Commercial and Industrial Temperature ranges. The part number of Industrial Temperature Range versions end the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 4. Input Under/overshoot voltage must be -2 V > Vi < VDD +2 V with a pulse width not to exceed 20% tKC.
Rev: 1.06 9/2000
10/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18
Undershoot Measurement and Timing
VIH VDD + 2.0 V VSS 50% VSS - 2.0 V 20% tKC VIL 50% VDD
Overshoot Measurement and Timing
20% tKC
Capacitance
(TA = 25oC, f = 1 MHZ, VDD = 3.3 V)
Parameter
Input Capacitance Input/Output Capacitance Note: These parameters are sample tested.
Symbol
CIN CI/O
Test conditions
VIN = 0 V VOUT = 0 V
Typ.
4 6
Max.
5 7
Unit
pF pF
Package Thermal Characteristics Rating
Junction to Ambient (at 200 lfm) Junction to Ambient (at 200 lfm) Junction to Case (TOP)
Layer Board
single four --
Symbol
RJA RJA RJC
Max
40 24 9
Unit
C/W C/W C/W
Notes
1,2 1,2 3
Notes: 1. Junction temperature is a function of SRAM power dissipation, package thermal resistance, mounting board temperature, ambient. Temperature air flow, board density, and PCB thermal resistance. 2. SCMI G-38-87 3. Average thermal resistance between die and top surface, MIL SPEC-883, Method 1012.1
Rev: 1.06 9/2000
11/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18
AC Test Conditions Parameter
Input high level Input low level Input slew rate Input reference level Output reference level Output load
Conditions
2.3 V 0.2 V 1 V/ns 1.25 V 1.25 V Fig. 1& 2
Notes: 1. Include scope and jig capacitance. 2. Test conditions as specified with output loading as shown in Fig. 1 unless otherwise noted. 3. Output Load 2 for tLZ, tHZ, tOLZ and tOHZ 4. Device is deselected as defined by the Truth Table. Output Load 1 DQ 50 VT = 1.25 V
* Distributed Test Jig Capacitance
Output Load 2 2.5 V 30pF* DQ 5pF* 225 225
DC Electrical Characteristics Parameter
Input Leakage Current (except mode pins) ZZ Input Current Mode Pin Input Current Output Leakage Current Output High Voltage Output High Voltage Output Low Voltage
Symbol
IIL IINZZ IINM IOL VOH VOH VOL
Test Conditions
VIN = 0 to VDD VDD VIN VIH 0 V VIN VIH VDD VIN VIL 0 V VIN VIL Output Disable, VOUT = 0 to VDD IOH = - mA, VDDQ = 2.375 V IOH = - mA, VDDQ = 3.135 V IOL = mA
Min
-1 uA -1 uA -1 uA -300 uA -1 uA -1 uA 1.7 V 2.4 V --
Max
1 uA 1 uA 300 uA 1 uA 1 uA 1 uA -- -- 0.4 V
Rev: 1.06 9/2000
12/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18 Operating Currents
-11 Parameter Test Conditions Device Selected; All other inputs VIH or VIL Output open ZZ VDD - 0.2 V Device Deselected; All other inputs VIH or VIL Symbol 0 to 70C 180 -40 to 85C 190 -11.5 0 to 70C 180 -40 to 85C 190 0 to 70C 180 -12 -40 to 85C 190 -14 0 to -40 to 70C 85C 175 185 -18 0 to 70C 165 -40 to 85C 175 Unit
Operating Current Standby Current Deselect Current
IDD Flow-Thru ISB Flow-Thru IDD Flow-Thru
mA
30
40
30
40
30
40
30
40
30
40
mA
65
75
65
75
65
75
55
65
50
60
mA
Rev: 1.06 9/2000
13/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18 AC Electrical Characteristics
Parameter Clock Cycle Time FlowThru Clock to Output Valid Clock to Output Invalid Clock to Output in Low-Z Clock HIGH Time Clock LOW Time Clock to Output in High-Z G to Output Valid G to output in Low-Z G to output in High-Z Setup time Hold time ZZ setup time ZZ hold time ZZ recovery Symbol tKC tKQ tKQX tLZ
1
-11 Min 15.0 -- 3.0 3.0 1.7 2 1.5 -- 0 -- 1.5 0.5 5 1 20 Max -- 11.0 -- -- -- -- 4.0 4.0 -- 4.0 -- -- -- -- --
-11.5 Min 15.0 -- 3.0 3.0 1.7 2 1.5 -- 0 -- 2.0 0.5 5 1 20 Max -- 11.5 -- -- -- -- 4.2 4.2 -- 4.2 -- -- -- -- -- Min 15.0 -- 3.0 3.0 2 2.2 1.5 -- 0 -- 2.0 0.5 5 1 20
-12 Max -- 12.0 -- -- -- -- 4.5 4.5 -- 4.5 -- -- -- -- -- Min 15.0 -- 3.0 3.0 2 2.2 1.5 -- 0 -- 2.0 0.5 5 1 20
-14 Max -- 14.0 -- -- -- -- 4.5 4.5 -- 4.5 -- -- -- -- -- Min 20 -- 3.0 3.0 2.3 2.5 1.5 -- 0 -- 2.0 0.5 5 1 20
-18 Max -- 18 -- -- -- -- 4.8 4.8 -- 4.8 -- -- -- -- --
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
tKH tKL tHZ1 tOE tOLZ1 tOHZ1 tS tH tZZS2 tZZH2 tZZR
Notes: 1. These parameters are sampled and are not 100% tested. 2. ZZ is an asynchronous signal. However, in order to be recognized on any given clock cycle, ZZ must meet the specified setup and hold times as specified above.
Rev: 1.06 9/2000
14/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18 Write Cycle Timing
Single Write
Burst Write
Write
Deselected
CK
tS tH
tKH tKL
tKC
ADSP is blocked by E inactive
ADSP
tS tH ADSC initiated write
ADSC
tS tH
ADV
tS tH ADV must be inactive for ADSP Write
WR2 WR3
A0-An GW
WR1
tS tH
tS tH
BW
tS tH
BA-BD
tS tH
WR1 WR1
WR2
WR3 WR3
E1 masks ADSP
E1
tS tH Deselected with E2
E2
tS tH E2 and E3 only sampled with ADSP or ADSC
E3 G
tS tH Write specified byte for 2A and all bytes for 2B, 2c& 2D
D2A D2B D2C D2D D3A
DQA-DQD
Hi-Z
D1A
Rev: 1.06 9/2000
15/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18 Flow Through Read-Write Cycle Timing
Single Read Single Write
Burst Read
CK
tS tH tKH tKL tKC ADSP is blocked by E inactive
ADSP
tS tH ADSC initiated read
ADSC
tS tH
ADV
tS tH
A0-An GW
RD1
WR1
RD2
tS tH
tS
tS tH
BW BA-BD
tS tH tS
WR1
tH
E1 masks ADSP
E1
tS tH E2 and E3 only sampled with ADSP and ADSC
E2
tS tH Deselected with E3
E3
tOE tOHZ
G
tKQ tS Q1A tH Q2A Q2B Q2c Q2D Q2A
DQA-DQD
Hi-Z
D1A
Burst wrap around to it's initial state
Rev: 1.06 9/2000
16/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18 Flow Through Read Cycle Timing
Single Read tKL
Burst Read
CK
tS tH tKH tKC ADSP is blocked by E inactive
ADSP
tS tH ADSC initiated read
ADSC
tS tH Suspend Burst Suspend Burst
ADV
tS tH
A0-An GW
RD1 tS
RD2
RD3 tH
tS
tH
BW BA-BD
tS tH E1 masks ADSP
E1
tS tH E2 and E3 only sampled with ADSP or ADSC Deselected with E2
E2
tS tH
E3
tOE tOHZ
G
tOLZ tKQX Q1A tLZ tKQ tHZ Q2A Q2B Q2C Q2D Q3A tKQX
DQA-DQD
Hi-Z
Rev: 1.06 9/2000
17/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18 Sleep Mode Timing Diagram
CK
tS tH tKC tKH tKL
ADSP ADSC
tZZS
~~~~~ ~ ~ ~~ ~
tZZH
tZZR
ZZ
Snooze
Rev: 1.06 9/2000
18/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18 Output Driver Characteristics
120.0
100.0
Pull Down Drivers
80.0
60.0
40.0
20.0
VDDQ I Out
I Out (mA)
0.0
VOut
-20.0
VSS
-40.0
-60.0
-80.0
Pull Up Drivers
-100.0
-120.0
-140.0 -0.5 0 0.5 1 1.5 2 2.5 3 3.5 4
V Out (Pull Down) VDDQ - V Out (Pull Up) 3.6V PD HD 3.3V PD HD 3.1V PD HD 3.1V PU HD 3.3V PU HD 3.6V PU HD
Rev: 1.06 9/2000
19/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18 TQFP Package Drawing
L Symbol
A1 A2 b c D D1 E E1 e L L1 Y
c Pin 1
Description
Standoff Body Thickness Lead Width Lead Thickness Terminal Dimension Package Body Terminal Dimension Package Body Lead Pitch Foot Length Lead Length Coplanarity Lead Angle
Min. Nom. Max
0.05 1.35 0.20 0.09 21.9 19.9 15.9 13.9 -- 0.45 -- -- 0 0.10 1.40 0.30 -- 22.0 20.0 16.0 14.0 0.65 0.60 1.00 -- -- 0.15 1.45 0.40 0.20 22.1 20.1 16.1 14.1 -- 0.75 -- 0.10
L1
D1
e b
D
A1
Y
A2
E1 E
7
Notes: 1. All dimensions are in millimeters (mm). 2. Package width and length do not include mold protrusion.
BPR 1999.05.18
Rev: 1.06 9/2000
20/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18 Ordering Information for GSI Synchronous Burst RAMs
Org
512K x 18 512K x 18 512K x 18 512K x 18 512K x 18 256K x 36 256K x 36 256K x 36 256K x 36 256K x 36 512K x 18 512K x 18 512K x 18 512K x 18 512K x 18 256K x 36 256K x 36 256K x 36 256K x 36 256K x 36
Part Number1
GS880F18T-11 GS880F18T-11.5 GS880F18T-12 GS880F18T-14 GS880F18T-18 GS880F36T-11 GS880F36T--11.5 GS880F36T-12 GS880F36T-14 GS880F36T-18 GS880F18T-11I GS880F18T--11.5I GS880F18T-12I GS880F18T-14I GS880F18T-18I GS880F36T-11I GS880F36T--11.5I GS880F36T-12I GS880F36T-14I GS880F36T-18I
Type
Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through Flow Through
Package
TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP
Speed2 (MHz/ns)
11 11.5 12 14 18 11 11.5 12 14 18 11 11.5 12 14 18 11 11.5 12 14 18
TA3
C C C C C C C C C C I I I I I I I I I I
Status
Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS880LF18TT. 2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each device is Pipeline/Flow Through mode-selectable by the user. 3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings.
Rev: 1.06 9/2000
21/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS880F18/36T-11/11.5/12/14/18 Revision History
DS/DateRev. Code: Old;
New GS880F18/361.00 11/1999J
Types of Changes Format or Content
Content
Page;Revisions;Reason
* First Release of 880 F. * Changed Flow Through Read-Write Cycle Timing Diagram for accuracy. * Changed order of TQFP Address Inputs to match pinout. * Changed order of TQFP DATA Input and Output pins to match pinout. * New GSI Logo. * Changed all speed bin information (headings, references, tables, ordering info..) to reflect 14 -10Mhz
GS880F18/36T1.00 K880F18/36T1.02 1/2000L
Content
GS880F1836T Rev. 1.02 1/ 2000L; GS880F1836T Rev. 1.03 3/ 2000N GS880F1836T Rev. 1.03 1/ 2000N; GS880F1836T Rev. 1.04 3/ 2000O GS880F1836T Rev. 1.04 3/ 2000O; 880F1836_r1_05 880F18_r1_05; 880F18_r1_06
Content
* Corrections to AC Electrical Characteristics Table Content
Content/Format
* Removed 150 MHz speed bin * Added 18 ns speed bin * Updated format to comply with Technical Publications standards * Updated Capitance table--removed Input row and changed Output row to I/O
Content
Rev: 1.06 9/2000
22/22
(c) 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.


▲Up To Search▲   

 
Price & Availability of GS880F18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X