Part Number Hot Search : 
M29F010 SOT230 G4PC40 FN110 T1117 MAX14 100J2 AN7800F
Product Description
Full Text Search
 

To Download GS840H18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GS840H18/32/36T/B-180/166/150/100 TQFP, BGA Commercial Temp Industrial Temp Features
* FT pin for user configurable flow through or pipelined operation. * Single Cycle Deselect (SCD) Operation. * High Output Drive current. * 3.3V +10%/-5% Core power supply * 2.5V or 3.3V I/O supply. * LBO pin for linear or interleaved burst mode. * Internal input resistors on mode pins allow floating mode pins. * Default to Interleaved Pipelined Mode. * Byte write (BW) and/or global write (GW) operation. * Common data inputs and data outputs. * Clock Control, registered, address, data, and control. * Internal Self-Timed Write cycle. * Automatic power-down for portable applications. * JEDEC standard 100-lead TQFP or 119 Bump BGA package. -180 5.5ns 3.2ns 330mA 8ns 10ns 190mA -166 6.0ns 3.5ns 310mA 8.5ns 10ns 190mA -150 6.6ns 3.8ns 275mA 10ns 10ns 190mA -100 10ns 4.5ns 190mA 12ns 15ns 140mA
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
Flow Through / Pipeline Reads
180Mhz - 100Mhz 3.3V VDD 3.3V & 2.5V I/O
with the Linear Burst Order (LBO) input. The Burst function need not be used. New addresses can be loaded on every cycle with no degradation of chip performance. The function of the Data Output register can be controlled by the user via the FT mode pin/bump (pin 14 in the TQFP and bump 5R in the BGA, ). Holding the FT mode pin/bump low places the RAM in Flow through mode, causing output data to bypass the Data Output Register. Holding FT high places the RAM in Pipelined Mode, activating the rising edge triggered Data Output Register.
SCD Pipelined Reads
The GS840H18/32/36 is an SCD (Single Cycle Deselect) pipelined synchronous SRAM. DCD (Dual Cycle Deselect) versions are also available.SCD SRAMs pipeline deselect commands one stage less than read commands. SCD RAMs begin turning off their outputs immediately after the deselect command has been captured in the input registers.
Pipeline 3-1-1-1 Flow Through 2-1-1-1
tCycle tKQ IDD tKQ tCycle IDD
Byte Write and Global Write
Byte write operation is performed by using byte write enable (BW) input combined with one or more individual byte write signals (Bx). In addition, Global Write (GW) is available for writing all bytes at one time, regardless of the Byte Write control inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion (High) of the ZZ signal, or by stopping the clock (CK). Memory data is retained during Sleep mode.
Functional Description
Applications
The GS840H18/32/36 is a 4,718,592 bit (4,194,304 bit for x32 version) high performance synchronous SRAM with a 2 bit burst address counter. Although of a type originally developed for Level 2 Cache applications supporting high performance CPU's, the device now finds application in synchronous SRAM applications ranging from DSP main store to networking chip set support. The GS840H18/32/36 is available in a JEDEC standard 100-lead TQFP or 119 Bump BGA package.
Core and Interface Voltages
The GS840H18/32/36 operates on a 3.3V power supply and all inputs/outputs are 3.3V and 2.5V compatible. Separate output power (VDDQ) pins are used to de-couple output noise from the internal circuit.
Controls
Addresses, data I/O's, chip enables (E1, E2, E3), address burst control inputs (ADSP, ADSC, ADV) and write control inputs (Bx, BW, GW) are synchronous and are controlled by a positive edge triggered clock input (CK). Output enable (G) and power down control (ZZ) are asynchronous inputs. Burst cycles can be initiated with either ADSP or ADSC inputs. In Burst mode, subsequent burst addresses are generated internally and are controlled by ADV. The burst address counter may be configured to count in either linear or interleave order Rev: 2.04 6/2000 1/31 (c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS840H18/32/36T/B-180/166/150/100
GS840H18 100 Pin TQFP Pinout
NC NC NC VDDQ VSS NC NC DQB1 DQB2 VSS VDDQ DQB3 DQB4 FT VDD NC VSS DQB5 DQB6 VDDQ VSS DQB7 DQB8 DQB9 NC VSS VDDQ NC NC NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 1 80 2 79 3 78 4 77 5 76 6 75 7 74 8 73 9 72 256K x 18 10 71 Top View 11 70 12 69 13 68 14 67 15 66 16 65 17 64 18 63 19 62 20 61 21 60 22 59 23 58 24 57 25 56 26 55 27 54 28 53 29 52 30 51 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
A6 A7 E1 E2 NC NC BB BA E3 VDD VSS CK GW BW G ADSC ADSP ADV A8 A9
A17 NC NC VDDQ VSS NC DQA9 DQA8 DQA7 VSS VDDQ DQA6 DQA5 VSS NC VDD ZZ DQA4 DQA3 VDDQ VSS DQA2 DQA1 NC NC VSS VDDQ NC NC NC
Rev: 2.04 6/2000
LBO A5 A4
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
A3 A2 A1 A0 NC NC VSS VDD NC NC A10 A11 A12 A13 A14 A15 A16 2/31 (c) 1999, Giga Semiconductor, Inc.
GS840H18/32/36T/B-180/166/150/100
GS840H32 100 Pin TQFP Pinout
NC DQC8 DQC7 VDDQ VSS DQC6 DQC5 DQC4 DQC3 VSS VDDQ DQC2 DQC1 FT VDD NC VSS DQD1 DQD2 VDDQ VSS DQD3 DQD4 DQD5 DQD6 VSS VDDQ DQD7 DQD8 NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 1 80 2 79 3 78 4 77 5 76 6 75 7 74 8 73 9 72 128K x 32 10 71 Top View 11 70 12 69 13 68 14 67 15 66 16 65 17 64 18 63 19 62 20 61 21 60 22 59 23 58 24 57 25 56 26 55 27 54 28 53 29 52 30 51 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
A6 A7 E1 E2 BD BC BB BA E3 VDD VSS CK GW BW G ADSC ADSP ADV A8 A9
NC DQB8 DQB7 VDDQ VSS DQB6 DQB5 DQB4 DQB3 VSS VDDQ DQB2 DQB1 VSS NC VDD ZZ DQA1 DQA2 VDDQ VSS DQA3 DQA4 DQA5 DQA6 VSS VDDQ DQA7 DQA8 NC
Rev: 2.04 6/2000
LBO A5 A4
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
A3 A2 A1 A0 NC NC VSS VDD NC NC A10 A11 A12 A13 A14 A15 A16 3/31 (c) 1999, Giga Semiconductor, Inc.
GS840H18/32/36T/B-180/166/150/100
GS840H36 100 Pin TQFP Pinout
DQC9 DQC8 DQC7 VDDQ VSS DQC6 DQC5 DQC4 DQC3 VSS VDDQ DQC2 DQC1 FT VDD NC VSS DQD1 DQD2 VDDQ VSS DQD3 DQD4 DQD5 DQD6 VSS VDDQ DQD7 DQD8 DQD9
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 1 80 2 79 3 78 4 77 5 76 6 75 7 74 8 73 9 72 128K x 36 10 71 Top View 11 70 12 69 13 68 14 67 15 66 16 65 17 64 18 63 19 62 20 61 21 60 22 59 23 58 24 57 25 56 26 55 27 54 28 53 29 52 30 51 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
A6 A7 E1 E2 BD BC BB BA E3 VDD VSS CK GW BW G ADSC ADSP ADV A8 A9
DQB9 DQB8 DQB7 VDDQ VSS DQB6 DQB5 DQB4 DQB3 VSS VDDQ DQB2 DQB1 VSS NC VDD ZZ DQA1 DQA2 VDDQ VSS DQA3 DQA4 DQA5 DQA6 VSS VDDQ DQA7 DQA8 DQA9
Rev: 2.04 6/2000
LBO A5 A4
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
A3 A2 A1 A0 NC NC VSS VDD NC NC A10 A11 A12 A13 A14 A15 A16 4/31 (c) 1999, Giga Semiconductor, Inc.
GS840H18/32/36T/B-180/166/150/100
TQFP Pin Description Pin Location
37, 36 35, 34, 33, 32, 100, 99, 82, 81,44, 45, 46, 47, 48, 49, 50 80 52, 53, 56, 57, 58, 59, 62, 63 68, 69, 72, 73, 74, 75, 78, 79 2, 3, 6, 7, 8, 9, 12, 13 18, 19, 22, 23, 24, 25, 28, 29 51, 80, 1, 30 51, 80, 1, 30 58, 59, 62, 63, 68, 69, 72, 73, 74 8, 9, 12, 13, 18, 19, 22, 23, 24 51, 52, 53, 56, 57 75, 78, 79 1, 2, 3, 6, 7 25, 28, 29, 30 87 93, 94 95, 96 95, 96 89 88 98, 92 97 86 83 84, 85 64 14 31 15, 41, 65, 91 5,10,17, 21, 26, 40, 55, 60, 67, 71, 76, 90 4, 11, 20, 27, 54, 61, 70, 77 16, 38, 39, 42, 43, 66
Symbol
A0, A1 A2-16 A17 DQA1-DQA8 DQB1-DQB8 DQC1-DQC8 DQD1-DQD8 DQA9, DQB9, DQC9, DQD9 NC DQA1-DQA9 DQB1-DQB9 NC BW BA, BB BC, BD NC CK GW E1, E3 E2 G ADV ADSP, ADSC ZZ FT LBO VDD VSS VDDQ NC
Type
I I I I/O
Description
Address field LSB's and Address Counter preset Inputs Address Inputs Address Inputs (x18 versions) Data Input and Output pins. (x32, x36 Version)
I/O
Data Input and Output pins. (x36 Version) No Connect (x32 Version)
I/O
Data Input and Output pins. (x18 Version)
I I I I I I I I I I I I I I I I -
No Connect (x18 Version) Byte Write. Writes all enabled bytes. Active Low. Byte Write Enable for DQA, DQB Data I/O's. Active Low. Byte Write Enable for DQC, DQD Data I/O's. Active Low. (x32, x36 Version) No Connect (x18 Version) Clock Input Signal. Active High. Global Write Enable. Writes all bytes. Active Low. Chip Enable. Active Low. Chip Enable. Active High. Output Enable. Active Low. Burst address counter advance enable. Active Low. Address Strobe (Processor, Cache Controller). Active Low. Sleep Mode control. Active High. Flow Through or Pipeline mode. Active Low. Linear Burst Order mode. Active Low. Core power supply. I/O and Core Ground. Output driver power supply. No Connect.
Rev: 2.04 6/2000
5/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100 GS840H18 Pad Out
119 Bump BGA - Top View
1 A B C D E F G H J K L M N P R T U
VDDQ NC NC DQB1 NC VDDQ NC DQB4 VDDQ NC DQB6 VDDQ DQB8 NC NC NC VDDQ
2
A6 E2 A5 NC DQB2 NC DQB3 NC VDD DQB5 NC DQB7 NC DQB9 A2 A10 NC
3
A7 A4 A3 VSS VSS VSS BB VSS NC VSS NC VSS VSS VSS LBO A11 NC
4
ADSP ADSC VDD NC E1 G ADV GW VDD CK NC BW A1 A0 VDD NC NC
5
A8 A15 A14 VSS VSS VSS NC VSS NC VSS BA VSS VSS VSS FT A12 NC
6
A9 E3 A16 DQA9 NC DQA7 NC DQA5 VDD NC DQA3 NC DQA2 NC A13 A17 NC
7
VDDQ NC NC NC DQA8 VDDQ DQA6 NC VDDQ DQA4 NC VDDQ NC DQA1 NC ZZ VDDQ
Rev: 2.04 6/2000
6/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100 GS840H32 Pad Out
119 Bump BGA - Top View
1 A B C D E F G H J K L M N P R T U
VDDQ NC NC DQC4 DQC3 VDDQ DQC2 DQC1 VDDQ DQD1 DQD2 VDDQ DQD3 DQD4 NC NC VDDQ
2
A6 E2 A5 NC DQC8 DQC7 DQC6 DQC5 VDD DQD5 DQD6 DQD78 DQD8 NC A2 NC NC
3
A7 A4 A3 VSS VSS VSS BC VSS NC VSS BD VSS VSS VSS LBO A10 NC
4
ADSP ADSC VDD NC E1 G ADV GW VDD CK NC BW A1 A0 VDD A11 NC
5
A8 A15 A14 VSS VSS VSS BB VSS NC VSS BA VSS VSS VSS FT A12 NC
6
A9 E3 A16 NC DQB8 DQB7 DQB6 DQB5 VDD DQA5 DQA6 DQA7 DQA8 NC A13 NC NC
7
VDDQ NC NC DQB4 DQB3 VDDQ DQB2 DQB1 VDDQ DQA1 DQA2 VDDQ DQA3 DQA4 NC ZZ VDDQ
Rev: 2.04 6/2000
7/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100 GS840H36Pad Out
119 Bump BGA - Top View
1 A B C D E F G H J K L M N P R T U
VDDQ NC NC DQC4 DQC3 VDDQ DQC2 DQC1 VDDQ DQD1 DQD2 VDDQ DQD3 DQD4 NC NC VDDQ
2
A6 E2 A5 DQC9 DQC8 DQC7 DQC6 DQC5 VDD DQD5 DQD6 DQD78 DQD8 DQD9 A2 NC NC
3
A7 A4 A3 VSS VSS VSS BC VSS NC VSS BD VSS VSS VSS LBO A10 NC
4
ADSP ADSC VDD NC E1 G ADV GW VDD CK NC BW A1 A0 VDD A11 NC
5
A8 A15 A14 VSS VSS VSS BB VSS NC VSS BA VSS VSS VSS FT A12 NC
6
A9 E3 A16 DQB9 DQB8 DQB7 DQB6 DQB5 VDD DQA5 DQA6 DQA7 DQA8 DQA9 A13 NC NC
7
VDDQ NC NC DQB4 DQB3 VDDQ DQB2 DQB1 VDDQ DQA1 DQA2 VDDQ DQA3 DQA4 NC ZZ VDDQ
Rev: 2.04 6/2000
8/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100
BGA Pin Description Pin Location
N4, P4 A2, A3, A5, A6, B3, B5, C2, C3, C5, C6, R2, R6, T3, T5 T4 T2, T6 T2, T6 K7, K6, L7, L6, M6, N7, N6, P7 H7, H6, G7, G6, F6, E7, E6, D7 H1, H2, G1, G2, F2, E1, E2, D1 K1, K2, L1, L2, M2, N1, N2, P1 P6, D6, D2, P2 P6, D6, D2, P2 L5, G5, G3, L3 P7, N6, L6, K7, H6, G7, F6, E7, D6 D1, E2, G2, H1, K2, L1, M2, N1, P2 L5, G3 B1, C1, R1, T1, U2, J3, U3, D4, L4, U4, J5, U5, U6, B7, C7, R7 P6, N7, M6, L7, K6, H7, G6, E6, D7, D2, B1, E1, F2, G1, H2, K1, L2, N2, P1, G5, L3, T4 K4 M4 H4 E4, B6 B2 F4 G4 A4, B4 T7 R5 R3 J2, C4, J4, R4, J6 D3, E3, F3, H3, K3, M3, N3, P3, D5, E5, F5, H5, K5, M5, N5, P5 A1, F1, J1, M1, U1, A7, F7, J7, M7, U7
Symbol
A0, A1 An An NC An DQA1-DQA8 DQB1-DQB8 DQC1-DQC8 DQD1-DQD8 DQA9, DQB9, DQC9, DQD9 NC BA, BB, BC, BD DQA1-DQA9 DQB1-DQB9 BA, BB NC NC CK BW GW E1, E3 E2 G ADV ADSP, ADSC ZZ FT LBO VDD VSS VDDQ
Type
I I
Description
Address field LSB's and Address Counter Preset Inputs. Address Inputs Address Input (x32/36 Versions)
I I/O
No Connect (x32/36 Versions) Address Input (x18 Version) Data Input and Output pins. (x32/36 Versions)
I/O I I/O I I I I I I I I I I I I I I I
Data Input and Output pins. (x36 Version) No Connect (x32 Version) Byte Write Enable for DQA, DQB, DQC, DQD I/O's. Active Low. ( x36 Version) Data Input and Output pins. (x18 Version) Byte Write Enable for DQA, DQB I/O's. Active Low. ( x18 Version) No Connect No Connect (x18 Version) Clock Input Signal. Active High. Byte Write. Writes all enabled bytes. Active Low. Global Write Enable. Writes all bytes. Active Low. Chip Enable. Active Low. Chip Enable. Active High. Output Enable. Active Low. Burst address counter advance enable. Active Low. Address Strobe (Processor, Cache Controller). Active Low. Sleep Mode control. Active High. Flow Through or Pipeline mode. Active Low. Linear Burst Order mode. Active Low. Core power supply. I/O and Core Ground. Output driver power supply.
Rev: 2.04 6/2000
9/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100
GS840H18/32/36 Block Diagram
Register
A0-An
D
Q A0 D0 A1 D1 Q1 Counter Load A Q0 A0 A1
LBO ADV CK ADSC ADSP GW BW BA
Register
Memory Array
Q D Q D
Register
D BB
Q
36 4
36
Register
D BC
Q Q
Register
D
Register
Q
Register
D
D BD
Q
Register
D
Q
Register
E1 E3 E2
D
Q
Register
D
Q
FT G Power Down Control
ZZ
1
DQx0-DQx9
Note: Only x36 version shown for simplicity.
Rev: 2.04 6/2000
10/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100
Mode Pin Functions Mode Name
Burst Order Control Output Register Control Power Down Control
Pin Name State
LBO FT ZZ L H or NC L H or NC L or NC H
Function
Linear Burst Interleaved Burst Flow Through Pipeline Active Standby, IDD = ISB
Note: There are pull up devices on LBO and FT pins and a pull down device on the ZZ pin, so those input pins can be unconnected and the chip will operate in the default states as specified in the above tables.
Burst Counter Sequences
Linear Burst Sequence
A[1:0] 1st address 2nd address 3rd address 4th address 00 01 10 11 A[1:0] 01 10 11 00 A[1:0] 10 11 00 01 A[1:0] 11 00 01 10 1st address 2nd address 3rd address 4th address
Interleaved Burst Sequence
A[1:0] 00 01 10 11 A[1:0] 01 00 11 10 A[1:0] 10 11 00 01 A[1:0] 11 10 01 00
Note: The burst counter wraps to initial state on the 5th clock.
Note: The burst counter wraps to initial state on the 5th clock.
Byte Write Truth Table Function
Read Read Write byte A Write byte B Write byte C Write byte D Write all bytes Write all bytes
GW
H H H H H H H L
BW
H L L L L L L X
BA
X H L H H H L X
BB
X H H L H H L X
BC
X H H H L H L X
BD
X H H H H L L X
Notes
1 1 2, 3 2, 3 2, 3, 4 2, 3, 4 2, 3, 4
Note: 1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs. 2. Byte Write Enable inputs BA, BB, BC and/or BD may be used in any combination with BW to write single or multiple bytes. 3. All byte I/O's remain High-Z during all write operations regardless of the state of Byte Write Enable inputs. 4. Bytes "C" and "D" are only available on the x32 and x36 versions.
Rev: 2.04 6/2000
11/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100
Synchronous Truth Table Operation
Deselect Cycle, Power Down Deselect Cycle, Power Down Deselect Cycle, Power Down Read Cycle, Begin Burst Read Cycle, Begin Burst Write Cycle, Begin Burst Read Cycle, Continue Burst Read Cycle, Continue Burst Write Cycle, Continue Burst Write Cycle, Continue Burst Read Cycle, Suspend Burst Read Cycle, Suspend Burst Write Cycle, Suspend Burst Write Cycle, Suspend Burst
State Address Used Diagram Key5
None None None External External External Next Next Next Next Current Current Current Current X X X R R W CR CR CW CW
E1
H L L L L L X H X H X H X H
E2
X F F T T T X X X X X X X X
ADSP
X L H L H H H X H X H X H X
ADSC
L X L X L L H H H H H H H H
ADV
X X X X X X L L L L H H H H
W3
X X X X F T F F T T F F T T
DQ4
High-Z High-Z High-Z Q Q D Q Q D D Q Q D D
Note: 1. X = Don't Care, H = High, L = Low. 2. E = T (True) if E2 = 1 and E3 = 0; E = F (False) if E2 = 0 or E3 = 1. 3. W = T (True) and F (False) is defined in the Byte Write Truth Table preceding. 4. G is an asynchronous input. G can be driven high at any time to disable active output drivers. G low can only enable active drivers (shown as "Q" in the Truth Table above). 5. 6. 7. All input combinations shown above are tested and supported. Input combinations shown in gray boxes need not be used to accomplish basic synchronous or synchronous burst operations and may be avoided for simplicity. Tying ADSP high and ADSC low allows simple non-burst synchronous operations. See BOLD items above. Tying ADSP high and ADV low while using ADSC to load new addresses allows simple burst operations. See ITALIC items above.
Rev: 2.04 6/2000
12/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100 Simplified State Diagram
X
Deselect W W Simple Synchronous Operation R R
X CW
First Write
R CR
First Read
X CR
Simple Burst Synchronous Operation
W R X Burst Write CR CW
R
Burst Read
X
CR
Notes: 1. The diagram shows only supported (tested) synchronous state transitions. The diagram presumes G is tied Low. 2. The upper portion of the diagram assumes active use of only the Enable (E1, E2, E3) and Write (BA, BB, BC, BD, BW and GW) control inputs and that ADSP is tied high and ADSC is tied low. 3. The upper and lower portions of the diagram together assume active use of only the Enable, Write and ADSC control inputs and assumes ADSP is tied high and ADV is tied low.
Rev: 2.04 6/2000
13/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100 Simplified State Diagram with G
X
Deselect W W X W CW R R
First Write
R CR
First Read
X CR
CW
W X Burst Write R CR W CW
R X
Burst Read
CW
CR
Notes: 1. The diagram shows supported (tested) synchronous state transitions plus supported transitions that depend upon the use of G. 2. Use of "Dummy Reads" (Read Cycles with G High) may be used to make the transition from Read cycles to Write cycles without passing through a Deselect cycle. Dummy Read cycles increment the address counter just like normal Read cycles. 3. Transitions shown in grey tone assume G has been pulsed high long enough to turn the RAM's drivers off and for incoming data to meet Data Input Set Up Time.
Rev: 2.04 6/2000
14/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
VDD VDDQ VCK VI/O VIN IIN IOUT PD TSTG TBIAS
Description
Voltage on VDD Pins Voltage in VDDQ Pins Voltage on Clock Input Pin Voltage on I/O Pins Voltage on Other Input Pins Input Current on Any Pin Output Current on Any I/O Pin Package Power Dissipation Storage Temperature Temperature Under Bias
Value
-0.5 to 4.6 -0.5 to VDD -0.5 to 6 -0.5 to VDDQ+0.5 ( 4.6 V max.) -0.5 to VDD+0.5 ( 4.6 V max.) +/- 20 +/- 20 1.5 -55 to 125 -55 to 125
Unit
V V V V V mA mA W
oC oC
Note: Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended Operating Conditions. Exposure to conditions exceeding the Absolute Maximum Ratings, for an extended period of time, may affect reliability of this component.
Recommended Operating Conditions Parameter
Supply Voltage I/O Supply Voltage Input High Voltage Input Low Voltage Ambient Temperature (Commercial Range Versions)
Symbol
VDD VDDQ VIH VIL TA
Min.
3.135 2.375 1.7 -0.3 0
Typ.
3.3 2.5 ----25
Max.
3.6 VDD VDD+0.3 0.8 70
Unit
V V V V
C
Notes
1 2 2 3
TA C 3 Ambient Temperature (Industrial Range Versions) -40 25 85 Note: 1. Unless otherwise noted, all performance specifications quoted are evaluated for worst case at both 2.75V VDDQ 2.375V (i.e. 2.5V I/O) and 3.6V VDDQ 3.135V (i.e. 3.3V I/O) and quoted at whichever condition is worst case. 2. This device features input buffers compatible with both 3.3V and 2.5V I/O drivers. 3. Most speed grades and configurations of this device are offered in both Commercial and Industrial Temperature ranges. The part number of Industrial Temperature Range versions end the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 4. Input Under/overshoot voltage must be -2V > Vi < VDD+2V with a pulse width not to exceed 20% tKC.
Rev: 2.04 6/2000
15/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100
Undershoot Measurement and Timing
VIH VDD+-2.0V VSS 50% VSS-2.0V 20% tKC VIL 50% VDD
Overshoot Measurement and Timing
20% tKC
Capacitance
(TA=25oC, f=1MHZ, VDD=3.3V)
Parameter
Control Input Capacitance Input Capacitance Output Capacitance Note: This parameter is sample tested.
Symbol
CI CIN COUT
Test conditions
VDD=3.3V VIN=0V VOUT=0V
Typ.
3 4 6
Max.
4 5 7
Unit
pF pF pF
Package Thermal Characteristics Rating
Junction to Ambient (at 200 lfm) Junction to Ambient (at 200 lfm)
Layer Board
single four
Symbol
RJA RJA
TQFP Max
40 24
BGA Max
38 21
Unit
C/W C/W
Notes
1,2,4 1,2,4
RJC 9 5 Junction to Case (TOP) C/W 3,4 Notes: Notes: 1. Junction temperature is a function of SRAM power dissipation, package thermal resistance, mounting board temperature, ambient. Temperature air flow, board density, and PCB thermal resistance. 2. SCMI G-38-87. 3. Average thermal resistance between die and top surface, MIL SPEC-883, Method 1012.1. 4. For x18 configuration, consult factory.
Rev: 2.04 6/2000
16/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100
AC Test Conditions Parameter
Input high level Input low level Input slew rate Input reference level Output reference level
Conditions
2.3V 0.2V 1V/ns 1.25V 1.25V
Output load Fig. 1& 2 Notes: 1. Include scope and jig capacitance. 2. Test conditions as specified with output loading as shown in Fig. 1 unless otherwise noted. 3. Output Load 2 for tLZ, tHZ, tOLZ and tOHZ. 4. Device is deselected as defined by the Truth Table. Output Load 1 DQ 50 VT=1.25V
* Distributed Test Jig Capacitance
Output Load 2 2.5V 30pF* DQ 5pF* 225 225
DC Electrical Characteristics Parameter
Input Leakage Current (except mode pins) ZZ Input Current Mode Pin Input Current Output Leakage Current Output High Voltage Output High Voltage Output Low Voltage
Symbol
IIL IINZZ IINM IOL VOH VOH VOL
Test Conditions
VIN = 0 to VDD VDD VIN VIH 0V VIN VIH VDD VIN VIL 0V VIN VIL Output Disable, VOUT = 0 to VDD IOH = - 8mA, VDDQ=2.375V IOH = - 8mA, VDDQ=3.135V IOL = 8mA
Min
-1uA -1uA -1uA -300uA -1uA -1uA 1.7V 2.4V
Max
1uA 1uA 300uA 1uA 1uA 1uA
0.4V
Rev: 2.04 6/2000
17/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100
Operating Currents -180 Parameter Test Conditions Operating Current Standby Current Deselect Current
Device Selected; All other inputs VIH or VIL Output open
-166
0 to 70C -40 to 85C
-150
0 to 70C -40 to 85C
-100
0 to 70C -40 to 85C
Symbol
IDD Pipeline
0 to 70C
-40 to 85C
330mA 340mA 310mA 320mA 275mA 285mA 190mA 200mA
IDD 190mA 200mA 190mA 200mA 190mA 200mA 140mA 150mA Flow-Thru ISB Pipeline ISB Flow-Thru IDD Pipeline IDD Flow-Thru 30mA 30mA 40mA 40mA 30mA 30mA 40mA 40mA 30mA 30mA 40mA 40mA 30mA 30mA 80mA 65mA 40mA 40mA 90mA 75mA
ZZ VDD - 0.2V
Device Deselected; All other inputs VIH or VIL
120mA 130mA 110mA 120mA 105mA 115mA 80mA 90mA 80mA 90mA 80mA 90mA
Rev: 2.04 6/2000
18/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100 AC Electrical Characteristics
Parameter
Clock Cycle Time Pipeline Clock to Output Valid Clock to Output Invalid Clock to Output in Low-Z Clock Cycle Time FlowThru Clock to Output Valid Clock to Output Invalid Clock to Output in Low-Z Clock HIGH Time Clock LOW Time Clock to Output in High-Z G to Output Valid G to output in Low-Z G to output in High-Z Setup time Hold time ZZ setup time ZZ hold time ZZ recovery
Symbol
tKC tKQ tKQX tLZ
1
-180
Min 5.5 --1.5 1.5 10.0 --3.0 3.0 1.3 1.5 1.5 --0 --1.5 0.5 5 1 20 Max --3.2 ------8.0 --------3.2 3.2 --3.2 -----------
-166
Min 6.0 --1.5 1.5 10.0 --3.0 3.0 1.3 1.5 1.5 --0 --1.5 0.5 5 1 20 Max --3.5 ------8.5 --------3.5 3.5 --3.5 -----------
-150
Min 6.7 --1.5 1.5 10.0 --3.0 3.0 1.5 1.7 1.5 --0 --1.5 0.5 5 1 20 Max --3.8 ------10.0 --------3.8 3.8 --3.8 ----------10 ---
-100
Min Max --4.5 ------12.0 --------5 5 --5 -----------
Unit
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
1.5 1.5 15.0 --3.0 3.0 2 2.2 1.5 --0 --2.0 0.5 5 1 20
tKC tKQ tKQX tLZ1 tKH tKL tHZ1 tOE tOLZ1 tOHZ1 tS tH tZZS2 tZZH2 tZZR
Notes: 1. These parameters are sampled and are not 100% tested 2. ZZ is an asynchronous signal. However, In order to be recognized on any given clock cycle, ZZ must meet the specified setup and hold times as specified above.
Rev: 2.04 6/2000
19/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100 Write Cycle Timing
Single Write
Burst Write
Write
Deselected
CK
tS tH
tKH tKL
tKC
ADSP is blocked by E1 inactive
ADSP
tS tH ADSC initiated write
ADSC
tS tH
ADV
tS tH ADV must be inactive for ADSP Write
WR2 WR3
A0-An GW
WR1
tS tH
tS tH
BW
tS tH
BA - BD
tS tH
WR1 WR1
WR2
WR3 WR3
E1 masks ADSP
E1
tS tH Deselected with E2
E2
tS tH E2 and E3 only sampled with ADSP or ADSC
E3 G
tS tH Write specified byte for 2a and all bytes for 2b, 2c& 2d D2a D2b D2c D2d D3a
DQA - DQD
Hi-Z
D1a
Rev: 2.04 6/2000
20/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100 Flow Through Read Cycle Timing
Single Read tKL
Burst Read
CK
tS tH tKH tKC ADSP is blocked by E1 inactive
ADSP
tS tH ADSC initiated read
ADSC
tS tH Suspend Burst Suspend Burst
ADV
tS tH
A0-An GW
RD1 tS
RD2
RD3 tH
tS
tH
BW BA - BD
tS tH E1 masks ADSP
E1
tS tH E2 and E3 only sampled with ADSP or ADSC Deselected with E2
E2
tS tH
E3
tOE tOHZ
G
tOLZ tKQX Q1a tLZ tKQ tHZ Q2a Q2b Q2c Q2d Q3a tKQX
DQA-DQD
Hi-Z
Rev: 2.04 6/2000
21/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100 Flow Through Read-Write Cycle Timing
Single Read Single Write
Burst Read
CK
tS tH tKH tKL tKC ADSP is blocked by E inactive
ADSP
tS tH ADSC initiated read
ADSC
tS tH
ADV
tS tH
A0-An GW
RD1
WR1
RD2
tS tH
tS
tH
BW
tS tH
BA - BD
WR1
tS tH
E1 masks ADSP
E1
tS tH E2 and E3 only sampled with ADSP and ADSC
E2
tS tH Deselected with E3 tOHZ
E3
tOE
G
tKQ tS Q1a tH Q2a Q2b Q2c Q2d Q2a
DQA - DQD
Hi-Z
D1a
Burst wrap around to it's initial state
Rev: 2.04 6/2000
22/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100 Pipelined SCD Read Cycle Timing
Single Read Burst Read tKH tKL tKC tS tH ADSC initiated read ADSP is blocked by E1 inactive
CK
tS tH
ADSP ADSC
tS tH
Suspend Burst
ADV
tS tH
A0-A17 GW
RD1 tS
RD2
RD3 tH
tS
tH
BW BWA - BWD
tS tH E1 masks ADSP
E1
tS tH E2 and E3 only sampled with ADSP or ADSC Deselected with E2
E2
tS tH
E3
tOE
G DQA - DQD
Hi-Z tOLZ Q1a tLZ
tOHZ tKQX Q2a Q2b Q2c Q2d
tKQX Q3a tHZ
tKQ
Rev: 2.04 6/2000
23/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100 Pipelined SCD Read - Write Cycle Timing
Single Read tKL Single Write Burst Read
CK
tS tH tKH tKC ADSP is blocked by E inactive
ADSP
tS tH ADSC initiated read
ADSC
tS tH
ADV
tS tH
A0-An GW
RD1
WR1
RD2
tS tH
tS
tH
BW
tS tH
BWA - BWD
tS tH
WR1
E1 masks ADSP
E1
tS tH E2 and E3 only sampled with ADSP and ADSC
E2
tS tH Deselected with E3
E3
tOE tOHZ
G
tKQ tS tH Q1a D1a Q2a Q2b Q2c Q2d
DQA - DQD
Hi-Z
Rev: 2.04 6/2000
24/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100
Sleep Mode Timing Diagram
CK
tS tH tKC tKH tKL
ADSP ADSC
tZZS
~ ~~~~ ~ ~~~~ ~
tZZH
tZZR
ZZ
Snooze
Application Tips
Single and Dual Cycle Deselect
SCD devices force the use of "dummy read cycles" (read cycles that are launched normally but that are ended with the output drivers inactive) in a fully synchronous environment. Dummy read cycles waste performance but their use usually assures there will be no bus contention in transitions from reads to writes or between banks of RAMs. DCD SRAMs do not waste bandwidth on dummy cycles and are logically simpler to manage in a multiple bank application (wait states need not be inserted at bank address boundary crossings) but greater care must be exercised to avoid excessive bus contention.
Rev: 2.04 6/2000
25/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100 GS 840H18/32/36 Output Driver Characteristics
120.0
100.0
Pull Down Drivers
80.0
60.0
40.0
20.0
VDDQ I Out
I Out (mA)
0.0
VOut
-20.0
VSS
-40.0
-60.0
Pull Up Drivers
-80.0
-100.0
-120.0
-140.0 -0.5 0 0.5 1 1.5 2 2.5 3 3.5 4 V Out (Pull Down) VDDQ - V Out (Pull Up) 3.6V PD HD 3.3V PD HD 3.1V PD HD 3.1V PU HD 3.3V PU HD 3.6V PU HD
Rev: 2.04 6/2000
26/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100 TQFP Package Drawing
Symbol
A1 A2 b c D D1 E E1 e L L1 Y
Description
Standoff Body Thickness Lead Width Lead Thickness Terminal Dimension Package Body Terminal Dimension Package Body Lead Pitch Foot Length Lead Length Coplanarity Lead Angle
Min.
0.05 1.35 0.20 0.09 21.9 19.9 15.9 13.9 0.45
Nom.
0.10 1.40 0.30 22.0 20.0 16.0 14.0 0.65 0.60 1.00
Max
0.15 1.45 0.40 0.20 22.1 20.1 16.1 14.1
L L1
c Pin 1
D D1
e b
0.75 0.10
0
7
Notes: 1. All dimensions are in millimeters (mm). 2. Package width and length do not include mold protrusion
A1
Y
A2
E1 E
Rev: 2.04 6/2000
27/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100
Package Dimensions - 119 Pin BGA
Pin 1 Corner
A
7654321
G
P
B
S
D
A B C D E F G H J K L M N P R T U
N
Top View
R Bottom View
Package Dimensions - 119 Pin BGA
T
Symbol
A B C D E F G K N P R S T Unit: mm
Description
Width Length Package Height (including ball) Ball Size Ball Height Package Height (excluding balls) Width between Balls Package Height above board Cut-out Package Width Foot Length Width of package between balls Length of package between balls Variance of Ball Height
Min. Nom. Max
13.8 21.8 0.60 0.50 0.75 0.60 1.46 1.27 0.80 0.90 12.00 19.50 7.62 20.32 0.15 1.00 14.0 22.0 14.2 22.2 2.40 0.90 0.70 1.70
F
Side View
Rev: 2.04 6/2000
C
E
K
28/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100 Ordering Information for GSI Synchronous Burst RAMS
Org
256K x 18 256K x 18 256K x 18 256K x 18 128K x 32 128K x 32 128K x 32 128K x 32 128K x 36 128K x 36 128K x 36 128K x 36 256K x 18 256K x 18 256K x 18 256K x 18 128K x 32 128K x 32 128K x 32 128K x 32 128K x 36 128K x 36 128K x 36 128K x 36 256K x 18 256K x 18 256K x 18 256K x 18 128K x 32
Part Number1
GS840H18T-180 GS840H18T-166 GS840H18T-150 GS840H18T-100 GS840H32T-180 GS840H32T-166 GS840H32T-150 GS840H32T-100 GS840H36T-180 GS840H36T-166 GS840H36T-150 GS840H36T-100 GS840H18T-180I GS840H18T-166I GS840H18T-150I GS840H18T-100I GS840H32T-180I GS840H32T-166I GS840H32T-150I GS840H32T-100I GS840H36T-180I GS840H36T-166I GS840H36T-150I GS840H36T-100I GS840H18B-180 GS840H18B-166 GS840H18B-150 GS840H18B-100 GS840H32B-180
Type
Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through
Package
TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP BGA BGA BGA BGA BGA
Speed2 (Mhz/ TA3 ns)
180/8 166/8.5 150/10 100/12 180/8 166/8.5 150/10 100/12 180/8 166/8.5 150/10 100/12 180/8 166/8.5 150/10 100/12 180/8 166/8.5 150/10 100/12 180/8 166/8.5 150/10 100/12 180/8 166/8.5 150/10 100/12 180/8 C C C C C C C C C C C C I I I I I I I I I I I I C C C C C
Status
Not Available
Not Available
Not Available
Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS84032T-7.5T. 2. The speed column indicates the cycle frequency (Mhz) of the device in Pipelined mode and the latency (ns) in Flow Through mode. Each device is Pipeline / Flow through mode selectable by the user. 3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are covered in this data sheet. See the GSI Technology web site for a complete listing of current offerings. Rev: 2.04 6/2000 29/31 (c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100
Org
128K x 32 128K x 32 128K x 32 128K x 36 128K x 36 128K x 36 128K x 36 256K x 18 256K x 18 256K x 18 256K x 18 128K x 32 128K x 32 128K x 32 128K x 32 128K x 36 128K x 36 128K x 36 128K x 36
Part Number1
GS840H32B-166 GS840H32B-150 GS840H32B-100 GS840H36B-180 GS840H36B-166 GS840H36B-150 GS840H36B-100 GS840H18B-180I GS840H18B-166I GS840H18B-150I GS840H18B-100I GS840H32B-180I GS840H32B-166I GS840H32B-150I GS840H32B-100I GS840H36B-180I GS840H36B-166I GS840H36B-150I GS840H36B-100I
Type
Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through
Package
BGA BGA BGA BGA BGA BGA BGA BGA BGA BGA BGA BGA BGA BGA BGA BGA BGA BGA BGA
Speed2 (Mhz/ TA3 ns)
166/8.5 150/10 100/12 180/8 166/8.5 150/10 100/12 180/8 166/8.5 150/10 100/12 180/8 166/8.5 150/10 100/12 180/8 166/8.5 150/10 100/12 C C C C C C C I I I I I I I I I I I I
Status
Not Available
Not Available
Not Available
Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS84032T-7.5T. 2. The speed column indicates the cycle frequency (Mhz) of the device in Pipelined mode and the latency (ns) in Flow Through mode. Each device is Pipeline / Flow through mode selectable by the user. 3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are covered in this data sheet. See the GSI Technology web site for a complete listing of current offerings.
Rev: 2.04 6/2000
30/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
GS840H18/32/36T/B-180/166/150/100
Revision History
Rev. Code: Old;
New GS840H18/32/36 Rev 1.02c 5/ 1999; GS840H18/32/36 2.00 8/1999D
Types of Changes Format or Content
Format/Typos Content
Page /Revisions;Reason
* Document/Continued changing to new format. * Added Fine Pitch BGA Package. * * Took "E" out of 840HE...in Core and Interface Voltages. * Pin outs/New small caps format. * Timing Diagrams/New format. * Block Diagrams/New small caps format. * Pin outs/x32 & x36 TQFP/Changed pin 72 from DQA3 to DQB3. * Pin Description/Rearranged Address Inputs to match order on TQFP Pinout. * TQFP Package Diagram/Corrected Dimension D Max from 20.1 to 22.1. * Corrected ordering information.
Format/Typos GS840H18/32/362.00 8/ 1999;GS840H18/32/362.01 9/ 1999E Content
*
GS840H18/32/362.01 9/ 1999E;GS840H18/32/362.02 GS840H18/32/362.0210-11/ 1999;GS840H18/32/362.032/ 2000G GS840E18/32/362.032/2000G; 840H18_r2_04
* Took out Fine Pitch BGA Package. Package change in progress.
Format
* New GSI Logo * Took "Pin" out of heading for consistency. * Updated BGA pin description table to meet JEDEC standard
Content
Rev: 2.04 6/2000
31/31
(c) 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com


▲Up To Search▲   

 
Price & Availability of GS840H18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X