Part Number Hot Search : 
APM23 SMA59 AN4233 TORX1 LBN06101 AD802705 CY8C20 TZM5265B
Product Description
Full Text Search
 

To Download DTG5078 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Timing Generator
DTG5078 * DTG5274 * DTG5334
Features & Benefits
Versatile Platform Combines Features of Data Generator, Pulse Generator and DC Source
- Up to 3.35 Gb/s Data Rate - From 1 to 96 Data Channels (Master/Slave) - Class Leading Delay Resolution of 0.2 ps (DTG5274/ DTG5334), 1 ps (DTG5078), up to 600 ns of Total Delay
Advanced Control over Signal Parameters to Meet Most Current Testing Needs, Including Stressed Eye Generation
- Built-in Jitter Generation - External Jitter Injection (DTGM31, DTGM32 Modules) - Level Control with 5 mV Resolution - Variable Edge Slew Rates (DTGM10 Modules)
New serial data standards, expanding networks and ubiquitous computing continually redefine the cutting edge of technology. The design engineer is challenged to economize without sacrificing performance. The DTG5000 Series combines the power of a data generator with the capabilities of a pulse generator in a versatile, benchtop form factor, shortening the duration of complex test procedures and simplifying the generation of low-jitter, high-accuracy clock signals, parallel or serial data across multiple channels. Its modular platform allows you to easily
configure the performance of the instrument to your existing and emerging needs to minimize equipment costs. Three mainframes and five plug-in output modules combine to cover a range of applications from legacy devices to the latest technologies. In addition, eight low-current, independently-controlled DC outputs can substitute for external power supplies. Each mainframe incorporates a full compliment of auxiliary input and output channels to easily integrate with other instruments, such as oscilloscopes and logic analyzers, to create a flexible and powerful lab.
Easy to Use and Learn Shortens Time to Test
- Easily Configure with Plug-in Modules - Intuitive Windows User Interface - Benchtop Form Factor
Up to 64 Mb Pattern Depth per Channel for Complex Data Patterns
Applications
Semiconductor Device Functional Test and Characterization
- Support for Semiconductor Technologies from TTL to LVDS
Compliance and Interoperability Testing to Emerging Standards
- - - - - PCI-Express Serial ATA/2 InfiniBand XAUI HDMI/DVI
Magnetic and Optical Storage Design
- Research, Development and Test of Next-generation Devices (HDD, DC/DVD, Blue-ray)
Data Conversion Device Design
- Characterization and Test of Next-generation D/A Convertors
Jitter Transfer and Jitter Tolerance Testing
Data Timing Generator
DTG5078 * DTG5274 * DTG5334
Characteristics
Mainframe Characteristics Basic Features
Output Timing Controls
Delay Range - PG Mode: 0 to 3 s. DG Mode:
Long Delay Off: 0 to 5 ns (NRZ, RZ, R1). Long Delay On: NRZ: Period 1.25 ns: 0 to 300 ns (Hardware sequence) or to 600 ns (Software sequence). Period <1.25 ns: 0 to (240 ns x period) (Hardware sequence) or to (480 ns x period) (Software sequence). Long Delay On: RZ/R1: Period 2.5 ns: 0 to 300 ns (Hardware sequence) or to 600 ns (Software sequence). Period <2.5 ns: 0 to (120 ns x period) (Hardware sequence) or to (240 ns x period) (Software sequence).
Jitter Performance (output channels)
Clock Pattern ("1010..." clock pattern)
Random Jitter - DTG5078: <4 psRMS (at 750 Mb/s with DTGM21, 0.8 Vp-p, delay: 0.0 ns). DTG5274: <3 psRMS (at 2.7 Gb/s with DTGM30, 0.8 Vp-p, delay: 0.0 ns). DTG5334: <3 psRMS (at 3.35 Gb/s with DTGM30, 0.8 Vp-p, delay: 0.0 ns).
Platform - Benchtop mainframe with cold swappable plug-andplay plug-in output modules. Mainframes accept any combination of output modules. Number of slots for output modules - DTG5078: 8 slots (A, B, C, D, E, F, G, H). DTG5274: 4 slots (A, B, C, D). New DTG5334: 4 slots (A, B, C, D). Master/Slave Capabilities - DTG5078: Up to three DTG5078 mainframes can be connected in Master/Slave configuration. DTG5274: Up to two DTG5274 mainframes can be connected in Master/Slave configuration. DTG5334: Up to two DTG5334 mainframes can be connected in Master/Slave configuration. Operating Modes - Pulse Generator Mode (slots A to D only). Data Generator Mode. Output Patterns - NRZ, RZ, R1, Pulse patterns (DTG5078/5274/5334: Slot A-D; DTG5078 Slot E-H, NRZ only).
Timing Parameters
Data Pattern (PRBS pattern 215-1)
Total Jitter - DTG5078: at 750 Mb/s <18 psRMS, <85 psp-p (typical) with DTGM21, 0.8 Vp-p, delay: 0.0 ns). DTG5274: at 2.7 Gb/s <16 psRMS, <60 psp-p (typical) with DTGM30, 0.8 Vp-p, delay: 0.0 ns). <14 psRMS, <60 psp-p (typical) with DTGM31, 0.8 Vp-p, delay: 0.0 ns). DTG5334: at 3.35 Gb/s. <13 psRMS, 50 psp-p (typical) with DTGM30 and DTGM31, 0.8 Vp-p, delay: 0.0 ns).
Signal Control Features
Delay Resolution - DTG5078: 1 ps. DTG5274/DTG5334: 0.2 ps. Phase Resolution - 0.1% Differential Timing Offset Feature [between pair of two adjacent channels (Odd and Even)] - Range: -1.0 to 1.0 ns. Resolution:
DTG5078: 1 ps. DTG5274/DTG5334: 0.2 ps.
Data Rate Range -
DTG5078: NRZ: 50 Kbps to 750 Mb/s. RZ, R1, Pulse Mode: 50 Kbps to 375 Mb/s. DTG5274: NRZ: 50 Kbps to 2.7 Gb/s. RZ, R1, Pulse Mode: 50 Kbps to 1.35 Gb/s. DTG5334: NRZ: 50 Kbps to 3.35 Gb/s. RZ, R1, Pulse Mode: 50 Kbps to 1.675 Gb/s.
Semiautomatic Deskew Calibration - Range: 500 ps. Accuracy (after skew calibration):
100 ps, slots A to D. 200 ps, slots E to H (DTG5078 only).
Data Rate (Setting) Resolution - Internal Clock: 8 digits. External Clock: 4 digits. External Phase Lock In: 4 digits.
Duty Cycle Adjustment Range - 0 to 100% (with 0 delay setting, RZ, R1, Pulse mode only). Duty Cycle Adjustment Resolution - 0.1%. Pulse Width Maximum Range - 290 ps to (period -290 ps) (RZ, R1, Pulse mode only). (Range also depends on delay settings.) Pulse Width Resolution - 5 ps.
Cross-point adjustment (duty cycle distortion) - Range: 30% to 70%. Resolution: 2%. (Slots A to D, and DTGM30/DTGM31/DTGM32 used in NRZ mode.) Jitter Generation - Jitter All or Partial Pattern. Jitter Profile: Sine, Gaussian Noise, Square, Triangle. Jitter Freq./Res.: 0.015 Hz to 1.56 MHz/1 MHz. Jitter Amplitude: Up to 16.5 UIp-p (depending on data rate and jitter frequency). (Internal Jitter Generation available on Channel A1 only.)
2
Signal Sources * www.tektronix.com/signal_sources
Data Timing Generator
DTG5078 * DTG5274 * DTG5334
Maximum number of output channels
Number of Like Mainframes DTGM10 DTGM21 DTG5078*1 DTG5274, DTG5334*1
DTGM30
DTGM31 DTGM32
DTGM10 DTGM21
DTGM30
DTGM31 DTGM32
1 2 3
*1
32 64 96
16 32 48
3 6 9
8 16 --
8 16 --
4 8 --
The DTG5078 has a limit to the number of modules that may be installed; the total must be less than 100. The coefficient for each module is shown below. DTGM10: 9, DTGM30: 8, DTGM21: 10, DTGM31: 33, DTGM32: 32
Pulse and Data Features
Pulse Generator (PG) Features (unique to PG mode) - Continuous or Burst. Burst Count: 1 to 65,536. Pulse Rate: Off, 1/1, 1/2, 1/4, 1/8, 1/16.
PRBS/PRWS Data Patterns - (Note: memory supports PRBS/PRWS patterns and user can create errored PRBS.) 25-1, 26-1, 27-1, 28-1, 29-1, 210-1, 211-1, 212-1, 213-1, 214-1, 215-1, 223-1.
Sequencer Features Data Patterns
Pattern Length per Channel (Pattern Memory) - Minimum:
DTG5078: 1 bit (software mode) or 240 bits (hardware mode). DTG5274 / DTG5334: 1 bit (software mode) or 960 bits (hardware mode).
Maximum:
DTG5078: 8,000,000 bits. DTG5274: 32,000,000 bits (in multiples of four). DTG5334: 64,000,000 bits (in multiples of four).
Built-in Data Patterns - Binary Counter, Johnson Counter, Graycode Counter, Walking Ones, Walking Zeros, Checker Board, User Defined Patterns. Pattern Import Capability - Type/Tools:
Tektronix TLA Data Exchange Format File (*.txt). Tektronix HFS Vector File (ASCII) (*.vca). Tektronix HFS Vector File (binary) (*.vcb). Tektronix AWG2000 Series (*.WFM). Tektronix AWG400s/500s/610/710/710B (*.PAT). Tektronix DG2000 Series (*.DAT).
Sequence Length - 1 to 8,000 steps for main sequence. 1 to 256 steps for sub-sequence. Max. Number of Blocks - 8,000. Max. Number of Sub-sequences - 50. Repeat Counter - 1 to 65,536 or infinite. Channel Addition - AND or XOR (slots A to D only). Note: DTG5078 slots E, F, G, and H do not support the following: RZ, R, pulse generation modes which includes controls for trail delay/duty cycle/pulse width, channel addition, and variable cross-points.
Auxiliary Channels
Frequency Resolution - 8 digit setting resolution. Minimum: 1 MHz (e.g., with 50,000.000 Hz setting). Internal Clock Accuracy - Within 1 ppm. Jitter - DTG5078: <2 psRMS at 750 Mb/s, at 0.8 Vp-p (typical). DTG5274: <2 psRMS at 2.7 Gb/s, at 0.8 Vp-p (typical). DTG5334: <2 psRMS at 3.35 Gb/s, at 0.8 Vp-p (typical). Amplitude/Resolution - 0.03 Vp-p to 1.25 Vp-p/10 mV (50 ). 0.06 Vp-p to 2.5 Vp-p/10 mV (1 M). Output Voltage Window - -2.0 to 2.47 V (50 ). -2.0 to 7.00 V (1 M). Max. Output Current - 80 mA. Transition Times (20% to 80%) - DTG5078:
<85 ps (Amplitude = 0.1 Vp-p, Offset = 0 V) (typical). <100 ps (Amplitude = 1.0 Vp-p, Offset = 0 V) (typical).
Clock Out
Connector - Complementary output (common offset and ground). DTG5078/DTG5274: SMA rear panel. DTG5334: SMA front panel. Frequency Range - DTG5078: 50 kHz to 750 MHz. DTG5274: 50 kHz to 2.7 GHz. DTG5334: 50 kHz to 3.35 GHz.
DTG5274: <70 ps (Amplitude = 0.1 Vp-p, Offset = 0 V) (typical). <80 ps (Amplitude = 1.0 Vp-p, Offset = 0 V) (typical). DTG5334: <100 ps (Amplitude = 1.0 Vp-p, Offset = 0 V) (typical). Overshoot - <10%, at High = 1.0 V, Low = 0 V into (50 ) (typical).
Medium/Pass:
Import data via GPIB, LAN, CD-ROM, floppy drive, USB memory devices.
Pattern Copy and Paste Capability - Copy, paste and rotation between data listing/ waveform editor and spreadsheet software (e.g., Excel) via clipboard.
Signal Sources * www.tektronix.com/signal_sources
3
Data Timing Generator
DTG5078 * DTG5274 * DTG5334
Other Output Channels
Auxiliary DC Outputs - -3.0 to 5.0 V/10 mV, Max. current: 30 mA, 8 independently controlled outputs, Connector: 2 x 8 pin header on front panel. Sync Out - CML (current mode logic), VOH : 0 V , VOL: -0.4 V (50 ) (typical), SMA Connector, SE, Front panel, Rise/Fall Time (20 to 80%): 140 ps, Delay to Data Out: -4.5 ns (typical). 10 MHz Reference Out - 1.2 Vp-p (50 , AC coupled) (typical), 2.4 Vp-p (1 M, AC coupled) (typical), BNC Connector, Rear Panel.
Environmental
Temperature Humidity
Operating +10 C to +40 C 20% to 80% relative humidity with a maximum wet bulb temperature of 29.4 C, non-condensing 3,000 m (10,000 ft.) 2.65 m/s2 rms (0.27 Grms), from 5 Hz to 500 Hz, 10 minutes
Altitude Random Vibration
Non-operating -20 C to +60 C (no diskette in floppy drive): 5% to 90% relative humidity with a maximum wet bulb temperature of 40 C, non-condensing 12,000 m (40,000 ft.) 22.36 m/s2 rms (2.28 Grms) total from 5 Hz to 500 Hz, 10 minutes each axis 3-axes. 30 minutes total
Input Channels
External Clock In - Input Ranges: DTG5078: 1 MHz to 750 MHz. SMA Connector, Rear Panel. DTG5274: 1 MHz to 2.7 GHz. SMA Connector, Rear Panel. DTG5334: 1 MHz to 3.35 GHz. SMA Connector, Front Panel.
Computer System and Peripherals
CompactPCI based PC, Celeron 566 MHz CPU, Windows 2000 Professional, 128 MB SDRAM, 20 GB Hard Drive, 1.44 MB floppy drive on front panel, CD-ROM in rear panel, included USB compact keyboard and mouse.
Mechanical Cooling - Required Clearance
Top and Bottom - 2 cm. Side - 15 cm. Rear - 7.5 cm.
Power Supply
0.4 Vp-p to 2 Vp-p (50 , AC Coupled), 50% 5% duty cycle.
PC I/O Ports
USB 1.1 compliant ports (3 total: 1 front, 2 rear), PS/2 mouse and keyboard connectors (rear panel), RJ-45 Ethernet connector (rear panel) supports 10Base-T and 100Base-TX, VGA out (rear panel), RS-232C.
Physical Characteristics
10 MHz Reference In - Input Ranges: 10 MHz 0.1 MHz, 0.2 Vp-p to 3 Vp-p (50 , AC coupled), BNC Connector, Rear Panel. Phase Lock In - Input Ranges: 1 MHz to 200 MHz, 0.2 Vp-p to 3 Vp-p (50 , AC coupled), BNC Connector, Rear Panel. Skew Cal In - Single-ended, ECL (into 50 to -2 V), SMA Connector, Front Panel. Trigger In - Input Ranges: -5 V to 5 V (50 ), 0.1 V resolution, -10 V to 10 V (1 k), Min. 0.5 Vp-p (50 ), 1.0 Vp-p (1 k), Min. 20 ns pulse width, Positive or Negative edge trigger, Delay timing: see manuals, BNC Connector, Front Panel. Event In - Input Ranges: -5 V to 5 V (50 ), 0.1 V resolution, -10 V to 10 V (1 k), 0.1 V resolution, Min. 0.5 Vp-p (50 ), 1.0 Vp-p (1 k), Polarity: Normal or Invert, Delay timing: see manuals, BNC Connector, Front Panel.
Instrument Control/Data Transfer Ports
Power Source - 100 to 240 VAC, 47 to 63 Hz. Power Consumption - 560 W. Safety - UL61010B-1. CAN/CSA-22.2 No. 1010.1. EN61010-1/A2 1995. Electromagnetic Compatibility (EMC) - Europe:
EN61326 Class A. EN61000-3-2, EN61000-3-3.
Display Characteristics - LCD color display, 800 (H)x600 (V) (SVGA).
Mainframe Dimensions Height Width Length Output Module Dimensions Height Width Length Weight (approx.) DTG5078 DTG5274 DTG5334 DTGM10 DTGM21 DTGM30 DTGM31 DTGM32 mm 266 445 462 mm 33 84 133 kg 17.5 17.0 17.0 0.25 0.26 0.27 0.27 0.27 in. 10.5 17.5 19.7 in. 1.3 3.3 5.2 lbs. 38.6 37.5 37.5 0.55 0.57 0.60 0.60 0.60
Australia/New Zealand:
AS/NZS 2064.
GPIB - GPIB for remote control and data transfer. (Conforms to IEEE-Std 488.1, compatible with IEEE 488.2 and SCPI-1999.0.) LAN - LAN for PC interface, remote control and data transfer. (Conforms to IEEE 802.3.)
4
Signal Sources * www.tektronix.com/signal_sources
Data Timing Generator
DTG5078 * DTG5274 * DTG5334
Output Module Characteristics Basic Features DTGM10 DTGM21 DTGM30 DTGM31 DTGM32
Output Channels and Connections Maximum Data Rate (calculated by Transition Time) Normal/ Complement (Invert) Source Impedance Enable/Disable
Output Channel Timing
4 single-ended (installed in DTG5078) 2 single-ended (DTG5274 / DTG5334) 4 SMA connectors 700 Mb/s 1.1 Gb/s
2 complementary channels 4 SMA connectors 3.35 Gb/s
1 complementary channel 2 SMA connectors 350 Mb/s*1
50
Selectable 50 /23 (selectable) Yes (software switch)
---- 50
----
Transition Times (20% to 80%) (50 )
<540 ps (VOL = 0.0, VOH = 1.0) (typical) <1.5 ns (VOL = -1.0, VOH = 2.0) (typical) Yes 0.65 V/ns to 1.3 V/ns into 50 0.01 V/ns
<340 ps (VOL = 0.0, VOH = 1.0) (typical) <1.0 ns (VOL = -1.65, VOH = 3.7) (typical)
<95 ps (VOL = 0.0, VOH = 0.1) (typical) <110 ps (VOL = 0.0, VOH = 1.0) (typical)
Transition Time Control Slew Rate Control Range Setting Resolution
Channel Output Levels
No ---- ---- 0.03 to 1.25 Vp-p/5 mV (into 50 )*2 0.06 to 2.5 Vp-p/5 mV (into 1 M)*2
Amplitude/Resolution
0.25 to 3.5 Vp-p/5 mV (into 50 ) 0.50 to 10.0 Vp-p/5 mV (into 1 M)
0.25 to 5.35 Vp-p/ 5 mV (from 23 source impedance into 50 ) 0.25 to 3.9 Vp-p/ 5 mV (from 50 source impedance into 50 ) 0.50 to 7.8 Vp-p/ 5 mV (from 50 source impedance into 1 M) -1.65 V to 3.70 V (from 23 source impedance into 50 ) -1.2 V to 2.7 V (from 50 source impedance into 50 )
Output Voltage Window
-1.5 V to 2.0 V (into 50 ) -3.0 V to 7.0 V (into 1 M)
-2.0 V to 2.47 V (into 50 ) -2.0 V to 7.0 V (into 1 M)
DC Accuracy Limit setting Maximum Output Current Overshoot Typical Support Native Logic External Jitter Control External Jitter Control Input Channels and Connectors Input range
40 mA <16% (typical) at High = 1.0 V, Low = 0 V TTL, CMOS
-2.4 V to 5.4 V (from 50 source impedance into 1 M) (3% of the set value) 50 mV into 50 to GND High and low level limits can be set 80 mA <15% (typical) at <10% (typical) at High = 1.0 V, Low = 0 V High = 1.0 V, Low = 0 V TTL, CMOS, (P)ECL, LVDS, CMOS, (P)ECL, LVPECL, CML LVPECL No Yes 1 single-ended channel 2 single-ended channels 1 SMA connector 2 SMA connectors -0.5 V to +0.5 V (typical) -0.5 V to +0.5 V Max input: -1.0 V to +1.0 V
*1 *2
Minimum pulse width >2.86 ns. Maximum output amplitude is dependent on output voltage window (offset). (See Figure 1, next page.)
Signal Sources * www.tektronix.com/signal_sources
5
Data Timing Generator
DTG5078 * DTG5274 * DTG5334
Output Module Characteristics (continued) Channel Output Levels (continued) DTGM10 DTGM21 DTGM30 DTGM31 DTGM32
Jitter Frequency Jitter Amplitude External Tri-state (Hi Z) Control Tri-state Enable Control Channels Delay Time from Inhibit In to Data Output
*3 *4
No ---- ---- ----
Yes (SMB input connector) Enable: Hi 3.3 V, disable Lo: 0.0 V By output module level Active to Inhibit: 13 ns, Inhibit to Active: 12 ns
DC to 250 MHz *3 240 psp-p for 1 Vp-p input at Data rate 2.7 Gb/s*4 No ---- ---- ----
DC to 50 MHz Range 1: up to 1 ns at 1 Vp-p Range 2: up to 2 ns at 1 Vp-p
Up to 400 MHz by overdriving jitter input (max -1.0 V to +1.0 Vp-p). (See Figure 2.) Jitter Amplitude at data rates >2.7 Gb/s calculated as {240 - 61.5 x (data rate - 2.7)} psp-p for 1 Vp-p input. (See Figure 3.)
Figure 1. DTGM30, M31, M32 Output Amplitude vs. Offset.
Figure 2. DTGM31 Jitter Input Frequency Response.
Figure 3. DTGM31 Maximum Jitter Amplitude vs. Data Rate.
6
Signal Sources * www.tektronix.com/signal_sources
Data Timing Generator
DTG5078 * DTG5274 * DTG5334
Ordering Information
Mainframes
DTG5078
Cables
Type Part Number
750 Mb/s, 8-slot Mainframe.
DTG5274
Lead Set for DC Output, 16-CON, Twisted Pair, 24 in. (60 cm) Pin Header Cable, 20 in. (51 cm) Pin Header SMB Cable, 20 in. (51 cm) GPIB Cable, double-shielded, 79 in. (200 cm) Master/Slave Cable Set for Connecting Two Mainframes; Set of 4 SMA Cables, 51 cm, 50 (174-1427-00), and Set of 2 BNC Cables, 46 cm (012-0076-00) Master/Slave Cable Set for Connecting Three Mainframes; Set of 6 SMA Cables, 51 cm, 50 (174-1427-00) and Set of 3 BNC Cables, 46 cm (012-0076-00)
BNC Cables 50
012-A229-00 012-1505-00 012-1503-00 012-0991-00 012-A230-00
2.7 Gb/s, 4-slot Mainframe.
DTG5334
3.35 Gb/s, 4-slot Mainframe. Mainframes Include: Windows 2000 Professional Operating System recovery disk, DTG5000 Series application software install disk, User Manual (volumes I and II), Programmer's Manual, technical reference, registration card, accessory pouch, front cover, compact USB keyboard, USB mouse, lead set for DC Output, 16-CON, twisted pair, 24 in. (60 cm), 50 SMA terminator (male, DC to 18 GHz), SMA connector cap (10 each with DTG5078, 8 each with DTG5274/DTG5334), power cord, calibration certificate. Please specify power cord and language option when ordering.
Mainframe Options
012-A231-00
18 in. (46 cm) 24 in. (61 cm) 42 in. (107 cm) With Shield, 98 in. (250 cm)
SMA Cables 50
012-0076-00 012-1342-00 012-0057-01 012-1256-00
Opt. 1R - Rackmount.
International Power Plugs
12 in. (30 cm) 20 in. (51 cm) 39 in. (100 cm) 60 in. (152 cm)
Delay SMA Cables 50
174-1364-00 174-1427-00 174-1341-00 174-1428-00
Opt. A0 - North America power. Opt. A1 - Universal EURO power. Opt. A2 - United Kingdom power. Opt. A3 - Australia power. Opt. A5 - Switzerland power. Opt. A6 - Japan power. Opt. A10 - China power. Opt. A99 - No power cord or AC adapter.
Language Options
1 ns (male to female) 2 ns 2 ns (male to female) 5 ns 5 ns (male to female)
015-1019-00 015-0560-00 015-1005-00 015-0561-00 015-1006-00
Opt. L0 - English. Opt. L5 - Japanese.
Output Modules DTGM10
Adapters and Connectors
Type Part number
4 channels (DTG5078), 2 channels (DTG5274/DTG5334). 3.5 Vp-p (50 ), 10 Vp-p (1 M). Tr/Tf (20% to 80%): <540 ps (1 Vp-p, into 50 ), variable.
DTGM21
SMB to BNC Adapter 50 SMA (male) to BNC (female) Adapter 50 SMA (female) to BNC (male) Adapter 50 N (male) to SMA (male) Adapter 50 SMA Adapter (male to female), DC to 18 GHz, VSWR: 1.2 50 SMA Adapter (slide-on type female to male), DC to 18 GHz, VSWR: 1.05 + 0.002F (GHz) 50 SMA T-Connector (male to female/female) 50 SMA Divider (female/female/female), 6 dB, DC to 18 GHz, VSWR: 1.9
015-0671-00 015-0554-00 015-0572-00 015-0369-00 015-0549-00 015-0553-00 015-1016-00 015-0565-00
4 channels (DTG5078), 2 channels (DTG5274/ DTG5334). 5.35 Vp-p (from 23 to 50 ). 3.9 Vp-p (50 ), 7.8 Vp-p (1 M). Tr/Tf (20% to 80%) <340 ps (1 Vp-p, into 50 ), fixed. External Tri-state (Hi_Z) control function.
DTGM30
2 channels. 1.25 Vp-p (50 ), 2.5 Vp-p (1 M). Tr/Tf (20% to 80%) <110 ps (1 Vp-p, into 50 ), fixed.
Signal Sources * www.tektronix.com/signal_sources
7
Data Timing Generator
DTG5078 * DTG5274 * DTG5334
Contact Tektronix:
ASEAN / Australasia / Pakistan (65) 6356 3900 Austria +41 52 675 3777 Balkan, Israel, South Africa and other ISE Countries +41 52 675 3777 Belgium 07 81 60166 Brazil & South America 55 (11) 3741-8360 Canada 1 (800) 661-5625 Central East Europe, Ukraine and Baltics +41 52 675 3777 Central Europe & Greece +41 52 675 3777 Denmark 80 88 1401 Finland +41 52 675 3777 France & North Africa +33 (0) 1 69 81 81 Germany +49 (221) 94 77 400 Hong Kong (852) 2585-6688 India (91) 80-22275577 Italy +39 (02) 25086 1 Japan 81 (3) 6714-3010 Luxembourg +44 (0) 1344 392400 Mexico, Central America & Caribbean 52 (55) 56666-333 Middle East, Asia and North Africa +41 52 675 3777 The Netherlands 090 02 021797 Norway 800 16098 People's Republic of China 86 (10) 6235 1230 Poland +41 52 675 3777 Portugal 80 08 12370 Republic of Korea 82 (2) 528-5299 Russia, CIS & The Baltics 7 095 775 1064 South Africa +27 11 254 8360 Spain (+34) 901 988 054 Sweden 020 08 80371 Switzerland +41 52 675 3777 Taiwan 886 (2) 2722-9622 United Kingdom & Eire +44 (0) 1344 392400 USA 1 (800) 426-2200 USA (Export Sales) 1 (503) 627-1916 For other areas contact Tektronix, Inc. at: 1 (503) 627-7111 Last Updated 3 November, 2004
DTGM31
Recommended Accessories
1 channel. 1.25 Vp-p (50 ), 2.5 Vp-p (1 M). Tr/Tf (20% to 80%) <110 ps (1 Vp-p, into 50 ), fixed. External jitter control input. Jitter frequency DC - 400 MHz. Jitter amplitude up to 240 ps.
DTGM32
Service Manual (English) - Order 071-1285-XX. Transition Time Converters - Output transition time (10% to 90%).
150 ps - Order 015-0710-00. 250 ps - Order 015-0711-00. 500 ps - Order 015-0712-00. 1000 ps - Order 015-0713-00. 2000 ps - Order 015-0714-00.
Test Adapters
1 channel. 1.25 Vp-p (50 ), 2.5 Vp-p (1 M). Tr/Tf (20% to 80%) <110 ps (1 Vp-p, into 50 ), fixed. 2 channel external jitter control input. Jitter frequency DC - 50 MHz. Jitter amplitude up to 1 ns/2 ns. Output Modules Include: Installation sheet (Japanese/English), SMA connector cap (set of 4 with DTGM10/21, set of 2 with DTGM30), 50 SMA terminator (DC to 18 GHz) (set of 2 with DTGM30, set of 1 with DTGM31/32), registration card.
Service Options
HDMI TPA-R Test Adapter Set - HDMI TPA-R TDR (set of 2), HDMI TPA-R DI (differential), HDMI TPA-R SE (single-ended).
Order 013-A012-50.
HDMI TPA-P Test Adapter Set - HDMI TPA-P TDR, HDMI TPA-P DI (differential), HDMI TPA-P SE (single-ended).
Order 013-A013-50.
DVI TPA-R Test Adapter Set - DVI TPA-R TDR (set of 2), DVI TPA-R DI (differential), DVI TPA-R SE (single-ended).
Order 013-A014-50.
Note: These adapters do not include clock recovery circuits.
Opt. C3 - Calibration service 3 years. Opt. C5 - Calibration service 5 years. Opt. D1 - Calibration data report (English). Opt. D3 - Calibration data report 3 years (with Opt. C3). Opt. D5 - Calibration data report 5 years (with Opt. C5). Opt. R3 - Repair service 3 years. Opt. R5 - Repair service 5 years.
Our most up-to-date product information is available at:
www.tektronix.com
Product(s) are manufactured in ISO registered facilities. Product(s) complies with IEEE Standard 488.1-1987, RS-232-C, and with Tektronix Standard Codes and Formats. Copyright (c) 2005, Tektronix, Inc. All rights reserved. Tektronix products are covered by U.S. and foreign patents, issued and pending. Information in this publication supersedes that in all previously published material. Specification and price change privileges reserved. TEKTRONIX and TEK are registered trademarks of Tektronix, Inc. All other trade names referenced are the service marks, trademarks or registered trademarks of their respective companies. 3/05 DV/WOW 86W-16679-3


▲Up To Search▲   

 
Price & Availability of DTG5078

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X