Part Number Hot Search : 
62P09LN3 01100 WBN5T 30KPA85A SWL511 R24X12 AD524 AD7244
Product Description
Full Text Search
 

To Download DAN217W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Switching Diode
DAN217W
Applications Rectifying small power Dimensions(Unit : mm) Land size figure(Unit : mm)
1.0
0.5
0.7
0.5
Features Small mold type.(EMD3)
0.7
0.7
0.6
0.6
EMD3
Structure Construction Silicon epitaxial
Taping dimensions (Unit : mm)
Absolute maximum ratings (Ta=25C) Parameter Symbol VRM Reverse voltage (repetitive) Reverse voltage (DC) VR Forward current (Single) IFM Average rectified forward current Io Surge current (t=1us) Isurge Power dissipation Pd Junction temperature Tj Storage temperature Tstg Electrical characteristics (Ta=25C) Parameter Symbol VF Forward voltage Reverse current IR Capacitance between terminals Ct Reverse recovery time trr
Limits 80 80 300 100 4 150 150 -55 to +150
Unit V V mA mA A mW C C
Min. -
Typ. -
Max. 1.2 0.1 3.5 4
Unit V A pF ns
Conditions IF=100mA VR=70V VR=6V , f=1MHz VR=6V , IF=5mA , RL=50
www.rohm.com (c)2009 ROHM Co., Ltd. All rights reserved.
1/2
2009.12 - Rev.A
1.3
DAN217W
Electrical characteristics curves
Ta=150C
www..com
Data Sheet
Ta=125
10
1000
Ta=125
100000 10000
f=1MH
FORWARD CURRENT:IF(mA)
REVERSE CURRENT:IR(nA)
Ta=75
Ta=150C
Ta=75
1000 100 10
10
Ta=25
Ta=25
1
Ta=-25
Ta=-25
1 0.1
0.1
0.01 0 200 400 600 800 1000 1200 1400
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
100
1
0.1 0 20 40 60 80 100 120 0 5 10 15 20
FORWARD VOLTAGE : VF(mV) VF-IF CHARACTERISTICS
REVERSE VOLTAGE : VR(V) VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS
920
200
1
FORWARD VOLTAGE:VF(mV)
REVERSE CURRENT:IR(nA)
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
910
Ta=25C VF=100mA n=30pcs
180 160 140 120 100 80 60 40 20 0
Ta=25C VR=80V n=30pcs
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
Ta=25 C f=1MHz VR=0.5V
900
890
880
AVE:20.90
870
AVE:888.3
AVE:0.595
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
20 Ifsm 15 8.3ms 1cyc
2
10
RESERVE RECOVERY TIME:trr(ns)
PEAK SURGE FORWARD CURRENT:IFSM(A)
1.8
PEAK SURGE FORWARD CURRENT:IFSM(A)
1.6
Ta=25C VR=6V IF=10mA RL=100 n=10pcs
Ifsm 8.3ms 8.3ms 1cyc 5
10
1.4
5
1.2
0
AVE:3.9
1
AVE:1.489
0 1 10 100
IFSM DISPERSION MAP
trr DISPERSION MAP
NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS
10 Ifsm t
TRANSIENT THAERMAL IMPEDANODE:RthC/W
1000 Rth(j-a)
10 9
PEAK SURGE FORWARD CURRENT:IFSM(A)
100
Rth(j-c)
5
Mounted on epoxy board
10
ELECTROSTATIC DISCHARGE TEST ESD(KV)
7 6 5 4 3 2 1
8
IM=1m
1ms
IF=10m
time
300us
AVE:1.60
AVE:6.48
0 0.1 1 10 100
1 0.001
0.01
0.1
1
10
100
1000
0
C=200pF R=0
C=100pF R=1.5k
TIME:t(ms) IFSM-t CHARACTERISTICS
TIME:t(s) Rth-t CHARACTERISTICS
ESD DISPERSION MAP
www.rohm.com (c)2009 ROHM Co., Ltd. All rights reserved.
2/2
2009.12 - Rev.A
Notice
www..com
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM Co.,Ltd. The content specified herein is subject to change for improvement without notice. The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM upon request. Examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the Products. The peripheral conditions must be taken into account when designing circuits for mass production. Great care was taken in ensuring the accuracy of the information specified in this document. However, should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage. The technical information specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. The Products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, communication devices, electronic appliances and amusement devices). The Products specified in this document are not designed to be radiation tolerant. While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or malfunction for a variety of reasons. Please be sure to implement in your equipment using the Products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your use of any Product outside of the prescribed scope or not in accordance with the instruction manual. The Products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-controller or other safety device). ROHM shall bear no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intended to be used for any such special purpose, please contact a ROHM sales representative before purchasing. If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
ROHM Customer Support System
http://www.rohm.com/contact/
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
R0039A


▲Up To Search▲   

 
Price & Availability of DAN217W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X