|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PRELIMINARY CY7C1380D CY7C1382D 18-Mbit (512K x 36/1M x 18) Pipelined SRAM Features * * * * * * Supports bus operation up to 250 MHz Available speed grades are 250, 200 and 167 MHz Registered inputs and outputs for pipelined operation 3.3V core power supply 2.5V / 3.3V I/O operation Fast clock-to-output times -- 2.6 ns (for 250-MHz device) -- 3.0 ns (for 200-MHz device) -- 3.4 ns (for 167-MHz device) Provide high-performance 3-1-1-1 access rate User-selectable burst counter supporting Intel Pentium interleaved or linear burst sequences Separate processor and controller address strobes Synchronous self-timed writes Asynchronous output enable Single Cycle Chip Deselect Offered in JEDEC-standard lead-free 100-pin TQFP, 119-ball BGA and 165-Ball fBGA packages IEEE 1149.1 JTAG-Compatible Boundary Scan "ZZ" Sleep Mode Option Functional Description[1] The CY7C1380D/CY7C1382D SRAM integrates 524,288 x 36 and 1,048,576 x 18 SRAM cells with advanced synchronous peripheral circuitry and a two-bit counter for internal burst operation. All synchronous inputs are gated by registers controlled by a positive-edge-triggered Clock Input (CLK). The synchronous inputs include all addresses, all data inputs, address-pipelining Chip Enable (CE1), depth-expansion Chip Enables (CE2 and CE3[2]), Burst Control inputs (ADSC, ADSP, and ADV), Write Enables (BWX, and BWE), and Global Write (GW). Asynchronous inputs include the Output Enable (OE) and the ZZ pin. Addresses and chip enables are registered at rising edge of clock when either Address Strobe Processor (ADSP) or Address Strobe Controller (ADSC) are active. Subsequent burst addresses can be internally generated as controlled by the Advance pin (ADV). Address, data inputs, and write controls are registered on-chip to initiate a self-timed Write cycle.This part supports Byte Write operations (see Pin Descriptions and Truth Table for further details). Write cycles can be one to two or four bytes wide as controlled by the byte write control inputs. GW when active LOW causes all bytes to be written. The CY7C1380D/CY7C1382D operates from a +3.3V core power supply while all outputs may operate with either a +2.5 or +3.3V supply. All inputs and outputs are JEDEC-standard JESD8-5-compatible. * * * * * * * * * Selection Guide 250 MHz Maximum Access Time Maximum Operating Current Maximum CMOS Standby Current 2.6 350 70 200 MHz 3.0 300 70 167 MHz 3.4 275 70 Unit ns mA mA Shaded areas contain advance information. Please contact your local Cypress sales representative for availability of these parts. Notes: 1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com. 2. CE3, CE2 are for TQFP and 165 fBGA package only. 119 BGA is offered only in 1 Chip Enable. Cypress Semiconductor Corporation Document #: 38-05543 Rev. *A * 3901 North First Street * San Jose, CA 95134 * 408-943-2600 Revised October 28, 2004 PRELIMINARY 1 CY7C1380D CY7C1382D Logic Block Diagram - CY7C1380D (512K x 36) A0, A1, A ADDRESS REGISTER 2 A[1:0] MODE ADV CLK Q1 ADSC ADSP BWD DQD ,DQPD BYTE WRITE REGISTER DQC ,DQPC BYTE WRITE REGISTER DQB ,DQPB BYTE WRITE REGISTER DQA ,DQPA BYTE WRITE REGISTER BURST COUNTER CLR AND Q0 LOGIC DQD ,DQPD BYTE WRITE DRIVER DQC ,DQPC BYTE WRITE DRIVER DQB ,DQPB BYTE WRITE DRIVER DQA ,DQPA BYTE WRITE DRIVER BWC MEMORY ARRAY SENSE AMPS OUTPUT REGISTERS OUTPUT BUFFERS E BWB DQs DQPA DQPB DQPC DQPD BWA BWE GW CE1 CE2 CE3 OE ENABLE REGISTER PIPELINED ENABLE INPUT REGISTERS ZZ SLEEP CONTROL Logic Block Diagram - CY7C1382D (1 M x 18) A0, A1, A MODE ADDRESS REGISTER 2 A[1:0] ADV CLK BURST Q1 COUNTER AND LOGIC CLR Q0 ADSC ADSP DQB,DQPB WRITE REGISTER DQB,DQPB WRITE DRIVER MEMORY ARRAY BWA BWE GW CE1 CE2 CE3 OE ENABLE REGISTER DQA,DQPA WRITE REGISTER DQA,DQPA WRITE DRIVER SENSE AMPS BWB OUTPUT REGISTERS OUTPUT BUFFERS E DQs DQPA DQPB PIPELINED ENABLE INPUT REGISTERS ZZ SLEEP CONTROL Document #: 38-05543 Rev. *A Page 2 of 29 PRELIMINARY Pin Configurations 100-pin TQFP Pinout A A CE1 CE2 BWD BWC BWB BWA CE3 VDD VSS CLK GW BWE OE ADSC ADSP ADV A A CY7C1380D CY7C1382D 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 DQPC DQC DQc VDDQ VSSQ DQC DQC DQC DQC VSSQ VDDQ DQC DQC NC VDD NC VSS DQD DQD VDDQ VSSQ DQD DQD DQD DQD VSSQ VDDQ DQD DQD DQPD 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 CY7C1380D (512K X 36) 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 DQPB DQB DQB VDDQ VSSQ DQB DQB DQB DQB VSSQ VDDQ DQB DQB VSS NC VDD ZZ DQA DQA VDDQ VSSQ DQA DQA DQA DQA VSSQ VDDQ DQA DQA DQPA NC NC NC VDDQ VSSQ NC NC DQB DQB VSSQ VDDQ DQB DQB NC VDD NC VSS DQB DQB VDDQ VSSQ DQB DQB DQPB NC VSSQ VDDQ NC NC NC 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 A A CE1 CE2 NC NC BWB BWA CE3 VDD VSS CLK GW BWE OE ADSC ADSP ADV A A 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 CY7C1382D (1 Mbit x 18) 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 A NC NC VDDQ VSSQ NC DQPA DQA DQA VSSQ VDDQ DQA DQA VSS NC VDD ZZ DQA DQA VDDQ VSSQ DQA DQA NC NC VSSQ VDDQ NC NC NC 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 MODE A A A A A1 A0 NC / 72M NC / 36M VSS VDD A A A A A A A A MODE A A A A A1 A0 NC / 72M NC / 36M VSS VDD A Document #: 38-05543 Rev. *A A A A A A A A A A 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 Page 3 of 29 PRELIMINARY Pin Configurations (continued) 119-ball BGA (1 Chip Enable with JTAG) 1 A B C D E F G H J K L M N P R T U VDDQ NC NC DQC DQC VDDQ DQC DQC VDDQ DQD DQD VDDQ DQD DQD NC NC VDDQ 2 A A A DQPC DQC DQC DQC DQC VDD DQD DQD DQD DQD DQPD A NC / 72M TMS CY7C1380D (512K x 36) 3 4 5 A A ADSP A A VSS VSS VSS BWC VSS NC VSS BWD VSS VSS VSS MODE A TDI ADSC VDD NC CE1 OE ADV GW VDD CLK NC BWE A1 A0 VDD A TCK A A VSS VSS VSS BWB VSS NC VSS BWA VSS VSS VSS NC A TDO 6 A A A DQPB DQB DQB DQB DQB VDD DQA DQA DQA DQA DQPA A NC / 36M NC 7 VDDQ NC NC DQB DQB VDDQ DQB DQB VDDQ DQA DQA VDDQ DQA DQA NC ZZ VDDQ CY7C1380D CY7C1382D CY7C1382D (512K x 18) 1 A B C D E F G H J K L M N P R T U VDDQ NC NC DQB NC VDDQ NC DQB VDDQ NC DQB VDDQ DQB NC NC NC / 72M VDDQ 2 A A A NC DQB NC DQB NC VDD DQB NC DQB NC DQPB A A TMS 3 A A A VSS VSS VSS BWB VSS NC VSS NC VSS VSS VSS MODE A TDI 4 ADSP ADSC VDD NC CE1 OE ADV GW VDD CLK NC BWE A1 A0 VDD NC / 36M TCK 5 A A A VSS VSS VSS NC VSS NC VSS BWA VSS VSS VSS NC A TDO 6 A A A DQPA NC DQA NC DQA VDD NC DQA NC DQA NC A A NC 7 VDDQ NC NC NC DQA VDDQ DQA NC VDDQ DQA NC VDDQ NC DQA NC ZZ VDDQ Document #: 38-05543 Rev. *A Page 4 of 29 PRELIMINARY Pin Configurations (continued) 165-ball fBGA CY7C1380D (512K x 36) CY7C1380D CY7C1382D 1 A B C D E F G H J K L M N P R NC / 288M NC DQPC DQC DQC DQC DQC NC DQD DQD DQD DQD DQPD NC MODE 2 A A NC DQC DQC DQC DQC NC DQD DQD DQD DQD NC NC / 72M NC / 36M 3 CE1 CE2 VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A A 4 BWC BWD VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS A 5 BWB BWA VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC TDI TMS 6 CE3 CLK 7 BWE GW 8 ADSC OE 9 ADV ADSP 10 A A NC DQB DQB DQB DQB NC DQA DQA DQA DQA NC A A 11 NC NC / 144M DQPB DQB DQB DQB DQB ZZ DQA DQA DQA DQA DQPA A A VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS A A1 A0 VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC TDO TCK VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS A VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A A A A CY7C1382D (1M x 18) 1 A B C D E F G H J K L M N P R NC / 288M NC NC NC NC NC NC NC DQB DQB DQB DQB DQPB NC MODE 2 A A NC DQB DQB DQB DQB NC NC NC NC NC NC NC / 72M NC / 36M 3 CE1 CE2 VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A A 4 BWB NC VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS A 5 NC BWA VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC TDI TMS 6 CE3 CLK 7 BWE GW 8 ADSC OE 9 ADV ADSP 10 A A NC NC NC NC NC NC DQA DQA DQA DQA NC A A 11 A NC / 144M DQPA DQA DQA DQA DQA ZZ NC NC NC NC NC A A VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS A A1 A0 VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC TDO TCK VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS A VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A A A A Document #: 38-05543 Rev. *A Page 5 of 29 PRELIMINARY Pin Definitions Name A0, A1, A BWA,BWB BWC,BWD GW BWE CLK CE1 CE2[2] CE3[2] I/O InputSynchronous InputSynchronous InputSynchronous InputSynchronous InputClock InputSynchronous InputSynchronous InputSynchronous InputAsynchronous Description CY7C1380D CY7C1382D Address Inputs used to select one of the address locations. Sampled at the rising edge of the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3 [2]are sampled active. A1: A0 are fed to the two-bit counter.. Byte Write Select Inputs, active LOW. Qualified with BWE to conduct byte writes to the SRAM. Sampled on the rising edge of CLK. Global Write Enable Input, active LOW. When asserted LOW on the rising edge of CLK, a global write is conducted (ALL bytes are written, regardless of the values on BWX and BWE). Byte Write Enable Input, active LOW. Sampled on the rising edge of CLK. This signal must be asserted LOW to conduct a byte write. Clock Input. Used to capture all synchronous inputs to the device. Also used to increment the burst counter when ADV is asserted LOW, during a burst operation. Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE2 and CE3 to select/deselect the device. ADSP is ignored if CE1 is HIGH. Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction with CE1 and CE3 to select/deselect the device. Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE1 and CE2 to select/deselect the device.Not available for AJ package version.Not connected for BGA. Where referenced, CE3 is assumed active throughout this document for BGA. Output Enable, asynchronous input, active LOW. Controls the direction of the I/O pins. When LOW, the I/O pins behave as outputs. When deasserted HIGH, I/O pins are tri-stated, and act as input data pins. OE is masked during the first clock of a read cycle when emerging from a deselected state. Advance Input signal, sampled on the rising edge of CLK, active LOW. When asserted, it automatically increments the address in a burst cycle. Address Strobe from Processor, sampled on the rising edge of CLK, active LOW. When asserted LOW, addresses presented to the device are captured in the address registers. A1: A0 are also loaded into the burst counter. When ADSP and ADSC are both asserted, only ADSP is recognized. ASDP is ignored when CE1 is deasserted HIGH. Address Strobe from Controller, sampled on the rising edge of CLK, active LOW. When asserted LOW, addresses presented to the device are captured in the address registers. A1: A0 are also loaded into the burst counter. When ADSP and ADSC are both asserted, only ADSP is recognized. ZZ "sleep" Input, active HIGH. When asserted HIGH places the device in a non-time-critical "sleep" condition with data integrity preserved. For normal operation, this pin has to be LOW or left floating. ZZ pin has an internal pull-down. Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that is triggered by the rising edge of CLK. As outputs, they deliver the data contained in the memory location specified by the addresses presented during the previous clock rise of the read cycle. The direction of the pins is controlled by OE. When OE is asserted LOW, the pins behave as outputs. When HIGH, DQs and DQPX are placed in a tri-state condition. Power supply inputs to the core of the device. Ground for the core of the device. Ground for the I/O circuitry. Selects Burst Order. When tied to GND selects linear burst sequence. When tied to VDD or left floating selects interleaved burst sequence. This is a strap pin and should remain static during device operation. Mode Pin has an internal pull-up. OE ADV ADSP InputSynchronous InputSynchronous ADSC InputSynchronous ZZ InputAsynchronous I/OSynchronous DQs, DQPX VDD VSS VSSQ VDDQ MODE Power Supply Ground I/O Ground InputStatic I/O Power Supply Power supply for the I/O circuitry. TDO JTAG serial output Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK. If the JTAG Synchronous feature is not being utilized, this pin should be disconnected. This pin is not available on TQFP packages. JTAG serial input Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG feature Synchronous is not being utilized, this pin can be disconnected or connected to VDD. This pin is not available on TQFP packages. TDI Document #: 38-05543 Rev. *A Page 6 of 29 PRELIMINARY Pin Definitions (continued) Name TMS I/O Description CY7C1380D CY7C1382D JTAG serial input Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG feature Synchronous is not being utilized, this pin can be disconnected or connected to VDD. This pin is not available on TQFP packages. JTAGClock - Clock input to the JTAG circuitry. If the JTAG feature is not being utilized, this pin must be connected to VSS. This pin is not available on TQFP packages. No Connects. Not internally connected to the die Single Write Accesses Initiated by ADSP This access is initiated when both of the following conditions are satisfied at clock rise: (1) ADSP is asserted LOW, and (2) CE1, CE2, CE3 are all asserted active. The address presented to A is loaded into the address register and the address advancement logic while being delivered to the memory array. The Write signals (GW, BWE, and BWX) and ADV inputs are ignored during this first cycle. ADSP-triggered Write accesses require two clock cycles to complete. If GW is asserted LOW on the second clock rise, the data presented to the DQs inputs is written into the corresponding address location in the memory array. If GW is HIGH, then the Write operation is controlled by BWE and BWX signals. The CY7C1380D/CY7C1382D provides Byte Write capability that is described in the Write Cycle Descriptions table. Asserting the Byte Write Enable input (BWE) with the selected Byte Write (BWX) input, will selectively write to only the desired bytes. Bytes not selected during a Byte Write operation will remain unaltered. A synchronous self-timed Write mechanism has been provided to simplify the Write operations. Because the CY7C1380D/CY7C1382D is a common I/O device, the Output Enable (OE) must be deserted HIGH before presenting data to the DQs inputs. Doing so will tri-state the output drivers. As a safety precaution, DQs are automatically tri-stated whenever a Write cycle is detected, regardless of the state of OE. Single Write Accesses Initiated by ADSC ADSC Write accesses are initiated when the following conditions are satisfied: (1) ADSC is asserted LOW, (2) ADSP is deserted HIGH, (3) CE1, CE2, CE3 are all asserted active, and (4) the appropriate combination of the Write inputs (GW, BWE, and BWX) are asserted active to conduct a Write to the desired byte(s). ADSC-triggered Write accesses require a single clock cycle to complete. The address presented to A is loaded into the address register and the address advancement logic while being delivered to the memory array. The ADV input is ignored during this cycle. If a global Write is conducted, the data presented to the DQs is written into the corresponding address location in the memory core. If a Byte Write is conducted, only the selected bytes are written. Bytes not selected during a Byte Write operation will remain unaltered. A synchronous self-timed Write mechanism has been provided to simplify the Write operations. Because the CY7C1380D/CY7C1382D is a common I/O device, the Output Enable (OE) must be deserted HIGH before presenting data to the DQs inputs. Doing so will tri-state the output drivers. As a safety precaution, DQs are automatically tri-stated whenever a Write cycle is detected, regardless of the state of OE. TCK NC Functional Overview All synchronous inputs pass through input registers controlled by the rising edge of the clock. All data outputs pass through output registers controlled by the rising edge of the clock. Maximum access delay from the clock rise (tCO) is 2.6 ns (250-MHz device). The CY7C1380D/CY7C1382D supports secondary cache in systems utilizing either a linear or interleaved burst sequence. The interleaved burst order supports Pentium and i486 processors. The linear burst sequence is suited for processors that utilize a linear burst sequence. The burst order is user selectable, and is determined by sampling the MODE input. Accesses can be initiated with either the Processor Address Strobe (ADSP) or the Controller Address Strobe (ADSC). Address advancement through the burst sequence is controlled by the ADV input. A two-bit on-chip wraparound burst counter captures the first address in a burst sequence and automatically increments the address for the rest of the burst access. Byte Write operations are qualified with the Byte Write Enable (BWE) and Byte Write Select (BWX) inputs. A Global Write Enable (GW) overrides all Byte Write inputs and writes data to all four bytes. All writes are simplified with on-chip synchronous self-timed Write circuitry. Three synchronous Chip Selects (CE1, CE2, CE3) and an asynchronous Output Enable (OE) provide for easy bank selection and output tri-state control. ADSP is ignored if CE1 is HIGH. Single Read Accesses This access is initiated when the following conditions are satisfied at clock rise: (1) ADSP or ADSC is asserted LOW, (2) CE1, CE2, CE3 are all asserted active, and (3) the Write signals (GW, BWE) are all deserted HIGH. ADSP is ignored if CE1 is HIGH. The address presented to the address inputs (A) is stored into the address advancement logic and the Address Register while being presented to the memory array. The corresponding data is allowed to propagate to the input of the Output Registers. At the rising edge of the next clock the data is allowed to propagate through the output register and onto the data bus within 2.6 ns (250-MHz device) if OE is active LOW. The only exception occurs when the SRAM is emerging from a deselected state to a selected state, its outputs are always tri-stated during the first cycle of the access. After the first cycle of the access, the outputs are controlled by the OE signal. Consecutive single Read cycles are supported. Once the SRAM is deselected at clock rise by the chip select and either ADSP or ADSC signals, its output will tri-state immediately. Document #: 38-05543 Rev. *A Page 7 of 29 PRELIMINARY Burst Sequences The CY7C1380D/CY7C1382D provides a two-bit wraparound counter, fed by A1: A0, that implements either an interleaved or linear burst sequence. The interleaved burst sequence is designed specifically to support Intel Pentium applications. The linear burst sequence is designed to support processors that follow a linear burst sequence. The burst sequence is user selectable through the MODE input. Asserting ADV LOW at clock rise will automatically increment the burst counter to the next address in the burst sequence. Both Read and Write burst operations are supported. First Address A1: A0 00 01 10 11 Sleep Mode Second Address A1: A0 01 10 11 00 CY7C1380D CY7C1382D Third Address A1: A0 10 11 00 01 Fourth Address A1: A0 11 00 01 10 Linear Burst Address Table (MODE = GND) Interleaved Burst Address Table (MODE = Floating or VDD) First Address A1: A0 00 01 10 11 Second Address A1: A0 01 00 11 10 Third Address A1: A0 10 11 00 01 Fourth Address A1: A0 11 10 01 00 The ZZ input pin is an asynchronous input. Asserting ZZ places the SRAM in a power conservation "sleep" mode. Two clock cycles are required to enter into or exit from this "sleep" mode. While in this mode, data integrity is guaranteed. Accesses pending when entering the "sleep" mode are not considered valid nor is the completion of the operation guaranteed. The device must be deselected prior to entering the "sleep" mode. CE1, CE2, CE3, ADSP, and ADSC must remain inactive for the duration of tZZREC after the ZZ input returns LOW. ZZ Mode Electrical Characteristics Parameter IDDZZ tZZS tZZREC tZZI tRZZI Description Sleep mode standby current Device operation to ZZ ZZ recovery time ZZ Active to sleep current ZZ Inactive to exit sleep current Test Conditions ZZ > VDD - 0.2V ZZ > VDD - 0.2V ZZ < 0.2V This parameter is sampled This parameter is sampled Min. Max. 80 2tCYC 2tCYC 0 Unit mA ns ns ns ns 2tCYC Truth Table [ 3, 4, 5, 6, 7, 8] Operation Deselect Cycle, Power Down Deselect Cycle, Power Down Deselect Cycle, Power Down Deselect Cycle, Power Down Deselect Cycle, Power Down Sleep Mode, Power Down READ Cycle, Begin Burst READ Cycle, Begin Burst WRITE Cycle, Begin Burst READ Cycle, Begin Burst READ Cycle, Begin Burst READ Cycle, Continue Burst READ Cycle, Continue Burst Add. Used None None None None None None External External External External External Next Next CE1 H L L L L X L L L L L X X CE2 X L X L X X H H H H H X X CE3 X X H X H X L L L L L X X ZZ L L L L L H L L L L L L L ADSP X L L H H X L L H H H H H ADSC L X X L L X X X L L L H H ADV X X X X X X X X X X X L L WRITE OE CLK DQ X X L-H Tri-State X X X X X X X L H H H H X X X X X L H X L H L H L-H Tri-State L-H Tri-State L-H Tri-State L-H Tri-State X L-H L-H L-H L-H Tri-State Q D Q Q L-H Tri-State L-H Tri-State L-H Tri-State Notes: 3. X = "Don't Care." H = Logic HIGH, L = Logic LOW. 4. WRITE = L when any one or more Byte Write enable signals and BWE = L or GW= L. WRITE = H when all Byte write enable signals, BWE, GW = H. 5. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock. 6. CE1, CE2, and CE3 are available only in the TQFP package. BGA package has only two chip selects CE1 and CE2. 7. The SRAM always initiates a read cycle when ADSP is asserted, regardless of the state of GW, BWE, or BWX. Writes may occur only on subsequent clocks after the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to tri-state. OE is a don't care for the remainder of the write cycle. 8. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle all data bits are Tri-State when OE is inactive or when the device is deselected, and all data bits behave as output when OE is active (LOW). 9. Table only lists a partial listing of the byte write combinations. Any combination of BWX is valid. Appropriate write will be done based on which byte write is active. Document #: 38-05543 Rev. *A Page 8 of 29 PRELIMINARY Truth Table (continued)[ 3, 4, 5, 6, 7, 8] Operation READ Cycle, Continue Burst READ Cycle, Continue Burst WRITE Cycle, Continue Burst WRITE Cycle, Continue Burst READ Cycle, Suspend Burst READ Cycle, Suspend Burst READ Cycle, Suspend Burst READ Cycle, Suspend Burst WRITE Cycle, Suspend Burst WRITE Cycle, Suspend Burst Add. Used Next Next Next Next Current Current Current Current Current Current CE1 H H X H X X H H X H CE2 X X X X X X X X X X CE3 X X X X X X X X X X ZZ L L L L L L L L L L ADSP X X H X H H X X H X ADSC H H H H H H H H H H ADV L L L L H H H H H H CY7C1380D CY7C1382D WRITE OE CLK H L L-H H L L H H H H L L H X X L H L H X X L-H L-H L-H L-H L-H L-H DQ Q D D Q Q D D L-H Tri-State L-H Tri-State L-H Tri-State Truth Table for Read/Write[5,9] Function (CY7C1380D) Read Read Write Byte A - (DQA and DQPA) Write Byte B - (DQB and DQPB) Write Bytes B, A Write Byte C - (DQC and DQPC) Write Bytes C, A Write Bytes C, B Write Bytes C, B, A Write Byte D - (DQD and DQPD) Write Bytes D, A Write Bytes D, B Write Bytes D, B, A Write Bytes D, C Write Bytes D, C, A Write Bytes D, C, B Write All Bytes Write All Bytes GW H H H H H H H H H H H H H H H H H L BWE H L L L L L L L L L L L L L L L L X BWD X H H H H H H H H L L L L L L L L X BWC X H H H H L L L L H H H H L L L L X BWB X H H L L H H L L H H L L H H L L X BWA X H L H L H L H L H L H L H L H L X Truth Table for Read/Write[5,9] Function (CY7C1382D) Read Read Write Byte A - (DQA and DQPA) Write Byte B - (DQB and DQPB) Write Bytes B, A Write All Bytes Write All Bytes GW H H H H H H L BWE H L L L L L X BWB X H H L L L X BWA X H L H L L X Document #: 38-05543 Rev. *A Page 9 of 29 PRELIMINARY IEEE 1149.1 Serial Boundary Scan (JTAG) The CY7C1380D/CY7C1382D incorporates a serial boundary scan test access port (TAP) in the BGA package only. The TQFP package does not offer this functionality. This part operates in accordance with IEEE Standard 1149.1-1900, but doesn't have the set of functions required for full 1149.1 compliance. These functions from the IEEE specification are excluded because their inclusion places an added delay in the critical speed path of the SRAM. Note the TAP controller functions in a manner that does not conflict with the operation of other devices using 1149.1 fully compliant TAPs. . The TAP operates using JEDEC-standard 3.3V or 2.5V I/O logic levels. The CY7C1380D/CY7C1382D contains a TAP controller, instruction register, boundary scan register, bypass register, and ID register. Disabling the JTAG Feature It is possible to operate the SRAM without using the JTAG feature. To disable the TAP controller, TCK must be tied LOW (VSS) to prevent clocking of the device. TDI and TMS are internally pulled up and may be unconnected. They may alternately be connected to VDD through a pull-up resistor. TDO should be left unconnected. Upon power-up, the device will come up in a reset state which will not interfere with the operation of the device. Test MODE SELECT (TMS) CY7C1380D CY7C1382D The TMS input is used to give commands to the TAP controller and is sampled on the rising edge of TCK. It is allowable to leave this ball unconnected if the TAP is not used. The ball is pulled up internally, resulting in a logic HIGH level. Test Data-In (TDI) The TDI ball is used to serially input information into the registers and can be connected to the input of any of the registers. The register between TDI and TDO is chosen by the instruction that is loaded into the TAP instruction register. TDI is internally pulled up and can be unconnected if the TAP is unused in an application. TDI is connected to the most significant bit (MSB) of any register. (See Tap Controller Block Diagram.) Test Data-Out (TDO) The TDO output ball is used to serially clock data-out from the registers. The output is active depending upon the current state of the TAP state machine. The output changes on the falling edge of TCK. TDO is connected to the least significant bit (LSB) of any register. (See Tap Controller State Diagram.) TAP Controller Block Diagram 0 Bypass Register 210 TAP Controller State Diagram 1 TEST-LOGIC RESET 0 0 RUN-TEST/ IDLE 1 SELECT DR-SCAN 0 1 CAPTURE-DR 0 SHIFT-DR 1 EXIT1-DR 0 PAUSE-DR 1 0 EXIT2-DR 1 UPDATE-DR 1 0 0 0 1 0 1 1 SELECT IR-SCAN 0 CAPTURE-IR 0 SHIFT-IR 1 EXIT1-IR 0 PAUSE-IR 1 EXIT2-IR 1 UPDATE-IR 1 0 0 1 0 1 TDI Selection Circuitry Instruction Register 31 30 29 . . . 2 1 0 Selection Circuitry TDO Identification Register x. . . . .210 Boundary Scan Register TCK TMS TAP CONTROLLER Performing a TAP Reset A RESET is performed by forcing TMS HIGH (VDD) for five rising edges of TCK. This RESET does not affect the operation of the SRAM and may be performed while the SRAM is operating. At power-up, the TAP is reset internally to ensure that TDO comes up in a High-Z state. The 0/1 next to each state represents the value of TMS at the rising edge of TCK. Test Access Port (TAP) Test Clock (TCK) The test clock is used only with the TAP controller. All inputs are captured on the rising edge of TCK. All outputs are driven from the falling edge of TCK. TAP Registers Registers are connected between the TDI and TDO balls and allow data to be scanned into and out of the SRAM test circuitry. Only one register can be selected at a time through the instruction register. Data is serially loaded into the TDI ball on the rising edge of TCK. Data is output on the TDO ball on the falling edge of TCK. Instruction Register Three-bit instructions can be serially loaded into the instruction register. This register is loaded when it is placed between the Document #: 38-05543 Rev. *A Page 10 of 29 PRELIMINARY TDI and TDO balls as shown in the Tap Controller Block Diagram. Upon power-up, the instruction register is loaded with the IDCODE instruction. It is also loaded with the IDCODE instruction if the controller is placed in a reset state as described in the previous section. When the TAP controller is in the Capture-IR state, the two least significant bits are loaded with a binary "01" pattern to allow for fault isolation of the board-level serial test data path. Bypass Register To save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. The bypass register is a single-bit register that can be placed between the TDI and TDO balls. This allows data to be shifted through the SRAM with minimal delay. The bypass register is set LOW (VSS) when the BYPASS instruction is executed. Boundary Scan Register The boundary scan register is connected to all the input and bidirectional balls on the SRAM. The boundary scan register is loaded with the contents of the RAM I/O ring when the TAP controller is in the Capture-DR state and is then placed between the TDI and TDO balls when the controller is moved to the Shift-DR state. The EXTEST, SAMPLE/PRELOAD and SAMPLE Z instructions can be used to capture the contents of the I/O ring. The Boundary Scan Order tables show the order in which the bits are connected. Each bit corresponds to one of the bumps on the SRAM package. The MSB of the register is connected to TDI and the LSB is connected to TDO. Identification (ID) Register The ID register is loaded with a vendor-specific, 32-bit code during the Capture-DR state when the IDCODE command is loaded in the instruction register. The IDCODE is hardwired into the SRAM and can be shifted out when the TAP controller is in the Shift-DR state. The ID register has a vendor code and other information described in the Identification Register Definitions table. TAP Instruction Set Overview Eight different instructions are possible with the three-bit instruction register. All combinations are listed in the Instruction Codes table. Three of these instructions are listed as RESERVED and should not be used. The other five instructions are described in detail below. The TAP controller used in this SRAM is not fully compliant to the 1149.1 convention because some of the mandatory 1149.1 instructions are not fully implemented. The TAP controller cannot be used to load address data or control signals into the SRAM and cannot preload the I/O buffers. The SRAM does not implement the 1149.1 commands EXTEST or INTEST or the PRELOAD portion of SAMPLE/PRELOAD; rather, it performs a capture of the I/O ring when these instructions are executed. Instructions are loaded into the TAP controller during the Shift-IR state when the instruction register is placed between TDI and TDO. During this state, instructions are shifted CY7C1380D CY7C1382D through the instruction register through the TDI and TDO balls. To execute the instruction once it is shifted in, the TAP controller needs to be moved into the Update-IR state. EXTEST EXTEST is a mandatory 1149.1 instruction which is to be executed whenever the instruction register is loaded with all 0s. EXTEST is not implemented in this SRAM TAP controller, and therefore this device is not compliant with 1149.1. The TAP controller does recognize an all-0 instruction. When an EXTEST instruction is loaded into the instruction register, the SRAM responds as if a SAMPLE/PRELOAD instruction has been loaded. There is one difference between the two instructions. Unlike the SAMPLE/PRELOAD instruction, EXTEST places the SRAM outputs in a High-Z state. IDCODE The IDCODE instruction causes a vendor-specific, 32-bit code to be loaded into the instruction register. It also places the instruction register between the TDI and TDO balls and allows the IDCODE to be shifted out of the device when the TAP controller enters the Shift-DR state. The IDCODE instruction is loaded into the instruction register upon power-up or whenever the TAP controller is given a test logic reset state. SAMPLE Z The SAMPLE Z instruction causes the boundary scan register to be connected between the TDI and TDO balls when the TAP controller is in a Shift-DR state. It also places all SRAM outputs into a High-Z state. SAMPLE/PRELOAD SAMPLE/PRELOAD is a 1149.1 mandatory instruction. When the SAMPLE/PRELOAD instructions are loaded into the instruction register and the TAP controller is in the Capture-DR state, a snapshot of data on the inputs and output pins is captured in the boundary scan register. The user must be aware that the TAP controller clock can only operate at a frequency up to 20 MHz, while the SRAM clock operates more than an order of magnitude faster. Because there is a large difference in the clock frequencies, it is possible that during the Capture-DR state, an input or output will undergo a transition. The TAP may then try to capture a signal while in transition (metastable state). This will not harm the device, but there is no guarantee as to the value that will be captured. Repeatable results may not be possible. To guarantee that the boundary scan register will capture the correct value of a signal, the SRAM signal must be stabilized long enough to meet the TAP controller's capture set-up plus hold times (tCS and tCH). The SRAM clock input might not be captured correctly if there is no way in a design to stop (or slow) the clock during a SAMPLE/PRELOAD instruction. If this is an issue, it is still possible to capture all other signals and simply ignore the value of the CK and CK# captured in the boundary scan register. Once the data is captured, it is possible to shift out the data by putting the TAP into the Shift-DR state. This places the boundary scan register between the TDI and TDO pins. Document #: 38-05543 Rev. *A Page 11 of 29 PRELIMINARY PRELOAD allows an initial data pattern to be placed at the latched parallel outputs of the boundary scan register cells prior to the selection of another boundary scan test operation. The shifting of data for the SAMPLE and PRELOAD phases can occur concurrently when required - that is, while data captured is shifted out, the preloaded data can be shifted in. BYPASS When the BYPASS instruction is loaded in the instruction register and the TAP is placed in a Shift-DR state, the bypass CY7C1380D CY7C1382D register is placed between the TDI and TDO balls. The advantage of the BYPASS instruction is that it shortens the boundary scan path when multiple devices are connected together on a board. Reserved These instructions are not implemented but are reserved for future use. Do not use these instructions. TAP Timing 1 Test Clock (TCK) t TMSS 2 3 4 5 6 t TH t TMSH t TL t CYC Test Mode Select (TMS) t TDIS t TDIH Test Data-In (TDI) t TDOV t TDOX Test Data-Out (TDO) DON'T CARE UNDEFINED TAP AC Switching Characteristics Over the Operating Range[10, 11] Parameter Clock tTCYC tTF tTH tTL tTDOV tTDOX tTMSS tTDIS tCS Hold Times tTMSH tTDIH tCH TMS hold after TCK Clock Rise TDI Hold after Clock Rise Capture Hold after Clock Rise 5 5 5 ns ns ns TCK Clock Cycle Time TCK Clock Frequency TCK Clock HIGH time TCK Clock LOW time TCK Clock LOW to TDO Valid TCK Clock LOW to TDO Invalid TMS Set-up to TCK Clock Rise TDI Set-up to TCK Clock Rise Capture Set-up to TCK Rise 0 5 5 5 25 25 5 50 20 ns MHz ns ns ns ns ns ns Description Min. Max. Unit Output Times Set-up Times Notes: 10. tCS and tCH refer to the set-up and hold time requirements of latching data from the boundary scan register. 11. Test conditions are specified using the load in TAP AC test Conditions. tR/tF = 1ns. Document #: 38-05543 Rev. *A Page 12 of 29 PRELIMINARY 3.3V TAP AC Test Conditions Input pulse levels ................................................ VSS to 3.3V Input rise and fall times ..................... ..............................1 ns Input timing reference levels ...........................................1.5V Output reference levels...................................................1.5V Test load termination supply voltage...............................1.5V CY7C1380D CY7C1382D 2.5V TAP AC Test Conditions Input pulse levels ......................................... VSS to 2.5V Input rise and fall time .....................................................1 ns Input timing reference levels................... ......................1.25V Output reference levels .................. ..............................1.25V Test load termination supply voltage .................... ........1.25V 3.3V TAP AC Output Load Equivalent 1.5V 50 TDO Z O= 50 20pF 2.5V TAP AC Output Load Equivalent 1.25V 50 TDO Z O= 50 20pF TAP DC Electrical Characteristics And Operating Conditions (0C < TA < +70C; Vdd = 3.3V 0.165V unless otherwise noted)[12] Parameter VOH1 VOH2 VOL1 VOL2 VIH VIL IX Description Output HIGH Voltage Output HIGH Voltage Output LOW Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Load Current GND < VIN < VDDQ Test Conditions IOH = -4.0 mA, VDDQ = 3.3V IOH = -1.0 mA, VDDQ = 2.5V IOH = -100 A IOL = 8.0 mA IOL = 100 A VDDQ = 3.3V VDDQ = 2.5V VDDQ = 3.3V VDDQ = 2.5V VDDQ = 3.3V VDDQ = 2.5V VDDQ = 3.3V VDDQ = 2.5V VDDQ = 3.3V VDDQ = 2.5V 2.0 1.7 -0.3 -0.3 -5 Min. 2.4 2.0 2.9 2.1 0.4 0.4 0.2 0.2 VDD + 0.3 VDD + 0.3 0.8 0.7 5 Max. Unit V V V V V V V V V V V V A Identification Register Definitions Instruction Field Revision Number (31:29) Device Depth (28:24)[13] Device Width (23:18) Cypress Device ID (17:12) Cypress JEDEC ID Code (11:1) ID Register Presence Indicator (0) CY7C1380D (512K x 36) 000 01011 000000 100101 00000110100 1 CY7C1382D (1 Mbit x 18) 000 01011 000000 010101 00000110100 1 Description Describes the version number. Reserved for Internal Use Defines memory type and architecture Defines width and density Allows unique identification of SRAM vendor. Indicates the presence of an ID register. Notes: 12. All voltages referenced to VSS (GND). 13. Bit #24 is "1" in the Register Definitions for both 2.5v and 3.3v versions of this device. Document #: 38-05543 Rev. *A Page 13 of 29 PRELIMINARY Scan Register Sizes Register Name Instruction Bypass ID Boundary Scan Order (119-ball BGA package) Boundary Scan Order (165-ball fBGA package) Bit Size (x36) 3 1 32 85 89 Bit Size (x18) 3 1 32 85 89 CY7C1380D CY7C1382D Identification Codes Instruction EXTEST IDCODE SAMPLE Z RESERVED SAMPLE/PRELOAD RESERVED RESERVED BYPASS Code 000 001 010 011 100 101 110 111 Description Captures I/O ring contents. Places the boundary scan register between TDI and TDO. Forces all SRAM outputs to High-Z state. Loads the ID register with the vendor ID code and places the register between TDI and TDO. This operation does not affect SRAM operations. Captures I/O ring contents. Places the boundary scan register between TDI and TDO. Forces all SRAM output drivers to a High-Z state. Do Not Use: This instruction is reserved for future use. Captures I/O ring contents. Places the boundary scan register between TDI and TDO. Does not affect SRAM operation. Do Not Use: This instruction is reserved for future use. Do Not Use: This instruction is reserved for future use. Places the bypass register between TDI and TDO. This operation does not affect SRAM operations. Document #: 38-05543 Rev. *A Page 14 of 29 PRELIMINARY 119-Ball BGA Boundary Scan Order [14, 15] CY7C1380D (256K x 36) Bit# 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 Ball ID H4 T4 T5 T6 R5 L5 R6 U6 R7 T7 P6 N7 M6 L7 K6 P7 N6 L6 K7 J5 H6 G7 F6 E7 D7 H7 G6 E6 D6 C7 B7 C6 A6 C5 B5 G5 B6 D4 B4 F4 M4 A5 K4 Bit# 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 Ball ID E4 G4 A4 G3 C3 B2 B3 A3 C2 A2 B1 C1 D2 E1 F2 G1 H2 D1 E2 G2 H1 J3 K2 L1 M2 N1 P1 K1 L2 N2 P2 R3 T1 R1 T2 L3 R2 T3 L4 N4 P4 Internal Bit# 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 CY7C1380D CY7C1382D CY7C1382D (512K x 18) Ball ID H4 T4 T5 T6 R5 L5 R6 U6 R7 T7 P6 N7 M6 L7 K6 P7 N6 L6 K7 J5 H6 G7 F6 E7 D7 H7 G6 E6 D6 C7 B7 C6 A6 C5 B5 G5 B6 D4 B4 F4 M4 A5 K4 Bit# 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 Ball ID E4 G4 A4 G3 C3 B2 B3 A3 C2 A2 B1 C1 D2 E1 F2 G1 H2 D1 E2 G2 H1 J3 K2 L1 M2 N1 P1 K1 L2 N2 P2 R3 T1 R1 T2 L3 R2 T3 L4 N4 P4 Internal Notes: 14. Balls that are NC (No Connect) are preset LOW. 15. Bit# 85 is preset HIGH. Document #: 38-05543 Rev. *A Page 15 of 29 PRELIMINARY 165-Ball BGA Boundary Scan Order [14, 16] CY7C1380D (256K x 36) Bit# 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 Ball ID N6 N7 10N P11 P8 R8 R9 P9 P10 R10 R11 H11 N11 M11 L11 K11 J11 M10 L10 K10 J10 H9 H10 G11 F11 E11 D11 G10 F10 E10 D10 C11 A11 B11 A10 B10 Bit# 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 Ball ID A9 B9 C10 A8 B8 A7 B7 B6 A6 B5 A5 A4 B4 B3 A3 A2 B2 C2 B1 A1 C1 D1 E1 F1 G1 D2 E2 F2 G2 H1 H3 J1 K1 L1 M1 J2 Bit# 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 CY7C1380D CY7C1382D CY7C1380D (256K x 36) Ball ID K2 L2 M2 N1 N2 P1 R1 R2 P3 R3 P2 R4 P4 N5 P6 R6 Internal Note: 16. Bit# 89 is preset HIGH. Document #: 38-05543 Rev. *A Page 16 of 29 PRELIMINARY 165-Ball BGA Boundary Scan Order [14, 16] CY7C1382D (512K x 18) Bit# 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 Ball ID N6 N7 10N P11 P8 R8 R9 P9 P10 R10 R11 H11 N11 M11 L11 K11 J11 M10 L10 K10 J10 H9 H10 G11 F11 E11 D11 G10 F10 E10 D10 C11 A11 B11 A10 B10 Bit# 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 Ball ID A9 B9 C10 A8 B8 A7 B7 B6 A6 B5 A5 A4 B4 B3 A3 A2 B2 C2 B1 A1 C1 D1 E1 F1 G1 D2 E2 F2 G2 H1 H3 J1 K1 L1 M1 J2 Bit# 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 CY7C1380D CY7C1382D CY7C1382D (512Kx18) Ball ID K2 L2 M2 N1 N2 P1 R1 R2 P3 R3 P2 R4 P4 N5 P6 R6 Internal Document #: 38-05543 Rev. *A Page 17 of 29 PRELIMINARY Maximum Ratings (Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage on VDD Relative to GND........ -0.3V to +4.6V DC Voltage Applied to Outputs in Tri-State........................................... -0.5V to VDDQ + 0.5V DC Input Voltage....................................-0.5V to VDD + 0.5V CY7C1380D CY7C1382D Current into Outputs (LOW)......................................... 20 mA Static Discharge Voltage........................................... >2001V (per MIL-STD-883, Method 3015) Latch-up Current..................................................... >200 mA Operating Range Ambient Range Temperature VDD VDDQ Commercial 0C to +70C 3.3V - 5%/+10% 2.5V - 5% to VDD Industrial -40C to +85C [17, 18] Electrical Characteristics Over the Operating Range Parameter VDD VDDQ VOH VOL VIH VIL IX Description Power Supply Voltage I/O Supply Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Voltage[17] Input LOW Voltage[17] Input Load Current except ZZ and MODE VDDQ = 3.3V VDDQ = 2.5V Test Conditions Min. 3.135 3.135 2.375 2.4 2.0 Max. 3.6 VDD 2.625 Unit V V V V V VDDQ = 3.3V, VDD = Min., IOH = -4.0 mA VDDQ = 2.5V, VDD = Min., IOH = -1.0 mA VDDQ = 3.3V, VDD = Min., IOL = 8.0 mA VDDQ = 2.5V, VDD = Min., IOL = 1.0 mA VDDQ = 3.3V VDDQ = 2.5V VDDQ = 3.3V VDDQ = 2.5V GND VI VDDQ 0.4 0.4 2.0 1.7 -0.3 -0.3 -5 -5 30 -30 5 -5 5 350 300 275 160 150 140 70 VDD + 0.3V VDD + 0.3V 0.8 0.7 5 V V V V V V A A A A A A mA mA mA mA mA mA mA Input Current of MODE Input = VSS Input = VDD Input Current of ZZ IOZ IDD Input = VSS Input = VDD Output Leakage Current GND VI VDDQ, Output Disabled VDD Operating Supply Current Automatic CE Power-down Current--TTL Inputs VDD = Max., IOUT = 0 mA, f = fMAX = 1/tCYC VDD = Max, Device Deselected, VIN VIH or VIN VIL f = fMAX = 1/tCYC 4.0-ns cycle, 250 MHz 5.0-ns cycle, 200 MHz 6.0-ns cycle, 167 MHz ISB1 4.0-ns cycle, 250 MHz 5.0-ns cycle, 200 MHz 6.0-ns cycle, 167 MHz All speeds ISB2 ISB3 Automatic CE VDD = Max, Device Deselected, Power-down VIN 0.3V or VIN > VDDQ - 0.3V, Current--CMOS Inputs f = 0 Automatic CE VDD = Max, Device Deselected, or 4.0-ns cycle, 250 MHz Power-down VIN 0.3V or VIN > VDDQ - 0.3V 5.0-ns cycle, 200 MHz Current--CMOS Inputs f = fMAX = 1/tCYC 6.0-ns cycle, 167 MHz Automatic CE Power-down Current--TTL Inputs VDD = Max, Device Deselected, VIN VIH or VIN VIL, f = 0 All speeds 135 130 125 80 mA mA mA mA ISB4 Shaded areas contain advance information. Notes: 17. Overshoot: VIH(AC) < VDD +1.5V (Pulse width less than tCYC/2), undershoot: VIL(AC) > -2V (Pulse width less than tCYC/2). 18. TPower-up: Assumes a linear ramp from 0v to VDD(min.) within 200ms. During this time VIH < VDD and VDDQ < VDD. Document #: 38-05543 Rev. *A Page 18 of 29 PRELIMINARY Thermal Resistance[19] Parameter Description Thermal Resistance (Junction to Ambient) Thermal Resistance (Junction to Case) Test Conditions Test conditions follow standard test methods and procedures for measuring thermal impedance, per EIA / JESD51. TQFP Package 31 6 BGA Package 45 7 CY7C1380D CY7C1382D fBGA Package 46 3 Unit C/W C/W JA JC Capacitance[19] Parameter CIN CCLK CI/O Description Input Capacitance Clock Input Capacitance Input/Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VDD = 3.3V. VDDQ = 2.5V TQFP Package 5 5 5 BGA Package 8 8 8 fBGA Package 9 9 9 Unit pF pF pF AC Test Loads and Waveforms 3.3V I/O Test Load OUTPUT Z0 = 50 3.3V OUTPUT RL = 50 R = 317 VDDQ 5 pF GND R = 351 10% ALL INPUT PULSES 90% 90% 10% 1ns VT = 1.5V 1ns (a) 2.5V I/O Test Load OUTPUT Z0 = 50 2.5V INCLUDING JIG AND SCOPE (b) R = 1667 VDDQ (c) ALL INPUT PULSES 10% 90% 90% 10% 1ns OUTPUT RL = 50 VT = 1.25V 5 pF GND R =1538 1ns (a) INCLUDING JIG AND SCOPE (b) (c) Notes: 19. Tested initially and after any design or process change that may affect these parameters Document #: 38-05543 Rev. *A Page 19 of 29 PRELIMINARY Switching Characteristics Over the Operating Range[24, 25] 250 MHz Parameter tPOWER Clock tCYC tCH tCL Output Times tCO tDOH tCLZ tCHZ tOEV tOELZ tOEHZ Setup Times tAS tADS tADVS tWES tDS tCES Hold Times tAH tADH tADVH tWEH tDH tCEH Address Hold After CLK Rise ADSP , ADSC Hold After CLK Rise ADV Hold After CLK Rise GW,BWE, BWX Hold After CLK Rise Data Input Hold After CLK Rise Chip Enable Hold After CLK Rise 0.3 0.3 0.3 0.3 0.3 0.3 0.4 0.4 0.4 0.4 0.4 0.4 0.5 0.5 0.5 0.5 0.5 0.5 Address Set-up Before CLK Rise ADSC, ADSP Set-up Before CLK Rise ADV Set-up Before CLK Rise GW, BWE, BWX Set-up Before CLK Rise Data Input Set-up Before CLK Rise Chip Enable Set-Up Before CLK Rise 1.2 1.2 1.2 1.2 1.2 1.2 1.4 1.4 1.4 1.4 1.4 1.4 1.5 1.5 1.5 1.5 1.5 1.5 Data Output Valid After CLK Rise Data Output Hold After CLK Rise Clock to Low-Z[21, 22, 23] Clock to High-Z[21, 22, 23] OE LOW to Output Valid OE LOW to Output Low-Z[21, 22, 23] OE HIGH to Output High-Z [21, 22, 23] CY7C1380D CY7C1382D 200 MHz 1 5 2.0 2.0 2.6 3.0 1.3 1.3 2.6 2.6 3.0 3.0 0 2.6 3.0 0 3.4 1.3 1.3 3.4 3.4 167 MHz Min. 1 6 2.2 2.2 3.4 Max Unit ms ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Description VDD(Typical) to the first Access Clock Cycle Time Clock HIGH Clock LOW [20] Min. 1 4.0 1.7 1.7 Max 1.0 1.0 0 Shaded areas contain advance information. Notes: 20. This part has a voltage regulator internally; tPOWER is the time that the power needs to be supplied above VDD(minimum) initially before a read or write operation can be initiated. 21. tCHZ, tCLZ,tOELZ, and tOEHZ are specified with AC test conditions shown in part (b) of AC Test Loads. Transition is measured 200 mV from steady-state voltage. 22. At any given voltage and temperature, tOEHZ is less than tOELZ and tCHZ is less than tCLZ to eliminate bus contention between SRAMs when sharing the same data bus. These specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user conditions. Device is designed to achieve High-Z prior to Low-Z under the same system conditions 23. This parameter is sampled and not 100% tested. 24. Timing reference level is 1.5V when VDDQ = 3.3V and is 1.25V when VDDQ = 2.5V. 25. Test conditions shown in (a) of AC Test Loads unless otherwise noted. Document #: 38-05543 Rev. *A Page 20 of 29 PRELIMINARY Switching Waveforms Read Cycle Timing[26] t CYC CY7C1380D CY7C1382D CLK t CH t ADS ADSP tADS ADSC tAS A1 tWES GW, BWE, BWx tCES CE tADVS tADVH ADV ADV suspends burst. OE tOEV t OEHZ t CLZ Data Out (Q) High-Z Q(A1) t CO Burst wraps around to its initial state Single READ BURST READ t OELZ tCO tDOH Q(A2) Q(A2 + 1) Q(A2 + 2) Q(A2 + 3) Q(A2) t CHZ Q(A2 + 1) tCEH Deselect cycle tWEH tAH tADH t ADH t CL ADDRESS A2 A3 Burst continued with new base address DON'T CARE UNDEFINED Notes: 26. On this diagram, when CE is LOW: CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH: CE1 is HIGH or CE2 is LOW or CE3 is HIGH. 27. Full width write can be initiated by either GW LOW; or by GW HIGH, BWE LOW and BWX LOW. Document #: 38-05543 Rev. *A Page 21 of 29 PRELIMINARY Switching Waveforms (continued) Write Cycle Timing[26, 27] t CYC CY7C1380D CY7C1382D CLK tCH tADS ADSP ADSC extends burst tADS tADH tADH tCL tADS ADSC tAS A1 tAH tADH ADDRESS A2 Byte write signals are ignored for first cycle when ADSP initiates burst A3 tWES tWEH BWE, BWX tWES tWEH GW tCES CE t t ADVS ADVH ADV ADV suspends burst tCEH OE tDS tDH Data In (D) High-Z t OEHZ D(A1) D(A2) D(A2 + 1) D(A2 + 1) D(A2 + 2) D(A2 + 3) D(A3) D(A3 + 1) D(A3 + 2) Data Out (Q) BURST READ Single WRITE BURST WRITE Extended BURST WRITE DON'T CARE UNDEFINED Document #: 38-05543 Rev. *A Page 22 of 29 PRELIMINARY Switching Waveforms (continued) Read/Write Cycle Timing[26, 28, 29] tCYC CY7C1380D CY7C1382D CLK tCH tADS ADSP tADH tCL ADSC tAS tAH ADDRESS A1 A2 A3 tWES tWEH A4 A5 A6 BWE, BWX tCES CE tCEH ADV OE tCO tDS tDH tOELZ Data In (D) High-Z tCLZ Data Out (Q) High-Z Q(A1) Back-to-Back READs tOEHZ Q(A2) Single WRITE D(A3) D(A5) D(A6) Q(A4) Q(A4+1) BURST READ Q(A4+2) Q(A4+3) Back-to-Back WRITEs DON'T CARE UNDEFINED Notes: 28. The data bus (Q) remains in high-Z following a WRITE cycle, unless a new read access is initiated by ADSP or ADSC. 29. GW is HIGH. Document #: 38-05543 Rev. *A Page 23 of 29 PRELIMINARY Switching Waveforms (continued) ZZ Mode Timing [30, 31] CLK t ZZ t ZZREC CY7C1380D CY7C1382D ZZ t ZZI I SUPPLY I DDZZ t RZZI DESELECT or READ Only ALL INPUTS (except ZZ) Outputs (Q) High-Z DON'T CARE Ordering Information Speed (MHz) 250 Ordering Code CY7C1380D-250AXC CY7C1382D-250AXC CY7C1380D-250BGC CY7C1382D-250BGC CY7C1380D-250BZC CY7C1382D-250BZC CY7C1380D-250BGXC CY7C1382D-250BGXC CY7C1380D-250BZXC CY7C1382D-250BZXC 200 CY7C1380D-200AXC CY7C1382D-200AXC CY7C1380D-200BGC CY7C1382D-200BGC CY7C1380D-200BZC CY7C1382D-200BZC CY7C1380D-200BGXC CY7C1382D-200BGXC CY7C1380D-200BZXC CY7C1382D-200BZXC 167 CY7C1380D-167AXC CY7C1382D-167AXC CY7C1380D-167BGC CY7C1382D-167BGC CY7C1380D-167BZC CY7C1382D-167BZC BB165D 165-ball Fine Pitch Ball Grid Array (13 x 15 x 1.4 mm) A101 BG119 Lead-Free 100-lead Thin Quad Flat Pack (14 x 20 x 1.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) BB165D Lead-Free 165-ball Fine Pitch Ball Grid Array (13 x 15 x 1.4 mm) BG119 Lead-Free 119-ball Ball Grid Array (14 x 22 x 2.4 mm) BB165D 165-ball Fine Pitch Ball Grid Array (13 x 15 x 1.4 mm) Package Name A101 BG119 BB165D BG119 BB165D A101 BG119 Part and Package Type Lead-Free 100-lead Thin Quad Flat Pack (14 x 20 x 1.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 165-ball Fine Pitch Ball Grid Array (13 x 15 x 1.4 mm) Lead-Free 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 165-ball Fine Pitch Ball Grid Array (13 x 15 x 1.4 mm) Lead-Free 100-lead Thin Quad Flat Pack (14 x 20 x 1.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Operating Range Commercial Document #: 38-05543 Rev. *A Page 24 of 29 PRELIMINARY Ordering Information (continued) Speed (MHz) Ordering Code CY7C1380D-167BGXC CY7C1382D-167BGXC CY7C1380D-167BZXC CY7C1382D-167BZXC 167 CY7C1380D-167AXI CY7C1382D-167AXI CY7C1380D-167BGI CY7C1382D-167BGI CY7C1380D-167BZI CY7C1382D-167BZI CY7C1380D-167BGXI CY7C1382D-167BGXI CY7C1380D-167BZXI CY7C1382D-167BZXI BG119 BB165D Lead-Free 119-ball Ball Grid Array (14 x 22 x 2.4 mm) BB165D A101 BG119 BB165D Package Name BG119 Part and Package Type Lead-Free 119-ball Ball Grid Array (14 x 22 x 2.4 mm) CY7C1380D CY7C1382D Operating Range Lead-Free 165-ball Fine Pitch Ball Grid Array (13 x 15 x 1.4 mm) Lead-Free 100-lead Thin Quad Flat Pack (14 x 20 x 1.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 165-ball Fine Pitch Ball Grid Array (13 x 15 x 1.4 mm) Industrial Lead-Free 165-ball Fine Pitch Ball Grid Array (13 x 15 x 1.4 mm) Shaded areas contain advance information. Please contact your local sales representative for availability of these parts. Lead-free BG packages (Ordering Code: BGX) will be available in 2005. Notes: 30. Device must be deselected when entering ZZ mode. See Cycle Descriptions table for all possible signal conditions to deselect the device. 31. DQs are in high-Z when exiting ZZ sleep mode. Document #: 38-05543 Rev. *A Page 25 of 29 PRELIMINARY Package Diagrams 100-Pin Thin Plastic Quad Flatpack (14 x 20 x 1.4 mm) A101 16.000.20 14.000.10 100 1 81 80 CY7C1380D CY7C1382D DIMENSIONS ARE IN MILLIMETERS. 1.400.05 0.300.08 22.000.20 20.000.10 0.65 TYP. 30 31 50 51 121 (8X) SEE DETAIL A 0.20 MAX. 1.60 MAX. STAND-OFF 0.05 MIN. 0.15 MAX. 0.10 R 0.08 MIN. 0.20 MAX. 0 MIN. 0.25 GAUGE PLANE R 0.08 MIN. 0.20 MAX. SEATING PLANE 0-7 0.600.15 0.20 MIN. 1.00 REF. DETAIL A 51-85050-*A Document #: 38-05543 Rev. *A Page 26 of 29 PRELIMINARY Package Diagrams (continued) 119-Lead PBGA (14 x 22 x 2.4 mm) BG119 CY7C1380D CY7C1382D 51-85115-*B Document #: 38-05543 Rev. *A Page 27 of 29 PRELIMINARY Package Diagrams (continued) 165 FBGA 13 x 15 x 1.40 MM BB165D CY7C1380D CY7C1382D 51-85180-** i486 is a trademark, and Intel and Pentium are registered trademarks of Intel Corporation. PowerPC is a trademark of IBM Corporation. All product and company names mentioned in this document are the trademarks of their respective holders. Document #: 38-05543 Rev. *A Page 28 of 29 (c) Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges. PRELIMINARY Document History Page Document Title: CY7C1380D/CY7C1382D 18-Mbit (512K x 36/1M x 18) Pipelined SRAM Document Number: 38-05543 REV. ** *A ECN NO. Issue Date 254515 288531 See ECN See ECN Orig. of Change RKF SYT New data sheet Description of Change CY7C1380D CY7C1382D Edited description under "IEEE 1149.1 Serial Boundary Scan (JTAG)" for non-compliance with 1149.1 Removed 225Mhz and 133Mhz Speed Bins Added lead-free information for 100-Pin TQFP , 119 BGA and 165 FBGA Packages Added comment of `Lead-free BG packages availability' below the Ordering Information Document #: 38-05543 Rev. *A Page 29 of 29 |
Price & Availability of CY7C1382D-167BGC |