Part Number Hot Search : 
2SB64 L113611 SMD22PL CM3110 BAV199 CM3110 SB860 TS024
Product Description
Full Text Search
 

To Download BC847AW-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: BC846AW BC846BW BC847AW BC847BW BC847CW BC848AW BC848BW BC848CW
Lead-free Green
BC846AW - BC848CW
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR Features
* * * * *
Ideally Suited for Automatic Insertion Complementary PNP Types Available (BC856W-BC858W) For Switching and AF Amplifier Applications Lead Free/RoHS Compliant (Note 3 ) "Green" Device (Note 4 and 5)
B G H K M E A C BC
SOT-323 Dim A B C D E G H J K L M a Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0 Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
Mechanical Data
* * * * * * * * *
Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 5. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Pin Connections: See Diagram Marking Codes (See Table Below & Diagram on Page 2) Ordering & Date Code Information: See Page 2 Weight: 0.006 grams (approximate)
0.65 Nominal
J
D
F
L
All Dimensions in mm
Marking Code (Note 2) Type BC846AW BC846BW BC847AW BC847BW Marking K1Q K1R K1E, K1Q K1F, K1R Type BC847CW BC848AW BC848BW BC848CW Marking K1M K1J, K1E, K1Q K1K, K1F, K1R K1L, K1M
Maximum Ratings
Collector-Base Voltage
@ TA = 25C unless otherwise specified Symbol BC846 BC847 BC848 BC846 BC847 BC848 BC846, BC847 BC848 VCBO Value 80 50 30 65 45 30 6.0 5.0 100 200 200 200 625 -65 to +150 Unit V
Characteristic
Collector-Emitter Voltage
VCEO VEBO IC ICM IEM Pd RqJA Tj, TSTG
V V mA mA mA mW C/W C
Emitter-Base Voltage Collector Current Peak Collector Current Peak Emitter Current Power Dissipation (Note 1)
Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage Temperature Range
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http:/ /www.diodes.com/datasheets/ap02001.pdf. 2. Current gain subgroup "C" is not available for BC846W. 3. No purposefully added lead. 4. Diodes Inc.'s "Green" Policy can be found on our website at http: //www.diodes.com/products/lead_free/index.php. 5. Product manufactured with date code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior t o date code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30250 Rev. 8 - 2
1 of 3 www.diodes.com
BC846AW - BC848CW
a Diodes Incorporated
Electrical Characteristics
Characteristic
@ TA = 25C unless otherwise specified Symbol BC846 BC847 V(BR)CBO BC848 Min 80 50 30 65 45 30 6 5 110 200 420 -- -- 580 -- -- -- 100 -- -- Typ -- -- -- -- -- -- -- 180 290 520 90 200 700 900 660 -- -- -- 300 3.0 -- Max -- -- -- -- -- -- -- 220 450 800 250 600 -- 700 770 15 5.0 -- 4.5 10 Unit V Test Condition IC = 10mA, IB = 0
Collector-Base Breakdown Voltage (Note 6)
Collector-Emitter Breakdown Voltage (Note 6) BC846 BC847 V(BR)CEO BC848 Emitter-Base Breakdown Voltage (Note 4) DC Current Gain BC846, BC847 V (BR)EBO BC848 hFE VCE(SAT) VBE(SAT) VBE(ON) ICBO ICBO fT CCBO NF
V V -- mV mV mV nA A MHz pF dB
IC = 10mA, IB = 0 IE = 1mA, IC = 0 VCE = 5.0V, IC = 2.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA VCE = 5.0V, IC = 2.0mA VCE = 5.0V, IC = 10mA VCB = 30V VCB = 30V, TA = 150C VCE = 5.0V, IC = 10mA, f = 100MHz VCB = 10V, f = 1.0MHz VCE = 5V, IC = 200A, RS = 2.0kW, f = 1.0kHz, Df = 200Hz
Current Gain Group A B (Note 6) C
Collector-Emitter Saturation Voltage (Note 6) Base-Emitter Saturation Voltage (Note 6) Base-Emitter Voltage (Note 6) Collector-Cutoff Current (Note 6) Gain Bandwidth Product Collector-Base Capacitance Noise Figure
Ordering Information
Device BC84xxW-7-F*
(Note 5 & 7) Packaging SOT-323 Shipping 3000/Tape & Reel
*xx = device type, e.g. BC846AW-7. Note: 5. Product manufactured with date code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 6. Short duration pulse test to minimize self-heating effect. 7. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code (See Page 1), e.g. K1Q = BC846AW YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code 1998 J Month Code 1999 K Jan 1 2000 L 2001 M Feb 2 2002 N March 3 2003 P Apr 4 2004 R May 5 2005 S Jun 6 2006 T Jul 7 2007 U Aug 8 2008 V Sep 9 2009 W Oct O 2010 X 2011 Y Nov N 2012 Z Dec D
DS30250 Rev. 8 - 2
YM
2 of 3 www.diodes.com
BC846AW - BC848CW
300 250 200 150 100 50 0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1, Max Power Dissipation vs Ambient Temperature
1000 TA = 150C TA = 25C 100 TA = -50C
0.4 VCE(SAT), COLLECTOR TO EMITTER SATURATION VOLTAGE (V)
PD, POWER DISSIPATION (mW)
IC IB = 20
0.3
0.2 TA = 150C 0.1
TA = 25C
TA = -50C 0 0.1 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 2 Collector Emitter Saturation Voltage vs. Collector Current
1000
fT, GAIN BANDWIDTH PRODUCT (MHz)
VCE = 5V
hFE, DC CURRENT GAIN
100
10
10
1 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 3, DC Current Gain vs. Collector Current
1 1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 4, Gain Bandwidth Product vs Collector Current
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30250 Rev. 8 - 2
3 of 3 www.diodes.com
BC846AW - BC848CW


▲Up To Search▲   

 
Price & Availability of BC847AW-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X