Part Number Hot Search : 
221MR FD400D1V 045984 P6KE47C X60003B SMBJ16 F0511 2SC52
Product Description
Full Text Search
 

To Download AWG610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A r b i t r a r y Wa v e f o r m G e n e r a t o r
AWG615
Features & Benefits
2.7 GS/s Sample Rate Simulates Real-world Signals Up To 1.35 GHz 2 Markers With 2.1 psRMS (@2.7 GS/s, Typical) Jitter Deliver Stable Timing to the Device-under Test (DUT) 32.4 M (32,400,000) or 64.8 M (64,800,000) Point Record Length Provide Longer Data Streams Analog Bandwidth to 2 GHz (Option 02, Calculated Based on Rise Time) Provides the Highest Signal Fidelity of All High-speed AWGs Direct External Clock Input Allows Jittered and Non-jittered Signals for Highspeed Data Stream Timing Margin Test up to 2.7 Gb/s Synchronous Operation Mode Supports Two AWG615 outputs (2: analog, 4: marker) Synchronization for High Data Rate Wireless and Data Communication Test and Optical Write Channel Strategy Signal Test Waveform Quick Editor with 400 fs Edge Timing Resolution Delivers Output Edge Control with Near Real-time Precision Allows Two-signal Mix Function Digitally to Support Disk Drive Noise Performance Test and Pre/De-emphasis Serial Data Communication Test Real-time Sequencing Creates Infinite Waveform Loops, Jumps, Patterns and Conditional Branches
AWG615.
The AWG615 Arbitrary Waveform Generator Delivers World-class Signal Fidelity at 2.7 GS/s to Solve Ever-increasing Measurement Challenges New two box synchronous operation function supports 2 ch 2.7 GS/s solution. The AWG615 combines world-class signal fidelity with high-speed mixed signal simulation, a powerful sequencing capability and graphical user interface with flexible waveform editor, to solve the toughest measurement challenges in the disk drive, communications and semiconductor design/test industries. The built-in signal applications enable you to easily create standard waveforms for disk drive read channels, communications up to 2.7 Gb/s such as ITU-T,TI.102, Fibre Channel and SDH/SONET also various semiconductor applications.
Waveform Mixing Function.
Applications
Disk Drive Read/Write Design and Test Communications Design and Test Arbitrary IF and IQ Baseband Signals Standard Waveforms for Communications Pulse Generation High-speed, Low-jitter Data and Clock Source Mixed Signal Design and Test Real-world Simulations Corruption and Enhancement of Ideal Waveforms Timing and Amplitude Signal Impairments
2.5 Gbps PCI express de-emphasis signal.
1
Signal Sources * www.tektronix.com/signal_sources
Arbitrary Waveform Generator
AWG615
Characteristics
Arbitrary Waveforms
Waveform mixing operation - Supports two-signals mixed output digitally. Synchronous operation - Supports to synchronize two AWG615 signals output by two boxes. NOTE: This operation is executed by Sync master and Sync slave operation combination. Sync master operation - Set one AWG615 as a master box. Sync slave operation - Set another AWG615 as a slave box.
Clock Generator
Filter*1
Type - 20, 50, 100, 200 MHz Bessel low-pass. Rise Time (10% to 90%) - 20 MHz, 17 ns; 50 MHz, 7.0 ns; 100 MHz, 3.7 ns; 200 MHz, 2.0 ns. Group Delay - 20 MHz, 18 ns; 50 MHz, 8 ns; 100 MHz, 4.7 ns; 200 MHz, 3 ns.
Direct D/A Out*1
Waveform Length - 960 to 32,400,000 points (or 64,800,000 points, option 01) in multiples of four. Sequence Length - 1 to 8,000 steps. Sequence Repeat Counter - 1 to 65,536 or infinite.
Run Modes
Gated mode, Event Jump, and Software Jump are disabled in the synchronous operation. Continuous - Waveform is iteratively output. If a sequence is defined, the sequence order and repeat functions are applied. Triggered - Waveform is output only once when an external, internal, GPIB, LAN, or manual trigger is received. Gated - Waveform begins output when gate is true and resets to beginning when false. Enhanced - Waveform is output as defined by the sequence.
Extended Operation Function Generator
Amplitude - 20 mVp-p to 1.0 Vp-p into 50 . Resolution - 1 mV. DC Accuracy - (2% of Amplitude + 2 mV). Offset - no function. DC Offset Accuracy - 0 V 10 mV at 20 mV amplitude (waveform data = 0). Pulse Response (-1 and 1 waveform data, at 0.5 Vp-p) - Rise Time (10% to 90%): 280 ps. Fall Time (10% to 90%): 280 ps. Output Impedance - 50 .
*1 Option 02 eliminates the ability to switch between normal and direct D/A out, as well as filter and offset control.
Sampling Frequency - 50.000000 kS/s to 2.7000000 GS/s. Resolution - 8 digits. Internal Clock - Accuracy: 1 ppm. Phase Noise - (VCO out) At 2.7 GS/s, 10 kHz offset: -58 dBc/Hz. At 2.7 GS/s, 100 kHz offset: -93 dBc/Hz.
Internal Trigger Generator
Internal Trigger Rate - Range: 1.0 s to 10.0 s. Resolution: 3 digits, 0.1 s minimum. Accuracy: 0.1%.
Main Output
Extended Bandwidth Output (Option 02)
Waveform Shape - Sine, Triangle, Square, Ramp, Pulse, or DC. Frequency - 1.000 Hz to 270.0 MHz. Amplitude - Range: 0.020 Vp-p to 2 Vp-p into 50 . Resolution: 1 mV. Offset - Range: -0.500 V to +0.500 V into 50 . Resolution: 1 mV. DC Level - DC waveform only. Range: -0.500 V to +0.500 V into 50 . Resolution: 1 mV. Polarity - Normal, Invert. Duty Cycle - Range: 0.1% to 99.9%, Pulse waveform only. Resolution: 1.000 Hz to 4.000 MHz: 0.1% step. 4.001 MHz to 20.00 MHz: 0.5% step. 20.01 MHz to 40.00 MHz: 1% step. 40.01 MHz to 80.00 MHz: 2% step. 80.01 MHz to 100.0 MHz: 2.5% step. 100.1 MHz to 160.00 MHz: 4% step. 160.1 MHz to 200.0 MHz: 5% step. 200.1 MHz to 270.0 MHz: 10% step. Marker Out - Marker1 Pulse Width: Hi Lo: 20% / 80% of Period. Marker2 Pulse Width: Hi/Lo: 50% / 50% of Period, except 100.1 MHz to 160.0 MHz. Hi/Lo: 52% / 48% of Period, at 100.1 MHz to 160.0 MHz. Marker Level: Hi Level: 1V into 50 . Lo Level: 0V into 50 .
Amplitude - 500 mVp-p to 1.0 Vp-p into 50 . Resolution - 1 mV. DC Accuracy - (2.0% of amplitude + 2 mV). Offset - No function. DC Offset Accuracy - 0 V 10 mV at 500 mV Amplitude (waveform data = 0). Pulse Response - (-1 and 1 waveform data, at 1.0 Vp-p). Rise Time - (10% to 90%): 175 ps. Fall Time - (10% to 90%): 175 ps. Output Impedance - 50 .
Auxiliary Outputs Marker
Output Signal - Complementary; CH1 and channel inverse. Digital to Analog Converter - Resolution: 8-bits. Differential Non-linearity: 1/2-LSB. Integral Non-linearity: 1-LSB. Output Connector - Front Panel SMA.
Normal Out*1
Amplitude - Output Voltage: -1.5 V to +1.5 V into 50 . Amplitude: 20 mV to 2.0 V into 50 . Resolution: 1 mV. DC Accuracy: (2.0% of Amplitude + 2 mV) at offset = 0 V. Offset - Range: -0.500 V to +0.500 V into 50 . Resolution: 1 mV. Accuracy: 1.5% of offset 10 mV at 20 mV amplitude. Pulse response - (-1 and 1 waveform data, 0 V offset, through filter at 1 Vp-p, clock 1 GS/s) using 20 GHz BW oscilloscope. Rise time: (10 to 90%): 480 ps. Fall time: (10 to 90%): 480 ps. Aberrations: 10% (at 1.0 Vp-p amplitude). Flatness: 5% (after 20 ns from rise/fall edge). Sine Wave Characteristics - (2.7 GS/s clock, 32 waveform points, 84.375 MHz signal frequency, 1.0 V amplitude, 0 V offset, through filter). Harmonics: -40 dBc, DC to 1000 MHz. Noise: -50 dBc, DC to 1000 MHz. Phase noise: -85 dBc/Hz at 10 kHz offset.
Number - 2 (complementary). Level - High level: -1.00 V to 2.45 V into 50 to GND. Low level: -2.00 V to 2.40 V into 50 to GND. Amplitude: 0.05 Vp-p to 1.25 Vp-p max. into 50 to GND. Resolution - 0.05 V. DC Accuracy - Within 0.1 V 5% of setting into 50 . Maximum Output current: 80mA. Rise/Fall Time (20% to 80%) - <130 ps into 50 to GND (1.0 Vp-p, Hi +1.0 V, Lo 0 V). Period Jitter (Typical) - by 1010 clock pattern At 2.7 GS/s 2.1 psRMS, 15 ps peak to peak. At 1.35 GS/s 2.1 psRMS, 15 ps peak to peak. At 0.675 GS/s 2.0 psRMS, 14 ps peak to peak.
2
Signal Sources * www.tektronix.com/signal_sources
Arbitrary Waveform Generator
AWG615
Cycle-to-Cycle Jitter (Typical) - by 1010 clock pattern. At 2.7 GS/s 3.6 psRMS, 26 ps peak to peak. At 1.35 GS/s 3.6 psRMS, 26 ps peak to peak. At 0.675 GS/s 3.3 psRMS, 23 ps peak to peak. Marker Skew - < 20 ps (typical). Delay (between analog output and marker output) - (Marker Level: 1 Vp-p (Hi + 1V/Lo 0V), Analog Output: At 1 Vp-p). Normal Output: 2.4 ns (Offset 0 V, Filter = "Through"). Direct Output: -1 ns. Connector - Front-panel SMA.
VCO Out
Gate Mode - (for one box operation) Minimum Pulse Width (0.2 V amplitude): 1152 clocks + 10 ns. Gate Hold Off: 1920 clocks + 20 ns. Delay to Analog Out: 1355 to 1563.5 clocks + 9 ns (Normal Output, Filter "Through"). Event Input - (for one box operation) Number of Events: 7-bits. Input Signals: 7 event bits, strobe. Threshold: TTL level. Maximum Input: 0 V to +5 V (DC + peak AC). Impedance: 1 k, pull-up to +3.3 V. Connector: Rear-panel 9-Pin D-sub. Enhanced Mode - Minimum Pulse Width: 320 clocks + 10 ns. Event Hold Off: 896 clocks + 20 ns. Delay to Analog Out (Jump timing: Async, Output Norm, Filter Through): Strobe: ON, 1691.5 clocks + 10 ns. Strobe: OFF, 1947.5 clocks + 6 ns. Event Input to Strobe Input: Setup Time: 192 clocks + 10 ns. Hold Time: 192 clocks + 10 ns.
External Clock IN
Data Storage
Internal Hard Disk - 20.0 GB. Flash Disk - 256 MB (Option 10). Floppy Disk - 3.5 inch, 1.44 MB.
Environment
Temperature - Operating: 10 C to +40 C. Nonoperating: -20 C to +60 C. Humidity - Operating: 20% to 80%. Nonoperating: 5% to 90%. Altitude (Hard Disk Restriction) - Operating: Up to 3,000 m (10,000 ft.). Nonoperating: up to 12,000 m (40,000 ft.). Random Vibration - Operating: 2.65 m/s2RMS (0.27 GRMS, 5 Hz to 500 Hz, 10 minutes). Nonoperating: 22.36 m/s2RMS (2.28 GRMS, 5 Hz to 500 Hz, 10 minutes). Shock - Nonoperating: 294 m/s2 (30 G), half-sine, 11 ms duration (three times each axis, in each direction, 18 total). EMC Compliance - EC Council Directive 89/336/EEC (EC-92), AS/NZS2064-1/ 2. Safety - UL 61010B-1, CSA C22.2 No. 1010.1, EN61010-1 second edition.
Power Supply
Amplitude - CML, AC coupling, 0.4 Vp-p into 50 to GND. Impedance: 50 , AC coupling. Connector - Rear-panel SMA.
10 MHz Reference Clock Out
Amplitude - 1.2 Vp-p into 50 . Max 2.5 Vp-p open. Impedance - 50 , AC coupling. Connector - Rear-panel BNC.
C Out 1 and 2
For 2 boxes synchronous usage. Connector: SMA, Rear. Output signal style: Complementary.
T Out 1 and 2
Input Voltage Range - 0.4 Vp-p to 2.0 Vp-p, Impedance - 50 , AC coupled. Frequency Range - 125 MHz to 2.7 GHz. NOTE: need >10 mV/ns signal slew rate. Connector - Rear-panel SMA.
Reference 10 MHz Clock IN
For 2 boxes synchronous usage. Connector: SMA, Rear. Output signal style: Complementary.
Auxiliary Inputs Trigger In
Rating - 100 to 240 VAC. Range - 90 to 250 VAC. Maximum Power and Current - 240 VA and 5 A. Frequency - 48 to 63 Hz. Physical Characteristics
Dimensions Height Width Depth Weight Without package With package mm 193 434 508 kg 14.1 24.5 in. 7.6 17.1 20 lb. 31.1 54
Input Voltage Range - 0.2 Vp-p to 3.0 Vp-p, 10 V maximum. Impedance - 50 , AC coupled. Frequency Range - 10 MHz 0.1 MHz. Connector - Rear-panel BNC.
C IN
Trigger Mode - Minimum Pulse Width: 10 ns, 0.2 V amplitude. Impedance - 1 k or 50 . Polarity - POS or NEG. Connector - Rear-panel BNC. Input Voltage Range - 1 k: 10 V. 50 : 5 V. Threshold - Level: -5.0 V to 5.0 V. Resolution: 0.1 V. Trigger Mode - Minimum Pulse Width: 10 ns, 0.2 V amplitude. Trigger Hold-off - One box operation: 109.5 clocks + 500 ns. Two boxes synchronous operation: 109.5 clocks + 700 ns. Delay to Analog Out: 275.5 clocks + 17 ns (Normal Output, Filter "Through").
For 2 boxes synchronous usage. Connector: SMA, Rear. Input signal style: Complementary.
T IN
For 2 boxes synchronous usage. Connector: SMA, Rear. Input signal style: Complementary.
General Characteristics
Interfaces - GPIB, Ethernet: 10/100Base-T, RJ-45. PC Keyboard - 6-Pin mini-DIN, rear.
Display - Color TFT LCD. Display Area - Horizontal: 13.06 cm (5.14 in.), Vertical: 9.70 cm (3.81 in.) Resolution - 640x480.
Signal Sources * www.tektronix.com/signal_sources
3
Arbitrary Waveform Generator
AWG615
Contact Tektronix:
ASEAN / Australasia / Pakistan (65) 6356 3900 Austria +43 2236 8092 262 Belgium +32 (2) 715 89 70 Brazil & South America 55 (11) 3741-8360
Ordering Information
AWG615
Recommended Accessories
2.7 GS/s, 8-bit, 32 M point, single-channel arbitrary waveform generator. Includes: User manual, Programmer's manual, Floppy disk: sample waveform library (063-377900), performance verification (063-3780-00), Sample Program (062-A258-50), Certificate of Calibration, power cable. 50 SMA Terminator 2 each (015-1022-01). Please specify power plug when ordering.
Options
Service Manual - 071-1516-xx. Protective Cover - 200-3696-01.
Power Plug Options
Canada 1 (800) 661-5625 Central Europe & Greece +43 2236 8092 301 Denmark +45 44 850 700 Finland +358 (9) 4783 400 France & North Africa +33 (0) 1 69 86 80 34 Germany +49 (221) 94 77 400 Hong Kong (852) 2585-6688 India (91) 80-22275577 Italy +39 (02) 25086 1 Japan 81 (3) 6714-3010 Mexico, Central America & Caribbean 52 (55) 56666-333 The Netherlands +31 (0) 23 569 5555
Opt. 01 - 64 M points waveform memory. Opt. 02 - Extends analog bandwidth to 2 GHz (calculated based on rise time). Opt. 10 - Flash disk and standby switch (alternative for standard hard disk drive). NOTE: Option 10 is for ATE and system usage needing 7x24 hour operation. Also adds capability to power on/off by rear panel main switch. Opt. 1R - Rack mount kit.
Service
Opt. A0 - North America Power. Opt. A1 - Universal EURO Power. Opt. A2 - United Kingdom Power. Opt. A3 - Australia Power. Opt. A5 - Switzerland Power. Opt. A6 - Japan Power. Opt. A10 - China Power. Opt. A99 - No Power Cord or AC Adapter.
Language Option
Norway +47 22 07 07 00 People's Republic of China 86 (10) 6235 1230 Poland +48 (0) 22 521 53 40 Republic of Korea 82 (2) 528-5299 Russia, CIS & The Baltics +358 (9) 4783 400 South Africa +27 11 254 8360 Spain +34 (91) 372 6055 Sweden +46 8 477 6503/4 Taiwan 886 (2) 2722-9622 United Kingdom & Eire +44 (0) 1344 392400 USA 1 (800) 426-2200 USA (Export Sales) 1 (503) 627-1916 For other areas contact Tektronix, Inc. at: 1 (503) 627-7111 Last Update March 01, 2004
Opt. L0 - English (User, Programmer). Opt. L5 - Japanese (User, Programmer).
Warranty
One year parts and labor.
Opt. C3 - Calibration Service 3 Years. Opt. C5 - Calibration Service 5 Years. Opt. D1 - Calibration Data Report. Opt. D3 - Calibration Data Report 3 Years (with Option C3). Opt. D5 - Calibration Data Report 5 Years (with Option C5). Opt. R3 - Repair Service 3 Years. Opt. R5 - Repair Service 5 Years.
Our most up-to-date product information is available at:
www.tektronix.com
Product(s) are manufactured in ISO registered facilities. Copyright (c) 2004, Tektronix, Inc. All rights reserved. Tektronix products are covered by U.S. and foreign patents, issued and pending. Information in this publication supersedes that in all previously published material. Specification and price change privileges reserved. TEKTRONIX and TEK are registered trademarks of Tektronix, Inc. All other trade names referenced are the service marks, trademarks or registered trademarks of their respective companies. 04/04 HB/SFI 76W-12991-2
4
Signal Sources * www.tektronix.com/signal_sources


▲Up To Search▲   

 
Price & Availability of AWG610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X