Part Number Hot Search : 
A304R MV834 BC547A 10009 100AT CD294BW D1866 0459854
Product Description
Full Text Search
 

To Download APTGF50DH60T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGF50DH60T
Asymmetrical - Bridge NPT IGBT Power Module
VBUS VBUS SENSE Q1 G1 CR3
VCES = 600V IC = 50A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Non Punch Through (NPT) Fast IGBT(R) - Low voltage drop - Low tail current - Switching frequency up to 100 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * Internal thermistor for temperature monitoring * High level of integration Benefits * Outstanding performance at high frequency operation * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Easy paralleling due to positive TC of VCEsat * Low profile
E1 OUT1 O UT2 Q4 G4 CR2 E4
0/VBUS SENSE
NTC1
0/VBUS
NT C2
VBUS SENSE
G4 E4
OUT2
VBUS
0/VBUS
OUT1
E1 G1
0/VBUS SENSE
NTC2 NTC1
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Safe Operating Area
TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C
A V W
100A@500V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-6
APTGF50DH60T - Rev 0
January, 2005
Parameter Collector - Emitter Breakdown Voltage
Max ratings 600 65 50 230 20 250
Unit V
APTGF50DH60T
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(on) VGE(th) IGES Symbol Cies Coes Cres Qg Qge Qgc Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff Test Conditions Min Zero Gate Voltage Collector Current Collector Emitter on Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Emitter Charge Gate - Collector Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy VGE = 0V VCE = 600V Tj = 25C Tj = 125C Tj = 25C VGE =15V IC = 50A Tj = 125C VGE = VCE , IC = 1mA VGE = 20V, VCE = 0V Test Conditions VGE = 0V VCE = 25V f = 1MHz VGE = 15V VBus = 300V IC = 50A Inductive Switching (25C) VGE = 15V VBus = 400V IC = 50A R G = 2.7 Inductive Switching (125C) VGE = 15V VBus = 400V IC = 50A R G = 2.7 Typ 1 1 2.0 2.2 Max 500 2.45 6 400 Typ 2200 323 200 166 20 100 40 9 120 12 42 10 130 21 0.5 1 Max Unit A mA V V nA Unit pF
1.7 4
Dynamic Characteristics
Min
nC
ns
ns
mJ
Eon includes diode reverse recovery In accordance with JEDEC standard JESD24-1
Diode ratings and characteristics
Symbol Characteristic VRRM IRM IF(A V) VF
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 125C Tc = 70C
Min 600
Typ
Max 250 500
Unit V A A
Maximum Reverse Leakage Current Maximum Average Forward Current Diode Forward Voltage
VR=600V
50% duty cycle
Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
trr Qrr
Reverse Recovery Time Reverse Recovery Charge
920
nC
APT website - http://www.advancedpower.com
2-6
APTGF50DH60T - Rev 0
IF = 60A VR = 400V di/dt =200A/s
130 170 220
ns
January, 2005
IF = 60A IF = 120A IF = 60A
60 1.6 1.9 1.4
1.8 V
APTGF50DH60T
Temperature sensor NTC
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.16 K Min Typ 68 4080 Max Unit k K
RT =
R 25
1 1 RT : Thermistor value at T exp B 25 / 85 T - T 25
T: Thermistor temperature
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt
Thermal and package characteristics
Junction to Case Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode
Min
Typ
Max 0.5 0.9 150 125 100 4.7 160
Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500 -40 -40 -40
To heatsink
M5
Package outline
APT website - http://www.advancedpower.com
3-6
APTGF50DH60T - Rev 0
January, 2005
APTGF50DH60T
Typical Performance Curve
Output characteristics (VGE=15V) Output Characteristics (VGE=10V) 150 Ic, Collector Current (A)
250s Pulse Test < 0.5% Duty cycle TJ=-55C
250s Pulse Test < 0.5% Duty cycle TJ=-55C
200 Ic, Collector Current (A)
150
TJ=25C
100
TJ=25C
100
50
50
TJ=125C
TJ =125C
0 0 1 2 3 4
V CE, Collector to Emitter Voltage (V) Transfer Characteristics 150 125 100 75 50
TJ =125C
0 0 1 2 3 V CE, Collector to Emitter Voltage (V) Gate Charge
IC = 50A TJ = 25C VCE=120V VCE=300V VCE=480V
4
18 V GE, Gate to Emitter Voltage (V)
250s Pulse Test < 0.5% Duty cycle
Ic, Collector Current (A)
16 14 12 10 8 6 4 2 0 0
25
TJ=25C T J=-55C
0 0 1 3 4 56 78 9 VGE, Gate to Emitter Voltage (V) 2 10
25
50
75
100 125 150 175 200
Gate Charge (nC) VCE, Collector to Emitter Voltage (V) On state Voltage vs Junction Temperature 4 3.5 3 2.5 2 1.5 1 0.5 0 -50 -25 0 25 50 75 100 TJ, Junction Temperature (C) 125
Ic=25A 250s Pulse Test < 0.5% Duty cycle VG E = 15V Ic=50A Ic=100A
VCE, Collector to Emitter Voltage (V)
On state Voltage vs Gate to Emitter Volt. 8 7 6 5 4 3 2 1 0 6 8
Ic=25A Ic=50A TJ = 25C 250s Pulse Test < 0.5% Duty cycle Ic=100A
10 12 14 VGE, Gate to Emitter Voltage (V)
16
Breakdown Voltage vs Junction Temp. Collector to Emitter Breakdown Voltage (Normalized) 1.20 1.10 1.00 0.90 0.80 0.70 -50 -25 0 25 50 75 100 125 TJ, Junction Temperature (C) Ic, DC Collector Current (A)
DC Collector Current vs Case Temperature
80 70 50 40 30 20 10 0 -50 -25 0 25 50 75 100 125 150
TC, Case Temperature (C)
APT website - http://www.advancedpower.com
4-6
APTGF50DH60T - Rev 0
January, 2005
60
APTGF50DH60T
Turn-On Delay Time vs Collector Current td(on), Turn-On Delay Time (ns) td(off), Turn-Off Delay Time (ns) 60
VGE = 15V
Turn-Off Delay Time vs Collector Current 200 175 150 125 100 75 50 0 25 50 75 100 125 150 ICE, Collector to Emitter Current (A) Current Fall Time vs Collector Current
VCE = 400V, VGE = 15V, R G = 2.7 VCE = 400V R G = 2.7 VGE=15V, T J=125C VGE=15V, TJ=25C
50
40
Tj = 125C VCE = 400V R G = 2.7
30
20 0 25 50 75 100 125 150 ICE, Collector to Emitter Current (A) Current Rise Time vs Collector Current 60 50
VCE = 400V R G = 2.7
60 50
tf, Fall Time (ns)
tr, Rise Time (ns)
40 30 20 10 0 0 25 50 75 100 125 ICE, Collector to Emitter Current (A) 150
VGE=15V, TJ=125C
40 30 20 10 0 0 25 50 75 100 125 ICE, Collector to Emitter Current (A) 150
TJ = 125C
TJ = 25C
Turn-On Energy Loss vs Collector Current Eon, Turn-On Energy Loss (mJ) Eoff, Turn-off Energy Loss (mJ)
Turn-Off Energy Loss vs Collector Current 2.5 2 1.5 1 0.5 0 0 25 50 75 100 125 150 ICE, Collector to Emitter Current (A) Minimum Switching Safe Operating Area 120 IC, Collector Current (A)
VCE = 400V VGE = 15V RG = 2.7 TJ = 125C
2
VCE = 400V R G = 2.7 T J=125C, VGE=15V
1.5
1 0.5
0 0 25 50 75 100 125 150
ICE , Collector to Emitter Current (A) Switching Energy Losses vs Gate Resistance 3
V CE = 400V V GE = 15V TJ= 125C
Switching Energy Losses (mJ)
2.5 2 1.5
Eon, 50A
100 80 60 40 20 0
Eoff, 50A
1 0.5 0 0 5 10 15 20 Gate Resistance (Ohms) 25
0
200
400
600
VCE, Collector to Emitter Voltage (V)
APT website - http://www.advancedpower.com
5-6
APTGF50DH60T - Rev 0
January, 2005
APTGF50DH60T
Capacitance vs Collector to Emitter Voltage F max, Operating Frequency (kHz) 10000 C, Capacitance (pF) Operating Frequency vs Collector Current
240 200 160 120 80 40 0 0 20 40 60 80 100
IC, Collector Current (A)
hard switching ZVS ZCS VCE = 400V D = 50% RG = 2.7 T J = 125C T C= 75C
Cies
1000
Coes Cres
100 0 10 20 30 40 50 V CE, Collector to Emitter Voltage (V)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.6 Thermal Impedance (C/W) 0.5 0.4 0.3 0.2 0.1 0.9 0.7 0.5 0.3 Single Pulse 0.0001 0.001 0.01 Rectangular Pulse Duration (Seconds) 0.1 1
0.1 0.05 0 0.00001
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
6-6
APTGF50DH60T - Rev 0
January, 2005


▲Up To Search▲   

 
Price & Availability of APTGF50DH60T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X