Part Number Hot Search : 
STB8NC50 SBT5551F FAN5405 R1510 PT10718 W24LH8 B20P03 FKC05
Product Description
Full Text Search
 

To Download 98-0223 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD60017-P
IR2125(S)
CURRENT LIMITING SINGLE CHANNEL DRIVER
Features
* Floating channel designed for bootstrap operation
Fully operational to +500V Tolerant to negative transient voltage dV/dt immune Gate drive supply range from 12 to 18V Undervoltage lockout Current detection and limiting loop to limit driven power transistor current Error lead indicates fault conditions and programs shutdown time Output in phase with input 2.5V, 5V and 15V input logic compatible
Product Summary
VOFFSET IO+/VOUT VCSth ton/off (typ.) 500V max. 1A / 2A 12 - 18V 230 mV 150 & 150 ns
* * * * * *
Packages
Description
The IR2125(S) is a high voltage, high speed power MOSFET and IGBT driver with over-current limiting protection circuitry. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. Logic inputs are compatible with standard CMOS or LSTTL outputs, down to 2.5V 16-Lead SOIC 8-Lead PDIP logic. The output driver features a high pulse current (Wide Body) buffer stage designed for minimum driver crossconduction. The protection circuitry detects over-current in the driven power transistor and limits the gate drive voltage. Cycle by cycle shutdown is programmed by an external capacitor which directly controls the time interval between detection of the over-current limiting conditions and latched shutdown. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high or low side configuration which operates up to 500 volts.
Typical Connection
up to 500V
V CC IN
VCC IN ERR COM
VB HO CS VS
TO LOAD
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
www.irf.com
1
IR2125(S)
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air conditions.
Symbol
VB VS VHO VCC VIN VERR VCS dVs/dt PD RthJA TJ TS TL
Definition
High Side Floating Supply Voltage High Side Floating Offset Voltage High Side Floating Output Voltage Logic Supply Voltage Logic Input Voltage Error Signal Voltage Current Sense Voltage Allowable Offset Supply Voltage Transient Package Power Dissipation @ TA +25C (8 lead PDIP) (16 lead SOIC) Thermal Resistance, Junction to Ambient Junction Temperature Storage Temperature Lead Temperature (Soldering, 10 seconds) (8 lead PDIP) (16lLead SOIC)
Min.
-0.3 VB - 25 VS - 0.3 -0.3 -0.3 -0.3 VS - 0.3 -- -- -- -- -- -- -55 --
Max.
525 VB + 0.3 VB + 0.3 25 VCC + 0.3 VCC + 0.3 VB + 0.3 50 1.0 1.25 125 100 150 150 300
Units
V
V/ns W C/W
C
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the recommended conditions. The VS offset rating is tested with all supplies biased at 15V differential.
Symbol
VB VS VHO VCC VIN VERR VCS TA
Definition
High Side Floating Supply Voltage High Side Floating Offset Voltage High Side Floating Output Voltage Logic Supply Voltage Logic Input Voltage Error Signal Voltage Current Sense Signal Voltage Ambient Temperature
Min.
VS + 12 Note 1 VS 0 0 0 VS -40
Max.
VS + 18 500 VB 18 VCC VCC VB 125
Units
V
C
Note 1: Logic operational for VS of -5 to +500V. Logic state held for VS of -5V to -VBS. (Please refer to the Design Tip DT97-3 for more details).
2
www.irf.com
IR2125(S)
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 3300 pF and TA = 25C unless otherwise specified. The dynamic electrical characteristics are measured using the test circuit shown in Figures 3 through 6.
Symbol
ton t off t sd tr tf t cs t err
Definition
Turn-On Propagation Delay Turn-Off Propagation Delay ERR Shutdown Propagation Delay Turn-On Rise Time Turn-Off Fall Time CS Shutdown Propagation Delay CS to ERR Pull-Up Propagation Delay
Figure Min. Typ. Max. Units Test Conditions
7 8 9 10 11 12 13 -- -- -- -- -- -- -- 150 200 1.7 43 26 0.7 9.0 200 250 2.2 60 35 1.2 12 ns s ns s VIN = 0 & 5V VS = 0 to 600V
CERR = 270 pF
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to COM. The VO and IO parameters are referenced to VS.
Symbol
VIH VIL VCSTH+ VCSTHV OH V OL ILK IQBS I QCC IIN+ IINICS+ ICSVBSUV+ VBSUVVCCUV+ VCCUVIERR IERR+ IERRIO+ I O-
Definition
Logic "1" Input Voltage Logic "0" Input Voltage CS Input Positive Going Threshold CS Input Negative Going Threshold High Level Output Voltage, VBIAS - VO Low Level Output Voltage, VO Offset Supply Leakage Current Quiescent VBS Supply Current Quiescent VCC Supply Current Logic "1" Input Bias Current Logic "0" Input Bias Current "High" CS Bias Current "Low" CS Bias Current VBS Supply Undervoltage Positive Going Threshold VBS Supply Undervoltage Negative Going Threshold VCC Supply Undervoltage Positive Going Threshold VCC Supply Undervoltage Negative Going Threshold ERR Timing Charge Current ERR Pull-Up Current ERR Pull-Down Current Output High Short Circuit Pulsed Current Output Low Short Circuit Pulsed Current
Figure Min. Typ. Max. Units Test Conditions
14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 2.2 -- 150 130 -- -- -- -- -- -- -- -- -- 8.5 7.7 8.3 7.3 65 8.0 16 1.0 2.0 -- -- 230 210 -- -- -- 400 700 4.5 -- 4.5 -- 9.2 8.3 8.9 8.0 100 15 30 1.6 3.3 -- 0.8 320 300 100 100 50 1000 1200 10 1.0 10 1.0 10.0 9.0 9.6 8.7 130 -- mA -- -- A -- A VIN = 5V, VCS = 3V ERR < VERR+ VIN = 5V, VCS = 3V ERR > VERR+ VIN = 0V VO = 0V, VIN = 5V PW 10 s VO = 15V, VIN = 0V PW 10 s V V
mV IO = 0A IO = 0A VB = VS = 500V VIN = VCS = 0V or 5V VIN = VCS = 0V or 5V VIN = 5V VIN = 0V VCS = 3V VCS = 0V
A
www.irf.com
3
IR2125(S)
Functional Block Diagram
VCC UV DETECT UP SHIFTERS IN 1.8V LATCHED SHUTDOWN PULSE GEN VB 0.23V ERROR TIMING ERR Q R S PULSE FILTER PULSE GEN DOWN SHIFTERS + AMPLIFER 500 ns BLANK COMPARATOR CS UV DETECT
HV LEVEL SHIFT
VB PRE DRIVER
BUFFER
R R S
Q
PULSE FILTER
HO
VS
1.8V COM
HV LEVEL SHIFT
Lead Definitions
Symbol
VCC IN ERR COM VB HO VS CS
Description
Logic and gate drive supply Logic input for gate driver output (HO), in phase with HO Serves multiple functions; status reporting, linear mode timing and cycle by cycle logic shutdown Logic ground High side floating supply High side gate drive output High side floating supply return Current sense input to current sense comparator
Lead Assignments
1
1 2 3 4 V CC IN ERR COM VB HO CS VS 8 7 6 5
Vcc IN ERR COM
VB
16 15
2 3 4 5 6 7 8
HO 14 CS 13 VS 12
11 10 9
8 Lead PDIP IR2125 4
Part Number
16 Lead SOIC (Wide Body) IR2125S www.irf.com
IR2125(S)
HV=10 to 600V
ERR t sd HO
www.irf.com
5
IR2125(S)
500 500
400 Turn-On Delay Time (ns) Turn-On Time (ns)
400
300
300
Max.
200
Max. Typ.
200
Typ.
100
100
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 7A. Turn-On Time vs. Temperature
Figure 7B. Turn-On Time vs. Voltage
500
500
400 Turn-Off Delay Time (ns) Turn-Off Time (ns)
400
300
300
Max.
200
Max. Typ.
200
Typ.
100
100
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 8A. Turn-Off Time vs. Temperature
Figure 8B. Turn-Off Time vs. Voltage
5.00 ERR to Output Shutdown Delay Time (s) ERR to Output Shutdown Delay Time (s)
5.00
4.00
4.00
3.00
Max.
3.00
2.00
Typ.
2.00
Max.
1.00
1.00
Typ.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 9A. ERR to Output Shutdown vs. Temperature
Figure 9B. ERR to Output Shutdown vs. Voltage
6
www.irf.com
IR2125(S)
100 100
80 Turn-On Rise Time (ns) Turn-On Rise Time (ns)
80
Max.
60
Max.
60
Typ.
40
Typ.
40
20
20
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 10A. Turn-On Rise Time vs. Temperature
Figure 10B. Turn-On Rise Time vs. Voltage
100
100
80 Turn-Off Fall Time (ns) Turn-Off Fall Time (ns)
80
60
60
Max.
40
Max. Typ.
40
Typ.
20
20
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 11A. Turn-Off Fall Time vs. Temperature
Figure 11B. Turn-Off Fall Time vs. Voltage
2.00 CS to Output Shutdown Delay Time (s) CS to Output Shutdown Delay Time (s)
2.00
1.60
1.60
Max.
1.20
Max.
1.20
Typ.
0.80
Typ.
0.80
0.40
0.40
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 12A. CS to Output Shutdown vs. Temperature
Figure 12B. CS to Output Shutdown vs. Voltage
www.irf.com
7
IR2125(S)
20.0 20.0
CS to ERR Pull-Up Delay Time (s)
16.0
Max.
CS to ERR Pull-Up Delay Time (s)
16.0
12.0
Typ.
12.0
M ax.
Typ.
8.0
8.0
4.0
4.0
0.0 -50 -25 0 25 50 75 100 125 Temperature (C)
0.0 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 13A. CS to ERR Pull-Up vs. Temperature
Figure 13B. CS to ERR Pull-Up vs. Voltage
5.00
5.00
4.00 Logic "1" Input Threshold (V) Logic "1" Input Threshold (V)
4.00
3.00
Min.
3.00
Min.
2.00
2.00
1.00
1.00
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Logic Supply Voltage (V)
Figure 14A. Logic "1" Input Threshold vs. Temperature
Figure 14B. Logic "1" Input Threshold vs. Voltage
5.00
5.00
4.00 Logic "0" Input Threshold (V) Logic "0" Input Threshold (V)
Max.
4.00
3.00
3.00
2.00
2.00
1.00
1.00
Max.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Logic Supply Voltage (V)
Figure 15A. Logic "0" Input Threshold vs. Temperature
Figure 15B. Logic "0" Input Threshold vs. Voltage
8
www.irf.com
IR2125(S)
500 500 CS Input Positive Going Threshold (mV) 400
Max.
CS Input Positive Going Threshold (mV)
400
Max.
300
Typ.
300
Typ.
200
Min.
200
Min.
100
100
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 16A. CS Input Threshold (+) vs. Temperature
500 CS Input Negative Going Threshold (mV)
Figure 16B. CS Input Threshold (+) vs. Voltage
500 CS Input Negative Going Threshold (mV)
400
400
300
Max.
300
Max.
200
Typ.
200
Typ.
Min.
Min.
100
100
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 17A. CS Input Threshold (-) vs. Temperature
Figure 17B. CS Input Threshold (-) vs. Voltage
1.00
1.00
0.80 High Level Output Voltage (V) High Level Output Voltage (V)
Max.
0.80
0.60
0.60
0.40
0.40
0.20
0.20
Max.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 18A. High Level Output vs. Temperature
Figure 18B. High Level Output vs. Voltage
www.irf.com
9
IR2125(S)
1.00 1.00
0.80 Low Level Output Voltage (V) Low Level Output Voltage (V)
Max.
0.80
0.60
0.60
0.40
0.40
0.20
0.20
Max.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 19A. Low Level Output vs. Temperature
Figure 19B. Low Level Output vs. Voltage
500
500
Offset Supply Leakage Current (A)
300
Offset Supply Leakage Current (A)
400
400
300
200
200
100
Max.
100
Max.
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 0 100 200 300 400 500 VB Boost Voltage (V)
Figure 20A. Offset Supply Current vs. Temperature
Figure 20B. Offset Supply Current vs. Voltage
2.00
2.00
1.60 VBS Supply Current (mA) VBS Supply Current (mA)
1.60
1.20
Max.
1.20
0.80
0.80
Max.
0.40
Typ.
0.40
Typ.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 21A. V BS Supply Current vs. Temperature
Figure 21B. V BS Supply Current vs. Voltage
10
www.irf.com
IR2125(S)
2.00 2.00 1.60 VCC Supply Current (mA) VCC Supply Current (mA) 1.60
1.20
Max.
1.20
Max.
0.80
Typ.
0.80
Typ.
0.40
0.40
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Logic Supply Voltage (V)
Figure 22A. V CC Supply Current vs. Temperature
Figure 22B. V CC Supply Current vs. Voltage
25
25
Logic "1" Input Bias Current (A)
15
Logic "1" Input Bias Current (A)
20
20
15
10
Max.
10
Max.
5
Typ.
5
Typ.
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VCC Logic Supply Voltage (V)
Figure 23A. Logic "1" Input Current vs. Temperature
5.00
Figure 23B. Logic "1" Input Current vs. Voltage
5.00
Logic "0" Input Bias Current (A)
3.00
Logic "0" Input Bias Current (A)
4.00
4.00
3.00
2.00
2.00
1.00
Max.
1.00
Max.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Logic Supply Voltage (V)
Figure 24A. Logic "0" Input Current vs. Temperature
Figure 24B. Logic "0" Input Current vs. Voltage
www.irf.com
11
IR2125(S)
25.0 25.0
20.0 "High" CS Bias Current (A) "High" CS Bias Current (A)
20.0
15.0
15.0
10.0
Max. Typ.
10.0
Max.
Typ.
5.0
5.0
0.0 -50 -25 0 25 50 75 100 125 Temperature (C)
0.0 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 25A. "High" CS Bias Current vs. Temperature
5.00
Figure 25B. "High" CS Bias Current vs. Voltage
5.00
4.00 "Low" CS Bias Current (A) "Low" CS Bias Current (A)
Max.
4.00
3.00
3.00
2.00
2.00
1.00
1.00
Max.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 26A. "Low" CS Bias Current vs. Temperature
Figure 26B. "Low" CS Bias Current vs. Voltage
11.0
11.0
Typ.
VBS Undervoltage Lockout - (V)
VBS Undervoltage Lockout + (V)
10.0
Max.
10.0
9.0
Min.
9.0
Max.
Typ.
8.0
8.0
Min.
7.0
7.0
6.0 -50 -25 0 25 50 75 100 125 Temperature (C)
6.0 -50 -25 0 25 50 75 100 125 Temperature (C)
Figure 27. V BS Undervoltage (+) vs. Temperature
Figure 28. VBS Undervoltage (-) vs. Temperature
12
www.irf.com
IR2125(S)
11.0 11.0
VCC Undervoltage Lockout + (V)
10.0
Max.
10.0 VCC Undervoltage Lockout - (V)
9.0
Typ.
9.0
Max.
Min.
8.0
8.0
Typ.
Min.
7.0
7.0
6.0 -50 -25 0 25 50 75 100 125 Temperature (C)
6.0 -50 -25 0 25 50 75 100 125 Temperature (C)
Figure 29. V CC Undervoltage (+) vs. Temperature
250
Figure 30. VCC Undervoltage (-) vs. Temperature
250
ERR Timing Charge Current (A)
150
Max.
ERR Timing Charge Current (A)
200
200
150
Max.
100
Typ.
Typ.
100
Min.
Min.
50
50
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VCC Logic Supply Voltage (V)
Figure 31A. ERR Timing Charge Current vs. Temperature
25.0
Figure 31B. ERR Timing Charge Current vs. Voltage
25.0
20.0 ERR Pull-Up Current (mA)
Typ.
20.0 ERR Pull-Up Current (mA)
15.0
15.0
Typ.
10.0
Min.
10.0
Min.
5.0
5.0
0.0 -50 -25 0 25 50 75 100 125 Temperature (C)
0.0 10 12 14 16 18 20 VCC Logic Supply Voltage (V)
Figure 32A. ERR Pull-Up Current vs. Temperature
Figure 32B. ERR Pull-Up Current vs. Voltage
www.irf.com
13
IR2125(S)
50 50
40 ERR Pull-Down Current (mA)
Typ.
40 ERR Pull-Down Current (mA)
30
30
Typ.
20
Min.
20
Max.
10
10
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VCC Logic Supply Voltage (V)
Figure 33A. ERR Pull-Down Current vs.Temperature
2.50
Figure 33B. ERR Pull-Down Current vs. Voltage
2.50
2.00 Output Source Current (A)
Typ.
2.00 Output Source Current (A)
1.50
Min.
1.50
1.00
1.00
Typ.
Min.
0.50
0.50
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 34A. Output Source Current vs. Temperature
5.00
Figure 34B. Output Source Current vs. Voltage
5.00
4.00 Output Sink Current (A)
Typ.
4.00 Output Sink Current (A)
3.00
Min.
3.00
Typ.
2.00
2.00
Min.
1.00
1.00
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 35A. Output Sink Current vs.Temperature
Figure 35B. Output Sink Current vs. Voltage
14
www.irf.com
IR2125(S)
300 250
Turn-On Delay Time (ns)
300 250
Turn-Off Delay Time (ns)
200 150 100 50 0 0 2 4 6 8 10 12 14 16 18 20
Input Voltage (V)
Max . 200 150 100 50 0 0 2 4 6 8 10 12 14 16 18 20
Input Voltage (V)
Typ.
Figure 36A. Turn-On Time vs. Input Voltage
Figure 36B. Turn-Off Time vs. Input Voltage
0.00
-3.00 VS Offset Supply Voltage (V)
Typ.
-6.00
-9.00
-12.00
-15.00 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 37. Maximum V S Negative Offset vs. Supply Voltage
www.irf.com
15
IR2125(S)
Case outlines
8-Lead PDIP
01-6014 01-3003 01 (MS-001AB)
16-Lead SOIC (wide body)
01 6015 01-3014 03 (MS-013AA)
WORLD HEADQUARTERS: 233 Kansas Street, El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. 10/7/2003
16
www.irf.com


▲Up To Search▲   

 
Price & Availability of 98-0223

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X