Part Number Hot Search : 
IC18F S2CCMK RF310 PF5102 1001A MAX267 OPB609GU LA1654FN
Product Description
Full Text Search
 

To Download 87734-3006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0877343006 Active
extreme_powerplus_ssi 6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlusTM AC/ DC Receptacle, P(A)AC-S-P(B)DC, Through Hole, Vertical, 0.76m (30") Gold (Au), 26 Circuits, with Beveled Metal Pins, Lead free
Documents: 3D Model Drawing (PDF)
Product Specification PS-87663-006 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
General
Product Family Series Application Comments Overview Product Name PCB Receptacles 87734 Board-to-Board Recessed Power Circuit Position: NIL extreme_powerplus_ssi EXTreme PowerPlusTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits Detail Color - Resin Glow-Wire Compliant Guide to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style 26 Power Beta 6, Signal 16, Power Alpha 4 Black No Yes None Copper Alloy Gold Tin High Temperature Thermoplastic 4 Vertical 0.135 In 3.43 mm No Yes 0.092 In 2.43 mm Tray 0.100 In, 0.250 In, 0.300 In 2.54 mm, 6.35 mm, 7.62 mm 0.100 In, 0.125 In, 0.150 In, 0.200 In 2.54 mm, 3.18 mm, 3.81 mm, 5.08 mm 30 0.76 100 2.54 Yes Yes No -20C to +105C Through Hole
Search Parts in this Series 87734Series Mates With 87663 PCB Header
Electrical
Current - Maximum per Contact Voltage - Maximum 2.5A, 30A, 50A 250V (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 SMC & Wave Capable (TH only) 3 260
Material Info Reference - Drawing Numbers
Application Specification Product Specification Sales Drawing AS-87631-018 PS-87663-006 SD-87734-001
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 87734-3006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X