Part Number Hot Search : 
MX105AP AMT312Q W1T1G TL494CN MAX150 2000A 1AQ36L 2MUV0
Product Description
Full Text Search
 

To Download 711-00-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THESE DRAWINGS ARE THE PROPERTY OF QUALTEK ELECTRONICS AND NOT TO BE REPRODUCED FOR OR COMMUNICATED TO A THIRD PARTY WITHOUT THE EXPRESS WRITTEN PERMISSION OF AN OFFICER OF QUALTEK ELECTRONICS.
REVISION REV. B C DESCRIPTION RoHS Compliancy Updated Specifications DATE 06-01-06 01-19-09 APPROVED DP LY
38.1
34.9
38.1
47.6 16.3 13.3 7.8ID 25.4
Dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500 Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20 Drawn / Date B.Zhang 01-22-03
NOTES:
MATERIAL: MOULDING: NYLON, FLAMMABILITY RATING U.L. 94V-0 CONTACTS: BRASS, NICKEL PLATED RATING: 10A 250V AC INSULATION RESISTANCE: >10,000 M OHM CONTACT RESISTANCE: < 10m OHM A.C. BREAKDOWN: POLE-POLE: 5.2kV POLE-ACCESSIBLE: 6kV OPERATING TEMPERATURE: -40 C TO +70 C APPROVALS: UL,CSA, VDE FOR USE WITH 18 AWG CORDAGE ADJUSTABLE - 4 POSITION CABLE ENTRY RoHS COMPLIANT
CONTROLLED Qualtek Electronics Corp.
Part Number: Description:
PPC DIVISION 711-00/00
REWIRABLE PLUG ASSEMBLY
UNIT: mm
Checked / Date 01-22-03
75.4
REV. C
Approved / Date JJH / 01-22-03


▲Up To Search▲   

 
Price & Availability of 711-00-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X