Part Number Hot Search : 
XL6001E1 2CL2FE SY602 SP7656E 20ETTTS 04820 B1200 SRC1203
Product Description
Full Text Search
 

To Download 547B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l Through Hole Package l 150oC Junction Temperature
Pin Configuration Bottom View
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
BC546,B BC547,A,B,C BC548,A,B,C
NPN Silicon Amplifier Transistor 625mW
C
B
E
Mechanical Data
l Case: TO-92, Molded Plastic l Polarity: indicated as above.
A
TO-92
E
B
Maximum Ratings @ 25oC Unless Otherwise Specified Charateristic Collector-Emitter Voltage Collector-Base Voltage BC546 BC547 BC548 BC546 BC547 BC548 Symbol Value 65 VCEO 45 30 80 VCBO 50 30 VEBO 6.0 IC Pd Pd
RqJA
Unit V V V mA mW mW/oC W mW/oC
o
D C
Emitter-Base Voltage Collector Current(DC) Power Dissipation@TA=25oC Power Dissipation@TC=25oC Thermal Resistance, Junction to Ambient Air Thermal Resistance, Junction to Case Operating & Storage Temperature
100 625 5.0 1.5 12 200 83.3
G
DIMENSIONS
C/W C/W
o
DIM A B C D E G
RqJC
o
Tj, TSTG -55~150
C
INCHES MIN .175 .175 .500 .016 .135 .095
MAX .185 .185 --.020 .145 .105
MM MIN 4.45 4.46 12.7 0.41 3.43 2.42
MAX 4.70 4.70 --0.63 3.68 2.67
NOTE
www.mccsemi.com
BC546 thru BC548C
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min
MCC
Typ Max Unit BC546 BC547 BC548 BC546 BC547 BC548 BC546 BC547 BC548 V(BR)CEO 65 45 30 80 50 30 6.0 6.0 6.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- V
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = 1.0 mA, IB = 0) Collector-Base Breakdown Voltage (IC = 100 Adc) Emitter-Base Breakdown Voltage (IE = 10 mA, IC = 0)
V(BR)CBO
V
V(BR)EBO
V
ON CHARACTERISTICS
DC Current Gain (IC = 10 A, VCE = 5.0 V) hFE BC547A/548A BC546B/547B/548B BC548C BC546 BC547 BC548 BC547A/548A BC546B/547B/548B BC547C/BC548C BC547A/548A BC546B/547B/548B BC548C VCE(sat) -- VBE(sat) VBE(on) 0.55 -- -- -- 0.7 0.77 -- -- -- -- 110 110 110 110 200 420 -- -- -- 90 150 270 -- -- -- 180 290 520 120 180 300 ---- -- -- -- 450 800 800 220 450 800 -- -- -- V 0.3 1.0 V V --
(IC = 2.0 mA, VCE = 5.0 V)
(IC = 100 mA, VCE = 5.0 V)
Collector-Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) Base-Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) Base-Emitter On Voltage (IC = 2.0 mA, VCE = 5.0 V) (IC = 10 mA, VCE = 5.0 V)
SMALL-SIGNAL CHARACTERISTICS
Current-Gain -- Bandwidth Product (IC = 10 mA, VCE = 5.0 V, f = 100 MHz) fT BC546 BC547 BC548 Cobo Cibo hfe BC546 BC547/548 BC547A/548A BC546B/547B/548B BC547C/548C NF BC546 BC547 BC548 -- -- -- 2.0 2.0 2.0 10 10 10 125 125 125 240 450 -- -- 220 330 600 500 900 260 500 900 dB 150 150 150 -- -- 300 300 300 1.7 10 -- -- -- 4.5 -- pF pF -- MHz
Output Capacitance (VCB = 10 V, IC = 0, f = 1.0 MHz) Input Capacitance (VEB = 0.5 V, IC = 0, f = 1.0 MHz) Small-Signal Current Gain (IC = 2.0 mA, VCE = 5.0 V, f = 1.0 kHz)
Noise Figure (IC = 0.2 mA, VCE = 5.0 V, RS = 2 kW, f = 1.0 kHz, f = 200 Hz)
www.mccsemi.com
BC546 thru BC548C
2.0 hFE , NORMALIZED DC CURRENT GAIN 1.5 1.0 0.8 0.6 0.4 0.3 0.2 VCE = 10 V TA = 25C V, VOLTAGE (VOLTS) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.2 0.5 50 1.0 20 2.0 5.0 10 IC, COLLECTOR CURRENT (mAdc) 100 200 0 0.1 TA = 25C VBE(sat) @ IC/IB = 10
MCC
VBE(on) @ VCE = 10 V
VCE(sat) @ IC/IB = 10 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 IC, COLLECTOR CURRENT (mAdc) 50 70 100
Figure 1. Normalized DC Current Gain
2.0 TA = 25C 1.6 IC = 200 mA 1.2 0.8 0.4 0 IC = IC = 10 mA 20 mA IC = 50 mA IC = 100 mA 1.0
Figure 2. "Saturation" and "On" Voltages
VCE , COLLECTOR-EMITTER VOLTAGE (V)
VB, TEMPERATURE COEFFICIENT (mV/ C)
-55C to +125C 1.2 1.6 2.0 2.4 2.8
0.02
0.1 1.0 IB, BASE CURRENT (mA)
10
20
0.2
10 1.0 IC, COLLECTOR CURRENT (mA)
100
Figure 3. Collector Saturation Region
Figure 4. Base-Emitter Temperature Coefficient
BC547/BC548
10 7.0 C, CAPACITANCE (pF) 5.0 3.0 Cob 2.0 Cib TA = 25C f T, CURRENT-GAIN - BANDWIDTH PRODUCT (MHz) 400 300 200 VCE = 10 V TA = 25C
100 80 60 40 30 20 0.5 0.7 1.0
1.0
0.4 0.6 0.8 1.0
2.0 4.0 6.0 8.0 10 VR, REVERSE VOLTAGE (VOLTS)
20
40
2.0 3.0 5.0 7.0 10 20 IC, COLLECTOR CURRENT (mAdc)
30
50
Figure 5. Capacitances
Figure 6. Current-Gain - Bandwidth Product
www.mccsemi.com
BC546 thru BC548C
BC547/BC548
1.0 hFE , DC CURRENT GAIN (NORMALIZED) VCE = 5 V TA = 25C 2.0 1.0 0.5 0.2 0.1 0.2 10 100 1.0 IC, COLLECTOR CURRENT (mA) V, VOLTAGE (VOLTS) TA = 25C 0.8 VBE(sat) @ IC/IB = 10 0.6 0.4 0.2 VCE(sat) @ IC/IB = 10 0 0.2 0.5 1.0 VBE @ VCE = 5.0 V
MCC
10 20 2.0 5.0 IC, COLLECTOR CURRENT (mA)
50
100
200
Figure 7. DC Current Gain
2.0 TA = 25C 1.6 20 mA 1.2 0.8 0.4 0 IC = 10 mA 50 mA 100 mA 200 mA -1.0 -1.4 -1.8 -2.2 -2.6 -3.0
Figure 8. "On" Voltage
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
VB, TEMPERATURE COEFFICIENT (mV/ C)
VB for VBE -55C to 125C
0.02
0.05
0.1
0.2 0.5 1.0 2.0 IB, BASE CURRENT (mA)
5.0
10
20
0.2
0.5
10 20 5.0 1.0 2.0 IC, COLLECTOR CURRENT (mA)
50
100
200
Figure 9. Collector Saturation Region
Figure 10. Base-Emitter Temperature Coefficient
BC546
TA = 25C C, CAPACITANCE (pF) 20 Cib f T, CURRENT-GAIN - BANDWIDTH PRODUCT 40 VCE = 5 V TA = 25C
500 200 100 50 20
10 6.0 4.0 Cob
2.0
0.1
0.2
0.5
5.0 1.0 2.0 10 20 VR, REVERSE VOLTAGE (VOLTS)
50
100
1.0 5.0 10 50 100 IC, COLLECTOR CURRENT (mA)
Figure 11. Capacitance
Figure 12. Current-Gain - Bandwidth Product
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of 547B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X