Part Number Hot Search : 
PIC7501 A1020 ICS8525 VT8363 KSP6602 PI3B3244 12515 COM20051
Product Description
Full Text Search
 

To Download 51UAL-T22-A15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL IA NT
Features
RoHS compliant* Conductive plastic or cermet Linear and audio tapers PC board and bushing mount Gangable Metal bushing and shaft Sealed for board washing
*R oH S
CO M
51/53 - Sealed 1/2 " (12.5 mm) Square Control
Electrical Characteristics1 Conductive Plastic Cermet
Standard Resistance Range Linear ...................................................................................................1 K ohms to 1 megohm ......................... 150 ohms to 1 megohm Audio ....................................................................................................1 K ohms to 1 megohm ......................... 1 K ohms to 1 megohm Total Resistance Tolerance Linear Tapers ........................................................................................10 % or 20 % .................................... 10 % or 5 % Audio Tapers ........................................................................................10 % or 20 % .................................... 10 % Independent Linearity .................................................................................5 % ...................................................... 5 % Absolute Minimum Resistance ...................................................................2 ohms maximum .................................. 2 ohms maximum Effective Electrical Angle ............................................................................270 5 .............................................. 270 5 Contact Resistance Variation .....................................................................2 % ........................................................ 2 % Dielectric Withstanding Voltage (MIL-STD-202 - Method 301) Sea Level ..............................................................................................1,500 VAC minimum .............................. 1,500 VAC minimum 70,000 ..................................................................................................500 VAC minimum ................................. 500 VAC minimum Insulation Resistance .................................................................................1,000 megohms minimum ..................... 1,000 megohms minimum Power Rating At 70 C (Derate To 0 At 125 C) (Voltage Limited By Power Dissipation or 350 VAC, Whichever Is Less) Linear Tapers ........................................................................................0.5 watt.................................................. 1.0 watt Audio Tapers ........................................................................................0.25 watt................................................ 0.5 watt Theoretical Resolution ................................................................................Essentially infinite .................................. Essentially infinite
Environmental Characteristics1
Operating Temperature Range ...................................................................+1 C to +125 C ................................... +1 C to +125 C Storage Temperature Range ......................................................................-55 C to +125 C.................................. -55 C to +125 C Temperature Coefficient Over Storage Temperature Range ......................1,000 ppm/C ...................................... 150 ppm/C Vibration (Single Section) ...........................................................................15 G ....................................................... 15 G Total Resistance Shift ...........................................................................2 % maximum ..................................... 2 % maximum Voltage Ratio Shift ................................................................................5 % maximum ..................................... 5 % maximum Shock (Single Section) ...............................................................................30 G ....................................................... 30 G Total Resistance Shift ...........................................................................+2 % maximum ..................................... 2 % maximum Voltage Ratio Shift ................................................................................5 % maximum ..................................... 5 % maximum Load Life.....................................................................................................1,000 hours ........................................... 1,000 hours Total Resistance Shift ...........................................................................10 % TRS maximum ........................... 5 % TRS maximum Rotational Life (No Load) ............................................................................50,000 cycles ........................................ 25,000 cycles Total Resistance Shift ...........................................................................10 % TRS maximum ........................... 10 % TRS maximum Contact Resistance Variation @ 25,000 Cycles ...................................2 % ...................................................... 4 % Moisture Resistance (MIL-STD-202, Method 103, Condition B) Total Resistance Shift ...........................................................................10 % TRS ............................................ 5 % TRS IP Rating .....................................................................................................IP 64 ...................................................... IP 64
Mechanical Characteristics
Stop Strength ............................................................................................................................................................................................... 56 N-cm (5 lb.-in.) Mechanical Angle ...................................................................................................................................................................................................... 290 5 Torque Starting (All Sections) ........................................................................................................................Running torque +0.35 N-cm (+0.5 oz.-in.) maximum Running (Single Section) ............................................................................................................................................. 0.15 to 1.4 N-cm (0.2 to 2.0 oz.-in.) Running (Dual or Triple Section) .................................................................................................................................. 0.35 to 1.8 N-cm (0.5 to 2.5 oz.-in.) Mounting (Torque on Bushing) .......................................................................................................................... 1.7 to 2.0 N-m (15 to 18 lb.-in.) maximum Weight (Single Section).............................................................................................................................................................................................. 5.5 grams (Each Additional Section) .................................................................................................................................................................................... 3.0 grams Terminals ................................................................................................................................................................................................... PC pin or solder lug Soldering Condition .................................................................. Recommended hand soldering using Sn95/Ag5 no clean solder, 0.025 " wire diameter. Maximum temperature 399 C (750 F) for 3 seconds. No wash process to be used with no clean flux. Part can be wave soldered at 260 C (500 F) for 5 seconds, no wash process with no clean flux. Marking.................................................................................................................. Manufacturer's trademark, part number, resistance value and date code. Ganging (Multiple Section Potentiometers) ....................................................................................................................................................6 cups maximum Hardware ...........................................One lockwasher and one mounting nut is shipped with each potentiometer, except where noted in the part number.
1At room ambient: +25 C nominal and 50 % relative humidity nominal, except as noted. *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
51/53 - Sealed 1/2 " (12.5 mm) Square Control
Product Dimensions
PACKAGE DIMENSIONS
24.15 0.33 (.950 .021) 16.51 0.25 (.650 .010) 8.89 0.18 (.350 .007) .64 "L" ( .025)
MODEL 51
6.35 (.250)
12.5 (.492) 11.00 DIA. (.432) 6.25 (.246) 7.00 (.275) 0.74 (.029)
7.62 (.300)
FMS 5.08 (.200) 1.32 (.052)
TYP. 2.54 (.100) C OF POT L
0.30 (.0118)
5.08 0.30 (.200 .012) 7.62 0.30 (.300 .012)
.66 .05 3X (.026 .002)
7.62 0.30 (.300 .012)
6.60 0.38 (.260 .015) 2.54 (.100) 2.54 (.100)
1.27 (.050) DIA. 4 PLCS.
1.02 (.040) DIA. 6 PLCS.
(DOUBLE MODULE FRONT AND REAR BRACKET SHOWN)
(SINGLE, DUAL AND TRIPLE MODULE SHOWN) AVAILABLE IN 1 THROUGH 6 MODULE VERSIONS.
2.54 ( .100)TERMINAL SPACING
PACKAGE DIMENSIONS PCB MOUNTING BRACKET
24.13 0.33 (.950 .013) 12.5 (.492) 11.00 DIA. (.432) 0.74 (.029) 1.32 0.25 (.052 .010) 5.08 0.30 (.200 .012) 7.62 0.30 (.300 .012) 6.35 .25 (.250 .010) 7.62 0.30 (.300 .012) 2X
SOLDER LUG TERMINALS MODEL 53
6.25 (.246) 7.00 (.275) 2.40 (.094)
3 2 1
"L"
.64 ( .025)
5.0 0.51 (.197 .002)
0.90 (.036) .41 .05 2X ( .016 .002) 5.08 (.200) 2.54 (.100) 6.60 0.38 (.260 .015) 5.08 (.200) 2X
1.80 (.071) 4.70 (.185)
0.91 .051 (.036 .002)
ELECTRICAL SCHEMATIC
CCW
1 2
3
CW
AVAILABLE IN 1 THROUGH 6 MODULE VERSIONS.
ANTI-ROTATION LUG (Style "A", 90 CW Shown)
0.80 0.30 (.031 .012) 0.41 (.016) 1.52 (.060) 5.70 (.224)
SHAFT FLAT ORIENTATION
SUGGESTED PANEL LAYOUTS
The Model 50 can be used with either of the two panel layouts shown below.
6.20 (.244) 6.35 (.250)
132 5 CCW END 2.20 (.087) BUSHING DIAMETER 0.80 ( .031) 2.77 (.109) BUSHING DIAMETER 0.80 ( .031)
DIMENSIONS:
MM (INCHES)
.25 FOR TOLERANCES SHOWN: .XX = (.010) .XXX = .13 (.005) SHAFT DIMENSIONS .80 (1/32)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
51/53 - Sealed 1/2 " (12.5 mm) Square Control
Shaft/Bushing Styles
9.53 (.375)
How To Order
A Style Bushing STD. LENGTH `L' .500 (12.7) .625 (15.88) .750 (19.05) .875 (22.23) 1.000 (25.4)
1.60 0.25 OPT. (.063 .010)
51
A
A
D
-
B
28
-
A
15
L
3/8-32UNEF-2A 6.35 9.53 SHAFT BUSHING (.250) (.375)
1.194 0.10 OPT. (.047 .004)
6.35 (.250)
C Style Bushing
0.79 0.25 OPT. (.031 .010)
RoHS IDENTIFIER Code Description L Compliant ELEMENT TAPER TYPE/TOLERANCE Code Description (A) Linear Cermet 10 % (H) Linear Cermet 5 % RESISTANCE (CODE) VALUE IN OHMS (28) -- 150 (14) -- 7.5 K (06) -- 200 (15) -- 10 K (07) -- 250 (30) -- 15 K (08) -- 500 (16) -- 20 K (09) -- 750 (17) -- 25 K (10) -- 1 K (18) -- 50 K (29) -- 1.5 K (19) -- 75 K (11) -- 2 K (20) -- 100 K (12) -- 2.5 K (23) -- 500 K (13) -- 5 K (25) -- 1 M (10) -- 1 K (18) -- 50 K (12) -- 2.5 K (20) -- 100 K (13) -- 5 K (22) -- 250 K (15) -- 10 K (23) -- 500 K (16) -- 20 K (25) -- 1 M (17) -- 25 K (10) -- 1 K (18) -- 50 K (12) -- 2.5 K (20) -- 100 K (13) -- 5 K (23) -- 500 K (15) -- 10 K (25) -- 1 M (17) -- 25 K (10) -- 1 K (18) -- 50 K (12) -- 2.5 K (20) -- 100 K (13) -- 5 K (22) -- 250 K (15) -- 10 K (23) -- 500 K (17) -- 25 K (25) -- 1 M (10) -- 1 K (18) -- 50 K (12) -- 2.5 K (20) -- 100 K (13) -- 5 K (22) -- 250 K (15) -- 10 K (23) -- 500 K (17) -- 25 K (25) -- 1 M (10) -- 1 K (18) -- 50 K (12) -- 2.5 K (20) -- 100 K (13) -- 5 K (22) -- 250 K (15) -- 10 K (23) -- 500 K (17) -- 25 K (25) -- 1 M
1/4-32UNEF-2A 3.18 6.35 SHAFT BUSHING (.125) (.250) 9.53 (.375)
0.79 0.10 OPT. (.031 .004)
STD. LENGTH `L' .375 (9.53) .500 (12.7) .625 (15.88) .750 (19.05) .875 (22.23) 1.000 (25.4)
MAX. FLAT LENGTH 1.52 0.25 OPT. (.060 .010)
15.88 (.625)
A Style Bushing Flatted Shaft STD. LENGTH `L' .625 (15.88) .750 (19.05) .875 (22.23) 1.000 (25.4)
MOUNTING BRACKET/ ANTI-ROTATION LUG Code Description AR Lug 90 CW A AR Lug 270 CW C No AR Lug or Bracket D Front Bracket L Rear Bracket M Front and Rear Bracket N # SECTIONS/DETENTS Code Description Single No Detent A Double No Detent B Triple No Detent C Quad No Detent D Single w/Center Detent E Double w/Center Detent F Triple w/Center Detent G Quad w/Center Detent H Five Section J Six Section K Five Section w/Detent L Six Section w/Detent M BUSHING CONFIGURATION Code Description 3/8 " D x 3/8 " L A 1/4 " D x 1/4 " L C 1/4 " D x 1/2 " L F 10 mm D x 9.5 mm L R 6 mm D x 8 mm L S 7 mm D x 8 mm L U MODEL Code Description 51 PC Pins (.100 " centers) 53 Solder Lugs
(B) (E)
Linear C-P 20 % Linear C-P 10 %
3/8-32UNEF-2A 6.35 9.53 SHAFT BUSHING (.250) (.375)
5.49 0.10 OPT. (.216 .005)
(C) (F)
12.70 (.500)
F Style Bushing
0.79 0.25 OPT. (.031 .010) .031 .004 OPT. (0.79 0.10)
STD. LENGTH `L' .625 (15.88) .750 (19.05) .875 (22.23) 1.000 (25.4)
CW Audio Cermet 10 % CCW Audio Cermet 10 % CW Audio C-P 20 % CW Audio C-P 10 %
(D) (S)
1/4-32UNEF-2A .125 .250 SHAFT BUSHING (3.18) (6.35)
(G) (T)
.315 (8.0)
S Style Bushing
1.52 0.25 (.060 .010) 0.79 0.10 (.031 .004)
CCW Audio C-P 20 % CCW Audio C-P 10 % CW Dual Audio Taper C-P 20 %
M6 X .075-6g 3.0 6.0 SHAFT BUSHING (.118) (2.36)
STD. LENGTH `L' .394 (10.0) .512 (13.0) .630 (16.0) .866 (22.0) .984 (25.0)
(Y)
8.0 (.315)
U Style Bushing
1.52 0.25 (.060 .010)
0.79 0.10 (.031 .004) M7 X .075-6g 4.0 7.0 SHAFT BUSHING (.157) (2.75) 9.5 (.374)
STD. LENGTH `L' .394 (10.0) .512 (13.0) .630 (16.0) .866 (22.0) .984 (25.0)
R Style Bushing
1.80 0.25 (.071 .010)
1.00 0.10 (.039 .004) M10 X 0.75-6g 6.0 10.0 SHAFT BUSHING (.236) (.394)
STD. LENGTH `L' .512 (13.0) .630 (16.0) .866 (22.0) .984 (25.0)
Code A B C D E R T U
AVAILABLE ONLY IN SHAFT TYPE BUSHINGS LENGTHS Description Code Description Single Plain 1/4 "D A 20,24,28,32 Single Slotted 1/4 "D A 12,16,20,24,28,32 Single Flatted 1/4 "D A 20,24,28,32 Single Plain 1/8 "D C, F 16,20,24,28,32 Single Slotted 1/8 "D C, F 12,16,20,24,28,32 Single Slotted 6 mmD R 10,13,16,22,25 Single Slotted 4 mmD U 10,13,16,22,25 Single Slotted 3 mmD S 10,13,16,22,25
SHAFT LENGTH (FMS) Code Description 12 3/8 " 16 1/2 " 20 5/8 " 24 3/4 " 28 7/8 " 32 1" Metric 10 10 mm 13 13 mm 16 16 mm 22 22 mm 25 25 mm
AVAILABLE ONLY IN BUSHING Code B, C A, C A, C, F A, C, F A, C, F A, C, F R, S, U, T R, S, U, T R, S, U, T R, S, U, T R, S, U, T
Boldface features are Bourns standard options. All others are available with higher minimum order quantities. REV. 09/22/10
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
DIMENSIONS:
MM (INCHES)


▲Up To Search▲   

 
Price & Availability of 51UAL-T22-A15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X