Part Number Hot Search : 
MAX122 EDDTRP 11512 UMA90A 80C51 24AA025 0330L S8986
Product Description
Full Text Search
 

To Download 4AK17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4AK17
Silicon N-Channel Power MOS FET Array
ADE-208-1202 (Z) 1st. Edition Mar. 2001 Application
High speed power switching
Features
* Low on-resistance R DS(on) 0.045 , VGS = 10 V, I D = 10 A R DS(on) 0.065 , VGS = 4 V, I D = 10 A * Capable of 4 V gate drive * Low drive current * High speed switching * High density mounting * Suitable for motor driver, solenoid driver and lamp driver
4AK17
Outline
SP-10
3 D 4 G 2G
5 D 6 G
7 D 8 G
9 D
12 34 56 78 9 10
1S
S 10
1, 10. Source 2, 4, 6, 8. Gate 3, 5, 7, 9. Drain
Absolute Maximum Ratings (Ta = 25C) (1 Unit)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body to drain diode reverse drain current Channel dissipation Channel dissipation Channel temperature Storage temperature Notes: 1. PW 10 s, duty cycle 1% 2. 4 devices operation Symbol VDSS VGSS ID I D(pulse)* I DR Pch (Tc = 25C)* Pch* Tch Tstg
2 2 1
Rating 60 20 10 40 10 28 4 150 -55 to +150
Unit V V A A A W W C C
2
4AK17
Electrical Characteristics (Ta = 25C) (1 Unit)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Symbol V(BR)DSS V(BR)GSS I GSS Min 60 20 -- -- 1.0 -- -- Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time Note: 1. Pulse test |yfs| Ciss Coss Crss t d(on) tr t d(off) tf VDF t rr 10 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 0.033 0.04 17 1400 720 220 15 95 300 170 1.05 110 Max -- -- 10 250 2.0 0.045 0.065 -- -- -- -- -- -- -- -- -- -- Unit V V A A V S pF pF pF ns ns ns ns V ns I F = 10 A, VGS = 0 I F = 10 A, VGS = 0 dIF/dt = 50 A/s Test conditions I D = 10 mA, VGS = 0 I G = 100 A, VDS = 0 VGS = 16 V, VDS = 0 VDS = 50 V, VGS = 0 I D = 1 mA, VDS = 10 V I D = 10 A VGS = 10 V*1 I D = 10 A VGS = 4 V*1 I D = 10 A VDS = 10 V*1 VDS = 10 V VGS = 0 f = 1 MHz I D = 10 A VGS = 10 V RL = 3
Zero gate voltage drain current I DSS Gate to source cutoff voltage Static drain to source on state resistance VGS(off) RDS(on)
3
4AK17
Maximum Channel Dissipation Curve 6 Channel Dissipation Pch (W) 5 4 3 2 1 Condition : Channel Dissipation of each die is identical 4 Device Operation 3 Device Operation 2 Device Operation 1 Device Operation Maximum Channel Dissipation Curve 30 Channel Dissipation Pch (W) Condition : Channel Dissipation of each die is identical 4 Device Operation 3 Device Operation 2 Device Operation 1 Device Operation
20
10
0
25 75 50 100 125 Ambient Temperature Ta (C)
150
0
50 100 125 25 75 Case Temperature TC (C)
150
Maximum Safe Operation Area 100
10 s
Typical Output Characteristics 50
10 V 8V 6V 4.5 V 4.0 V Pulse Test 3.5 V
Drain Current ID (A)
10 3 1.0 0.3
PW
=
Drain Current ID (A)
30
ar
ea
40
10
O is per lim at ite ion d in by th R is
(o
n)
0
DS
s
10
30
m
1 m s
s
Ta = 25C 0.1 0.1
0.3 1.0 3 10 30 100 Drain to Source Voltage VDS (V)
D C O pe ra tio n (T C =
(1
sh
ot
20
3.0 V
)
10
VGS = 2.5 V
25 C )
0
6 2 4 8 10 Drain to Source Voltage VDS (V)
4
4AK17
Typical Transfer Characteristics 50
VDS = 10 V Pulse Test Drain to Source Saturation Voltage VDS (on) (V) 75C TC= 25C -25C
Drain to Source Saturation Voltage vs. Gate to Source Voltage 5 4
Pulse Test
40
Drain Current ID (A)
30
3
ID = 50 A
20
2
10
1
20 A 10 A
0
3 1 2 4 Gate to Source Voltage VGS (V)
5
0
6 2 4 8 10 Gate to Source Voltage VGS (V)
Static Drain to Source on Static Resistance RDS (on) ()
Static Drain to Source on State Resistance vs. Drain Current 0.5
Pulse Test Static Drain to Source on State Resistance RDS (on) ()
Static Drain to Source on State Resistance vs. Temperature 0.10
Pulse Test ID = 20 A 10 A VGS = 4 V 10 A
0.2
VGS = 4 V
0.08
0.1 0.05
10 V
0.06
20 A 5 A
0.04
5A
0.02 0.01 0.005 1 2 50 10 5 20 Drain Current ID (A) 100
0.02
VGS = 10 V
0 -40
80 0 40 120 Case Temperature TC (C)
160
5
4AK17
Forward Transfer Admittance vs. Drain Current Forward Transfer Admittance yfs (S) 100 50 -25C TC = 25C Reverse Recovery Time trr (ns) VDS = 10 V Pulse Test 1,000 di/dt = 50 A/s, Ta = 25C VGS = 0 Pulse Test Body to Diode Reverse Recovery Time
500 200 100
20 10 5 2 1 0.5 75C
50 20 10 0.5
1.0
2 10 20 5 Drain Current ID (A)
50
2 1.0 5 10 20 Reverse Drain Current IDR (A)
50
Typical Capacitance vs. Drain to Source Voltage 10,000 Drain to Source Voltage VDS (V) 3,000 Capacitance C (pF) Ciss 1,000 Coss 300 Crss 100 30 10 0 10 20 30 40 50 Drain to Source Voltage VDS (V) 0 VGS = 0 f = 1 MHz 100
Dynamic Input Characteristics
20 25 V 10 V 60 VDS 40 20 VDD = 50 V 25 V 10 V VGS 12 16 Gate to Source Voltage VGS (V) VDD = 50 V 80
8 4 ID = 25 A 0 100
20 40 60 80 Gate Charge Qg (nc)
6
4AK17
Reverse Drain Current vs. Source to Drain Voltage Switching Characteristics 1000 Reverse Drain Current IDR (A) 500 Switching Time t (ns) td (off) tf 40 Pulse Test 50
200 100 tr 50 20 10 0.5
30
10 V 15 V
20 5V 10 VGS = 0, -5 V
VGS = 10 V VDD = 30 V PW = 2s, duty < 1 %
* *
td (on) 1.0 5 2 10 20 Drain Current ID (A) 50
0
0.8 0.4 1.2 2.0 1.6 Source to Drain Voltage VSD (V)
7
4AK17
Package Dimensions As of January, 2001
Unit: mm
26.5 0.3 4.0 0.2 10.0 0.3 2.5
1.82
2.54
1.4
0.55 0.1
10.5 0.5
1.5 0.2
0.55 -0.06
+0.1
1
2
3
4
5
6
7
8
9
10
Hitachi Code JEDEC EIAJ Mass (reference value)
SP-10 -- -- 2.9 g
8
4AK17
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica Europe Asia Japan
: : : :
http://semiconductor.hitachi.com/ http://www.hitachi-eu.com/hel/ecg http://sicapac.hitachi-asia.com http://www.hitachi.co.jp/Sicd/indx.htm
Hitachi Asia Ltd. Hitachi Tower 16 Collyer Quay #20-00, Singapore 049318 Tel : <65>-538-6533/538-8577 Fax : <65>-538-6933/538-3877 URL : http://www.hitachi.com.sg Hitachi Asia Ltd. (Taipei Branch Office) 4/F, No. 167, Tun Hwa North Road, Hung-Kuo Building, Taipei (105), Taiwan Tel : <886>-(2)-2718-3666 Fax : <886>-(2)-2718-8180 Telex : 23222 HAS-TP URL : http://www.hitachi.com.tw Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road Tsim Sha Tsui, Kowloon, Hong Kong Tel : <852>-(2)-735-9218 Fax : <852>-(2)-730-0281 URL : http://www.hitachi.com.hk
For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic Components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 585160
Copyright (c) Hitachi, Ltd., 2000. All rights reserved. Printed in Japan.
Colophon 2.0
9


▲Up To Search▲   

 
Price & Availability of 4AK17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X