Part Number Hot Search : 
STA408 SE2490 RGL34G DA12P DM74LS08 29LV640 D1212 TLP541
Product Description
Full Text Search
 

To Download 3365-26 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 .050 Round Conductor Flat Cable
28 AWG Stranded, PVC 3365 Series
S 28 AWG wire on .050 inch centers permits mass termination to a broad line of IDC connectors S Stranded wire provides flexibility and extended product life S Zippable for branching or discrete termination
Date Modified: February 19, 1999
33
TS-0080-12 Sheet 1 of 2
Physical
Insulation Material: Polyvinyl Chloride (PVC) Color: Gray Marking Standard: None Canadian Option: AWM 2651 105C 300V VW1 3M NU C AWM IA 105C 300V FT1 EU <50V Conductors: 28 AWG 7 x 36 [ 7 x 0.127 ] Tinned Stranded Copper
Electrical
Voltage Rating: Insulation Resistance: Characteristic Impedance Capacitance Inductance Propagation Delay Velocity of Propagation: USA: 300V Canada: 300V > 1 x 1010 /10 ft. [ 3m ] Unbalanced: 108 Unbalanced: 12.8 pF/ft. [ 42.0 pF/m ] Unbalanced: .15 H/ft. [ 0.50 H/m ] Unbalanced: 1.40 ns/ft. [ 4.59 ns/m ] Unbalanced: 73% EU: <50V
Note: Unbalanced is measured between ground-signal-ground conductors.
Environmental
Temperature Rating: -20C to +105C Flammability Rating: USA: VW-1 Canada: FT1
UL File No.: E42769, Style No.: 2651
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373
.050 Round Conductor Flat Cable
28 AWG Stranded, PVC
Number of Conductors 09 10 14 15 16 20 24 25 26 30 34 36 37 40 44 (R) (R) (OPTIONAL) 50 60 64 3M Part Number 3365/09 3365/10 3365/14 3365/15 3365/16 3365/20 3365/24 3365/25 3365/26 3365/30 3365/34 3365/36 3365/37 3365/40 3365/44 3365/50 3365/60 3365/64 Dimension A 0.450 .010 [ 11.43 ] 0.500 .010 [ 12.70 ] 0.700 .010 [ 17.78 ] 0.750 .010 [ 19.05 ] 0.800 .015 [ 20.32 ] 1.000 .015 [ 25.40 ] 1.200 .015 [ 30.48 ] 1.250 .015 [ 31.75 ] 1.300 .015 [ 33.02 ] 1.500 .020 [ 38.10 ] 1.700 .020 [ 43.18 ] 1.800 .020 [ 45.72 ] 1.850 .020 [ 46.99 ] 2.000 .020 [ 50.80 ] 2.200 .020 [ 55.88 ] 2.500 .020 [ 63.50 ] 3.000 .020 [ 76.20 ] 3.200 .020 [ 81.28 ]
3365 Series
Dimension B 0.400 .007 [ 10.16 ] 0.450 .007 [ 11.43 ] 0.650 .007 [ 16.51 ] 0.700 .007 [ 17.78 ] 0.750 .011 [ 19.05 ] 0.950 .011 [ 24.13 ] 1.150 .011 [ 29.21 ] 1.200 .011 [ 30.48 ] 1.250 .011 [ 31.75 ] 1.450 .015 [ 36.83 ] 1.650 .015 [ 41.91 ] 1.750 .015 [ 44.45 ] 1.800 .015 [ 45.72 ] 1.950 .015 [ 49.53 ] 2.150 .015 [ 54.61 ] 2.450 .015 [ 62.23 ] 2.950 .015 [ 74.93 ] 3.150 .015 [ 80.01 ]
A B
.025 .007 [0.64] .050 .002 Typ [1.27]
.035 .003 [0.89]
PVC Insulation
28 AWG 7 X 36 [ 7 X 0.127 ] Tinned Stranded Copper Conductors
Inch
[mm] Tolerance Unless Noted .0 Inch
[
.00
.000
.1
.01 .005
Note: Red marking on one edge of cable designates wire #1.
] Dimensions for Reference Only
Ordering Information
3365/XX
Blank = Standard C = Canadian Certified Version Number of Conductors (See Table)
Note: 1. Available in standard lengths of 100 feet, 300 feet, 30 meters or 100 meters per roll, please specify when ordering. 2. For "special" black insulation, order part number 3696/XX.
TS-0080-12 Sheet 2 of 2
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373


▲Up To Search▲   

 
Price & Availability of 3365-26

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X