Part Number Hot Search : 
45116 HHM1545 JWM11BH RM155 UT54A RM155 RM155 LM193
Product Description
Full Text Search
 

To Download 2SC2564 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
2SC2564
DESCRIPTION *With MT-200 package *Complement to type 2SA1094 *High transition frequency APPLICATIONS *For power amplifier applications
PINNING(see Fig.2) PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (MT-200) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25C)
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collectorl power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 140 140 5 12 1.2 150 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=0.1A; IB=0 IE=10mA; IC=0 IC=5 A; IB=0.5 A IC=5A ; VCE=5V VCB=140V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=5A ; VCE=5V IC=1A ; VCE=10V 55 40 MIN 140 5
2SC2564
SYMBOL V(BR)CEO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V V
2.0 2.0 50 50 240
V V A A
80
MHz
hFE-1 classifications R 55-110 O 80-160 Y 120-240
2
SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2564
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC2564

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X