Part Number Hot Search : 
MSM9210 GA32A X25F047P MAX4579 HA501304 4VHCT1 124ML C3216X5
Product Description
Full Text Search
 

To Download 24C01C-EP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 24C01C
1K 5.0V I2CTM Serial EEPROM
FEATURES
* Single supply with operation from 4.5 to 5.5V * Low power CMOS technology - 1 mA active current typical - 10 A standby current typical at 5.5V * Organized as a single block of 128 bytes (128 x 8) * 2-wire serial interface bus, I2C compatible * 100 kHz and 400 kHz compatibility * Page-write buffer for up to 16 bytes * Self-timed write cycle (including auto-erase) * Fast 1 mS write cycle time for byte or page mode * Address lines allow up to eight devices on bus * 1,000,000 erase/write cycles guaranteed * ESD protection > 4,000V * Data retention > 200 years * 8-pin PDIP, SOIC or TSSOP packages * Available for extended temperature ranges - Commercial (C): 0C to +70C - Industrial (I): -40C to +85C - Automotive (E): -40C to +125C
PACKAGE TYPES
PDIP/SOIC
A0 A1 A2 Vss 1 8 Vcc TEST SCL SDA
24C01C
2 3 4
7 6 5
TSSOP
A0 A1 A2 VSS
1 2 3 4
8 7 6 5
VCC TEST SCL SDA
24C01C
DESCRIPTION
The Microchip Technology Inc. 24C01C is a 1K bit Serial Electrically Erasable PROM with a voltage range of 4.5V to 5.5V. The device is organized as a single block of 128 x 8-bit memory with a 2-wire serial interface. Low current design permits operation with typical standby and active currents of only 10 A and 1 mA respectively. The device has a page-write capability for up to 16 bytes of data and has fast write cycle times of only 1 mS for both byte and page writes. Functional address lines allow the connection of up to eight 24C01C devices on the same bus for up to 8K bits of contiguous EEPROM memory. The device is available in the standard 8-pin PDIP, 8-pin SOIC (150 mil), and TSSOP packages.
BLOCK DIAGRAM
A0 A1 A2 HV Generator
I/O Control Logic
Memory Control Logic
XDEC
EEPROM Array
SDA SCL Vcc Vss SENSE AMP R/W CONTROL YDEC
I2C is a trademark of Philips Corporation.
(c) 1999 Microchip Technology Inc.
Powered by ICminer.com Electronic-Library Service CopyRight 2003
DS21201C-page 1
24C01C
1.0
1.1
ELECTRICAL CHARACTERISTICS
Maximum Ratings*
TABLE 1-1:
Name VSS SDA SCL VCC A0, A1, A2 Test
PIN FUNCTION TABLE
Function Ground Serial Data Serial Clock +4.5V to 5.5V Power Supply Chip Selects Test Pin: may be tied high, low or left floating
VCC........................................................................7.0V All inputs and outputs w.r.t. VSS .....-0.6V to VCC +1.0V Storage temperature ..........................-65C to +150C Ambient temp. with power applied......-65C to +125C Soldering temperature of leads (10 seconds) .. +300C ESD protection on all pins ..................................... 4 kV
*Notice: Stresses above those listed under "Maximum ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
TABLE 1-2:
DC CHARACTERISTICS
VCC = +4.5V to +5.5V Commercial (C): Industrial (I): Automotive (E): Symbol VIH VIL VHYS VOL ILI ILO CIN, COUT ICC Read ICC Write ICCS -10 -10 -- -- -- -- 0.05 VCC Min. 0.7 VCC .3 VCC -- .40 10 10 10 1 3 50 Tamb = 0C to +70C Tamb = -40C to +85C Tamb = -40C to +125C Max. Units V V V V A A pF mA mA A (Note) IOL = 3.0 mA, VCC = 4.5V VIN = 0.1V to 5.5V, WP = Vss VOUT = 0.1V to 5.5V VCC = 5.0V (Note) Tamb = 25C, f = 1 MHz VCC = 5.5V, SCL = 400 kHz VCC = 5.5V VCC = 5.5V, SDA = SCL = VCC WP = VSS Conditions
All parameters apply across the specified operating ranges unless otherwise noted. Parameter SCL and SDA pins: High level input voltage Low level input voltage Hysteresis of Schmitt trigger inputs Low level output voltage Input leakage current Output leakage current Pin capacitance (all inputs/outputs) Operating current Standby current
Note: This parameter is periodically sampled and not 100% tested.
DS21201C-page 2
Powered by ICminer.com Electronic-Library Service CopyRight 2003
(c) 1999 Microchip Technology Inc.
24C01C
TABLE 1-3: AC CHARACTERISTICS
Vcc = 4.5V to 5.5V Commercial (C): Industrial (I): Automotive (E): Tamb = 0C to +70C Tamb = -40C to +85C Tamb = -40C to +125C Units kHz ns ns ns ns ns ns ns ns ns ns ns Remarks All parameters apply across the specified operating ranges unless otherwise noted.
Parameter Clock frequency Clock high time Clock low time SDA and SCL rise time SDA and SCL fall time START condition hold time START condition setup time Data input hold time Data input setup time STOP condition setup time Output valid from clock Bus free time
Symbol FCLK THIGH TLOW TR TF THD:STA TSU:STA THD:DAT TSU:DAT TSU:STO TAA TBUF
Tamb > +85C -40C Tamb +85C Min. -- 4000 4700 -- -- 4000 4700 0 250 4000 -- 4700 Max. 100 -- -- 1000 300 -- -- -- -- -- 3500 -- Min. -- 600 1300 -- -- 600 600 0 100 600 -- 1300 Max. 400 -- -- 300 300 -- -- -- -- -- 900 --
(Note 1) (Note 1) After this period the first clock pulse is generated Only relevant for repeated START condition (Note 2)
Output fall time from VIH minimum to VIL maximum Input filter spike suppression (SDA and SCL pins) Write cycle time Endurance
TOF TSP TWR
-- -- -- 1M
250 50 1.5 --
20 +0.1 CB -- -- 1M
250 50 1 --
ns ns
(Note 2) Time the bus must be free before a new transmission can start (Note 1), CB 100 pF (Note 3)
ms Byte or Page mode cycles 25C, VCC = 5.0V, Block Mode (Note 4)
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF. 2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions. 3: The combined TSP and VHYS specifications are due to Schmitt trigger inputs which provide improved noise spike suppression. This eliminates the need for a TI specification for standard operation. 4: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific application, please consult the Total Endurance Model which can be obtained on our website.
FIGURE 1-1:
BUS TIMING DATA
TF THIGH TR
SCL
TSU:STA TLOW THD:DAT TSU:DAT TSU:STO
SDA IN
THD:STA TSP TBUF
TAA SDA OUT
(c) 1999 Microchip Technology Inc.
Powered by ICminer.com Electronic-Library Service CopyRight 2003
DS21201C-page 3
24C01C
2.0
2.1
PIN DESCRIPTIONS
SDA Serial Data
3.0
FUNCTIONAL DESCRIPTION
This is a bi-directional pin used to transfer addresses and data into and data out of the device. It is an open drain terminal, therefore the SDA bus requires a pull-up resistor to VCC (typical 10 k for 100 kHz, 2 k for 400 kHz). For normal data transfer SDA is allowed to change only during SCL low. Changes during SCL high are reserved for indicating the START and STOP conditions.
The 24C01C supports a bi-directional 2-wire bus and data transmission protocol. A device that sends data onto the bus is defined as transmitter, and a device receiving data as receiver. The bus has to be controlled by a master device which generates the serial clock (SCL), controls the bus access, and generates the START and STOP conditions, while the 24C01C works as slave. Both master and slave can operate as transmitter or receiver but the master device determines which mode is activated.
2.2
SCL Serial Clock
This input is used to synchronize the data transfer from and to the device.
2.3
A0, A1, A2
The levels on these inputs are compared with the corresponding bits in the slave address. The chip is selected if the compare is true. Up to eight 24C01C devices may be connected to the same bus by using different chip select bit combinations. These inputs must be connected to either VCC or VSS.
2.4
Test
This pin is utilized for testing purposes only. It may be tied high, tied low or left floating.
2.5
Noise Protection
The 24C01C employs a VCC threshold detector circuit which disables the internal erase/write logic if the VCC is below 3.8 volts at nominal conditions. The SCL and SDA inputs have Schmitt trigger and filter circuits which suppress noise spikes to assure proper device operation even on a noisy bus.
DS21201C-page 4
Powered by ICminer.com Electronic-Library Service CopyRight 2003
(c) 1999 Microchip Technology Inc.
24C01C
4.0 BUS CHARACTERISTICS
The following bus protocol has been defined: * Data transfer may be initiated only when the bus is not busy. * During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data line while the clock line is HIGH will be interpreted as a START or STOP condition. Accordingly, the following bus conditions have been defined (Figure 4-1). The data on the line must be changed during the LOW period of the clock signal. There is one bit of data per clock pulse. Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of the data bytes transferred between the START and STOP conditions is determined by the master device and is theoretically unlimited, although only the last sixteen will be stored when doing a write operation. When an overwrite does occur it will replace data in a first in first out fashion.
4.1
Bus not Busy (A)
4.5
Acknowledge
Both data and clock lines remain HIGH.
4.2
Start Data Transfer (B)
A HIGH to LOW transition of the SDA line while the clock (SCL) is HIGH determines a START condition. All commands must be preceded by a START condition.
Each receiving device, when addressed, is required to generate an acknowledge after the reception of each byte. The master device must generate an extra clock pulse which is associated with this acknowledge bit. Note: The 24C01C does not generate any acknowledge bits if an internal programming cycle is in progress.
4.3
Stop Data Transfer (C)
A LOW to HIGH transition of the SDA line while the clock (SCL) is HIGH determines a STOP condition. All operations must be ended with a STOP condition.
4.4
Data Valid (D)
The state of the data line represents valid data when, after a START condition, the data line is stable for the duration of the HIGH period of the clock signal.
The device that acknowledges has to pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse. Of course, setup and hold times must be taken into account. A master must signal an end of data to the slave by not generating an acknowledge bit on the last byte that has been clocked out of the slave. In this case, the slave must leave the data line HIGH to enable the master to generate the STOP condition (Figure 4-2).
FIGURE 4-1:
SCL (A) (B)
DATA TRANSFER SEQUENCE ON THE SERIAL BUS CHARACTERISTICS
(C) (D) (C) (A)
SDA
START CONDITION
ADDRESS OR ACKNOWLEDGE VALID
DATA ALLOWED TO CHANGE
STOP CONDITION
FIGURE 4-2:
ACKNOWLEDGE TIMING
Acknowledge Bit
SCL
1
2
3
4
5
6
7
8
9
1
2
3
SDA
Data from transmitter
Data from transmitter Receiver must release the SDA line at this point so the Transmitter can continue sending data.
Transmitter must release the SDA line at this point allowing the Receiver to pull the SDA line low to acknowledge the previous eight bits of data.
(c) 1999 Microchip Technology Inc.
Powered by ICminer.com Electronic-Library Service CopyRight 2003
DS21201C-page 5
24C01C
5.0 DEVICE ADDRESSING
FIGURE 5-1: CONTROL BYTE FORMAT
Read/Write Bit Chip Select Bits 0 A2 A1 A0 R/W ACK A control byte is the first byte received following the start condition from the master device (Figure 5-1). The control byte consists of a four bit control code; for the 24C01C this is set as 1010 binary for read and write operations. The next three bits of the control byte are the chip select bits (A2, A1, A0). The chip select bits allow the use of up to eight 24C01C devices on the same bus and are used to select which device is accessed. The chip select bits in the control byte must correspond to the logic levels on the corresponding A2, A1, and A0 pins for the device to respond. These bits are in effect the three most significant bits of the word address. The last bit of the control byte defines the operation to be performed. When set to a one a read operation is selected, and when set to a zero a write operation is selected. Following the start condition, the 24C01C monitors the SDA bus checking the control byte being transmitted. Upon receiving a 1010 code and appropriate chip select bits, the slave device outputs an acknowledge signal on the SDA line. Depending on the state of the R/W bit, the 24C01C will select a read or write operation.
Control Code
S
1
0
1
Slave Address Start Bit Acknowledge Bit
5.1
Contiguous Addressing Across Multiple Devices
The chip select bits A2, A1, A0 can be used to expand the contiguous address space for up to 8K bits by adding up to eight 24C01C devices on the same bus. In this case, software can use A0 of the control byte as address bit A8, A1 as address bit A9, and A2 as address bit A10. It is not possible to write or read across device boundaries.
DS21201C-page 6
Powered by ICminer.com Electronic-Library Service CopyRight 2003
(c) 1999 Microchip Technology Inc.
24C01C
6.0
6.1
WRITE OPERATIONS
Byte Write
Following the start signal from the master, the device code(4 bits), the chip select bits (3 bits), and the R/W bit which is a logic low is placed onto the bus by the master transmitter. The device will acknowledge this control byte during the ninth clock pulse. The next byte transmitted by the master is the word address and will be written into the address pointer of the 24C01C. After receiving another acknowledge signal from the 24C01C the master device will transmit the data word to be written into the addressed memory location. The 24C01C acknowledges again and the master generates a stop condition. This initiates the internal write cycle, and during this time the 24C01C will not generate acknowledge signals (Figure 6-1).
pointer bits are internally incremented by one. The higher order four bits of the word address remains constant. If the master should transmit more than 16 bytes prior to generating the stop condition, the address counter will roll over and the previously received data will be overwritten. As with the byte write operation, once the stop condition is received an internal write cycle will begin (Figure 6-2).
Note:
6.2
Page Write
The write control byte, word address and the first data byte are transmitted to the 24C01C in the same way as in a byte write. But instead of generating a stop condition, the master transmits up to 15 additional data bytes to the 24C01C which are temporarily stored in the onchip page buffer and will be written into the memory after the master has transmitted a stop condition. After the receipt of each word, the four lower order address
Page write operations are limited to writing bytes within a single physical page, regardless of the number of bytes actually being written. Physical page boundaries start at addresses that are integer multiples of the page buffer size (or `page size') and end at addresses that are integer multiples of [page size - 1]. If a page write command attempts to write across a physical page boundary, the result is that the data wraps around to the beginning of the current page (overwriting data previously stored there), instead of being written to the next page as might be expected. It is therefore necessary for the application software to prevent page write operations that would attempt to cross a page boundary.
FIGURE 6-1:
BUS ACTIVITY MASTER SDA LINE
BYTE WRITE
S T A R T S A C K A C K A C K CONTROL BYTE WORD ADDRESS DATA S T O P P
BUS ACTIVITY
FIGURE 6-2:
BUS ACTIVITY MASTER
PAGE WRITE
S T A R T CONTROL BYTE WORD ADDRESS (n) S T O P
DATA n
DATA n +1
DATA n + 15
SDA LINE BUS ACTIVITY
S
A C K A C K A C K A C K A C K
P
(c) 1999 Microchip Technology Inc.
Powered by ICminer.com Electronic-Library Service CopyRight 2003
DS21201C-page 7
24C01C
7.0 ACKNOWLEDGE POLLING
FIGURE 7-1:
Since the device will not acknowledge during a write cycle, this can be used to determine when the cycle is complete (this feature can be used to maximize bus throughput). Once the stop condition for a write command has been issued from the master, the device initiates the internally timed write cycle. ACK polling can be initiated immediately. This involves the master sending a start condition followed by the control byte for a write command (R/W = 0). If the device is still busy with the write cycle, then no ACK will be returned. If no ACK is returned, then the start bit and control byte must be re-sent. If the cycle is complete, then the device will return the ACK and the master can then proceed with the next read or write command. See Figure 7-1 for flow diagram.
ACKNOWLEDGE POLLING FLOW
Send Write Command
Send Stop Condition to Initiate Write Cycle
Send Start
Send Control Byte with R/W = 0
Did Device Acknowledge (ACK = 0)? YES Next Operation
NO
DS21201C-page 8
Powered by ICminer.com Electronic-Library Service CopyRight 2003
(c) 1999 Microchip Technology Inc.
24C01C
8.0 READ OPERATIONS
Read operations are initiated in the same way as write operations with the exception that the R/W bit of the slave address is set to one. There are three basic types of read operations: current address read, random read, and sequential read. address is sent, the master generates a start condition following the acknowledge. This terminates the write operation, but not before the internal address pointer is set. Then the master issues the control byte again but with the R/W bit set to a one. The 24C01C will then issue an acknowledge and transmits the eight bit data word. The master will not acknowledge the transfer but does generate a stop condition and the 24C01C discontinues transmission (Figure 8-2). After this command, the internal address counter will point to the address location following the one that was just read.
8.1
Current Address Read
The 24C01C contains an address counter that maintains the address of the last word accessed, internally incremented by one. Therefore, if the previous read access was to address n, the next current address read operation would access data from address n + 1. Upon receipt of the slave address with the R/W bit set to one, the 24C01C issues an acknowledge and transmits the eight bit data word. The master will not acknowledge the transfer but does generate a stop condition and the 24C01C discontinues transmission (Figure 8-1).
8.3
Sequential Read
Sequential reads are initiated in the same way as a random read except that after the 24C01C transmits the first data byte, the master issues an acknowledge as opposed to a stop condition in a random read. This directs the 24C01C to transmit the next sequentially addressed 8-bit word (Figure 8-3). To provide sequential reads the 24C01C contains an internal address pointer which is incremented by one at the completion of each operation. This address pointer allows the entire memory contents to be serially read during one operation. The internal address pointer will automatically roll over from address 7F to address 00.
8.2
Random Read
Random read operations allow the master to access any memory location in a random manner. To perform this type of read operation, first the word address must be set. This is done by sending the word address to the 24C01C as part of a write operation. After the word
FIGURE 8-1:
CURRENT ADDRESS READ
BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY S T A R T S A C K N O A C K CONTROL BYTE DATA S T O P P
FIGURE 8-2:
RANDOM READ
S T A R T CONTROL BYTE WORD ADDRESS (n) S T A R T CONTROL BYTE S T O P
BUS ACTIVITY MASTER
DATA (n)
S
SDA LINE A C K A C K
S
A C K N O A C K
P
BUS ACTIVITY
FIGURE 8-3:
SEQUENTIAL READ
CONTROL BYTE DATA n DATA n + 1 DATA n + 2 DATA n + X
BUS ACTIVITY MASTER SDA LINE
S T O P P
BUS ACTIVITY
A C K
A C K
A C K
A C K
N O A C K
(c) 1999 Microchip Technology Inc.
Powered by ICminer.com Electronic-Library Service CopyRight 2003
DS21201C-page 9
24C01C
NOTES:
DS21201C-page 10
Powered by ICminer.com Electronic-Library Service CopyRight 2003
(c) 1999 Microchip Technology Inc.
24C01C
24C01C PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. 24C01C -- /P Package: Temperature Range: P = Plastic DIP (300 mil Body), 8-lead SN = Plastic SOIC, (150 mil Body), 8-lead ST = TSSOP (4.4 mm Body), 8-lead Blank = 0C to +70C I = -40C to +85C E = -40C to +125C 24C01C 24C01CT 1K I 2C Serial EEPROM 1K I 2C Serial EEPROM (Tape and Reel)
Device:
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office 2. The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277 3. The Microchip Worldwide Site (www.microchip.com) Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System 4. Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
(c) 1999 Microchip Technology Inc.
Powered by ICminer.com Electronic-Library Service CopyRight 2003
DS21201C-page 11
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
Microchip Technology Inc. 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 602-786-7200 Fax: 602-786-7277 Technical Support: 602-786-7627 Web: http://www.microchip.com
AMERICAS (continued)
Toronto
Microchip Technology Inc. 5925 Airport Road, Suite 200 Mississauga, Ontario L4V 1W1, Canada Tel: 905-405-6279 Fax: 905-405-6253
ASIA/PACIFIC (continued)
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore 188980 Tel: 65-334-8870 Fax: 65-334-8850
ASIA/PACIFIC
Hong Kong
Microchip Asia Pacific Unit 2101, Tower 2 Metroplaza Kwai Fong, N.T., Hong Kong Tel: 852-2-401-1200 Fax: 852-2-401-3431
Taiwan, R.O.C
Microchip Technology Taiwan 10F-1C 207 Tung Hua North Road Taipei, Taiwan, ROC Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Atlanta
Microchip Technology Inc. 500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
Boston
Microchip Technology Inc. 5 Mount Royal Avenue Marlborough, MA 01752 Tel: 508-480-9990 Fax: 508-480-8575
India
Microchip Technology Inc. India Liaison Office No. 6, Legacy, Convent Road Bangalore 560 025, India Tel: 91-80-229-0061 Fax: 91-80-229-0062
EUROPE
United Kingdom
Arizona Microchip Technology Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44 118 921 5858 Fax: 44-118 921-5835
Chicago
Microchip Technology Inc. 333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
Japan
Microchip Technology Intl. Inc. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa 222-0033 Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
France
Arizona Microchip Technology SARL Zone Industrielle de la Bonde 2 Rue du Buisson aux Fraises 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Dallas
Microchip Technology Inc. 14651 Dallas Parkway, Suite 816 Dallas, TX 75240-8809 Tel: 972-991-7177 Fax: 972-991-8588
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea Tel: 82-2-554-7200 Fax: 82-2-558-5934
Dayton
Microchip Technology Inc. Two Prestige Place, Suite 150 Miamisburg, OH 45342 Tel: 937-291-1654 Fax: 937-291-9175
Germany
Arizona Microchip Technology GmbH Gustav-Heinemann-Ring 125 D-81739 Munchen, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
Detroit
Microchip Technology Inc. 42705 Grand River, Suite 201 Novi, MI 48375-1727 Tel: 248-374-1888 Fax: 248-374-2874
Shanghai
Microchip Technology RM 406 Shanghai Golden Bridge Bldg. 2077 Yan'an Road West, Hong Qiao District Shanghai, PRC 200335 Tel: 86-21-6275-5700 Fax: 86 21-6275-5060
Italy
Arizona Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-39-6899939 Fax: 39-39-6899883 03/15/99
Los Angeles
Microchip Technology Inc. 18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
New York
Microchip Technology Inc. 150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 516-273-5305 Fax: 516-273-5335
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
Microchip received ISO 9001 Quality System certification for its worldwide headquarters, design, and wafer fabrication facilities in January, 1997. Our field-programmable PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, related specialty memory products and development systems conform to the stringent quality standards of the International Standard Organization (ISO).
Printed on recycled paper.
All rights reserved. (c) 1999 Microchip Technology Incorporated. Printed in the USA. 4/99
Information contained in this publication regarding device applications and the like is intended for suggestion only and may be superseded by updates. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights. The Microchip logo and name are registered trademarks of Microchip Technology Inc. in the U.S.A. and other countries. All rights reserved. All other trademarks mentioned herein are the property of their respective companies.
DS21201C-page 12
Powered by ICminer.com Electronic-Library Service CopyRight 2003
(c) 1999 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of 24C01C-EP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X