Part Number Hot Search : 
E220K EVH12390 TA7414P LD7710 GC160A24 ADC1415S 1SS187 MPSW6306
Product Description
Full Text Search
 

To Download 2003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2003
3 Watt - 28 Volts, Class C Microwave 2000 MHz
GENERAL DESCRIPTION
The 2003 is a COMMON BASE transistor capable of providing 3 Watts Class C, RF output power at 2000 MHz. Gold metalization and diffused ballasting are used to provide high reliability and supreme ruggedness. The transistor is uses a fully hermetic High Temperature solder Sealed package.
CASE OUTLINE
55BT-1, Style 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25oC Maximum Voltage and Current BVces Collector to Emitter Voltage BVebo Emitter to Base Voltage Ic Collector Current Maximum Temperatures Storage Temperature Operating Junction Temperature 12 Watts
50 Volts 3.5 Volts 0.5 A - 65 to + 200 oC + 200 oC
ELECTRICAL CHARACTERISTICS @ 25 OC
SYMBOL Pout Pin Pg CHARACTERISTICS Power Out Power Input Power Gain Collector Efficiency Load Mismatch Tolerance TEST CONDITIONS F = 2000 MHz Vcb = 28 Volts Po = 3.0 Watts As Above F = 2 GHz, Po = 3 W MIN 3.0 0.47 8.1 8.5 40 30:1 TYP MAX UNITS Watt Watt dB %
c
VSWR1
BVces BVcbo BVebo Icbo hFE Cob
jc
Collector to Emitter Breakdown Collector to Base Breakdown Emitter to Base Breakdown Collector to Base Current Current Gain Output Capacitance Thermal Resistance
Ic = 10 mA Ic = 1 mA Ie = 1.0 mA Vcb = 28 Volts
50 45 3.5 500 10 5.0 15
Volts Volts Volts
A
o
Vce = 5 V, Ic = 100 mA F =1 MHz, Vcb = 28 V
pF C/W
Issue August 1996
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
2003
August 1996


▲Up To Search▲   

 
Price & Availability of 2003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X