Part Number Hot Search : 
SDA113C F1640 50N10 DM9302EP 46010 221M16 ML101J27 AB2065B
Product Description
Full Text Search
 

To Download RK66R18112M35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rocker Switches
SP Waterproof Rocker Switch RK66R Series
CIRCUIT DIAGRAM MOUNTING HOLE
13 16
14
17
15
18
How to order:
RK66R
1 13 14 15 16 17 18 2 1 112 113
1
2
3
35
3 1 A D M 4 1 35 ROHS RoHS Compliant ACTUATOR SHAPE
4
General Specifications:
FEATURES Round rocker switch Single pole Illuminated or non-illuminated IP 65 MATERIALS Contacts: Silver alloy Frame: Nylon66 (94-V2)- Black Actuator: PC (94-V2)- Black Terminals: Copper alloy Lamp: Neon 125VAC 33K / 250VAC 150K Waterproof Rubber: Silicone MECHANICAL Temperature Range: -25C to +85C ELECTRICAL Electrical Life: 10,000 cycles Rating: 16A125VAC, 10A250VAC 20A 14VDC, 10A 28VDC Dielectric Strength: 1500VAC 1 min. Contact Resistance: 50m max. Insulation Resistance: 100M min. at 500VDC Operation: 400100g
FUNCTIONS 2P SPST ON-OFF 3P SPST ON-OFF (Illuminated) 3P SPST MOM-OFF (Illuminated) 3P SPDT ON-ON 3P SPDT ON-OFF-ON 2P SPST MOM-OFF TERMINATION
only for 13,16,17,18
114
only for 13,16,17,18
sales@greatecs.com
www.greatecs.com


▲Up To Search▲   

 
Price & Availability of RK66R18112M35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X