Part Number Hot Search : 
210000 P3937 210000 NTD132C TIONA U63716DC PIC16C7 MMSZ5236
Product Description
Full Text Search
 

To Download OLS-130HSDHY-CX-TU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OSA Opto Light GmbH Kopenicker Str. 325 / Haus 201 12555 Berlin - Germany Tel. +49 (0)30 65 76 26 83 Fax: +49 (0)30 65 76 26 81 E-Mail: contact@osa-opto.com
Series 130 - 1206 Duplex
Features
size 1206: 3,2(L) x 1,6(W) x 1,2(H) mm circuit substrate: glass laminated epoxy soldering pads: gold plated, all soldering methods applicable taped in 8 mm blister tape, cathode to transporting perforation - all devices sorted into luminous intensity classes - taping: face-up (TU) or face-down (TD) possible - on request sorted in color classes -
Absolute Maximum Ratings
PD, max[mW]] 65 IF,P [mA] tp 100 s =1: 10 100 VR [V] 5 IR, max [A] 100 Thermal resistance R thJA [K / W] 450 TOp [C] -40...105 TSt [C] -55...105
80
60
PD [mW]
40
Power reduction characteristic
20
0 -40
-20
0
20
40
60
80
100
Top [ C]
Electro-Optical Characteristics
Type OLS-130 HSD/HY Emittion color hyper TSN red hyper yellow Die position 1 2 Measurement IF [mA] 20 20 VF[V] max 2,6 2,6 d / p* [nm] 625 590 IV[mcd] min Typ 60 120 60 150
typ 2,1 2,0
(c) 2007
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
edition 08/07
Outline Drawing
Recommended Soldering Patterns
Soldering Conditions
300
250 10-20 s
Temperature (C)
230C 200
150 Max. 40 s 100
IR reflow soldering profile
50
0 50 100 150 200 250 300
Time (sec)
300 Max. 10 s 250
235C-260C First Wave
Second Wave
Temperature (C)
200
150
Process Limits
100
4C/sec.
Wave soldering profile
50
0 50 100 150 200 250
Time (sec)
Manual soldering:
max power of iron 25W/1s/300 C
(c) 2007
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
edition 08/07
Ordering Code For Parts
OLS-130 HSD/HY - CX - TU
Type TU - taped up TD - taped down CX - colored clear
LED Luminous Intensity Groups And Subgroups [ mcd ]
(general information - not this device specific)
C: D: E: F: G: H: J: K: L: M: N: P: Q: R: S: T: U: V: W: X: Y: Z: 0.28 0.45 0.71 1.12 1.80 2.80 4.50 7.10 11.20 18 28 45 71 112 180 280 450 710 1120 1800 2800 4500 0.45 0.71 1.12 1.80 2.80 4.50 7.10 11.20 18.00 28 45 71 112 180 280 450 710 1120 1800 2800 4500 7100 C1: C2: D1: D2: E1: E2: F1: F2: G1: G2: H1: H2: J1: J2: K1: K2: L1: L2: M1: M2: N1: N2: P1: P2: 0.28 0.36 0.45 0.56 0.71 0.90 1.12 1.40 1.80 2.24 2.80 3.55 4.50 5.60 7.10 9.00 11.20 14.00 18.00 22.40 28.00 35.50 45.00 56.00 0.36 0.45 0.56 0.71 0.90 1.12 1.40 1.80 2.24 2.80 3.55 4.50 5.60 7.10 9.00 11.20 14.00 18.00 22.40 28.00 35.50 45.00 56.00 71.00 Q1: Q2: R1: R2: S1: S2: T1: T2: U1: U2: V1: V2: W1: W2: X1: X2: Y1: Y2: Z1: Z2: 71 90 112 140 180 224 280 355 450 560 710 900 1120 1420 1800 2250 2800 3550 4500 5750 90 112 140 180 224 280 355 450 560 710 900 1120 1420 1800 2250 2800 3550 4500 5750 7100
Measured according to CIE 127. All SMD-LEDs are 100% measured and selected on full automated equipment with an accuracy of 11 %. Special service: Brightness selection in sub selections possible. Color selection in 3 sub selections possible (each subgroup per reel).
(c) 2007
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
edition 08/07
Tape And Reel Packing
D 180 mm 330 mm
Parts/reel 3000 12000
Packing:
The reel is sealed in special plastic bag with integrate ESD protection ( MIL - STD 81705 ) including a silica dry-pack
Label
Order No. Type Intensity group Chargen No. Quantity
XXXXXXXXX OLS-130 HSD/HY-??-T? ZZ 1122-AAAAAA 9999
Customer order No.
11 Week - 22 year - A internal identification
(c) 2007
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com


▲Up To Search▲   

 
Price & Availability of OLS-130HSDHY-CX-TU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X