Part Number Hot Search : 
0102A SN74L BD896 A143Z 75M00 HD66728 SCL4511 DTA144W
Product Description
Full Text Search
 

To Download MUR405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR405, MUR410, MUR415, MUR420, MUR440, MUR460
MUR420 and MUR460 are Preferred Devices
SWITCHMODEt Power Rectifiers
These state-of-the-art devices are a series designed for use in switching power supplies, inverters and as free wheeling diodes.
Features http://onsemi.com
* * * * * * * * *
Ultrafast 25 ns, 50 ns and 75 ns Recovery Times 175C Operating Junction Temperature Low Forward Voltage Low Leakage Current High Temperature Glass Passivated Junction Reverse Voltage to 600 V Shipped in Plastic Bags, 500 per Bag Available in Tape and Reel, 1500 per Reel, by Adding a "RL'' Suffix to the Part Number Pb-Free Packages are Available*
ULTRAFAST RECTIFIERS 4.0 AMPERES, 50-600 VOLTS
Mechanical Characteristics:
* Case: Epoxy, Molded * Weight: 1.1 Gram (Approximately) www..com * Finish: All External Surfaces Corrosion Resistant and * *
Terminal Leads are Readily Solderable Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds Polarity: Cathode indicated by Polarity Band
AXIAL LEAD CASE 267 STYLE 1
MARKING DIAGRAM
A MUR 4xx YYWW G G
A = Assembly Location MUR4xx = Device Number x = 05, 10, 15, 20, 40, 60 YY = Year WW = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet.
Preferred devices are recommended choices for future use and best overall value.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
1
July, 2006 - Rev. 11
Publication Order Number: MUR420/D
MUR405, MUR410, MUR415, MUR420, MUR440, MUR460
MAXIMUM RATINGS
MUR Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Square Wave) (Mounting Method #3 Per Note 2) Nonrepetitive Peak Surge Current (Surge applied at rated load conditions, half wave, single phase, 60 Hz) Operating Junction Temperature & Storage Temperature Symbol VRRM VRWM VR IF(AV) IFSM TJ, Tstg 405 50 410 100 415 150 420 200 440 400 460 600 Unit V
4.0 @ TA = 80C 125 *65 to +175
4.0 @ TA = 40C 110
A A C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
MUR Rating Maximum Thermal Resistance, Junction-to-Ambient Symbol RqJA 405 410 415 420 440 460 Unit C/W
See Note 2
ELECTRICAL CHARACTERISTICS
MUR Rating Maximum Instantaneous Forward Voltage (Note 1) (iF = 3.0 A, TJ = 150C) (iF = 3.0 A, TJ = 25C) (iF = 4.0 A, TJ = 25C) Maximum Instantaneous Reverse Current (Note 1) (Rated dc Voltage, TJ = 150C) (Rated dc Voltage, TJ = 25C) Maximum Reverse Recovery Time (IF = 1.0 A, di/dt = 50 A/ms) (IF = 0.5 A, iR = 1.0 A, IREC = 0.25 A) Maximum Forward Recovery Time (IF = 1.0 A, di/dt = 100 A/ms, Recovery to 1.0 V) Controlled Avalanche Energy (Maximum) 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2.0%. Symbol vF 0.71 0.88 0.89 iR 150 5 trr 35 25 tfr Waval 25 5 75 50 50 ns mJ 250 10 ns 1.05 1.25 1.28 mA 405 410 415 420 440 460 Unit V
http://onsemi.com
2
MUR405, MUR410, MUR415, MUR420, MUR440, MUR460
ORDERING INFORMATION
Device MUR405 MUR405G MUR410 MUR410G MUR410RL MUR410RLG MUR415 MUR415G MUR415RL MUR415RLG MUR420 MUR420G MUR420RL MUR420RLG MUR440 MUR440G MUR440RL MUR440RLG MUR460 MUR460G MUR460FF MUR460FFG MUR460RL MUR460RLG Package Axial Lead* Axial Lead* 500 Units / Bag Axial Lead* Axial Lead* Axial Lead* 1500 / Tape & Reel Axial Lead* Axial Lead* 500 Units / Bag Axial Lead* Axial Lead* 1500 / Tape & Reel Axial Lead* Axial Lead* 500 Units / Bag Axial Lead* Axial Lead* 1500 / Tape & Reel Axial Lead* Axial Lead* 500 Units / Bag Axial Lead* Axial Lead* 1500 / Tape & Reel Axial Lead* Axial Lead* 500 Units / Bag Axial Lead* Axial Lead* 500 Units / Bag Axial Lead* Axial Lead* 1500 / Tape & Reel Axial Lead* For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *These packages are inherently Pb-Free. Shipping
http://onsemi.com
3
MUR405, MUR410, MUR415, MUR420, MUR440, MUR460
MUR405, MUR410, MUR415, MUR420
100 IR, REVERSE CURRENT (m A) 70 50 30 20 i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0.008 0.004 0.002 0 5.0 3.0 2.0 TJ = 175C 1.0 0.7 0.5 0.3 0.2 25C 100C 20 40 60 80 100 120 140 VR, REVERSE VOLTAGE (V)
TJ = 175C
100C
25C
10 7.0
160
180 200
Figure 2. Typical Reverse Current
IF(AV), AVERAGE FORWARD CURRENT (A)
8 7 DC 6 5 4 3 2 1 0 0 20 40 60 80 100 120 140 160 180 200 TA, AMBIENT TEMPERATURE (C) SQUAREWAVE Rated VR RqJA = 28C/W
0.1 0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
vF, INSTANTANEOUS VOLTAGE (V)
Figure 1. Typical Forward Voltage
Figure 3. Current Derating (Mounting Method #3 Per Note 2)
PF(AV), AVERAGE POWER DISSIPATION (WATTS)
10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 dc SQUAREWAVE (Capacitive IPK =20 IAV Load) 10 5.0 C, CAPACITANCE (pF)
200
TJ = 25C 100 90 80 70 60 50 40 30 20 0 10 20 30 40 50 VR, REVERSE VOLTAGE (V)
IF(AV), AVERAGE FORWARD CURRENT (A)
Figure 4. Power Dissipation
Figure 5. Typical Capacitance
http://onsemi.com
4
MUR405, MUR410, MUR415, MUR420, MUR440, MUR460
MUR440, MUR460
20 IR, REVERSE CURRENT (m A) 400 200 80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0.008 0.004
TJ = 175C
10 7.0 5.0 i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 3.0 2.0
100C
25C
TJ = 175C 25C 100C
0
100
200
300
400
500
600
700
1.0 0.7 0.5 0.3 0.2 IF(AV), AVERAGE FORWARD CURRENT (A) 8 7 6 5 4 3 2 1 0 0 20 40 DC
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Typical Reverse Current
Rated VR RqJA = 28C/W
0.1 0.07 0.05 0.03 0.02 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3
SQUAREWAVE
60
80
100 120 140 160 180 200
vF, INSTANTANEOUS VOLTAGE (VOLTS)
TA, AMBIENT TEMPERATURE (C)
Figure 6. Typical Forward Voltage
Figure 8. Current Derating (Mounting Method #3 Per Note 2)
PF(AV), AVERAGE POWER DISSIPATION (WATTS)
14 12 10 8.0 6.0 4.0 2.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 (Capacitive IPK =20 IAV Load) 10
SQUAREWAVE C, CAPACITANCE (pF) 5.0 dc
40 30 TJ = 25C 20
10 9.0 8.0 7.0 6.0 5.0 4.0 0 10 20 30 40 VR, REVERSE VOLTAGE (VOLTS) 50
7.0
8.0
9.0
10
IF(AV), AVERAGE FORWARD CURRENT (A)
Figure 9. Power Dissipation
Figure 10. Typical Capacitance
http://onsemi.com
5
MUR405, MUR410, MUR415, MUR420, MUR440, MUR460
NOTE 2 -- AMBIENT MOUNTING DATA
Data shown for thermal resistance junction-to-ambient (RqJA) for the mountings shown is to be used as typical guideline values for preliminary engineering or in case the tie point temperature cannot be measured.
TYPICAL VALUES FOR RqJA IN STILL AIR Mounting Method 1 2 RqJA 3 Lead Length, L (IN) 1/8 1/4 1/2 3/4 50 51 53 55 58 59 61 63 28 Units C/W C/W C/W
MOUNTING METHOD 1 P.C. Board Where Available Copper Surface area is small.
L
L
EEEEEEEEEEE EEEEEEEEEEE
MOUNTING METHOD 2 Vector Push-In Terminals T-28
L L
EEEEEEEEEEEE EEEEEEEEEEEE
MOUNTING METHOD 3 P.C. Board with 1-1/2 x 1-1/2 Copper Surface
EE EE EE EE EE EE EE EE
L = 1/2
Board Ground Plane
http://onsemi.com
6
MUR405, MUR410, MUR415, MUR420, MUR440, MUR460
PACKAGE DIMENSIONS
AXIAL LEAD CASE 267-05 (DO-201AD) ISSUE G
K D
1
A
2
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B D K INCHES MIN MAX 0.287 0.374 0.189 0.209 0.047 0.051 1.000 --- MILLIMETERS MIN MAX 7.30 9.50 4.80 5.30 1.20 1.30 25.40 ---
B
K
STYLE 1: PIN 1. CATHODE (POLARITY BAND) 2. ANODE
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
7
MUR420/D


▲Up To Search▲   

 
Price & Availability of MUR405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X