Part Number Hot Search : 
0605D ISL9440A 72012 230D6 600BW SF166CT EK7304 1N541508
Product Description
Full Text Search
 

To Download MP3R1Q18702L2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micro Switches
Micro Switches up to 10A 125/250VAC
t1.0 TYP.
MP3 Series
O3.10 F.P. O.P. 10.3 4.2
Contact Configuration
10.3
6.00
3.1
NO COM
10.30
2.8
O3.1 Screw Holes 22.20 Mounting Holes
6.0 22.2 27.8
3.4
O3.4
15.9-0
+0.1
NC
5.4 7.0
TERMINAL TYPE
4.5 6.3
4.75 7.2 t=0.8 O 2.4 2.0 3.4 6.0 3.4 O 1.7 6.35 3.2 O 2.0 O 1.2 t=0.5 2.9 6.3 1.6 2.1
4 4.0 t=1.0 7.0 M3x0.5 Screw 11.3
t=0.8
D Solder Terminal
C Screw
Q250 Quick Connect 250 Series
Q187 Quick Connect 187 Series
H P.C.B. Terminal
HINGED TYPE (LEVER)
27.8 20.2 22.0 8.4 35.6 8.4 Hinged Type 00 01 02 8.4 03 04 05 O.P. (mm) P.T. max. (mm) 1.2 1.6 4.0 9.0 4.0 1.6 4.0
OPERATING FORCE
O.T. min. (mm) 1.0 0.8 1.6 3.2 1.6 0.8 1.6 M.D. max. (mm) 0.3 0.5 0.8 2.0 0.8 0.5 0.8 Operating Force max. (gf) L 50 50 30 15 30 50 30 N 200 200 90 50 100 200 90 H 300 300 135 70 150 300 135 Release Force min. (gf) L 40 40 20 10 20 30 20 N 50 50 40 20 40 50 40 H 60 60 50 30 50 60 50
00 Pin Plunger
59.5
01 Short
R
8.4
02 Standard
32.6
14.750.45 15.20.5 161.2 15.73.1 18.751.25 20.70.6 20.651.25
03 Long
20.6 8.4
O4.8 O4.8
04 Simulated
34.0 8.4 11.8 8.4 31.8
06
05 Short Roller
06 Standard Roller
07 L Shape
How to order:
General Specifications:
3 4 5
MP3
R1 R2 R3
2 1
1
2
FEATURES
CURRENT RATING: 0.1A 48VDC 5A 125/250VAC 10A 125/250VAC TERMINAL (See above drawings): Solder Lug Screw Quick Connect 250 Series Quick Connect 187 Series P.C.B. Terminal HINGED TYPE (See above drawings): Pin Plunger Short Hinge Lever Standard Hinge Lever Long Hinge Lever Simulated Hinge Lever Short Roller Hinge Lever Standard Roller Hinge Lever L Shape Hinge Lever
4
L N H 2 1C 1O
5
OPERATING FORCE (See above shedule): Lower Force Standard Force Higher Force CIRCUIT S.P.D.T. S.P.S.T. (NC.) S.P.S.T. (NO.)
Long Life spring mechanism Large over travel MATERIAL Stationary Contact: AgNi (5A/10A) Brass copper (0.1A) Movable Contact: AgNi Terminals: Brass Copper MECHANICAL Type of Actuation: Momentary Mechanical Life: 300,000 operations min. Operating Temperature: -40C to +105C ELECTRICAL Electrical Life: 10,000 operations min. Initial Contact Resistance: 50m max. Insulation Resistance: 100M min.
D C Q250 Q187 H
3
00 01 02 03 04 05 06 07
sales@greatecs.com
www.greatecs.com
L03
Micro Switches
O.P. (Operation Position): The position of the actuator at which the contact snap to the operated contact position F.P. (Free Position): The initial position on the actuator when there is no external force applied P.T. (Pretravel): The distance or angle through which the actuator moves from the F.P. to the O.P. O.T. (Over Travel): The distance or angle of the actuator movement beyond the O.P. R.P. (Releasing Position): The position of the actuator at which the contacts snap from the operated contact position to their normal position M.D. (Movement Differential): The distance or angle from O.P. to R.P.
5.6
t=1.0
7.0
11.5
10.0
12.2 15.2
10.2
5.0
3.5


▲Up To Search▲   

 
Price & Availability of MP3R1Q18702L2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X