Part Number Hot Search : 
FP05S8 2N3906N 351YC KI4464DY 10J22 LXT9763 BF256A 70N6T
Product Description
Full Text Search
 

To Download MC74VHC1GT00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74VHC1GT00 Single 2-Input NAND Gate/ CMOS Logic Level Shifter
with LSTTL-Compatible Inputs
The MC74VHC1GT00 is a single gate 2-input NAND fabricated with silicon gate CMOS technology. The internal circuit is composed of multiple stages, including a buffer output which provides high noise immunity and stable output. The device input is compatible with TTL-type input thresholds and the output has a full 5 V CMOS level output swing. The input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic-level translator from 3.0 V CMOS logic to 5.0 V CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while operating at the high-voltage power supply. The MC74VHC1GT00 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the MC74VHC1GT00 to be used to interface 5 V circuits to 3 V circuits. The output structures also provide protection when VCC = 0 V. These input and output structures help prevent device destruction caused by supply voltage - input/output voltage mismatch, battery backup, hot insertion, etc.
http://onsemi.com MARKING DIAGRAMS
5 1 SC70-5/SC-88A/SOT-353 DF SUFFIX CASE 419A
VHd
Pin 1
5 1 SOT23-5/TSOP-5/SC59-5 DT SUFFIX CASE 483 d = Date Code
VHd
* * * * * * * *
Pin 1
High Speed: tPD = 3.1 ns (Typ) at VCC = 5 V Low Power Dissipation: ICC = 2 A (Max) at TA = 25C TTL-Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V CMOS-Compatible Outputs: VOH > 0.8 VCC; VOL < 0.1 VCC @Load Power Down Protection Provided on Inputs and Outputs Balanced Propagation Delays Pin and Function Compatible with Other Standard Logic Families Chip Complexity: FETs = 64
PIN ASSIGNMENT
1 2 3 4 5 IN B IN A GND OUT Y VCC
IN B IN A GND
1 2
5 VCC
FUNCTION TABLE
Inputs A B L H L H Output Y H H H L
3
4 OUT Y
Figure 1. Pinout
L L H H
IN A IN B
&
OUT Y
ORDERING INFORMATION Figure 2. Logic Symbol
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2001
1
September, 2001 - Rev. 8
Publication Order Number: MC74VHC1GT00/D
MC74VHC1GT00
MAXIMUM RATINGS
Symbol VCC VIN VOUT IIK IOK IOUT ICC TSTG TL TJ qJA PD MSL FR VESD DC Supply Voltage DC Input Voltage DC Output Voltage Input Diode Current Output Diode Current DC Output Current, per Pin DC Supply Current, VCC and GND Storage Temperature Range Lead Temperature, 1 mm from Case for 10 Seconds Junction Temperature Under Bias Thermal Resistance Power Dissipation in Still Air at 85_C Moisture Sensitivity Flammability Rating ESD Withstand Voltage Oxygen Index: 28 to 34 Human Body Model (Note 2) Machine Model (Note 3) Charged Device Model (Note 4) SC70-5/SC-88A/SOT-353 (Note 1) SOT23-5/TSOP-5/SC59-5 SC70-5/SC-88A/SOT-353 SOT23-5/TSOP-5/SC59-5 VOUT < GND; VOUT > VCC VCC = 0 High or Low State Characteristics Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -20 +20 +25 +50 *65 to )150 260 )150 350 230 150 200 Level 1 UL 94 V-0 @ 0.125 in u2000 u200 N/A V Unit V V V mA mA mA mA _C _C _C _C/W mW
ILATCH-UP Latch-Up Performance Above VCC and Below GND at 125_C (Note 5) $500 mA Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. Functional operation should be restricted to the Recommended Operating Conditions. 1. Measured with minimum pad spacing on an FR4 board, using 10 mm-by-1 inch, 2-ounce copper trace with no air flow. 2. Tested to EIA/JESD22-A114-A. 3. Tested to EIA/JESD22-A115-A. 4. Tested to JESD22-C101-A. 5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN VOUT TA tr , tf DC Supply Voltage DC Input Voltage DC Output Voltage Operating Temperature Range Input Rise and Fall Time VCC = 3.3 V 0.3 V VCC = 5.0 V 0.5 V VCC = 0 High or Low State Characteristics Min 3.0 0.0 0.0 0.0 -55 0 0 Max 5.5 5.5 5.5 VCC +125 100 20 Unit V V V C ns/V
DEVICE JUNCTION TEMPERATURE VERSUS TIME TO 0.1% BOND FAILURES
NORMALIZED FAILURE RATE Junction Temperature C 80 90 100 110 120 130 140 Time, Hours 1,032,200 419,300 178,700 79,600 37,000 17,800 8,900 Time, Years 117.8 47.9 20.4 9.4 4.2 2.0 1.0 FAILURE RATE OF PLASTIC = CERAMIC UNTIL INTERMETALLICS OCCUR TJ =120 C TJ =100 C TJ = 130 C TJ =110 C TJ = 90 C TJ = 80 C 100
1 1 10 TIME, YEARS 1000
Figure 3. Failure Rate vs. Time Junction Temperature
http://onsemi.com
2
MC74VHC1GT00
DC ELECTRICAL CHARACTERISTICS
VCC Symbol VIH Parameter Minimum High-Level Input Voltage Maximum Low-Level Input Voltage Minimum High-Level Output Voltage g VIN = VIH or VIL VIN = VIH or VIL IOH = -50 A VIN = VIH or VIL IOH = -4 mA IOH = -8 mA VIN = VIH or VIL IOL = 50 A VIN = VIH or VIL IOL = 4 mA IOL = 8 mA VIN = 5.5 V or GND VIN = VCC or GND Input: VIN = 3.4 V VOUT = 5.5 V Test Conditions (V) 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 3.0 4.5 3.0 4.5 3.0 4.5 0 to 5.5 5.5 5.5 0.0 2.9 4.4 2.58 3.94 0.0 0.0 0.1 0.1 0.36 0.36 0.1 2.0 1.35 0.5 3.0 4.5 Min 1.4 2.0 2.0 0.53 0.8 0.8 2.9 4.4 2.48 3.80 0.1 0.1 0.44 0.44 1.0 20 1.50 5.0 TA = 25C Typ Max TA 85C Min 1.4 2.0 2.0 0.53 0.8 0.8 2.9 4.4 2.34 3.66 0.1 0.1 0.52 0.52 1.0 40 1.65 10 A A mA A V V Max -55 TA 125C Min 1.4 2.0 2.0 0.53 0.8 0.8 Max Unit V
VIL
V
VOH
V V
VOL
Maximum Low-Level Output Voltage g VIN = VIH or VIL
IIN ICC ICCT IOFF
Maximum Input Leakage Current Maximum Quiescent Supply Current Quiescent Supply Current Power Off Output Leakage Current
II I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I I II I I I I I II I I I I II I I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I I II I I II I I I I I II I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
TA = 25C Typ 4.1 5.5 3.1 3.6 5.5 TA 85C -55 TA 125C Min Max Symbol tPLH, tPHL Parameter Test Conditions Min Max Min Max Unit ns Maximum Propagation Delay, g y Input A or B to Y I t t VCC = 3.3 0.3 V VCC = 5.0 0.5 V CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF 10.0 13.5 6.9 7.9 10 11.0 15.0 8.0 9.0 10 13.0 17.5 9.5 10.5 10 CIN Maximum Input Capacitance pF Typical @ 25C, VCC = 5.0 V 11 CPD Power Dissipation Capacitance (Note 6) pF 6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC. CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns
http://onsemi.com
3
MC74VHC1GT00
VCC INPUT CL* OUTPUT
A or B 50%
3.0 V GND tPLH tPHL VOH 50% VCC VOL
Y
*Includes all probe and jig capacitance. A 1-MHz square input wave is recommended for propagation delay tests.
Figure 4. Switching Waveforms
Figure 5. Test Circuit
DEVICE ORDERING INFORMATION
Device Nomenclature Device Order Number MC74VHC1GT00DFT1 MC74VHC1GT00DFT2 MC74VHC1GT00DTT1 Circuit Indicator MC MC MC Temp Range Identifier 74 74 74 Device Function T00 T00 T00 Package Suffix DF DF DT Tape & Reel Suffix T1 T2 T1 Package Type (Name/SOT#/ Common Name) SC70-5/SC-88A/ SOT-353 SC70-5/SC-88A/ SOT-353 SOT23-5/TSOP-5/ SC59-5 Tape and Reel Size 178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit
Technology VHC1G VHC1G VHC1G
http://onsemi.com
4
MC74VHC1GT00
CAVITY TAPE
TOP TAPE
TAPE TRAILER (Connected to Reel Hub) NO COMPONENTS 160 mm MIN
COMPONENTS DIRECTION OF FEED
TAPE LEADER NO COMPONENTS 400 mm MIN
Figure 6. Tape Ends for Finished Goods
TAPE DIMENSIONS mm 2.00 4.00 4.00 1.50 TYP 1.75
8.00 $0.30
3.50 $0.50
1 1.00 MIN DIRECTION OF FEED
Figure 7. SC-70-5/SC-88A/SOT-353 DFT1 Reel Configuration/Orientation
TAPE DIMENSIONS mm 2.00
4.00 4.00 1.50 TYP 1.75
8.00 $0.30
3.50 $0.50
1 1.00 MIN DIRECTION OF FEED
Figure 8. SC-70/SC-88A/SOT-353 DFT2 and SOT23-5/TSOP-5/SC59-5 DTT1 Reel Configuration/Orientation
http://onsemi.com
5
MC74VHC1GT00
t MAX
1.5 mm MIN (0.06 in) 20.2 mm MIN (0.795 in)
13.0 mm $0.2 mm (0.512 in $0.008 in)
A
50 mm MIN (1.969 in)
FULL RADIUS
G
Figure 9. Reel Dimensions
REEL DIMENSIONS
Tape Size 8 mm T and R Suffix T1, T2 A Max 178 mm (7 in) G 8.4 mm, + 1.5 mm, -0.0 (0.33 in + 0.059 in, -0.00) t Max 14.4 mm (0.56 in)
DIRECTION OF FEED
BARCODE LABEL POCKET HOLE
Figure 10. Reel Winding Direction
http://onsemi.com
6
MC74VHC1GT00
PACKAGE DIMENSIONS
SC70-5/SC-88A/SOT-353 DF SUFFIX 5-LEAD PACKAGE CASE 419A-01 ISSUE E
A G V
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D G H J K N S V INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 0.012 0.016 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20 0.30 0.40
5
4
S
1 2 3
-B-
D 5 PL
0.2 (0.008)
M
B
M
N J C
H
K
0.5 mm (min)
0.4 mm (min)
1.9 mm
http://onsemi.com
7
0.65 mm 0.65 mm
EEE EEE EEE EEE
EEE EEE EEE EEE EEE EEE EEE
MC74VHC1GT00
PACKAGE DIMENSIONS
SOT23-5/TSOP-5/SC59-5 DT SUFFIX 5-LEAD PACKAGE CASE 483-01 ISSUE B
D
5 1 2 4 3 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. DIM A B C D G H J K L M S MILLIMETERS MIN MAX 2.90 3.10 1.30 1.70 0.90 1.10 0.25 0.50 0.85 1.05 0.013 0.100 0.10 0.26 0.20 0.60 1.25 1.55 0_ 10 _ 2.50 3.00 INCHES MIN MAX 0.1142 0.1220 0.0512 0.0669 0.0354 0.0433 0.0098 0.0197 0.0335 0.0413 0.0005 0.0040 0.0040 0.0102 0.0079 0.0236 0.0493 0.0610 0_ 10 _ 0.0985 0.1181
S
B
L G A J C 0.05 (0.002) H K M
0.037 0.95 0.074 1.9
0.037 0.95
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
EEE EEEE EEE EEEE EEEE EEEE EEE EEEE EEE EEEE
0.039 1.0
0.094 2.4
0.028 0.7 inches mm
http://onsemi.com
8
MC74VHC1GT00/D


▲Up To Search▲   

 
Price & Availability of MC74VHC1GT00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X