Part Number Hot Search : 
MSM7662 LA4742 62NS04 0B6TR H3500 EL5175IY 55NF03 WF201
Product Description
Full Text Search
 

To Download M2326910 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Glass Capacitors
CYR51, 52, 53 (Established Reliability) M23269/10 (QPL to MIL-PRF-23269)
FAILURE RATE LEVEL M
APPLICATIONS
These precision glass dielectric capacitors are QPL to Established Reliability specification MIL-PRF-23269. Fused monolithic construction provides excellent electrical performance, environmental immunity, stability and retraceability. These capacitors have radial leads.
M23269J 10-3126 AVX
M23269J 10-3214 AVX
M23269J 10-3327 AVX
PERFORMANCE CHARACTERISTICS
Temperature Coefficient: +140 25 ppm/C from -55C to +125C. TC of all units will track and retrace to within 5 ppm. Life: At rated conditions (100% rated voltage, 125C), capacitance change is less than: 0.5% after 2,000 hours 2.0% after 30,000 hours At accelerated conditions (150% rated voltage, 125C), capacitance change is less than: 0.5% after 2,000 hours 2.0% after 6,000 hours Insulation Resistance: A minimum of 100,000 megohms at 25C and 10,000 megohms at 125C. Voltage/Temperature Rating: Voltage ratings are shown in the part number tables. The operating temperature range is -55C to +125C. Voltage Coefficient: Zero Additional performance details are given in the AVX "Performance Characteristics of Multilayer Glass Dielectric Capacitors" technical paper.
CYR51
CYR52
CYR53
L
T
W
31.75 (1.250) Min.
S
DIMENSIONS:
Case Size
CYR51 CYR52 CYR53
millimeters (inches)
W 0.25 (0.010)
5.08 (0.200) 7.62 (0.300) 7.62 (0.300)
L 0.13 (0.005)
7.62 (0.300) 7.62 (0.300) 12.70 (0.500)
T 0.13 (0.005)
2.92 (0.115) 2.92 (0.115) 2.92 (0.115)
S 0.51 (0.020)
5.08 (0.200) 5.08 (0.200) 10.16 (0.400)
Lead Dia. 0.051 (0.002)
.51 (0.020) .51 (0.020) .51 (0.020)
Note: Leads are solderable and weldable gold-plated Dumet, per MIL-STD-1276, Type D.
16
www..com
Glass Capacitors
Part Numbers and Ordering Information
HOW TO ORDER
M23269
Style Military Specification Established Reliability Glass Capacitor
/
10
Case Size Slash sheet CYR51 CYR52 CYR53
--
3
Failure Rate 3 = M level, 1%/1000 hrs.
001
Capacitance Code Capacitance value coded in accordance with MIL-PRF-23269 -
(see Part Number section)
MARKING
CYR51, 52, 53
M23269J 10-3001
CROSS REFERENCE
M23269 = Military specification established reliability glass capacitor J = JAN Trademark 10 = Slash sheet for case sizes - CYR51, CYR52, CYR53 3 = Failure rate (M level) 001 = Capacitance value coded in accordance with MIL-PRF-23269 AVX = AVX Corporation 06 = Year B = Lot Code MIL-C-23269 Style CYR10 CYR15 CYR20 CYR30 CYR51 CYR52 CYR53 MIL-C-11272 Style CY10 CY15 CY20 CY30 CY06 CY07 CY08
AVX 06 B
RATINGS & PART NUMBER REFERENCE
Cap. Value (pF)
300 Volts 1 1.5 2.2 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24
Part Number Capacitance Tolerance
CYR51 M23269/10.25pF 2% 3001 -- 3002 -- 3003 -- 3004 -- 3005 -- 3006 -- 3007 -- 3008 -- 3009 -- 3010 -- 3011 -- 3013 -- 3015 -- 3017 -- 3019 -- 3021 -- 3023 -- 3025 -- 3027 -- 3029 -- 3031 3032 3034 3035 3037 3038 3040 3041 3043 3044 3046 3047 3049 3050 5% -- -- -- -- -- -- -- -- -- -- 3012 3014 3016 3018 3020 3022 3024 3026 3028 3030 3033 3036 3039 3042 3045 3048 3051
Cap. Value (pF)
300 Volts 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560
Part Number Capacitance Tolerance
5% 3054 3057 3060 3063 3066 3069 3072 3075 3078 3081 3084 3087 3090 3093 3096 3099 3102 3105 3108 3111 3114 3117 3120 3123 3126 3129 3132 3135 3138 3141 3144 3147 3150
Cap. Value (pF)
300 Volts 620 680 750 820 910 1,000 1,100 1,200 1,300 1,500 1,600 1,800 2,000 2,200 2,400
Part Number Capacitance Tolerance
CYR52 M23269/101% 2% 3201 3202 3204 3205 3207 3208 3210 3211 3213 3214 3216 3217 CYR53 M23269/103301 3302 3304 3305 3307 3308 3310 3311 3313 3314 3316 3317 3319 3320 3322 3323 3325 3326 5% 3203 3206 3209 3212 3215 3218 3303 3306 3309 3312 3315 3318 3321 3324 3327
*Add first digit to indicate failure rate.
CYR51 M23269/10- (cont'd) 1% 2% 3052 3053 3055 3056 3058 3059 3061 3062 3064 3065 3067 3068 3070 3071 3073 3074 3076 3077 3079 3080 3082 3083 3085 3086 3088 3089 3091 3092 3094 3095 3097 3098 3100 3101 3103 3104 3106 3107 3109 3110 3112 3113 3115 3116 3118 3119 3121 3122 3124 3125 3127 3128 3130 3131 3133 3134 3136 3137 3139 3140 3142 3143 3145 3146 3148 3149
*Add first digit to indicate failure rate.
*Add first digit to indicate failure rate.
17


▲Up To Search▲   

 
Price & Availability of M2326910

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X