|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Rugged PCB type Ordering information LEA100F R LEA 100 1 2 3 F 4 -5 5 -O 1Series name 2Output wattage 3Universal input 4Output voltage 5Optional C :with Coating G :Low leakage current J2:Mini terminal block R :with Remote ON/OFF S :with Chassis SN :with Chassis & cover Y :with Potentiometer Recommended Noise Filter NAC-06-472 High voltage pulse noise type : NAP series Low leakage current type : NAM series *The Noise Filter is recommended *to connect with several devices. MODEL MAX OUTPUT WATTAGE[W] DC OUTPUT *5 LEA100F-3R3-Y LEA100F-5 LEA100F-9 LEA100F-12 LEA100F-15 LEA100F-18 LEA100F-24 LEA100F-24-H LEA100F-30 LEA100F-48 66 100 103.5 102 100.5 100.8 103.2 103.2 105 105.6 3.3V 20A 5V 20A 9V 11.5A 12V 8.5A 15V 6.7A 18V 5.6A 24V 4.3A 24V 4.3(5.0)A 30V 3.5A 48V 2.2A SPECIFICATIONS LEA MODEL VOLTAGE[V] CURRENT[A] FREQUENCY[Hz] INPUT ACIN 100V ACIN 200V ACIN 100V POWER FACTOR ACIN 200V ACIN 100V INRUSH CURRENT[A] ACIN 200V LEAKAGE CURRENT[mA] VOLTAGE[V] CURRENT[A] *1 LINE REGULATION[mV] LOAD REGULATION[mV] 0 to +50C *2 RIPPLE[mVp-p] -10 - 0C *2 0 to +50C *2 RIPPLE NOISE[mVp-p] -10 - 0C *2 0 to +50C TEMPERATURE REGULATION[mV] -10 to +50C DRIFT[mV] *3 START-UP TIME[ms] HOLD-UP TIME[ms] OUTPUT VOLTAGE ADJUSTMENT RANGE[V] OUTPUT VOLTAGE SETTING[V] OVERCURRENT PROTECTION OVERVOLTAGE PROTECTION OPERATING INDICATION REMOTE SENSING REMOTE ON/OFF INPUT-OUTPUT -RC *4 INPUT-FG OUTPUT-RC-FG *4 OUTPUT-RC *4 OPERATING TEMP.,HUMID.AND ALTITUDE STORAGE TEMP.,HUMID.AND ALTITUDE VIBRATION IMPACT AGENCY APPROVALS CONDUCTED NOISE HARMONIC ATTENUATOR CASE SIZE/WEIGHT COOLING METHOD EFFICIENCY[%] ACIN 100V ACIN 200V OUTPUT PROTECTION CIRCUIT AND OTHERS ISOLATION ENVIRONMENT SAFETY AND NOISE REGULATIONS OTHERS LEA100F-3R3-Y LEA100F-5 LEA100F-9 LEA100F-12 LEA100F-15 LEA100F-18 LEA100F-24 LEA100F-24-H AC85 - 264 1f or DC120 - 370 1.0 1.4typ 0.5 0.7typ 50/60 (47 - 63) or DC 71typ 75typ 79typ 79typ 79typ 81typ 81typ 81typ 73typ 78typ 81typ 81typ 82typ 83typ 84typ 84typ 0.98typ 0.99typ 0.92typ 0.94typ 15typ (Io=100%) (At cold start) (Ta=25 C) 30typ (Io=100%) (At cold start) (Ta=25 C) 0.75max (60Hz, According to IEC60950 and DEN-AN) 3.3 5 9 12 15 18 24 24 20 20 11.5 8.5 6.7 5.6 4.3 4.3 (Peak 5.0) 20max 20max 36max 48max 60max 72max 96max 96max 40max 40max 100max 100max 120max 120max 150max 150max 80max 80max 120max 120max 120max 120max 120max 120max 140max 140max 160max 160max 160max 160max 160max 160max 120max 120max 150max 150max 150max 150max 150max 150max 160max 160max 180max 180max 180max 180max 180max 180max 50max 50max 90max 120max 150max 180max 240max 240max 60max 60max 120max 150max 180max 200max 290max 290max 20max 20max 36max 48max 60max 72max 96max 96max 500max (ACIN 100V, Io=100%) 20typ (Io=100%) 2.85 - 3.6 Fixed ("Y"which can be adjusted the output is available as optional:t10%) 3.25 - 3.35 4.9 - 5.3 8.6 - 9.4 11.5 - 12.5 14.4 - 15.6 17.3 - 18.7 23.0 - 25.0 23.0 - 25.0 Works over 105% of rating (works over 105% of peak current at option -H) and recovers automatically 4.00 - 5.25V Works at 115 - 140% of rating Not provided Not provided Option (Refer to Instruction Manual) AC3,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (At Room Temperature) AC2,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (At Room Temperature) AC500V 1minute, Cutoff current = 100mA, DC500V 50MW min (At Room Temperature) AC100V 1minute, Cutoff current = 100mA, DC100V 10MW min (At Room Temperature) -10 to +70C, 20 - 90%RH (Non condensing) (Refer to DERATING CURVE), 3,000m (10,000feet) max -20 to +75C, 20 - 90%RH (Non condensing), 9,000m (30,000feet) max 10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis 196.1m/s2 (20G), 11ms, once each X, Y and Z axis UL60950-1, C-UL, EN60950-1, EN50178 Complies with DEN-AN and IEC60950-1 (At only AC input) Complies with FCC-B, CISPR22-B, EN55022-B, VCCI-B Complies with IEC61000-3-2 62X35X222mm (WXHXD) /380g max (without chassis and cover) Convection *4 *5 * * with the input voltage held constant at the rated input/output. Applicable when remote control (optional) is added. ( ):peak current. Parallel operation with other model is not possible. Derating is required when operated with chassis and cover. LEA100F-30 LEA100F-48 82typ 85typ 83typ 85typ 30 3.5 120max 180max 120max 160max 150max 180max 300max 360max 120max 48 2.2 192max 300max 150max 200max 350max 400max 480max 600max 192max 28.5 - 31.5 46.0 - 50.0 *1 Peak load for 10 sec. or less is acceptable if the total wattage is less than the rated wattage. *2 This is the value that measured on measuring board with capacitor of 22mF within 150mm from output terminal. Measured by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to KEISOKU-GIKEN: RM101). *3 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C, E-22 LEA100F External view CN3 Connector for Remote ON/OFF (optional) Voltage adjust (optional) Name plate RC () RC + () 34.5 4-3.5 Mounting Hole 2-4.5 + 235-0.5 8 4-M4 Mounting Hole 11 13 23 + 52-0.5 CN1 FG AC (N) AC (L) + 45-0.5 CN2 + 25-0.5 62 36 8 20 15 4.5 45 4.5 72 CN2 C1 19 Output () Output + () CN1 5 5 + 212-0.5 222 4.5 2-M4 Mounting Hole PCB t=1.6 252 + 235-0.5 (Lead) 3max 32 PIN CONNECTION I / O Connector Mating Connector CN1 B3P5-VH CN2 B8P-VH CN3 B2B-XH-A VHR-5N VHR-8N XHP-2 Terminal Chain : SVH-21T-P1.1 Loose: BVH-21T-P1.1 Chain : SVH-21T-P1.1 Loose: BVH-21T-P1.1 Chain : SXH-001T-P0.6 Loose: BXH-001T-P0.6 (Mfr: J.S.T.) Pin No. Input 1 AC(L) 2 CN1 3 AC(N) 4 5 FG Pin No. Output 1~4 CN2 5~8 +V -V Optional Pin No. Remote ON/OFF 1 CN3 2 RC(-) RC(+) Keep drawing current per pin below 5A for CN2 Weight: 380g or less (Without chassis and cover) Tolerance: t1 Dimensions in mm. PCB Material: Glass composite (CEM3) Chassis and cover is optional. Chassis and cover is not available to remote ON/OFF unit. Mounting torque: 1.5N * m(16kgf * cm)max LEA Performance data RISE TIME & FALL TIME (LEA100F-5) EFFICIENCY (LEA100F-5) 80 78 76 EFFICIENCY DC Output AC Input ACIN 100V Io=100% 74 72 70 Load factor100% Load factor 50% 100 140 180 220 260 300 50ms/DIV 68 60 INPUT VOLTAGE V INPUT HARMONIC CURRENT (LEA100F-5) 10 INPUT HARMONIC CURRENT (LEA100F-5) 10 A HARMONIC CURRENT HARMONIC CURRENT 1 Load factor 100% Input voltage AC 100V A Harmonic current standard class A (at odd number) 1 Harmonic current standard class A (at odd number) Load factor 100% Input voltage AC 230V 0.1 0.1 0.01 0.01 0.001 0 10 20 30 40 0.001 0 10 20 30 40 HARMONIC ORDER HARMONIC ORDER Distribution: RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de E-23 Anderungen vorbehalten / subject to change without notice |
Price & Availability of LEA100F-5-SN |