|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LC230WX3 Liquid Crystal Display Product Specification SPECIFICATION FOR APPROVAL ( ) Preliminary Specification ( ) Final Specification Title BUYER MODEL General 23.0" WXGA TFT LCD SUPPLIER *MODEL SUFFIX LG.Philips LCD Co., Ltd. LC230WX3 SLA1 *When you obtain standard approval, please use the above model name without suffix APPROVED BY / SIGNATURE DATE APPROVED BY J.H.Yoon / Senior Manager SIGNATURE DATE REVIEWED BY / J.M.KIM / Manager PREPARED BY / Y.J.Kim / Engineer Please return 1 copy for your confirmation with your signature and comments. Ver.1.0 Nov.22, 2005 TV Product Development Dept. LG. Philips LCD Co., Ltd 1 / 28 LC230WX3 Liquid Crystal Display Product Specification Contents Number COVER CONTENTS RECORD OF REVISIONS 1 2 3 3-1 3-2 3-3 3-4 3-5 3-6 4 5 6 7 7-1 7-2 8 8-1 8-2 9 9-1 9-2 9-3 9-4 9-5 9-6 Ver.1.0 GENERAL DESCRIPTION ABSOLUTE MAXIMUM RATINGS ELECTRICAL SPECIFICATIONS ELECTRICAL CHARACTERISTICS INTERFACE CONNECTIONS SIGNAL TIMING SPECIFICATIONS SIGNAL TIMING WAVEFORMS COLOR INPUT DATA REFERENCE POWER SEQUENCE OPTICAL SPECIFICATIONS MECHANICAL CHARACTERISTICS RELIABILITY INTERNATIONAL STANDARDS SAFETY EMC PACKING DESIGNATION OF LOT MARK PACKING FORM PRECAUTIONS MOUNTING PRECAUTIONS OPERATING PRECAUTIONS ELECTROSTATIC DISCHARGE CONTROL PRECAUTIONS FOR STRONG LIGHT EXPOSURE STORAGE HANDLING PRECAUTIONS FOR PROTECTION FILM Nov.22, 2005 ITEM Page 1 2 3 4 5 6 6 8 12 13 14 15 17 21 24 25 25 25 26 26 26 27 27 27 28 28 28 28 2 / 28 LC230WX3 Liquid Crystal Display Product Specification Record of Revisions Revision No. Ver 1.0 Revision Date Nov.22,2005 Page Final Specification Description Ver.1.0 Nov.22, 2005 3 / 28 LC230WX3 Liquid Crystal Display Product Specification 1. General Description LC230WX3-SLA1 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(UCCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element. It is a transmissive type display operating in the normally black mode. It has a 23 inch diagonally measured acti ve d ispl a y area wi th WXGA reso lution (768 vertical by 1366 horizontal pixel array) Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes. Gray scale or the luminance of the sub-pixel color is determined with a 8-bit gray scale signal for each dot, thus presenting a palette of more than 16.7M(true) colors. It has been designed to apply the 8-bit 1 port LVDS interface. It is intended to support LCD TV, PCTV where high brightness, super wide viewing angle, high color gamut, high color depth and fast response time are important. RGB Source Driver Circuit S1 S1366 +12.0V LVDS 5pair Option # 9,28 CN1 G1 Gate Driver Circuit Timing Controller (LVDS Rx integrated) (30pin) TFT - LCD Panel (1366 x RGB x 768 pixels) G768 Power Circuit Block +24.0V GND Inverter (CN2,14pin) Back light Assembly (6UCCFL) General Features Active Screen Size Outline Dimension Pixel Pitch Pixel Format Color Depth Luminance, White Viewing Angle (CR>10) Power Consumption Weight Display Operating Mode Surface Treatment 23 inches (582.96mm) diagonal 546.0mm(H) x 318.3mm(V) x 42.1mm(D) (Typ.) 0.124mm x 0.372mm x RGB 1366 horiz. by 768 vert. pixels RGB stripe arrangement 8-bit, 16.7 M colors 450 cd/m2 (Center 1 point Typ.) Viewing angle free ( R/L 178(Typ.), U/D 178(Typ.)) Total 66.84Watt (Typ.) (Logic=3.24W, Lamp=63.6W [Lamp current=6.5mA] ) 3,800 g (Typ.) 4,000g(Max) Transmissive mode, normally black Hard coating(3H), Anti-glare treatment of the front polarizer Ver.1.0 Nov.22, 2005 4 / 28 LC230WX3 Liquid Crystal Display Product Specification 2. Absolute Maximum Ratings The followings are maximum values which, if exceeded, may cause faulty operation or damage to the unit. Table 1. ABSOLUTE MAXIMUM RATINGS Value Parameter Power Input Voltage LCM Backlight inverter Symbol Min VLCD VBL VON/OFF Vbr-A TOP Tsur TST HOP HST -0.3 -0.3 -0.30 0.0 0 0 -20 10 10 Max 14.0 27.0 5.25 5.25 50 65 65 90 90 VDC VDC VDC VDC %RH %RH 1 2 1 1 1 at 25 2 C Unit Remark ON/OFF Control Voltage Brightness Control Voltage Operating Temperature (Ambient Temp.) Storage Temperature Operating Ambient Humidity Storage Humidity Note : 1. Temperature and relative humidity range are shown in the figure below. Wet bulb temperature should be 39 C Max. and no condensation. 2. Abnormal visual problems by panel surface temperature can be occurred in specific range (60 C ~ 65 C), But materials(ex : polarizer) are not damaged permanently in this range, TSUR. 3. Ambient illuminancd should be more than 10 lux. 90% 60 60% Humidity [(%)RH] 50 Wet Bulb Temperature [C] 40 40% 30 20 10 0 10% 10 20 30 40 50 60 70 80 Storage Operation -20 0 Dry Bulb Temperature [C] Figure 2. Temperature and relative humidity Ver.1.0 Nov.22, 2005 5 / 28 LC230WX3 Liquid Crystal Display Product Specification 3. Electrical Specifications 3-1. Electrical Characteristics It requires two power inputs. One is employed to power the LCD electronics and to drive the TFT array and liquid crystal. The other input power for the UCCFL/Backlight is to power inverter. Table 2. ELECTRICAL CHARACTERISTICS Value Parameter Power Input Voltage Power Input Current Power Consumption Rush current Symbol Min VLCD ILCD PLCD IRUSH Typ Max Unit Note 11.4 - 12.0 270 340 3.24 - 12.6 351 442 4.42 3.0 VDC mA mA Watt A 1 2 1 3 Note : 1. The specified current and power consumption are under the VLCD=12.0V, 25 2C, fV=60Hz condition whereas mosaic pattern(8 x 6) is displayed and fV is the frame frequency. 2. The current is specified at the maximum current pattern. 3. The duration of rush current is about 2ms and rising time of power Input is 1ms(min.). White : 255Gray Black : 0Gray Mosaic Pattern(8 x 6) Ver.1.0 Nov.22, 2005 6 / 28 LC230WX3 Liquid Crystal Display Product Specification Table 3. Inverter Electrical Characteristics Value Parameter Input Voltage Input Current Inrush Current IRUSH Power Consumption B/L on/off control VON/OFF Lamp OFF =Low Brightness Adj (Analog mode) Brightness Adj (Burst mode) Frequency (PWM) (Burst mode) Pulse Duty(PWM) (Burst mode) Lamp Life Time VBR-A EXTVBR-B f-B External Input (PWM) VBL=24V EXTVBR-B=PWM High Level Low Level 0.0 0 20 2.5 0.0 50,000 180 60,000 0.8 3.3 100 5.0 0.6 VDC VDC % Hz VDC VDC Hrs 2 4 6 Symbol VBL IBL VBR-A(max) = 3.3V VBL=21.6V VBR-A=3.3V EXTVBR-B=100% VBR-A =3.3V Lamp ON = High 3.82 A 5 Condition Min. 21.6 2.38 Typ. 24.0 2.65 Max. 25.2 2.92 VDC A 1, 3 Unit Note PBL 2.0 63.6 - 70.1 5.0 Watt VDC 1, 3 Notes : 1. The specified current and power consumption are under the typical supply Input voltage, 24.0V. The ripple voltage of the power supply input voltage is under 0.5 Vp-p. Inrush current of the power supply input current is under +10% of the typical current 2. Specified values are for a single lamp which is aligned horizontally. The life is determined as the time at which luminance of the lamp is 50% compared to that of initial value at the typical lamp current on condition of continuous operating at 25 2C. Specified value is when lamp is aligned horizontally. 3. Electrical characteristics are determined after the unit has been `ON' and stable for approximately 2Hrs in a dark environment at 25 C 2C. 4. Burst mode is controlled by TV system. 5. Rush current is determined at turning on after the unit has been `OFF' for 2Hrs at 25 C 2C. 6. Synchronize PWM by triple with Vsync signal of system. Ver.1.0 Nov.22, 2005 7 / 28 LC230WX3 Liquid Crystal Display Product Specification 3-2. Interface Connections This LCD employs two kinds of interface connection, a 30-pin connector is used for the module electronics and two 12pin Connectors are used for the integral backlight system. 3-2-1. LCD Module - LCD Connector(CN1) : FI-X30SSL-HF (Manufactured by JAE). - Mating Connector : FI-X30C2L (Manufactured by JAE) or Equivalent Table 4. MODULE CONNECTOR(CN1) PIN CONFIGURATION Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 Symbol VLCD VLCD VLCD VLCD GND GND GND GND Select NC GND RARA+ GND RBRB+ GND RCRC+ GND RCLKRCLK+ GND RDRD+ GND NC NC GND NC(GND) Description Power Supply +12.0V Power Supply +12.0V Power Supply +12.0V Power Supply +12.0V Ground Ground Ground Ground Select LVDS Data format NC Ground LVDS Receiver Signal(-) LVDS Receiver Signal(+) Ground LVDS Receiver Signal(-) LVDS Receiver Signal(+) Ground LVDS Receiver Signal(-) LVDS Receiver Signal(+) Ground LVDS Receiver Clock Signal(-) LVDS Receiver Clock Signal(+) Ground LVDS Receiver Signal(-) LVDS Receiver Signal(+) Ground NC NC Ground LCD test Note 1 2 Note: 1. If the pin no. 9 is Ground, Interface format is "LG", and if the pin no. 9 is Vcc(3.3V), Interface format is "DISM". See page 9 and 10. 2. If pin30 is 3.3V, no-signal is AGP pattern, and if pin30 is ground, no-signal is Black pattern 3. All GND (ground) pins should be connected together, which should be also connected to the LCD module's metal frame. 4. All VLCD (power input) pins should be connected together. 5. Input Levels of LVDS signals are based on the IEA 664 Standard. Ver.1.0 Nov.22, 2005 8 / 28 LC230WX3 Liquid Crystal Display Product Specification Table 5. REQUIRED SIGNAL ASSIGNMENT FOR LVDS TRANSMITTER ( Pin9="L" or "Open" ) Host System 24 Bit RED0 RED1 RED2 RED3 RED4 RED5 RED6 RED7 GREEN0 GREEN1 GREEN2 GREEN3 GREEN4 GREEN5 GREEN6 GREEN7 BLUE0 BLUE1 BLUE2 BLUE3 BLUE4 BLUE5 BLUE6 BLUE7 Hsync Vsync Data Enable CLOCK 51 52 54 55 56 3 50 2 4 6 7 11 12 14 8 10 15 19 20 22 23 24 16 18 27 28 30 31 DS90C385 or Compatible TxOUT0TxOUT0+ 48 47 FI-X30SSL-HF 12 13 Timing Controller RxIN0RxIN0+ 100 TxOUT1TxOUT1+ 46 45 15 16 100 RxIN1RxIN1+ TxOUT2TxOUT2+ 42 41 18 19 100 RxIN2RxIN2+ TxCLKOUTTxCLKOUT+ 40 39 21 22 100 RxCLKINRxCLKIN+ TxOUT3TxOUT3+ 38 37 24 25 9 30 100 RxIN3RxIN3+ LG / DISM LCD Test GND Note: 1. The LCD Module uses a 100 Ohm[] resistor between positive and negative lines of each receiver input. 2. Refer to LVDS Transmitter Data Sheet for detail descriptions. (DS90C385 or Compatible) 3. `7' means MSB and `0' means LSB at R,G,B pixel data. GND LCD Module Ver.1.0 Nov.22, 2005 9 / 28 LC230WX3 Liquid Crystal Display Product Specification Table 6. REQUIRED SIGNAL ASSIGNMENT FOR LVDS TRANSMITTER ( Pin9="H" ) Host System 24 Bit RED0 RED1 RED2 RED3 RED4 RED5 RED6 RED7 GREEN0 GREEN1 GREEN2 GREEN3 GREEN4 GREEN5 GREEN6 GREEN7 BLUE0 BLUE1 BLUE2 BLUE3 BLUE4 BLUE5 BLUE6 BLUE7 Hsync Vsync Data Enable CLOCK 50 2 51 52 54 55 56 3 8 10 4 6 7 11 12 14 16 18 15 19 20 22 23 24 27 28 30 31 DS90C385 or Compatible TxOUT0TxOUT0+ 48 47 FI-X30SSL-HF 12 13 Timing Controller RxIN0RxIN0+ 100 TxOUT1TxOUT1+ 46 45 15 16 100 RxIN1RxIN1+ TxOUT2TxOUT2+ 42 41 18 19 100 RxIN2RxIN2+ TxCLKOUTTxCLKOUT+ 40 39 21 22 100 RxCLKINRxCLKIN+ TxOUT3TxOUT3+ 38 37 24 25 9 30 100 RxIN3RxIN3+ LG / DISM LCD Test GND Note: 1. The LCD Module uses a 100 Ohm[] resistor between positive and negative lines of each receiver input. 2. Refer to LVDS Transmitter Data Sheet for detail descriptions. (DS90C385 or Compatible) 3. `7' means MSB and `0' means LSB at R,G,B pixel data. Vcc LCD Module Ver.1.0 Nov.22, 2005 10 / 28 LC230WX3 Liquid Crystal Display Product Specification 3-2-2. Backlight Inverter - Inverter Connector : S14B-PH-SM3 Side entry type (manufactured by JST). - Mating Connector : PHR-14 or Equivalent Table 7. INVERTER CONNECTOR PIN CONFIGULATION Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Symbol VBL VBL VBL VBL VBL GND GND GND GND GND VBR-A ON / OFF EXTVBR-B Error out Signal assignment 24V Power Input 24V Power Input 24V Power Input 24V Power Input 24V Power Input GROUND GROUND GROUND GROUND GROUND Analog dimming Backlight ON/OFF control External PWM signal Backlight status output Note 1 0V(min) ~ 3.3V(max) ON : 2.4 ~ 5.0V OFF : 0.0 ~ 0.6V Rising edge : Lamp on Falling edge : Lamp off Normal : 0V Abnormal : External pull-up Note : 1. GND is connected to the LCD module's metal frame. 1 2 3 12 13 14 PCB JST S14B-PH-SM3 (JST : Japan Solderless Terminal Co.,Ltd.) Ver.1.0 Nov.22, 2005 11 / 28 LC230WX3 Liquid Crystal Display Product Specification 3-3. Signal Timing Specifications This is the signal timing required at the input of LVDS Transmitter. All of the interface signal timing should be satisfied with the following specifications for it's proper operation. Table 8. TIMMING TABLE ITEM Clock Frequency Frequency Display Valid Hsync Blank Total Frequency Display Valid Vsync Blank Total Symbol fCLK fH tHV tHT-tHV tHT fV tVV tVT-tVV tVT Min. 68 45 1366 90 1456 47 768 7 775 Typ. 72.3 47.4 1366 162 1528 60 768 22 790 Max. 82 53 1366 410 1776 66 768 295 1063 Unit MHz KHZ Clks Clks Clks HZ Lines Lines Lines 3 PAL : 47~53Hz, NTSC : 57~63Hz 3 Note Notes: 1. The performance of the electro-optical characteristics are may be influenced by variance of the vertical refresh rates. 2. Above timing table is only valid for DE Mode. 3. H sync ,V sync don't care.( for only DE Mode) Ver.1.0 Nov.22, 2005 12 / 28 LC230WX3 Liquid Crystal Display Product Specification 3-4. Signal Timing Waveforms 0.7VDD 0.3VDD DE, Data DCLK tCLK 0.5 Vcc Valid data 1366 Invalid data 1 1366 Invalid data DE(Data Enable) tHV tHT DE(Data Enable) 768 1 768 tVV tVT Ver.1.0 Nov.22, 2005 13 / 28 LC230WX3 Liquid Crystal Display Product Specification 3-5. Color Data Reference The brightness of each primary color(red,green,blue) is based on the 8-bit gray scale data input for the color the higher the binary input, the brighter the color. The table below provides a reference for color versus data input. Table 9. COLOR DATA REFERENCE Input Color Data Color RED MSB LSB MSB GREEN LSB MSB BLUE LSB R7 R6 R5 R4 R3 R2 R1 R0 G7 G6 G5 G4 G3 G2 G1 G0 B7 B6 B5 B4 B3 B2 B1 B0 Black Red (255) Green (255) 0 1 0 0 0 1 1 1 Dark 0 0 0 1 0 0 0 1 1 1 0 0 0 1 0 0 0 1 1 1 0 0 0 1 0 0 0 1 1 1 0 0 ... 1 1 1 1 0 0 1 1 0 0 1 1 0 0 ... 0 0 Dark 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ... 0 0 0 0 0 0 0 0 0 0 0 0 0 0 00 00 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 01 01 00 00 1 1 0 0 1 1 0 0 1 1 0 0 ... 0 0 0 0 0 0 01 01 1 1 1 1 1 1 1 1 0 0 1 1 0 0 1 1 0 0 00 10 00 00 0 0 0 0 0 0 0 0 0 0 0 0 ... 1 1 0 0 1 1 0 0 1 1 0 0 00 10 00 00 0 0 0 0 0 0 0 0 0 0 0 0 ... 1 1 1 1 1 1 0 1 0 1 0 0 0 1 1 1 0 0 0 1 0 0 0 1 1 1 0 0 0 1 0 0 0 1 1 1 0 0 00 10 01 00 01 10 11 11 00 10 0 0 1 0 1 0 1 1 0 0 0 0 1 0 1 0 1 1 0 0 0 0 1 0 1 0 1 1 0 0 ... 0 0 0 0 0 0 0 0 0 0 0 0 00 00 00 10 0 0 0 0 0 0 0 0 0 0 0 0 ... 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 0 1 0 1 1 0 0 0 0 1 0 1 0 1 1 0 0 0 0 1 0 1 0 1 1 0 0 00 00 10 01 11 01 10 11 00 00 0 0 0 1 1 1 0 1 0 0 0 0 0 1 1 1 0 1 0 0 0 0 0 1 1 1 0 1 0 0 ... 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 0 1 0 0 0 0 0 1 1 1 0 1 0 0 0 0 0 1 1 1 0 1 0 0 0 0 0 1 1 1 0 1 0 0 Basic Color Blue (255) Cyan Magenta Yellow White RED (000) RED (001) RED ... RED (254) RED (255) GREEN (000) Dark 0 GREEN (001) 0 GREEN ... GREEN (254) GREEN (255) BLUE (000) BLUE (001) BLUE ... BLUE (254) BLUE (255) Ver.1.0 Nov.22, 2005 14 / 28 LC230WX3 Liquid Crystal Display Product Specification 3-6. Power Sequence 90% 90% 10% Power Supply For LCD VLCD 0V 10% T1 T2 T5 T6 T7 Interface Signal (Tx & Option ) 10% Valid Data 10% T3 T4 Lamp ON Power for Lamp Table 10. POWER SEQUENCE Value Parameter Min T1 T2 T3 T4 T5 T6 T7 0.01 0.01 200 200 0.01 2.0 Typ Max 20 50 50 ms ms ms ms ms ms s Unit Note : 1. Please avoid floating state of interface signal at invalid period. 2. When the interface signal is invalid, be sure to pull down the power supply VLCD to 0V. 3. The case when the T2/T5 exceed maximum specification, it operates protection pattern(Black pattern) till valid signal inputted. There is no reliability problem. 4. The T3/T4 is recommended value, the case when failed to meet a minimum specification, abnormal display would be shown. There is no reliability problem. Ver.1.0 Nov.22, 2005 15 / 28 LC230WX3 Liquid Crystal Display Product Specification 3-6-2. Sequence for Inverter Power Supply For Inverter 24V (typ.) 90% V BL 10% 0V 0.7V T1 T2 1000ms (Min) T5 T3 T2 1000ms (Min) V ON/OFF T4 T4 Vbr-A T7 Lamp ON ExtVbr-B : 1. Lamp ON at PWM Rising Edge and Lamp OFF at PWM Falling Edge. 2. EXTVBR-B has Same sequence with Vbr-A 3-6-3. Deep condition for Inverter T6 VBL : 24V VBL(Typ.) x 0.85 0V Table 11. Power Sequence for Inverter Parameter T1 T2 T3 T4 T5 T6 T7 Values Min 20 500 200 0 10 1000 Typ Max 10 Units ms ms ms ms ms ms ms VBL(Typ) x 0.85 2 4, 5 Remarks 1 Note : 1. T1 describes rising time of 0V to 24V and is not applied at restarting time. 2. When the Inverter is shut-down by ARC protection, T3 need 3.3sec 3. When VBL (24V) is supplied always, there is no reliability problem. 4. T4(max) is less than T2. 5. In T7 section, ExtVbr-B should be duty 100% and Vbr-A is recommended 3.3V. Ver.1.0 Nov.22, 2005 16 / 28 LC230WX3 Liquid Crystal Display Product Specification 4. Optical Specification Optical characteristics are determined after the unit has been `ON' for 30min in a dark environment at 252C. The values specified are at an approximate distance 50cm from the LCD surface at a viewing angle of and equal to 0 . It is presented additional information concerning the measurement equipment and method in FIG. 1. Optical Stage(x,y) LCD Module Pritchard 880 or equivalent 50cm FIG. 1 Optical Characteristic Measurement Equipment and Method Table 12. OPTICAL CHARACTERISTICS Parameter Contrast Ratio Surface Luminance, white Luminance Variation Response Time Rise Time Decay Time RED Symbol CR LWH WHITE TrR TrD Rx Ry GREEN Color Coordinates [CIE1931] Gx Gy BLUE Bx By WHITE Wx Wy Viewing Angle (CR>10) x axis, right(=0) x axis, left (=180) y axis, up (=90) y axis, down (=270) Gray Scale r l u d 85 85 85 85 89 89 89 89 2.2 6 degree 5 Typ -0.03 5P 9 9 0.637 0.337 0.276 0.605 0.146 0.062 0.272 0.278 Typ +0.03 Ta= 252C, VLCD=12.0V, fV=60Hz, Dclk=72MHz, Vbr-A =Max, ExtVbr=100% Value Unit Note Min Typ Max 600 350 800 450 1.6 16 16 ms cd/m2 1 2 3 4 Ver.1.0 Nov.22, 2005 17 / 28 LC230WX3 Liquid Crystal Display Product Specification Notes 1. Contrast Ratio(CR) is defined mathematically as : Surface Luminance with all white pixels Contrast Ratio = Surface Luminance with all black pixels It is measured at the center point(1). 2. Surface luminance is luminance value at the center point across the LCD surface 50cm from the surface with all pixels displaying white. For more information, see FIG 2. 3. The variation in surface luminance , WHITE is defined as : WHITE(5P) = Maximum(Lon1,Lon2, Lon3, ...... , Lon5) / Minimum(Lon1,Lon2, Lon3, ..... , Lon5) Where Lon1 to Lon5 are the luminance with all pixels displaying white at 5 locations . For more information, see FIG 2. 4. Response time is the time required for the display to transition from black to white (Rise Time, TrR) and from white to black (Decay Time, TrD). For additional information, see FIG 3. 5. Viewing angle is the angle at which the contrast ratio is greater than 10. The angles are determined for the horizontal or x axis and the vertical or y axis with respect to the z axis which is normal to the LCD surface. For more information, see FIG 4. 6. Gray scale specification Gamma Value is approximately 2.2. For more information, see Table 13. Table 13. GRAY SCALE SPECIFICATION Gray Level L0 L15 L31 L47 L63 L79 L95 L111 L127 L143 L159 L175 L191 L207 L223 L239 L255 Luminance [%] (Typ) 0.13 0.24 0.78 1.81 3.46 6.04 9.48 13.60 18.14 24.46 32.38 41.63 51.64 63.18 75.52 88.89 100 Nov.22, 2005 18 / 28 Ver.1.0 LC230WX3 Liquid Crystal Display Product Specification Measuring point for surface luminance & measuring point for luminance variation H A B V A : H / 4 mm B : V / 4 mm H : 508.152mm V : 285.696mm @ H,V : Active Area FIG. 2 Measure Point for Luminance The response time is defined as the following figure and shall be measured by switching the input signal for Black to White and White to Black. TrR 100 90 Optical Response TrD 10 0 Black White FIG. 3 Response Time Black Ver.1.0 Nov.22, 2005 19 / 28 LC230WX3 Liquid Crystal Display Product Specification Dimension of viewing angle range Normal E Y = 90 , Up = 180 , Left = 0 , Right = 270 , Down FIG. 4 Viewing angle Ver.1.0 Nov.22, 2005 20 / 28 LC230WX3 Liquid Crystal Display Product Specification 5. Mechanical Characteristics The following items provide general mechanical characteristics. In addition the figures in the next page are detailed mechanical drawing of the LCD module. Table 14. MECHANICAL CHARACTERISTICS Horizontal Outline Dimension Vertical Depth Horizontal Bezel Area Vertical Horizontal Active Display Area Vertical Weight Surface Treatment (Typ.) 3,800 (g), (Max.) 4,000(g) Hard coating(3H) Anti-glare treatment of the front polarizer 285.696mm 289.8mm 508.152mm 546.0mm 318.3mm 42.1mm 512.5mm Note : Please refer to a mechanic drawing in terms of tolerance at the next page. Ver.1.0 Nov.22, 2005 21 / 28 LC230WX3 Liquid Crystal Display Product Specification Ver.1.0 Nov.22, 2005 22 / 28 LC230WX3 Liquid Crystal Display Product Specification Ver.1.0 Nov.22, 2005 23 / 28 LC230WX3 Liquid Crystal Display Product Specification 6. Reliability Table 15. ENVIRONMENT TEST CONDITION No 1 2 3 4 5 Test Item High temperature storage test Low temperature storage test High temperature operation test Low temperature operation test Heat cycle test 60C, 500h Condition -20C, 500h 50C, 80%RH, 500h 60C, 500h (2000h) 0C, 500h (1000h) -20C ~ 60C, 30min/5min/30min, 100cycles 6 Soldering heat cycle test -40C ~ 80C, 30min/5min/30min, 200cycles 7 Vibration test (non-operating) Wave form : random Vibration level : 1.0Grms Bandwidth : 10-500Hz Duration : X,Y,Z, 10 min One time each direction Shock level : 100Grms Waveform : half sine wave, 2ms Direction : X, Y, Z One time each direction Condition : 150pF,330 ohm Case , air Evaluation : 15kV Ta= 40 C ,70%RH(240hr) 8 Shock test (non-operating) ESD test 9 10 Humidity Storage test Note : After Reliability Test , display function should be kept as the result evaluation. Ver.1.0 Nov.22, 2005 24 / 28 LC230WX3 Liquid Crystal Display Product Specification 7. International standards 7-1. Safety a) UL 60950-1:2003, First Edition, Underwriters Laboratories, Inc., Standard for Safety of Information Technology Equipment. b) CAN/CSA C22.2, No. 60950-1-03 1st Ed. April 1, 2003, Canadian Standards Association, Standard for Safety of Information Technology Equipment. c) EN 60950-1:2001, First Edition, European Committee for Electrotechnical Standardization(CENELEC) European Standard for Safety of Information Technology Equipment. 7-2. EMC a) ANSI C63.4 "Methods of Measurement of Radio-Noise Emissions from Low-Voltage Electrical and Electrical Equipment in the Range of 9kHZ to 40GHz. "American National Standards Institute(ANSI), 1992 b) C.I.S.P.R "Limits and Methods of Measurement of Radio Interface Characteristics of Information Technology Equipment." International Special Committee on Radio Interference. c) EN 55022 "Limits and Methods of Measurement of Radio Interface Characteristics of Information Technology Equipment." European Committee for Electrotechnical Standardization.(CENELEC), 1998 ( Including A1: 2000 ) Ver.1.0 Nov.22, 2005 25 / 28 LC230WX3 Liquid Crystal Display Product Specification 8. Packing 8-1. Designation of Lot Mark A B C D E F G H I J K L M A,B,C : SIZE(INCH) E : MONTH G : ASSEMBLY CODE Note 1. YEAR Year Mark 2001 1 2002 2 2003 3 2004 4 2005 5 D : YEAR F : FACTORY CODE H ~ M : SERIAL NO. 2006 6 2007 7 2008 8 2009 9 2010 0 2. MONTH Month Mark Jan 1 Feb 2 Mar 3 Apr 4 May 5 Jun 6 Jul 7 Aug 8 Sep 9 Oct A Nov B Dec C 3. FACTORY CODE Factory Code Mark LPL Gumi K LPL Nanjing C HEESUNG D 4. SERIAL NO. Mark 100001~199999, 200001~299999, 300001~399999, ...., A00001~A99999, ....., Z00001~Z99999 b) Location of Lot Mark Serial No. is printed on the label. The label is attached to the backside of the LCD module. This is subject to change without prior notice. 8-2. Packing Form a) Package quantity in one box : 4 pcs b) Box Size : 530mm X 310mm X 327mm Ver.1.0 Nov.22, 2005 26 / 28 LC230WX3 Liquid Crystal Display Product Specification 9. Precautions Please pay attention to the followings when you use this TFT LCD module. 9-1. Mounting Precautions (1) You must mount a module using holes arranged in four corners or four sides. (2) You should consider the mounting structure so that uneven force (ex. Twisted stress) is not applied to the module. And the case on which a module is mounted should have sufficient strength so that external force is not transmitted directly to the module. (3) Please attach the surface transparent protective plate to the surface in order to protect the polarizer. Transparent protective plate should have sufficient strength in order to the resist external force. (4) You should adopt radiation structure to satisfy the temperature specification. (5) Acetic acid type and chlorine type materials for the cover case are not desirable because the former generates corrosive gas of attacking the polarizer at high temperature and the latter causes circuit break by electro-chemical reaction. (6) Do not touch, push or rub the exposed polarizers with glass, tweezers or anything harder than HB pencil lead. And please do not rub with dust clothes with chemical treatment. Do not touch the surface of polarizer for bare hand or greasy cloth.(Some cosmetics are detrimental to the polarizer.) (7) When the surface becomes dusty, please wipe gently with absorbent cotton or other soft materials like chamois soaks with petroleum benzine. Normal-hexane is recommended for cleaning the adhesives used to attach front / rear polarizers. Do not use acetone, toluene and alcohol because they cause chemical damage to the polarizer. (8) Wipe off saliva or water drops as soon as possible. Their long time contact with polarizer causes deformations and color fading. (9) Do not open the case because inside circuits do not have sufficient strength. 9-2. Operating Precautions (1) The spike noise causes the mis-operation of circuits. It should be lower than following voltage : V=200mV(Over and under shoot voltage) (2) Response time depends on the temperature.(In lower temperature, it becomes longer.) (3) Brightness depends on the temperature. (In lower temperature, it becomes lower.) And in lower temperature, response time(required time that brightness is stable after turned on) becomes longer. (4) Be careful for condensation at sudden temperature change. Condensation makes damage to polarizer or electrical contacted parts. And after fading condensation, smear or spot will occur. (5) When fixed patterns are displayed for a long time, remnant image is likely to occur. (6) Module has high frequency circuits. Sufficient suppression to the electromagnetic interference shall be done by system manufacturers. Grounding and shielding methods may be important to minimized the interference. (7) Please do not give any mechanical and/or acoustical impact to LCM. Otherwise, LCM can't be operated its full characteristics perfectly. (8) A screw which is fastened up the steels should be a machine screw. (if not, it causes metallic foreign material and deal LCM a fatal blow) (9) Please do not set LCD on its edge. Ver.1.0 Nov.22, 2005 27 / 28 LC230WX3 Liquid Crystal Display Product Specification 9-3. Electrostatic Discharge Control Since a module is composed of electronic circuits, it is not strong to electrostatic discharge. Make certain that treatment persons are connected to ground through wrist band etc. And don't touch interface pin directly. 9-4. Precautions for Strong Light Exposure Strong light exposure causes degradation of polarizer and color filter. 9-5. Storage When storing modules as spares for a long time, the following precautions are necessary. (1) Store them in a dark place. Do not expose the module to sunlight or fluorescent light. Keep the temperature between 5C and 35C at normal humidity. (2) The polarizer surface should not come in contact with any other object. It is recommended that they be stored in the container in which they were shipped. 9-6. Handling Precautions for Protection Film (1) The protection film is attached to the bezel with a small masking tape. When the protection film is peeled off, static electricity is generated between the film and polarizer. This should be peeled off slowly and carefully by people who are electrically grounded and with well ionblown equipment or in such a condition, etc. (2) When the module with protection film attached is stored for a long time, sometimes there remains a very small amount of glue still on the bezel after the protection film is peeled off. (3) You can remove the glue easily. When the glue remains on the bezel surface or its vestige is recognized, please wipe them off with absorbent cotton waste or other soft material like chamois soaked with normalhexane. Ver.1.0 Nov.22, 2005 28 / 28 |
Price & Availability of LC230WX3 |