Part Number Hot Search : 
YG802 A1000 RSR010 17C010 CZRU27VB KA431 14211LG 2SD1118
Product Description
Full Text Search
 

To Download HDMP-0422 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HDMP-0422 Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops Data Sheet
Features * Supports 1.0625 GBd Fibre Channel operation * Supports 1.25 GBd Gigabit Ethernet (GE) operation * Single PBC/CDR in one package * CDR location determined by choice of cable input/output * Amplitude valid and data valid detection (Fibre channel rate only) on FM_NODE[0] input * Equalizers on all inputs * High-speed LVPECL I/O * Buffered Line Logic (BLL) outputs (no external bias resistors required) * 0.46 W typical power at VCC = 3.3 V * 24 Pin, low-cost SSOP package Applications * RAID, JBOD, BTS cabinets * One 2:1 muxes * One 1:2 buffers * 1 N Gigabit serial buffer * N 1 Gigabit serial mux
Description The HDMP-0422 is a Single Port Bypass Circuit (PBC) with Clock and Data Recovery (CDR) capability included. This integrated circuit provides a low-cost, lowpower physical-layer solution for Fibre Channel Arbitrated Loop (FC-AL) disk array configurations. By using a PBC such as the HDMP0422, hard disks may be pulled out or swapped while other disks in the array are available to the system. A PBC consists of multiple 2:1 multiplexers daisy chained along with a CDR. Each port has two modes of operation: "disk in loop" and "disk bypassed." When the "disk in loop" mode is selected, the loop goes into and out of the disk drive at that port. For example, data goes from the HDMP-0422's TO_NODE[n] differential output pins to the Disk Drive Transceiver IC's (e.g. an HDMP-1636A) Rx differential input pins. Data from the Disk Drive Transceiver IC's Tx differential outputs goes to the HDMP-0422's FM_NODE[n] differential input pins. Figures 2 and 3 show connection diagrams for disk drive array applications.
When the "disk bypassed" mode is selected, the disk drive is either absent or non-functional and the loop bypasses the hard disk. The "disk bypassed" mode is enabled by pulling the BYPASS[n]pin low. Leave BYPASS[n]floating to enable the "disk in loop" mode. HDMP-0422s may be cascaded with other members of the HDMP-04XX/HDMP-05XX family through the appropriate FM_NODE[n] and TO_NODE[n] pins to accommodate any number of hard disks (see Figure 4). The unused cells in the HDMP-0422 may be bypassed by using pulldown resistors on the BYPASS[n]- pins for these cells. An HDMP-0422 may also be used as two 1:1 buffers, one with a CDR and one without. For example, an HDMP-0422 may be placed in front of a CMOS ASIC to clean the jitter of the outgoing signal (CDR path) and to better read the incoming signal (non-CDR paths). In addition, the HDMP-0422 may be configured as one 2:1 multiplexers or as one 1:2 buffers.
HDMP-0422
CAUTION: As with all semiconductor ICs, it is advised that normal static precautionsb be taken in the handling and assembly of this component to prevent damage and/or degradation which may be induced by electrostatic discharge (ESD).
FM_NODE[1]
EQU BLL TTL BLL
EQU
1 0
FM_NODE[0]
TO_NODE[1]
TO_NODE[0]
BYPASS[1]-
1 0
0 1 CDR
DV CPLL
AV
TTL TTL TTL TTL
TTL
FM_NODE[0]_DV
Figure 1. Block diagram of HDMP-0422.
The HDMP-0422 design allows for CDR placement at any location with respect to a hard disk slot. For example, if hard disk A is connected to PBC cell 1, while BYPASS[0]- is left to float high (see Figure 2), the CDR function will be performed before entering the hard disk at slot A. To obtain a CDR function after slot A (see Figure 3), connect hard disk A to PBC cell 0, while floating BYPASS[1]- high. Refer to Table 1 for both pin connections. CDR The Clock and Data Recovery (CDR) block is responsible for frequency and phase locking onto the incoming serial data stream and resampling the incoming data based on the recovered clock. An automatic locking feature allows the CDR to lock onto the input data stream without external 2
FM_NODE[0]_AV
BYPASS[0]-
MODE_DV
REFCLK
training controls. It does this by continually frequency locking onto the 106.25 MHz reference clock (REFCLK) and then phase locking onto the input data stream. Once bit locked, the CDR generates a high-speed sampling clock. This clock is used to sample or repeat the incoming data to produce the CDR output. The CDR jitter specifications listed in this data sheet assume an input that has been 8B/10B encoded. The CDR will also lock onto data encoded using other algorithms as long as there is DC balance and a sufficient number of transitions. REFCLK INPUT The LVTTL REFCLK input provides a reference oscillator for frequency acquisition of the CDR. The REFCLK frequency should be within 100 ppm of one-tenth of
the incoming data rate in baud (106.25 MHz 100 ppm for FCAL running at 1.0625 GBd). BLL OUTPUT All TO_NODE[n] high-speed differential outputs are driven by a Buffered Line Logic (BLL) circuit that has on-chip source termination, so no external bias resistors are required. The BLL Outputs on the HDMP-0422 are of equal strength and can drive lengthy FR-4 PCB trace. Unused outputs should not be left unconnected. Ideally, unused outputs should have their differential pins shorted together with a short PCB trace. If longer traces or transmission lines are connected to the output pins, the lines should be differentially terminated with an appropriate
resistor. The value of the termination resistor should match the PCB trace differential impedance. EQU INPUT All FM_NODE[n] high-speed differential inputs have an Equalization (EQU) buffer to offset the effects of skin loss and dispersion on PCBs. An external termination resistor is required across all high-speed inputs. The value of the termination resistor should match the PCB trace differential impedance. Alternatively, instead of a single resistor, two resistors in series, with an AC ground between them, can be connected differentially across the FM_NODE[n] inputs. The latter configuration attenuates high-frequency common mode noise. BYPASS[n]- INPUT The active low BYPASS[n]- inputs control the data flow through the HDMP-0422. All BYPASS pins are LVTTL and contain internal pull-up circuitry. To bypass a port, the appropriate BYPASS[n]- pin should be connected to GND through a 1 k resistor. Otherwise, the BYPASS[n]- inputs should be left to float, as the internal pull-up circuitry will force them high. FM_NODE[0]_DV OUTPUT The Data Valid (DV) block detects if the incoming data at FM_NODE[0] is valid Fibre Channel data. The DV block checks for sufficient K28.5+ characters (per Fibre Channel framing rules) and for run length violations (per 8B/10B encoding) on the data coming out of the CDR. The FM_NODE[0]_DV output is pulled low if a run length violation (RLV) occurs, or if there are no commas detected (NCD) over a specific time interval. It is pulled high if no errors are detected. 3
A RLV error is defined as any consecutive sequence of 1s or 0s greater than five in the serial bit stream. An NCD error indicates the absence of the seven-bit pattern (0011111) present in the positive disparity comma (K28.5+) character. A K28.5+ character should occur at the beginning of every Fibre Channel frame of 2148 bytes (or 21480 serial bits), as well as many times within and between frames. If this seven-bit pattern is not found within a 215 bit (~31 s) interval, an NCD error is generated. A counter within the chip tracks the 215 bit intervals. Any RLV and NCD errors are stored during the 215 bit interval. The FM_NODE[0]_DV output is pulled low at the start of the 215 bit interval after errors are detected. Once low, FM_NODE[0]_DV remains in that state until an entire 215 bit interval has no RLV or NCD errors. At the start of the 215 bit interval subsequent to no RLV or NCD errors being detected, FM_NODE[0]_DV is pulled high. MODE_DV INPUT The active high Data Valid Mode input selects Fibre Channel data checking of the FM_NODE[0] inputs. This is accomplished by having MODE_DV override the BYPASS[0]- control (see Figure 1), thereby forcing the data into the CDR to come from the FM_NODE[0] inputs. The
MODE_DV pin is an LVTTL input and contains internal pull-up circuitry. To select Data Valid Mode, float MODE_DV high. Otherwise, MODE_DV should be connected to GND through a 1 k resistor. When MODE_DV is high, the user is able to use the BYPASS[0]- input to bypass invalid Fibre Channel data from the rest of the loop. For example, if FM_NODE[0]_DV is connected to the BYPASS[0]input, data from the CDR will only be routed to TO_NODE[1] if the data has no RLV or NCD errors. If the DV block detects errors, the signal at TO_NODE[0] will be routed to the TO_NODE[1] outputs (see Figure 5). FM_NODE[0]_AV OUTPUT The Amplitude Valid (AV) block detects if the incoming data on FM_NODE[0] is valid by examining the differential amplitude of that input. The incoming data is considered valid, and FM_NODE[0]_AV is driven high, as long as the amplitude is greater than 400 mV (differential peak-to-peak). FM_NODE[0]_AV is driven low as long as the amplitude of the input signal is less than 100 mV (differential peak-to-peak). When the amplitude of the input signal is between 100-400 mV (differential peak-to-peak), the FM_NODE[0]_AV output is undefined.
Table 1. Pin Connection Diagram to Achieve Desired CDR Location (see Figures 2, 3) Hard Disks Connection to PBC cells CDR position (x) Cell connected to Cable A 1 xA 0 A 0 Ax 1
x denotes CDR position with respect to hard disks.
TTL
Figure 2. Connection diagram for CDR at first cell.
4
MODE_DV = LOW
1
BLL
0
TO_NODE[1]
SERDES
EQU
DV
TTL
FM_NODE[0]_DV FM_NODE[1] BYPASS[1]-
1
TTL
HARD DISK A
0
CPLL CDR
BLL
TTL EQU
REFCLK
TO_NODE[0] = TO_LOOP FM_NODE[0] = FM_LOOP
0
1
TTL
BYPASS[0]- = HIGH (FLOAT)
AV
TTL
FM_NODE[0]_AV
TTL
MODE_DV = LOW
1
0
BLL
TO_NODE[1] = TO_LOOP
DV
TTL
FM_NODE[0]_DV
EQU
FM_NODE[1] = FM_LOOP
1 0
TTL
CPLL
BYPASS[1]- = HIGH (FLOAT)
CDR
BLL
TTL
REFCLK
TO_NODE[0]
EQU
SERDES
FM_NODE[0]
Figure 3. Connection diagram for CDR at last cell.
TTL
HARD DISK A
0
1
BYPASS[0]-
AV
TTL
FM_NODE[0]_AV
5
TTL
MODE_DV = LOW 1
BLL
0 TO_NODE[1]
EQU
DV
TTL
FM_NODE[0]_DV 1
TTL
SERDES
FM_NODE[1] BYPASS[1]-
HARD DISK A
0
CPLL CDR
BLL
TTL
REFCLK
TO_NODE[0]
EQU
FM_NODE[0] = FM_LOOP
0
1
Figure 4. Connection diagram for multiple HDMP-0422s.
TTL TTL
BYPASS[0]- = HIGH (FLOAT)
MODE_DV = LOW
1
0
BLL
TO_NODE[1] = TO_LOOP DV
EQU
TTL
FM_NODE[0]_DV
FM_NODE[1] 1 0
TTL
CPLL
BYPASS[1]- = HIGH (FLOAT) CDR
BLL
TTL
REFCLK
TO_NODE[0]
EQU
SERDES FM_NODE[0] 0 1 BYPASS[0]-
TTL
HARD DISK A
HARD DISK A
SERDES
FM_NODE[1] TO_NODE[1] BYPASS[1]-
EQU BLL TTL BLL
EQU
1 0
FM_NODE[0] = FM_LOOP
TO_NODE[0] = TO_LOOP
1 0
0 1 CDR
DV CPLL
AV
TTL TTL TTL TTL
TTL
MODE_DV = HIGH (FLOAT)
FM_NODE[0]_DV
Figure 5. Connection diagram for bypassing invalid Fibre Channel data.
I/O Type Definitions I/O Type I-LVTTL O-LVTTL HS_OUT HS_IN C S Definition LVTTL Input LVTTL Output High Speed Output, LVPECL compatible High Speed Input External Circuit Node Power Supply or Ground
6
FM_NODE[0]_AV
REFCLK
BYPASS[0]-
Pin Definitions Pin Name TO_NODE[0]+ TO_NODE[0]TO_NODE[1]+ TO_NODE[1]FM_NODE[0]+ FM_NODE[0]FM_NODE[1]+ FM_NODE[1]BYPASS[0]BYPASS[1]REFCLK CPLL1 CPLL0 FM_NODE[0]_DV Pin 20 21 05 04 23 24 02 01 17 08 14 12 13 09 Pin Type Pin Description HS_OUT Serial Data Outputs: High-speed outputs to a hard disk drive or to a cable.
HS_IN
Serial Data Inputs: High-speed inputs from a hard disk drive or from a cable.
I-LVTTL I-LVTTL C
Bypass Inputs: For "disk bypassed" mode, connect BYPASS[n]- to GND through a 1 k resistor. For "disk in loop" mode, float HIGH. Reference Clock: A user-supplied clock reference used for frequency acquisition in the Clock and Data Recovery (CDR) circuit. Loop Filter Capacitor: A loop filter capacitor for the internal Clock and Data Recovery (CDR) circuit must be connected across the CPLL1 and CPLL0 pins. Recommended value is 0.1 F. Data Valid: Indicates Fibre Channel compliant data on FM_NODE[n] inputs when HIGH. Indicates either a run length violation or a no comma detected error when LOW. Data Valid Mode: To allow data valid detection, float MODE_DV HIGH. Otherwise, connect to GND through a 1 k resistor. Amplitude Valid: Indicates acceptable signal amplitude on the FM_NODE[n] inputs. If (FM_NODE[n]+ - FM_NODE[n]-) >= 400 mV peak-to-peak, FM_NODE[0]_AV = 1 If 400 mV > (FM_NODE[n]+ - FM_NODE[n]-) > 100 mV, FM_NODE[0]_AV = undefined If 100 mV >= (FM_NODE[n]+ - FM_NODE[n]-), FM_NODE[0]_AV = 0 Ground: Normally 0 V. See Figure 13 for Recommended Power Supply Filtering.
O-LVTTL
MODE_DV FM_NODE[0]_AV
11 16
I-LVTTL O-LVTTL
GND
06 07 18 19 15
S
VCCA
S
Analog Power Supply: Normally 3.3 V. Used to provide a clean supply to the Clock and Data Recovery (CDR) circuit. See Figure 13 for Recommended Power Supply Filtering. High Speed Supply: Normally 3.3 V. Used only for high-speed outputs (TO_NODE[n]). See Figure 13 for Recommended Power Supply Filtering. Logic Power Supply: Normally 3.3 V. Used for internal logic. See Figure 13 for Recommended Power Supply Filtering.
VCCHS[0] VCCHS[1] VCC
22 03 10
S S S
7
Absolute Maximum Ratings TA = 25C, except as specified. Operation in excess of any of these conditions may result in permanent damage to this device. Continuous operation at these minimum or maximum ratings is not recommended. Symbol VCC VIN,LVTTL VIN,HS_IN IO,LVTTL Tstg Tj Parameter Supply Voltage LVTTL Input Voltage HS_IN Input Voltage (Differential) LVTTL Output Sink/Source Current Storage Temperature Junction Temperature Units V V mV mA C C -65 0 Min. -0.5 -0.5 200 Max. 4.0 VCC + 0.5[1] 2000 13 +150 +125
Note: 1. Must remain less than or equal to absolute maximum VCC voltage of 4.0 V.
DC Electrical Specifications VCC = 3.15 V to 3.45 V. Symbol VIH,LVTTL VIL,LVTTL VOH,LVTTL VOL,LVTTL IIH,LVTTL IIL,LVTTL ICC Parameter LVTTL Input High Voltage Range LVTTL Input Low Voltage Range LVTTL Output High Voltage Range, I OH = -400 A LVTTL Output Low Voltage Level, I OL = 1 mA Input High Current (Magnitude), V IN = 2.4 V, V CC = 3.45 V Input Low Current (Magnitude), VIN = 0.4 V, VCC = 3.45 V Total Supply Current, TA = 25C Units V V V V A A mA 140 2.2 0 Min. 2.0 0.8 V CC 0.6 40 -600 Typ. Max.
AC Electrical Specifications VCC = 3.15 V to 3.45 V. Symbol TLOOP_LAT TCELL_LAT tr,LVTTLin tf,LVTTLin tr,LVTTLout tf,LVTTLout trs,HS_OUT tfs,HS_OUT trd,HS_OUT tfd,HS_OUT VIP,HS_IN VOP,HS_OUT Parameter Total Loop Latency from FM_NODE[0] to TO_NODE[0] Per Cell Latency from FM_NODE[1] to TO_NODE[0] Input LVTTL Rise Time Requirement, 0.8 V to 2.0 V Input LVTTL Fall Time Requirement, 2.0 V to 0.8 V Output TTL Rise Time, 0.8 V to 2.0 V, 10 pF Load Output TLL Fall Time, 2.0 V to 0.8 V, 10 pF Load HS_OUT Single-Ended Rise Time, 20% to 80% HS_OUT Single-Ended Fall Time, 20% to 80% HS_OUT Differential Rise Time, 20% to 80% HS_OUT Differential Fall Time, 20% to 80% HS_IN Required Pk-Pk Differential Input Voltage HS_OUT Pk-Pk Differential Output Voltage (Z0 = 75 , Figure 10) Units ns ns ns ns ns ns ps ps ps ps mV mV 200 1100 Min. Typ. 3.0 2.0 2.0 2.0 1.7 1.7 200 200 200 200 1200 1400 3.3 2.4 300 300 300 300 2000 2000 Max.
8
Guaranteed Operating Rates VCC = 3.15 V to 3.45 V. FC Serial Clock Rate (MBd) Min. Max. 1,040 1,080 GE Serial Clock Rate (MBd) Min. Max. 1,240 1,260
CDR Reference Clock Requirements VCC = 3.15 V to 3.45 V. Symbol Parameter f f Ftol Symm Nominal Frequency (Fibre Channel) Nominal Frequency (Gigabit Ethernet) Frequency Tolerance Symmetry (Duty Cycle) Units MHz MHz ppm % -100 40 Min. Typ. 106.25 125 +100 60 Max.
Locking Characteristics VCC = 3.15 V to 3.45 V. Parameter Bit Sync Time (phase lock) Frequency Lock at Powerup Units bits s Max. 2500 500
Output Jitter Characteristics VCC = 3.15 V to 3.45 V. Symbol Parameter RJ[1] DJ[1] Random Jitter at TO_NODE pins (1 sigma rms) Deterministic Jitter at TO_NODE pins (pk-pk) Units ps ps Typ. 5 20 Max.
Note: 1. Please refer to Figures 7 and 8 for jitter measurement setup information.
Figure 6. Eye diagram of TO_NODE[1] high speed differential output (50 termination). Note: Measurement taken with a 27-1 PRBS input to FM_NODE[0]
9
Jitter Measurement Configurations
HP 70841B PATTERN GENERATOR
DATA
2 BIAS TEE
HDMP-0422 FM_NODE[0] BYPASS-[0] BYPASS-[1] REFCLK TO_NODE[1] N/C
K28.7
CLOCK
1 k
1062.5 MHz
1.4 V 2 106.25 MHz 1/10 CH 1/2 106.25 MHz TRIGGER HP 83480A DIGITAL COMMUNICATION ANALYZER
HP 70311A CLOCK SOURCE
Figure 7. Setup for measurement of Random Jitter.
HP 70841B PATTERN GENERATOR
DATA
2 BIAS
HDMP-0422 FM_NODE[0] BYPASS-[0] BYPASS-[1] REFCLK TO_NODE[1] 1 k N/C
+K28.5 -K28.5
CLOCK
1062.5 MHz
1.4 V 106.25 MHz 2
HP 70311A CLOCK SOURCE
1/10 CH 1/2 106.25 MHz 1/2 53.125 MHz TRIGGER HP 83480A DIGITAL COMMUNICATION ANALYZER
Figure 8. Setup for measurement of Deterministic Jitter.
10
Simplified I/O Cells
O_LVTTL
VCC
I_LVTTL
VCC
VCC
VBB 1.4 V
GND GND ESD PROTECTION ESD PROTECTION GND
Figure 9. O-LVTTL and I-LVTTL simplified circuit schematic.
HS_OUT
75 VCCHS VCC VCC
HS_IN
+ - VCC
+ -
TO_NODE[n]+
Z0 = 75
0.01 F
FM_NODE[n]+
2*Z0 = 150 TO_NODE[n]- Z0 = 75 GND ESD
PROTECTION
0.01 F
FM_NODE[n]- GND ESD
PROTECTION
GND
GND
NOTE: 1. FM_NODE[n] INPUTS SHOULD NEVER BE CONNECTED TO GROUND AS PERMANENT DAMAGE TO THE DEVICE MAY RESULT.
Figure 10. HS_OUT and HS_IN simplified circuit schematic.
11
Package Information Power Dissipation and Thermal Resistance. VCC = 3.15 V to 3.45 V. Symbol PD jc[1] Parameter Power Dissipation Thermal Resistance, Junction to Case Units mW C/W Typ. 460 14 Max.
Note: 1. Based on independent package testing by Agilent. ja for this device is 57C/W. ja is measured on a standard 3x3" FR4 PCB in a still air environment. To determine the actual junction temperature in a given application, use the following equation: Tj = TC + (ja x PD), where TC is the case temperature measured on the top center of the package and PD is the power being dissipated.
Item Package Material Lead Finish Material Lead Finish Thickness Lead Skew Lead Coplanarity (Seating Plane)
Details Plastic Shrink Small Outline (SSOP) Per JESD Pub 95, MO-150, Var AG 85% Tin, 15% Lead 200-800 micro-inches 0.15 mm max 0.10 mm max
Mechanical Dimensions
D c
24 23 22 21 20 19 18 17 16 15 14 13
TOP VIEW
E1
E
1 PIN #1 ID
2
3
4
5
6
7
8
9
10 11 12 L
b
0.25 GAGE PLANE
A2
A
SEATING PLANE A1 e
DIMENSION HDMP-0422
E1 5.30
D 8.20
E 7.80
b
e
L 0.90
c
A2
A1
A
0.22/ 0.38 0.65 MIN./ TOLERANCE 0.30 0.30 0.40 MAX. BSC ALL DIMENSIONS ARE IN MILLIMETERS
0.09/ 1.75 0.20 +0.13/ MIN./ 0.13 -0.27 MAX.
0.05/ 0.25 2.13 MIN./ MAX. MAX.
Figure 11. HDMP-0422 package drawing.
12
Pin Diagram and Recommended Supply Filtering
FM_NODE [1]- FM_NODE [1]+ VCCHS[1] TO_NODE [1]- TO_NODE [1]+ GND GND BYPASS[1]- FM_NODE[0]_DV VCC MODE_DV CPLL1
1 2 3 4
24 23 22 21
FM_NODE [0]- FM_NODE [0]+ VCCHS[0] TO_NODE [0]- TO_NODE [0]+ GND BYPASS[0]- FM_NODE[0]_AV SD[0] VCCA REFCLK CPLL0
6 7 8 9 10 11 12
Rz.zz nnnn-nnn S YYWW COUNTRY
5
HDMP-0422
20 19 18 17 16 15 14 13
nnnn-nnn = WAFER LOT - BUILD NUMBER Rz.zz = DIE REVISION S = SUPPLIER CODE YYWW = DATE CODE (YY = YEAR, WW = WORK WEEK) COUNTRY = COUNTRY OF MANUFACTURE
Figure 12. HDMP-0422 package layout and marking, top view.
1 2 VCC 3 4 5 GND GND 6 7 8 9 VCC GND 10 11 12
24 23 22 21 VCC
HDMP-0422
20 19 18 17 16 15 14 13 VCC 10 F GND GND
CPLL1
CAPACITORS = 0.1 F, RESISTOR = 10 (EXCEPT WHERE NOTED).
Figure 13. Recommended power supply filtering.
13
CPLL0
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2003 Agilent Technologies, Inc. Obsoletes 5988-8561EN June 17, 2003 5988-9759EN


▲Up To Search▲   

 
Price & Availability of HDMP-0422

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X