Part Number Hot Search : 
PC8018 GS8662 MMBT2 2N4245 CM600 A4503 STW9A12D GETG2043
Product Description
Full Text Search
 

To Download HC103M2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HC103M2
Tec hnical Da ta
Nominal capacitance C0 (at 30C / 86F) Sensitivity Working range humidity temperature Linearity error (0...98% RH) Hysteresis Response time RH t63
Fast High End Humidity Sensors for Radiosondes / Registering Balloons
160 40 pF 0.55pF /% RH 0...100% RH -80...120C (-112...248F) < 2% RH 1.9 0.25% RH
response time t63 [sec]
temperature [C]
Temperature dependence Loss tangent Maximum supply voltage Maximum DC voltage Operating frequency Packaging tray 101.6x101.6 mm (4x4") tape and reel
1) more details for t < -20C on request
1)
dC = -0.0019*RH*(T-30C) [pF] < 0.05 5V max (UPP) < 5mV 10...100 kHz, recommended 20kHz 240 sensors refer to ordering guide
Char acteristics
The average increase of capacitance over the working range is 55pF. For the range of 0-98% RH linear approximation is possible, errors will be lower than < 2% RH. The sensor characteristic is determined by the following linear formula: C(RH) = C0 * [1+HC0 * RH] with HC0 = 3420 250 ppm /% RH
relative humidity [% RH]
For high accuracy requirements, the sensitivity is determined by the following polynomial: C(RH) = C0 * [1 + HC0 * RH + K(RH)] whereby: K(RH) = A1*RH+A2*RH1.5+A3*RH2+A4*RH2.5 A1 = 2.6657E-3 A2 = -9.6134E-4 -4 A3 = 1.1272E A4 = -4.3E-6
capacitance [pF]
V1.2
HC103M2
Dimensions (mm)
1 mm = 0.03937" / 1" = 25.4 mm
Mounting Instr uctions
contact area
To allow full access of the air, the humidity sensor should be positioned over an opening in the printed circuit board (PCB). False readings because of humidity assimilation at the front side of the PCB should be avoided as much as possible by using gold-plated-through holes.
Assemb ling and Soldering
HC103M2 sensor series are designed for SMD automatic assembling with subsequent reflowsoldering. For more details please refer to mounting instructions. Recommended SMD equipment: * Automatic tooling machine with suction pipette * Optical control for sensor identification
Or dering Guide
TYPE
HC103M2 (103M2)
Or der Example
PACKAGING
tray (240 sensors) 500 sensors per reel 1000 sensors per reel 2500 sensors per reel 10000 sensors per reel (no code) (TR0,5) (TR1) (TR2,5) (TR10)
HC103M2TR1
Type: Packaging: HC103M2 1000 sensors per reel
HC
HC103M2
gold plated contact through
PCB opening
HC103M2
HC103M2


▲Up To Search▲   

 
Price & Availability of HC103M2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X