Part Number Hot Search : 
IR2010 M1000 2SC5505 AD836 500000 UZ13BSB TC4584BF B25667
Product Description
Full Text Search
 

To Download EXA40-48S05J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EXA40 Series
DC-DC CONVERTERS
Single output
40 W High Efficiency DC-DC Converters 1
* High efficiency topology, 91% typical at 5 V * Approved to EN60950, UL1950, CSA C22.2 No. 950 * Operating ambient temperature of -40 C to +70 C (natural convection) * Complies with ETS 300 019-1-3/2-3 * Complies with ETS 300 132-2 input voltage and current requirements * Fully compliant with ETS 300 386-1 * RoHS Compliant
The EXA40 Series, comprising 8 different models is targeted specifically at the telecommunications, industrial electronics, mobile Telecommunications and distributed power markets. The series offers two wide input voltage ranges of 18 Vdc to 36 Vdc and 36 Vdc to 75 Vdc. Typical efficiencies are 91% for the 5 V output, 88% for the 3.3 V, 86% for the 2.75 V and 84% for the 1.8 V. The series has been designed primarily for Telecommunications applications and complies with ETS 300 386-1 immunity and emission standards for high priority of service class. In addition the series complies with ETS 300 019-1-3 environmental standards (all classes) including shock, vibration, humidity and thermal performance. A high level of reliability has been designed into all models through the extensive use of conservative derating criteria. Remote enable and overtemperature shutdown are included as standard while true latching OVP is available as an option.
All specifications are typical at nominal input, full load at 25 C unless otherwise stated
2 YEAR WARRANTY
SPECIFICATIONS
OUTPUT SPECIFICATIONS Voltage adjustability (See Note 10) Voltage accuracy Line regulation Load regulation Minimum load Ripple and noise 20 MHz bandwidth Temperature coefficient Transient response Peak dev. settling time Short circuit protection (See Note 5) INPUT SPECIFICATIONS Input voltage range Input current UVLO turn ON voltage UVLO turn OFF voltage Start-up time 24 Vin nominal 48 Vin nominal No load Remote OFF All inputs (See Note 4) All inputs (See Note 4) Nominal line 18-36 Vdc 36-75 Vdc 100 mA max. 4 mA max. 94% 86% 50 ms Open Collector ref. to -input 4.5 Vdc <1.0 Vdc 50% to 75% and back to 1.0%, no external cap. Low line to high line Full load to no load 2.75 V, 3.3 V, 5 V 1.8 V output 10% min. +12/-17% min. 1.0% +0.05% +0.20% 0% 100 mV pk-pk max. 20 mV rms max. 0.01%/C 100 mV 250 s
EMC CHARACTERISTICS (Cont.) Radiated emissions ESD air ESD contact Surge (500 V) Fast transients Radiated immunity Conducted immunity EN55022 (See Design Note 102) Level B EN61000-4-2, level 3 EN61000-4-2, level 4 EN61000-4-5, level 3, 4 EN61000-4-4, level 3, 4 EN61000-4-3, level 3 EN61000-4-6, level 3
GENERAL SPECIFICATIONS Efficiency Basic insulation Input fuse 24 V Input fuse 48 V Switching frequency Approvals and standards (See Notes 7, 8, 9) Weight MTBF (See Design Note 102) Input/output (See Note 8) Fixed See table 1500 Vdc 3.5 A slow blow 2.0 A slow blow 300 kHz EN60950 UL1950 CSA C22.2 No. 950 25 g (0.88 oz) 250,000 hours
Continuous automatic recovery
MIL-HDBK-217
Active high remote ON/OFF Logic compatibility ON OFF INPUT SPECIFICATIONS ETS 300 386-1 table 5 Conducted emissions (See Design Note 102) Open circuit voltage
EN55022, internal filter and two 4 F film capacitors EN55022, external filter
Level A Level B
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient -40 C to +70 C, temperature See curves Non-operating -55 C to +105 C Over temperature Loss of Function 75 C to +85 C shutdown Self-Recovery (LFS) ETS 300 019-2-3 Classes T3.1 to T3.5 Air temperature Low: IEC 68-2-1 -40 C High: IEC 68-2-2 +70 C Change: IEC 68-2-1 -40 C to +70 C Relative humidity IEC 68-2-56 10% to 100% RH IEC 68-2-30 Condensation Vibration, Class 3M5 IEC68-2-6 2-9 Hz, 3 mm disp. 9-200 Hz 1 g MIL-STD-202F Method 204 cond. A Shock, Class 3M5 IEC-68-2-29 MIL-STD-202F Method 213B cond. A
File Name: exa40.pdf Rev (02): 09 Dec 2005
EXA40 Series
DC-DC CONVERTERS
INPUT VOLTAGE
11,12) 18-36
Single output
40 W High Efficiency DC-DC Converters 2
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT VOLTAGE (2) 1.5-2.0 V 2.5-3.0 V 3.0-3.6 V 4.5- 5.5 V 1.5-2.0 V 2.5-3.0 V 3.0-3.6 V 4.5 -5.5 V NOMINAL OUTPUT VOLTAGE 1.8 V 2.75 V 3.3 V 5.0 V 1.8 V 2.75 V 3.3 V 5.0 V OUTPUT CURRENT (MAX.) 8.0 A 8.0 A 8.0 A 8.0 A 8.0 A 8.0 A 8.0 A 8.0 A TYPICAL EFFICIENCY 84% 87% 88% 90% 84% 86% 88% 91% MODEL NUMBER (1,3,11,12) EXA40-24S1V8J EXA40-24S2V75J EXA40-24S3V3J EXA40-24S05J EXA40-48S1V8J EXA40-48S2V75J EXA40-48S3V3J EXA40-48S05J
Vdc
18-36 Vdc 18-36 Vdc 18-36 Vdc 36-75 Vdc 36-75 Vdc 36-75 Vdc 36-75 Vdc Notes
1
True latching OVP is available as an option. Please add the suffix `-V' to the model number, e.g. EXA40-24S1V8-VJ. Additional alphanumeric suffixes maybe added to indicate minor modifications not affecting the safety approvals. 2 Gauranteed minimum output voltage range. 3 Latching OVP response time is 1 ms (typical). OVP latch is reset by toggling remote ON/OFF or by recycling the input voltage. 4 Figures are percentage of minimum input voltage. 5 Rshort 20 m. 6 TVS spec : 6V8 @ 10 mA, 10V5 @ 57 A 4V1 @ 1 mA, 7V3 @ 50 A 7 Maximum continuous output power. 40 Watts for S05J models 26.4 Watts for S3V3J models 22 Watts for S2V75J models 14.4 Watts for S1V8J models. 8 User must provide recommended fuses in order to comply with safety approvals. 9 Maximum temperature on components Q100, Q102 and Q103 not to exceed 120 C. See Application Note 101 for details. 10 For continuous operation below 88%, minimum input voltage trimming up >5% is not recommended on the 24S05J and 48S05J models. 11 The `J' suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details. 12 NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative.
CAUTION: Hazardous internal voltages and high temperatures. Ensure that unit is not user accessible.
EXTERNAL OUTPUT TRIMMING
(10)
All models can be externally trimmed by using the method shown below.
6 6
TRIM DOWN
8 8
RTD
10K TRIMPOT
8
10K
TRIM UP
7
RTU
7
DERATING CURVE
Output Power (%)
100%
EXA40-24S05 All other Models
Output Power (%)
75%
50%
25%
27.5%
0% -40C -30C-20C -10C 0C 10C 20C 30C 40C 50C 60C 70C 80C 90C 100C
AMBIENT TEMPERATURE (C)
Figure 1: Natural Convection (0.1m/s) Typical derating, See Application Note.
File Name: exa40.pdf Rev (02): 09 Dec 2005
EXA40 Series
DC-DC CONVERTERS
Single output
40 W High Efficiency DC-DC Converters 3
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
2.042 (51.88) 0.142 (3.60)
1.000 (25.40) 0.200 (5.08) 1 0.600 (15.24) 1.200 (30.48) 2 4 8 7 6
0.100 (2.54)
0.300 (7.62) 2.003 (50.88) 0.700 (17.78)
o0.040 0.002 (o1.02) 0.05 2.200 0.02 (55.88 0.5)
0.200 (5.08)
1.800 (45.72) 2.200 0.02 (55.88 0.5)
0.020 (0.50)
BOTTOM VIEW ALL DIMENSIONS IN INCHES (MM)
General tolerance 0.010 (0.25) unless otherwise specified
0.398 0.012 (10.10 0.3)
PIN CONNECTIONS PIN NO. 1 2 4 6 7 8 SINGLE OUTPUT + Input - Input Remote ON/OFF + Output - Output Trim
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950 File No. E174104 VDE Certificate No.112836. File No. 10401-3336-0129 CB Report and Certificate to IEC60950, Certificate No. DE1-31103
Datasheet (c) Artesyn Technologies(R) 2005 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: Application Note Longform Data Sheet
www.artesyn.com
File Name: exa40.pdf Rev (02): 09 Dec 2005


▲Up To Search▲   

 
Price & Availability of EXA40-48S05J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X