Part Number Hot Search : 
010003 OP193GBC APTGT5 11TL602 MCP18 OP193GBC SPU45102 EE08617
Product Description
Full Text Search
 

To Download EM316EDFA-SBR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Datasheet
Optical Amplifiers
Features
Three models - EM316EDFA-BR (booster amplifier) - EM316EDFA-SBR (single wavelength booster) - EM316EDFA-LPR (in-line and pre-amplifier) Applications - Metro DWDM distance extension - Single wavelength distance extension Automatic Gain Control (AGC) Managed and non-managed operation
Overview
Fiber Driver(R) EM316EDFA modules provide a multi-function, lownoise, Erbium-Doped Fiber Amplifier (EDFA) solution ideal for metro Dense Wavelength Division Multiplexing (DWDM) as well as single wavelength distance extension applications. The EM316EDFA-BR, EM316EDFA-SBR, and EM316EDFA-LPR are part of the Fiber Driver optical multi-service platform solution family. The EM316EDFA-BR and EM316EDFA-SBR are optical boosters that extend transmission range. The EM316EDFA-LPR may be either an in-line repeater or a pre-amplifier that can strengthen weak signals, optionally extending the link range as well. By performing two functions, the EM316EDFA-LPR also reduces some inventory requirements. The EM316EDFA modules employ a state-of-the-art optical design and sophisticated control circuitry. This technology provides constant gain even when wavelengths are added or dropped in the network. Any fluctuations caused by wavelength filtering are handled by ultra-fast transient suppression.
Advanced performance monitoring - Input and output power levels - Signal gain - Temperature - Supply voltage Gain flattening filters (GFF) on BR and LPR models Manual (SNMP management) and automatic power shutdown Status LEDs - Input power OK - Output power OK Hot-swap support Fiber Driver(R) two-slot and sixteen-slot chassis compatibility
Long Haul Application
NC316BU-16/AC NC316BU-16/AC NC316BU-16/AC
EM316DMR3G-3R
A B
IN-LINE
EM316DMR3G-3R
DWDM MUX +9dBm
EM316GEMX2R EM316-2XFP
BOOSTER
+4dBm DWDM PRE-AMP MUX
B
EM316GEMX2R EM316-2XFP
90 km
80 km
INPUT SD
INPUT SD
INPUT SD
OUTPUT
OPTICAL OUTPUT OK
OUTPUT
OPTICAL OUTPUT OK
OUTPUT
OPTICAL OUTPUT OK
PWR/NMS
PWR/NMS
PWR/NMS
EM316EDFA-BR
EM316EDFA-LPR
EM316EDFA-LPR
1
Datasheet
When paired with the Fiber Driver Network Management Module (EM316LNXNM-OT), full monitoring and configuration capabilities are supported locally with serial RS-232 and remotely with RJ-45 and SFP Ethernet interfaces. Telnet and secure shell (ssh) provide convenient access for remote command line management while MegaVision Pro(R), a network management system (NMS) from MRV, provides a graphical user interface (GUI) to control the modules using SNMP. Either way, costly service calls are greatly reduced. EM316EDFA advanced performance monitoring capabilities include real time reporting of input and output power levels, temperature, and signal gain. Optical amplifiers operate in three basic modes, depending upon their position in a data link: booster, in-line, and pre- amplifier. At the transmission end of the link, a booster amplifies the initial signal to extend the signal range. In the middle or at the receiving end of an optical link, the sensitive receiver of an in-line or pre-amplifier repeats the signal for extended range or clarity at the end of the link. In WDM systems, input levels are sums of all the individual input levels from each input wavelength to the amplifier. Contact MRV support for more specific information.
EM316EDFA optical amplifiers use automatic gain control (AGC). The module maintains constant gain for each channel according to the gain parameter setting as long as the total output power does not exceed the maximum rated value (see Saturated Output values). The module is initialized with factory values configured for multi-channel applications. As a state-of-the-art multi-channel DWDM optical amplifier, the EM316EDFA-BR and EM316EDFALPR are equipped with gain flattening filters (GFF) providing a flat gain response across the entire C-band and input power range. This feature is not required in the EM316EDFA-SBR module. The EM316EDFA optical amplifiers provide automatic power shutdown when input falls below the threshold. Power shutdown may also be forced through the module management. Fiber Driver EM316EDFA modules are compact, twoslot wide modules. The two-slot chassis supports the EM316EDFA modules in unmanaged applications, and the sixteen-slot chassis supports unmanaged mode or managed optical amplifier applications with the EM316LNXNM-OT module. Other chassis do not support the two-slot EM316EDFA modules. Contact your MRV Communications representative or visit http://www.mrv.com for additional information on Fiber Driver EM316EDFA modules and applications.
Specifications
Diagnostic LEDs Electrical Requirement Operating Temperature Storage Temperature Relative Humidity Physical Dimensions Weight Power Usage Regulatory Compliance Power On, Input Optical Power (in range), Output Optical Power (in range) Power provided by chassis 00C to 500C (320F to 1220F) -40C to 70C (-40F to 158F) 85% maximum, non-condensing 50 mm x 75 mm x 175 mm deep (2" x 3" x 7" deep) Approximately 272 g (9.6 oz) 1.5 - 6 W FCC Part 15, Class A; IC, Class A; EMC Directive: Emission (Class A) and Immunity; EMC: LVD Directive: Electrical Safety (Laser Class 1M, TUV certified); RoHS Directive; China RoHS; WEEE Directive: Wheelie Bin Mark
2
Datasheet
Optical Specifications (EM316EDFA-BR and EM316EDFA-SBR)
Parameters Spectral Range Saturation Output (@ +9dBm input) Booster Small Signal Gain (@ -9dBm input) Expected Input Levels Gain Flatness (BR only) Noise Figure Polarization Mode Dispersion Polarization Dependent Gain Transient Overshoot (10 dB drop) EM316EDFA-BR EM316EDFA-SBR Minimum 1528 18 -9 Typical 9 6.5 5.5 0.3 +/- 0.2 0.5 Maximum 1563 +9 +/- 1.0 7 6 0.5 +/- 0.5 1.0 Units nm dBm dB dBm dB dB ps dB dB
Optical Specifications (EM316EDFA-LPR)
Parameters Spectral Range Saturation Output (@ -10dBm input) In-line/Pre-amp Small Signal Gain (@ -25dBm input) Expected Input Levels Gain Flatness Noise Figure Polarization Mode Dispersion Polarization Dependent Gain Transient Overshoot (10 dB drop) Minimum 1528 15 -25 Typical 25 4.5 0.3 +/- 0.2 0.5 Maximum 1563 -10 +/- 1.0 5.5 0.5 +/- 0.5 1.0 Units nm dBm dB dBm dB dB ps dB dB
Ordering Information
Model EM316EDFA-BR EM316EDFA-SBR EM316EDFA-LPR Function DWDM C-band EDFA booster optical amplifier, 2 slots DWDM single wavelength EDFA booster optical amplifier, 2 slots DWDM C-band or single wavelength EDFA in-line/pre-amplifier optical amplifier, 2 slots Connectors Input / Output SC/SC SC/SC SC/SC
MRV has more than 50 offices throughout the world. Addresses, phone numbers and fax numbers are listed at www.mrv.com. Please e-mail us at sales@mrv.com or call us for assistance.
MRV Los Angeles 20415 Nordhoff St. Chatsworth, CA 91311 800-338-5316 818-773-0900 MRV Boston 295 Foster St. Littleton, MA 01460 800-338-5316 978-952-4700 MRV International Business Park Moerfelden Waldeckerstrasse 13 64546 Moerfelden-Walldorf Germany Tel. (49) 6105/2070 Fax (49) 6105/207-100
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information. MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
MRV-FD-OA-083008
1398001-001 Rev. A5
Copyright (c)2008 MRV Communications, Inc. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of EM316EDFA-SBR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X