Part Number Hot Search : 
PSKT9614 JANSG2 DTC114Y ICS83940 KLNR15 MAX1430 MAX207E ISB35484
Product Description
Full Text Search
 

To Download CM1248-04QG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Capacitance Transient Voltage Suppressors / ESD Protectors CM1248-04QG
Features
* * * * Low I/O capacitance at 10pF at 0V In-system ESD protection to 15kV contact discharge, per the IEC 61000-4-2 international standard Compact SMT package saves board space and facilitates layout in space-critical applications Each I/O pin can withstand over 1000 ESD strikes
Block Diagram
PIN DESCRIPTIONS
Pins (Refer to package / pinout diagrams) NAME CHx DESCRIPTION The cathode of the respective TVS diode, which should be connected to the node requiring transient voltage protection. The anode of the TVS diodes.
(Refer to package / pinout diagrams)
VN
(c)2010 SCILLC. All rights reserved. April 2010 - Rev. 3
Publication Order Number: CM1248-04QG/D
CM1248-04QG
Ordering Information
PART NUMBERING INFORMATION
Lead-free Finish Pins 6 Channels 4 Package uDFN-0.4mm Ordering Part Num1 ber CM1248-04QG
Part Marking LR
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER Storage Temperature Range RATING -65 to +150 UNITS C
STANDARD OPERATING CONDITIONS
PARAMETER Operating Temperature RATING -40 to +85 UNITS C
Rev.3 | Page 2 of 6 | www.onsemi.com
CM1248-04QG
ELECTRICAL OPERATING CHARACTERISTICS (NOTE 1)
SYMBOL PARAMETER CIN Channel Input Capacitance CONDITIONS TA = 25 0VDC, 1MHz; Note 2 C, 0VDC, 1MHz; Note1 7 0.19 MIN TYP 10 15 MAX UNITS pF pF pF
C
IN
Differential Channel I/O to GND Capacitance Reverse Stand-off Voltage
C, TA = 25 2.5VDC, 1MHz; Note 2
VRSO
IR=10A, TA = 25 C IR=1mA, TA = 25 C
5.5 6.1 0.25 0.75
V V
ILEAK
Leakage Current
VIN=5.0VDC, TA = 25 C VIN=5.0VDC; Note 1
A A
V V
VSIG
Small Signal Clamp Voltage Positive Clamp Negative Clamp ESD Withstand Voltage Contact Discharge per IEC 610004-2 standard Diode Dynamic Resistance Forward Conduction Reverse Conduction
C I = 10mA, TA = 25 I = -10mA, TA = 25 C
6.8 -0.89
VESD
Notes 2, 4 & 5; TA = 25 C TA = 25 Notes 2 & 3 C;
+15
kV
RD
0.57 1.36

Note 1: Note 2: Note 3: Note 4: Note 5:
All parameters specified at TA = -40 to +85 unless otherwise noted. C C These parameters guaranteed by design and characterization. Human Body Model per MIL-STD-883, Method 3015, CDischarge = 100pF, RDischarge = 1.5K, VN grounded. Standard IEC 61000-4-2 with CDischarge = 150pF, RDischarge = 330, VN grounded. These measurements performed with no external capacitor on PinX.
Rev. 3 | Page 3 of 6| www.onsemi.com
CM1248-04QG
Performance Information
Diode Capacitance Typical diode capacitance with respect to positive TVS cathode voltage (reverse voltage across the diode) is given in Diode Capacitance vs. Reverse Voltage .
Figure 1. Diode Capacitance vs. Reverse Voltage
Typical High Current Diode Characteristics Measurements are made in pulsed mode with a nominal pulse width of 0.7ms.
Rev.3 | Page 4 of 6 | www.onsemi.com
CM1248-04QG
Mechanical Details
uDFN-06 Mechanical Specifications, 0.4mm
The 6-lead, 0.4mm pitch uDFN package dimensions are presented below.
PACKAGE DIMENSIONS
Package JEDEC No. Leads Dim. Min A A1 A3 b D E e L # per tape and reel 0.450 0.000 0.100 0.150 1.150 0.900 0.350 0.200 Millimeters Nom 0.500 0.020 0.150 0.200 1.250 1.000 0.400 0.300 Max Min uDFN MO-229C
*
6 Inches Nom 0.020 0.001 0.006 0.008 0.049 0.039 0.016 0.012 Max 0.022 0.002 0.008 0.010 0.053 0.043 0.018 0.016
0.550 0.018 0.050 0.200 0.250 1.350 1.100 0.450 0.400 0.000 0.004 0.006 0.045 0.035 0.014 0.008
3000 pieces
Controlling dimension: millimeters
*
This package is compliant with JEDEC standard MO-229C with the exception of the D, E, and L dimensions as called out in the table above.
Dimensions for 6-Lead, 0.4mm pitch uDFN package
Rev. 3 | Page 5 of 6| www.onsemi.com
CM1248-04QG
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
FULFILLMENT: LITERATURE FULFILLMENT Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: Phone 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: Fax 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: Email orderlit@onsemi.com Support: N. American Technical Support 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
Rev.3 | Page 6 of 6 | www.onsemi.com


▲Up To Search▲   

 
Price & Availability of CM1248-04QG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X