Part Number Hot Search : 
AU6320 FR100 330XM V600ME06 MAX1623 12203 412A0 M050B
Product Description
Full Text Search
 

To Download C527MB290-S0500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MegaBright(R) Generation II LEDs
CxxxMB290-Sxx00
Cree's MBTM Generation II series of MegaBright LEDs combine highly efficient InGaN materials with Cree's proprietary G*SiC(R) substrate to deliver superior price/performance for high-intensity LEDs. These LED chips have a geometrically enhanced vertical chip structure to maximize light extraction efficiency and require only a single wire bond connection. Sorted die kits provide die sheets conveniently sorted into wavelength and radiant flux bins. Cree's MB series chips are tested for conformity to optical and electrical specifications and the ability to withstand 1000V ESD. These LEDs are useful in a broad range of applications such as outdoor full-motion LED video signs, automotive lighting and white LEDs, yet can also be used in high-volume applications such as LCD backlighting. Cree's MB series chips are compatible with most radial and SMT LED assembly processes.
FEATURES
* MegaBright LED Performance - 460 & 470nm - - * * MB-8 - 8.0 mW min. MB-10 - 10.0 mW min. MB-12 - 12.0 mW min. MB-14 - 14.0 mW min. MB-16 - 16.0 mW min (460 nm)
APPLICATIONS
* * * * * White LEDs LCD Backlighting Units Outdoor LED Video Displays Automotive Dashboard Lighting Traffic Signals
505 nm - 6.0 mW min. 527 nm - 5.0 mW min.
Single Wire Bond Structure Class 2 ESD Rating
CxxxMB290-Sxx00 Chip Diagram
Top View G*SiC LED Chip 300 x 300 m Mesa (junction) 250 x 250 m Gold Bond Pad 112 m Diameter
Bottom View
Die Cross Section InGaN Anode (+)
R3CK, Rev. C Datasheet: CP
SiC Substrate h = 250 m Backside Metallization Cathode (-)
Subject to change without notice. www.cree.com
Maximum Ratings at TA = 25C Notes &3 DC Forward Current Peak Forward Current (1/10 duty cycle @ 1kHz) LED Junction Temperature Reverse Voltage Operating Temperature Range Storage Temperature Range Electrostatic Discharge Threshold (HBM)
Note 2
CxxxMB290-Sxx00 30 mA 100 mA 125C 5V -40C to +100C -40C to +100C 1000 V Class 2
Note 3
Electrostatic Discharge Classification (MIL-STD-883E)Note 2 Typical Electrical/Optical Characteristics at TA = 25C, If = 20 mA Part Number Forward Voltage (Vf, V) Min. C460MB290-Sxx00 C470MB290-Sxx00 C505MB290-S0600 C527MB290-S0500 Mechanical Specifications Description P-N Junction Area (m) Top Area (m) Bottom Area (m) Chip Thickness (m) Au Bond Pad Diameter (m) Au Bond Pad Thickness (m) Backside Metal Diameter (m) 2.9 2.9 2.9 2.9 Typ. 3.3 3.3 3.3 3.3 Max. 3.7 3.7 3.9 3.9
Reverse Current [I(Vr=5V), A] Max. 2 2 2 2
Full Width Half Max. (D, nm) Typ. 21 22 30 35 CxxxMB290-Sxx00 Dimension 250 x 250 300 x 300 200 x 200 250 112 1.2 104 Tolerance 25 25 25 25 20 0.5 20
Notes:
1.
2. 3.
4. 5.
Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000 epoxy) for characterization. Ratings for other packages may differ. The forward currents (DC and Peak) are not limited by the die but by the effect of the LED junction temperature on the package. The junction temperature limit of 125C is a limit of the T-1 3/4 package; junction temperature should be characterized in a specific package to determine limitations. Assembly processing temperature must not exceed 325C (< 5 seconds). Product resistance to electrostatic discharge (ESD) according to the HBM is measured by simulating ESD using a rapid avalanche energy test (RAET). The RAET procedures are designed to approximate the maximum ESD ratings shown. The RAET procedure is performed on each die. The ESD classification of Class 2 is based on sample testing according to MIL-STD-883E. All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled and operated at 20 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given are within the range of average values expected by the manufacturer in large quantities and are provided for information only. All measurements were made using lamps in T-1 3/4 packages (with Hysol OS4000 epoxy). Dominant wavelength measurements taken using Illuminance E. Caution: To obtain optimum output efficiency, the maximum height of die attach epoxy on the side of the chip should not exceed 80 m. Specifications are subject to change without notice.
Copyright (c) 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, G*SiC and MegaBright are registered trademarks, and MegaBright Max, MB Max and MB are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
2
CPR3CK Rev. C
Standard Bins for CxxxMB290-Sxx00
LED chips are sorted to the radiant flux and dominant wavelength bins shown. Sorted die sheets contain die from only one bin. Sorted die kit (CxxxMB290-Sxx00) orders may be filled with any or all bins (CxxxMB290-02xx) contained in the kit. MB-6 Radiant Flux 18.0 mW
C460MB290-0221 C460MB290-0217
C460MB290-S600
C460MB290-0222 C460MB290-0218 C460MB290-0223 C460MB290-0219 C460MB290-0224 C460MB290-0220
16.0 mW 455 nm
457.5 nm
460 nm Dominant Wavelength C460MB290-S400
462.5 nm
465 nm
MB-4 Radiant Flux 18.0 mW 16.0 mW
C460MB290-0221 C460MB290-0217 C460MB290-0213
C460MB290-0222 C460MB290-0218 C460MB290-0214
C460MB290-0223 C460MB290-0219 C460MB290-0215
C460MB290-0224 C460MB290-0220 C460MB290-0216
14.0 mW 455 nm
457.5 nm
460 nm Dominant Wavelength C460MB290-S200
462.5 nm
465 nm
MB-2
C460MB290-0221
C460MB290-0222 C460MB290-0218 C460MB290-0214 C460MB290-0210
C460MB290-0223 C460MB290-0219 C460MB290-0215 C460MB290-0211
C460MB290-0224 C460MB290-0220 C460MB290-0216 C460MB290-0212
Radiant Flux
18.0 mW
C460MB290-0217
16.0 mW 14.0 mW
C460MB290-0213 C460MB290-0209
12.0 mW 455 nm
457.5 nm
460 nm Dominant Wavelength
462.5 nm
465 nm
Copyright (c) 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, G*SiC and MegaBright are registered trademarks, and MegaBright Max, MB Max and MB are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
3
CPR3CK Rev. C
Standard Bins for CxxxMB290-Sxx00 (continued)
MB-0 18.0 mW 16.0 mW 14.0 mW 12.0 mW
C460MB290-0221 C460MB290-0217 C460MB290-0213 C460MB290-0209 C460MB290-0205
C460MB290-S000
C460MB290-0222 C460MB290-0218 C460MB290-0214 C460MB290-0210 C460MB290-0206 C460MB290-0223 C460MB290-0219 C460MB290-0215 C460MB290-0211 C460MB290-0207 C460MB290-0224 C460MB290-0220 C460MB290-0216 C460MB290-0212 C460MB290-0208
Radiant Flux
10.0 mW 455 nm
457.5 nm
460 nm Dominant Wavelength C460MB290-S0800
462.5 nm
465 nm
MB-8
C460MB290-0221
C460MB290-0222 C460MB290-0218 C460MB290-0214 C460MB290-0210 C460MB290-0206 C460MB290-0202
C460MB290-0223 C460MB290-0219 C460MB290-0215 C460MB290-0211 C460MB290-0207 C460MB290-0203
C460MB290-0224 C460MB290-0220 C460MB290-0216 C460MB290-0212 C460MB290-0208 C460MB290-0204
18.0 mW
C460MB290-0217
Radiant Flux
16.0 mW
C460MB290-0213
14.0 mW 12.0 mW 10.0 mW
C460MB290-0209 C460MB290-0205 C460MB290-0201
8.0 mW 455 nm
457.5 nm
460 nm Dominant Wavelength
462.5 nm
465 nm
Copyright (c) 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, G*SiC and MegaBright are registered trademarks, and MegaBright Max, MB Max and MB are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
4
CPR3CK Rev. C
Standard Bins for CxxxMB290-Sxx00 (continued)
MB-4 Radiant Flux 16.0 mW
C470MB290-0217 C470MB290-0213
C470MB290-S400
C470MB290-0218 C470MB290-0214 C470MB290-0219 C470MB290-0215 C470MB290-0220 C470MB290-0216
14.0 mW 465 nm
467.5 nm
470 nm Dominant Wavelength C470MB290-S200
472.5 nm
475 nm
MB-2 Radiant Flux 16.0 mW 14.0 mW
C470MB290-0217 C470MB290-0213 C470MB290-0209
C470MB290-0218 C470MB290-0214 C470MB290-0210
C470MB290-0219 C470MB290-0215 C470MB290-0211
C470MB290-0220 C470MB290-0216 C470MB290-0212
12.0 mW 465 nm
467.5 nm
470 nm Dominant Wavelength C470MB290-S000
472.5 nm
475 nm
MB-0
C470MB290-0217
C470MB290-0218 C470MB290-0214 C470MB290-0210 C470MB290-0206
C470MB290-0219 C470MB290-0215 C470MB290-0211 C470MB290-0207
C470MB290-0220 C470MB290-0216 C470MB290-0212 C470MB290-0208
Radiant Flux
16.0 mW
C470MB290-0213
14.0 mW 12.0 mW
C470MB290-0209 C470MB290-0205
10.0 mW 465 nm
467.5 nm
470 nm Dominant Wavelength C470MB290-S0800
472.5 nm
475 nm
MB-8 16.0 mW Radiant Flux 14.0 mW 12.0 mW 10.0 mW
C470MB290-0217 C470MB290-0213 C470MB290-0209 C470MB290-0205 C470MB290-0201
C470MB290-0218 C470MB290-0214 C470MB290-0210 C470MB290-0206 C470MB290-0202
C470MB290-0219 C470MB290-0215 C470MB290-0211 C470MB290-0207 C470MB290-0203
C470MB290-0220 C470MB290-0216 C470MB290-0212 C470MB290-0208 C470MB290-0204
8.0 mW 465 nm
467.5 nm
470 nm Dominant Wavelength
472.5 nm
475 nm
Copyright (c) 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, G*SiC and MegaBright are registered trademarks, and MegaBright Max, MB Max and MB are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
5
CPR3CK Rev. C
Standard Bins for CxxxMB290-Sxx00 (continued)
505MB Radiant Flux 9.0 mW 7.5 mW
C505MB290-0203 C505MB290-0201 C505MB290-0204 C505MB290-0202
C505MB290-S0600
C505MB290-0205 C505MB290-0206
6.0 mW 500nm
505nm Dominant Wavelength C527MB290-S0500
510nm
527MB Radiant Flux 7.0 mW 6.0 mW
C527MB290-0207 C527MB290-0204 C527MB290-0201
C527MB290-0208 C527MB290-0205 C527MB290-0202
C527MB290-0209 C527MB290-0206 C527MB290-0203
5.0 mW 520 nm
525 nm
530 nm
535 nm
Dominant Wavelength
Copyright (c) 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, G*SiC and MegaBright are registered trademarks, and MegaBright Max, MB Max and MB are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
6
CPR3CK Rev. C
Characteristic Curves
These are representative measurements for the MB product. Actual curves will vary slightly for the various radiant flux and dominant wavelength bins.
Relative Intensity vs Forward Current
12.00
Wavelength Shift vs Forward Current
140
10.00
120
8.00 460nm 527nm 6.00 Shift (nm) 505nm 4.00
100 % Intensity
80
60
2.00
40
0.00
20
-2.00
0 0 5 10 15 If (mA) 20 25 30
-4.00
0
5
10
15
20
25
30
If (mA)
Forward Current vs Forward Voltage
100
Relative Intensity vs Peak Wavelength
30
25
Relative Intensity (%)
80
20 If (mA)
60
15
40
10
5
20
0 0.0 0.5 1.0 1.5 2.0 2.5 Vf (V) 3.0 3.5 4.0 4.5 5.0
400 500 Wavelength (nm) 600
Copyright (c) 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, G*SiC and MegaBright are registered trademarks, and MegaBright Max, MB Max and MB are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
7
CPR3CK Rev. C


▲Up To Search▲   

 
Price & Availability of C527MB290-S0500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X