Part Number Hot Search : 
ICS95 68HC908 25D431K UPC1663C 68HC908 SMDA15 BFU630F ZX5T851Z
Product Description
Full Text Search
 

To Download BP5048-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AC/DC converter
AC220V input, 24V/200mA output
BP5048-24
Absolute Maximum Ratings
Parameter Input voltage Maximum Output current ESD endurance Maximum surface temperature Operating temperature range Storage temperature range Symbol Vcc IoMAX Vsurge TcMAX Topr Tstg Limits 358 200 2 105 -20 ~ +80 -25 ~ +105 Unit V mApk kV C C C
Dimension(Unit : mm)
35.0MAX. Mark Side 1 3 5 7 7.62 1.30.2 2.54x11=27.94 10 12 0.250.05 4.85MAX. 4.35MAX. 0.50.1 5.08 3.6MAX. 9.2MAX.
Electrical Characteristics
Symbol Min. Parameter Input voltage range 249 Vi Output voltage 23.0 Vo Output current - Io Line regulation -0.20 Vr Load regulation -0.20 Vl Output ripple voltage - Vp Power conversion effciency 65 Typ. 311 24.0 - 0.05 0.05 0.07 78 Max. 358 25.8 200 0.20 0.20 0.15 - Unit V V mA V V Vp-p % Conditions Vi=311V, Io=100mA Vi=311V 1 Vi=249~358V, Io=100mA Vi=311V, Io=0~100mA 2 Vi=311V, Io=100mA Vi=311V, Io=200mA 2
Derating Curve
250 Output Current Io(mA) 200 150 100 50 0 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 Ambient Temperature Ta(C) Operation Range Derating Curve
1 Maximum output current varies depending on ambient temperature ; please refer to derating curve. 2 Please refer to Load regulation, Conversion effciency.
Conversion Efficiency
Conversion Efficiency (%) 100 90 80 70 60 50 40 30 20 10 0 0 Conversion Efficiency (Ta=25C, Vi=311V)
Application circuit
BP5048-24
Be sure to use fuse for safety.
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 Function Output terminal Vo(24V) Not used Choke coil connect Not used Choke coil connect Not used COMMON Not used Not used N.C. Not used Input terminal Vi(311VDC)
41.0
22.0MAX.
50 100 150 Output Current Io(mA)
200
12 10
DC motor
Ii Vi D1 R1 FUSE
7531
Load Regulation
25.0 24.8 24.6 24.4 24.2 24.0 23.8 23.6 23.4 23.2 23.0 Load Regulation (Ta=25C, Vi=311V) Output Voltage Vo(V)
Io C2 L1 + 1.5mH
+
ZNR
-
C1
-
C3
Vo
For acutual usage, Please kindly evaluate and confirm our part mounted in your product, Especially, Please make sure to confirm whether the load current exceed Max. rated current by using the current probe. External components setting
Temperature Rising T(C)
0
50 100 150 Output Current Io(mA)
200
Surface Temperature Rising
FUSE: Fuse C1: Capacitor for input voltage smoothing C2: For noise terminal voltage reduction C3: Capacitor for Output voltage smooting L1: Choke coil Please make sure to use quick acting fuse 1A Capacitance : 22F~820F Rated voltage : 400V or higher Ripple current is 0.13Arms above. Capacitance : 0.1F~0.22F Rated voltage : 400V or higher Film capacitor or ceramic capacitor. Reduce the noise terminal voltage. The constant value should be evaluated in the set. Capacitance : 100F~470F Rated voltage : 35V or higher, ESR is 0.4 max. Ripple current is 0.25Arms above. Output noise voltage is infulenced.Please evaluate it in the actual set. L : 1.5mH Allowable current : 400mA ot higher Please use the one that is hard to be magnetic saturated even in the high temperature. In the absolute maximum ratings, the reverse peak voltage should be 800V or higher, the average rectifying current should be 0.5A or higher, and the peak surge current should be 20A or higher. (Full-wave rectifier can be used in out part.) 10~22 1/4W Reduce the noise terminal voltage.Please set it,if necessary. The constant value should be evaluated in set. Varistor must be used. It protects this part from lightning surge and static electricity.
40 35 30 25 20 15 10 5 0
Surface Temperature Rising (Ta=25C, Vi=311V)
0
50 100 150 Output Current Io(mA)
200
D1: Rectifier diode
R1: For noise terminal voltage reduction ZNR: Varistor
1/2
Precautions on Use of ROHM Power Module
Safety Precautions
1) The products are designed and produced for application in ordinary electronic equipment (AV equipment, OA equipment, telecommunication equipment, home appliances, amusement equipment etc.). If the products are to be used in devices requiring extremely high reliability (medical equipment, transport equipment, aircraft/spacecraft, nuclear power controllers, fuel controllers, car equipment including car accessories, safety devices, etc.) and whose malfunction or operational error may endanger human life and sufficient fail-safe measures, please consult with the Company's sales staff in advance. If product malfunctions may result in serious damage, including that to human life, sufficient fail-safe measures must be taken, including the following: [a] Installation of protection circuits or other protective devices to improve system safety [b] Installation of redundant circuits in the case of single-circuit failure 2) The products are designed for use in a standard environment and not in any special environments. Application of the products in a special environment can deteriorate product performance. Accordingly, verification and confirmation of product performance, prior to use, is recommended if used under the following conditions: [a] Use in various types of liquid, including water, oils, chemicals, and organic solvents [b] Use outdoors where the products are exposed to direct sunlight, or in dusty places [c] Use in places where the products are exposed to sea winds or corrosive gases, including Cl2, H2S, NH3, SO2, and NO2 [d] Use in places where the products are exposed to static electricity or electromagnetic waves [e] Use in proximity to heat-producing components, plastic cords, or othe flammable items [f] Use involving sealing or coating the products with resin or other coating materials [g] Use involving unclean solder or use of water or water-soluble cleaning agents for cleaning after soldering [h] Use of the products in places subject to dew condensation 3) The products are not radiation resistant. 4) The Company is not responsible for any problems resulting from use of the products under conditions not recommended herein. 5) The Company should be notified of any product safety issues. Moreover, product safety issues should be periodically monitored by the customer.
Precautions Regarding Application Example and External Circuits
1) If change is made to the constant of an external circuit, allow a sufficient margin due to variations of the characteristics of the products and external components, including transient characteristics, as well as static characteristics. Please be informed that the Company has not conducted investigations on whether or not particular changes in the application examples or external circuits would result in the infringement of patent rights of a third party. 2) The application examples, their constants, and other types of information contained herein are applicable only when the products are used in accordance with standard methods. Therefore, if mass production is intended, sufficient consideration to external conditions must be made.
Prohibitions Regarding Industrial Property
1) These Specifications contain information related to the Company's industrial property. Any use of them other than pertaining to the usage of appropriate products is not permitted. Duplication of these Specifications and its disclosure to a third party without the Company's permission is prohibited. 2) Information and data on products, including application examples, contained in these specifications are simply for reference; the Company does not guarantee any industrial property rights, intellectual property rights, or any other rights of a third party regarding this information or data. Accordingly, the Company does not bear any responsibility for: [a] infringement of the intellectual property rights of a third party [b] any problems incurred by the use of the products listed herein. 3) The Company prohibits the purchaser of its products to exercise or use the intellectual property rights, industrial property rights, or any other rights that either belong to or are controlled by the Company, other than the right to use, sell, or dispose of the products.
2/2


▲Up To Search▲   

 
Price & Availability of BP5048-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X