Part Number Hot Search : 
RCH123 SDL1310 74466300 TLRF1060 A32416 SA30A SST12P1 APL5501
Product Description
Full Text Search
 

To Download BAT750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT750
SCHOTTKY BARRIER DIODE
FEATURES
* Low VF * High current capability * In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case : SOT-23, Plastic Terminals : Solderable per MIL-STD-750, Method 2026 Weight: 0.008gram Marking : 750
C 3
1 A
2 N/C
ABSOLUTE MAXIMUM RATINGS
Parameter Collector reverse voltage RMS reverse voltage Forward current (continuous) Forward voltage@I F=750mA A ve r a g e p e a k fo r wa rd c ur re nt; D C =5 0 % Non repetitive forward current t<100s t<8.3ms Power dissipation@TA=25oC Typical thermal resistance, junction to ambient air Storage temperature range J unc ti o n te m p e ra ture
Symbol
Limit 40 28 750 490 1500 12 5.5 350 286 -55 to + 150 125
Unit V V mA mV mA A mW
O
VR VR(RMS) IF VF I FAV I FSM PTOT RJA TSTG TJ
C/W
O
C C
O
PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
REV.0.1-NOV.06.2009
PAGE . 1
BAT750
ELECTRICAL CHARACTERISTICS (@TA=25oC unless otherwise stated)
Parameter Reverse breakdown voltage Symbol V(BR)R Conditions I R=300A I F=50mA I F=100mA I F=250mA I F=500mA I F=750mA I F=1000mA I F=1500mA VR=30V VR=25V,f=1.0MHZ Min. 40 Typ. 60 250 270 310 350 390 420 490 50 18 Max. 280 310 350 420 490 540 650 100 Units V
Forward voltage(Note 1)
VF
mV
Reverse current Off state junction capacitance
IR CJ
A pF
Note : 1.Measured under pulsed conditions. Pulse width = 300 duty cycle < 2%
REV.0.1-NOV.06.2009
PAGE . 2
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
REV.0.1-NOV.06.2009
PAGE . 3


▲Up To Search▲   

 
Price & Availability of BAT750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X