Part Number Hot Search : 
93C76 LTC3220 H11B2 251UL SKN450 VS645107 B82498B M5M5100
Product Description
Full Text Search
 

To Download B44066T0200E690 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Film Capacitors - Power Factor Correction
Thyristor Module
Series/Type: Ordering code: Date: Version:
TSM-HV200 B44066T0200E690 2010-04-12 4
Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it!
Identification/Classification 1 (header 1 + top left bar): Identification/Classification 2 (header 2 + bottom left header bar): Ordering code: (top right header bar) Series/Type: (bottom right header bar) Preliminary data (optional): (if necessary) Department: Date: Version: Film PC PM PFC 2010-04-12 4 Film Capacitors - Power Factor Correction Thyristor Module B44066T0200E690 TSM-HV200
EPCOS AG 2010. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Film Capacitors - Power Factor Correction Thyristor Module
B44066T0200E690 TSM-HV200
Characteristics Fast electronically controlled self-observing thyristor switch Usage in dynamic (fast) power factor correction systems For capacitive loads up to 200 kvar up to 690 V line voltage Features No neutral conductor required Micro-processor controlled thyristor switching module (TSM) for standard and detuned capacitor branches for optimized switching behavior Permanent self-monitoring of voltage, phase sequence, temperature; display of status via LED No system perturbation due to switching operations (transients) Switching without delay Very low maintenance efforts Long useful service life No noise emission during switching operation Compact module ready for connection Technical data Dimensions Weight Voltage Maximum voltage - in conventional PFC-systems (without reactors) - in detuned PFC-systems (7% detuning) - in detuned PFC-systems (14% detuning) Frequency Max. power Auxiliary supply Activation Monitoring 50 Hz/60 Hz 200 kvar Not required 10 ... 24 V DC (20 mA), via terminal clamp; internally insulated Net voltage, temperature and operation status Note: Before re-switching after temperature fault, heat sink temperature must be below 50 C (hysteresis)! Display 6 LEDs/phase: operation/error each phase, triggering signal, over temperature 690 V 690 V 690 V 410 x 400 x 250 mm (w x h x d) 17 kg 690 V
Film PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 2 of 6
2010-04-12
Film Capacitors - Power Factor Correction Thyristor Module
B44066T0200E690 TSM-HV200
Power circuit
Power dissipation
Fuses* (required for protection of TSM-HV and capacitor):
Direct connection 4-pole via bus bar cable lug max. 70 mm2, D = 8 mm connection inside the device PD (W) = 2.0 * I (in A); at 690 V / 200 kvar typical 350 W thermal Note: Take care of proper air convention (forced cooling) inside the panel (switchboard)! 3 * electronic fuse superflink" (NH2 AC 690 V) 100 kvar: 160 A (e.g. SIBA 20 212 34-160 ) 200 kvar: 250 A (e.g. SIBA 20 212 34-250 ) approx. 5 ms -10 ... +50 C Directly on mounting plate Vertical, minimum 200 mm distance upwards and downwards
Switching time Operating ambient temperature with nominal load Assembling Mounting position
*not included in the delivery
Film PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 3 of 6
2010-04-12
Film Capacitors - Power Factor Correction Thyristor Module
B44066T0200E690 TSM-HV200
Connection diagram Three-phase load (standard)
Film PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 4 of 6
2010-04-12
Film Capacitors - Power Factor Correction Thyristor Module
B44066T0200E690 TSM-HV200
Cautions and warnings General Thyristor modules TSM series may only be used for the purpose they have been designed for. Thyristor modules TSM series may only be used in combination with appropriate pre-switched grid separator device. Thyristor modules have to be projected in such a way that in case of any failure no uncontrolled high currents and voltages may occur. The devices in operation have to be protected against moisture and dust, sufficient cooling has to be assured.
Attention Due to the switching principle of the thyristor module the power-capacitors are permanently loaded to the peak value of the grid voltage (up to 3.500 V DC!) even when switched off! Therefore, following rules have to be obeyed in any case: Single-phase capacitors of 525 V nominal voltage in star connection have to be used. In dynamic PFC-systems with TSM-modules no fast discharge reactors may be used (reactor = DC-wise short circuit.) For standard PFC-systems (without reactors) current limitation reactors are mandatory! Thyristor modules in general have to be protected by superfast electronic fuses. Principles for dimensioning have to be considered. Fuses in the system have to be marked! Due to the special switching, the PFC-capacitors are fully loaded even when the particular step has been switched off. Protection against contact has to be guaranteed. Warning signals in the system are mandatory! Even in switched off state no electrical isolation is achieved for electronic switches. Therefore parts of the systems may not be touched after switching off the complete system before the capacitors have been completely discharged.

FAILURE TO FOLLOW CAUTIONS MAY RESULT, WORST CASE, IN PREMATURE FAILURES OR PHYSICAL INJURY.
Note For detailed information about PFC capacitors and cautions, refer to the latest version of EPCOS PFC Product Profile.
Film PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 5 of 6
2010-04-12
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DeltaCap, DigiSiMic, DSSP, FormFit, MiniBlue, MiniCell, MKD, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, PhiCap, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SiMic, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 6 of 6


▲Up To Search▲   

 
Price & Availability of B44066T0200E690

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X