Part Number Hot Search : 
80000 STK4231 XEZ01 TND024F SRA8100 50PI2 S61LV B29150
Product Description
Full Text Search
 

To Download AZ9711E-1C-12DET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ9701E/AZ9711E
45 AMP AUTOMOTIVE RELAY
FEATURES * * * * * * * * * * * Up to 45 Amp switching capability in a compact size Epoxy sealed versions available Coils to 24 VDC Small footprint 1 Form A and C contacts available Vibration and shock resistant ISO/TS 16949, ISO9001, ISO14000 Tested in accordance with SAE J2544 Cost effective Designed for high in-rush applications UL, CUR File E43203
GENERAL DATA
Life Expectancy Mechanical Electrical Minimum operations 5 x 106 operations 1 x 105 40 A 14 VDC Res. 5 ms at nominal coil voltage 3 ms at nominal coil voltage (with no coil suppression)
CONTACTS
Arrangement Ratings SPST (1 Form A) SPDT (1 Form C) Resistive load: Max. switched power: Form A: 630 W Form C: 630 W/420W N.O./N.C. Max. switched current: Form A: 45 A Form C: 45 A/30A N.O./N.C. Max. switched voltage: 150* VDC Max. carry current: 60 A
* If switching voltage is greater than 30 VDC, special precautions must be taken. Please contact the factory.
Operate Time (typical) Release Time (typical)
Dielectric Strength 500 VDC coil to contact (at sea level for 1 min.) 500 VDC between open contacts Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration 100 megohms min. at 20C (68F), 500 VDC, 50% RH Greater than 6% of nominal coil voltage At nominal coil voltage -40C (-40F) to 135C (275F) -40C (-40F) to 155C (311F)) 10-40 Hz - 1.27 mm DA 40-70 Hz - 50 m/s2 70-100 HZ - 0.5 mm DA 100-500 Hz - 100 m/s2 20 g P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 20 grams
UL, CUR Material Resistance
45A at 14VDC Res. 10k cycles (1 Form A)
Silver tin oxide (silver nickel available - contact factory) < 100 milliohms initially (24 V, 1 A voltage drop method)
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Max. Temperature 484-573 mW standard coil 675 mW sensitive coil 4.2W 20C (68F) ambient 50C (90F) nominal coil VDC 155C (311F)
Shock Enclosure Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
6/29/06W
AZ9701E/AZ9711E
RELAY ORDERING DATA -- STANDARD COIL
COIL SPECIFICATIONS
Nominal Coil VDC 6 12 24 Must Operate VDC 3.3 6.8 13.9 Max. Continuous VDC 9.0 19.6 39.3
ORDER NUMBER
Coil Resistance Open Sealed* 10% 19.0 AZ9701E-1A-6DT AZ9701E-1C-6DT AZ9711E-1A-6DET AZ9711E-1C-6DET 90.0 362.0 AZ9701E-1A-12DT AZ9701E-1C-12DT AZ9711E-1A-12DET AZ9711E-1C-12DET AZ9701E-1A-24DT AZ9701E-1C-24DT AZ9711E-1A-24DET AZ9711E-1C-24DET
RELAY ORDERING DATA -- SENSITIVE COIL
COIL SPECIFICATIONS
Nominal Coil VDC 6 12 24 Must Operate VDC 4.5 9.0 19.2 Max. Continuous VDC 11.3 22.6 45.2
ORDER NUMBER
Coil Resistance Open Sealed* 10% 30.0 AZ9701E-1A-6DST AZ9701E-1C-6DST AZ9711E-1A-6DSET AZ9711E-1C-6DSET 120.0 480.0 AZ9701E-1A-12DST AZ9701E-1C-12DST AZ9711E-1A-12DSET AZ9711E-1C-12DSET AZ9701E-1A-24DSTAZ9701E-1C-24DST AZ9711E-1A-24DSET AZ9711E-1C-24DSET
* Add suffix "K" to add third yoke pin.
MECHANICAL DATA
AZ9701E Outline Dimensions and PCB Layout
.626 [15.9]
Terminal Dimensions
Term. 3, 5
.087 [2.2] [4.2]
Dimensions .070 [1.78] x .032 [.81] .025 [.64] x .048 [1.22] .070 [1.78] x .063 [1.6]
.748 [19 MAX]
.945 [24 MAX]
.213 [5.4]
.094 [2.4]
.211 [5.35]
.130 [3.3]
1, 2 4
.728 [18.5 MAX]
.476 [12.1]
.138 [3.5 MAX]
.087 [2.2]
.520 [13.2]
4 4 2 4 5
.626 [15.9] .866 [22.0MAX] 1.043 [26.5MAX] .156 [3.96] .211 [5.35] .268 [6.81]
AZ9711E Outline Dimensions and PCB Layout
FORM A
.130 [3.3]
.087 [2.2] [4.2]
4 4 2
.878 [22.3MAX]
.476 [12.1]
Optional 3rd Yoke Termminal
.087 [2.2]
4
.142 [3.6MAX]
.520 [13.2]
3
5 FORM C
Viewed towards terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: 0.010"
6/29/06W


▲Up To Search▲   

 
Price & Availability of AZ9711E-1C-12DET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X