Part Number Hot Search : 
AOP610L 40006 ASA2812S 74HCT27D MA568 A6393 A6393 LM358
Product Description
Full Text Search
 

To Download ADC-25-4-75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Directional Coupler
755to1000MHz
Maximum Ratings
OperatingTemperature StorageTemperature -40Cto85C -55Cto100C
Surface Mount
ADC-25-4-75+
Features
Pin Connections
INPUT OUTPUT COUPLED GROUND 75 TERMEXTERNAL NOTUSED 1 6 3 2 4 5
* wideband,5-1000MHz * lowmainlineloss,0.3dBtyp. * highcoupling,25dBtyp. * excellentVSWR,1.2:1typ. * aqueouswashable * protectedbyUSpatents6,133,525&6,140,887
CASESTYLE:CD636 PRICE:$6.95ea.QTY(10-49)
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Applications
* CATV
Directional Coupler Electrical Specifications
FREQ. (MHz) COUPLING (dB)
L Nom. 5-1000 251.0 Flatness 2.0 Typ. 0.1 Max. 0.5 Typ. 0.1
Outline Drawing
MAINLINE LOSS1 (dB)
M 0.4 0.3 U Typ. 27 0.7 L Min. 13 Max. Typ. Max.
DIRECTIVITY (dB)
M Typ. 25 Min. 14 Typ. 20 U Min. 12
VSWR POWER (:1) INPUT, W
Typ. 1.2 Max. 0.5
L=5-50MHzM=50-500MHzU=500-1000MHz 1.Mainlinelossincludestheoreticalpowerlossatcoupledport.
Typical Performance Data
PCB Land Pattern
Frequency (MHz)
5.00 10.00 50.00 100.00 260.00 500.00 600.00 700.00 850.00 1000.00
Mainline Loss (dB) In-Out
0.09 0.15 0.13 0.12 0.11 0.16 0.25 0.31 0.40 0.47
ADC-25-4-75+ MAINLINE LOSS
Coupling (dB) In-Cpl
26.38 26.42 26.44 26.39 26.01 25.18 24.96 24.98 25.33 25.41
Directivity (dB)
22.91 27.82 32.03 28.51 21.92 19.14 18.98 19.48 23.30 19.99
In
22.68 28.87 38.74 44.75 31.00 30.93 33.03 31.89 28.69 29.32
Return Loss (dB) Out
22.47 28.63 37.83 38.86 30.67 27.38 26.45 26.89 30.04 29.04
Cpl
22.43 28.52 38.85 37.28 25.64 21.21 20.18 19.63 19.36 18.66
Suggested Layout, Tolerance to be within .002
Outline Dimensions ( inch ) mm
A .272 6.91 H .030 0.76 B .310 7.87 J .026 0.66 C .220 5.59 K .065 1.65 D .100 2.54 L .300 7.62 E .162 4.11 F .055 1.40 G .100 2.54

ADC-25-4-75+ COUPLING & DIRECTIVITY
35 COUPLING & DIRECTIVITY (dB) 30 25 20 15 0 200 400 600 FREQUENCY (MHz) 800 1000
at RF level of -4.3 dBm
0.5 MAINLINE LOSS (dB) 0.4 0.3 0.2 0.1 0 0
at RF level of -4.3 dBm
wt grams 0.25
COUPLING
DIRECTIVITY
Demo Board MCL P/N: TB-08 Suggested PCB Layout (PL-042)
200
400
600
800
1000
FREQUENCY (MHz) ADC-25-4-75+ RETURN LOSS
50 RETURN LOSS (dB) 45 40 35 30 25 20 15 0 200 400 600 FREQUENCY (MHz) 800 1000
at RF level of -4.3 dBm
Electrical Schematic
OUT CPL
IN
Mini-Circuits
TM
(R)
minicircuits.com
ISO 9001 ISO 14001 AS 9100 CERTIFIED
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
IF/RF MICROWAVE COMPONENTS
REV.A M119986 ED-6928A/4 ADC-25-4-75 DY/LC/CP/AM 081111


▲Up To Search▲   

 
Price & Availability of ADC-25-4-75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X